Part Number Hot Search : 
SL5500 2SH17 2SJ636 GRM188F5 AUR13C 2SD1304S M293B1 ZPD30
Product Description
Full Text Search
 

To Download ZN5903-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 2n5902-2n5909 monolithic dual n-channel jfet general purpose amplifier features ? tight tracking ? good matching pin configuration raw absolute maximum ratings oa=25'c unless otherwise specified) oats-drain or gats-source voltage (mots 1) -40v gate current (note 1) 10ma storage temperature range -65'c to +200*c operating temperature range -55"c to h-150c lead temperature (soldering, 10?ec) +300*0 one side both side* power dissipation 367mw eoomw derate above 26-c 3mw/*c 4mw/'c mote stotsm stxva tout tiled undir "atssolu* mutouun rthngi" nay otase fv/mirient oumgs to iht drat*. trust an ttnn ntings ant/ tnd funcilenil optrttton el tit dtvfct it thnt or in/ amr conditions tbonltwmfatrtfv fa operated ma/owe/ttitspZN5903-7 mln 0.95 0,97 max 2.0 0.2 1 1 5 10 10 o,s 2n6904-8 mln 0,95 0.95 max 2.0 0.2 1 1 10 20 20 0.2 2ns905-9 mln 0.96 0.9s max 2.0 0.2 1 1 15 40 40 0.2 units na mv (tv/'c m? nj semi-conductors reserves the right to change test conditions, parameters limits and package dimensions without notice information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. ni semi-conductors encourages customers to verity that datasheets are current before placing orders. quality semi-conductors
2n59o2-2n59o9 electrical characteristics (continued) (ta - 26-c unless otherwise specified) symbol iqss bvqss vastoff) vqs la loss of. 9o? c*, cr? bit bos ?n nf parameter gats reverse current qate-source breakdown voltage qate-source cutoff voltage gate source voltage gate operating current saturation drain current common-source forward transconductanca common-source output conductance common-source input capacitance common-source reverse transfer capacitance common-source forward transconductance common-source output conductance equivalent short circuit input noise voltage (note 1) spot nolsa figure (nota 1) teat condition* vgs--20v,vos-0 ta=125'c iq=-1ma.vds-0 vd8-10v.id-1na vm-iov, !d=30fia vd8-10v,vas-0 vds"10v,vqs=0 (note 1) vdq=10v,ld*=30|ia vos=10v, vas=0 ta=126'c f=1khz f=1mhz f-1khz t= loohz ro-iomo 2ns902-5 mln -40 -0.6 30 70 50 max -6 -10 -4.5 -4 -3 -3 600 250 6 3 1.6 150 1 0.2 3 2ng996-9 mln -40 -0.6 30 70 so max ~i ~s -4.5 ? ? -1 -1 500 250 5 3 1.5 150 1 0.1 1 units pa na v pa na ,ia f.3 pf ms ^v ik db note 1i for design retennee only, not 100% tmted.


▲Up To Search▲   

 
Price & Availability of ZN5903-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X