Part Number Hot Search : 
SDM150 MC14081B 74HCT14D ADA102 250BZX SD526 L7113GT DFLZ18
Product Description
Full Text Search
 

To Download ZMM51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zmm1...zmm75 silicon epitaxial planar zener diodes minimelf case especially for automatic insertion. the zener voltages are graded according to the international e24 standard. smaller voltage tolerances and higher zener voltages are upon request. these diodes are also available in do-35 case with the type designation bzx55c... absolute maximum ratings (t a = 25 o c) parameter symbol value unit power dissipation p tot 500 1) mw junction temperature t j 175 o c storage temperature range t stg - 55 to + 175 o c 1) valid provided that electrodes ar e kept at ambient temperature characteristics at t a = 25 o c parameter symbol max. unit thermal resistance junction to ambient air r tha 0.3 1) k/mw forward voltage at i f = 100 ma v f 1 v 1) valid provided that electrodes ar e kept at ambient temperature ll-34 ? product specification 1 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com semtech
characteristics at t a = 25 o c type zener voltage range 1) dynamic resistance reverse leakage current temp. coefficient of zener voltage v znom v zt at l zt z zt z zk at i zk t a = 25 o ct a = 125 o c at v r (v) (v) (ma) max. ( ? )max. ( ? ) (ma) max. (a) max. (a) (v) tkvz (%/k) zmm1 2) 0.75 0.7...0.8 5 8 50 1 - - - -0.26...-0.23 zmm2v0 2 1.8...2.15 5 85 600 1 100 200 1 -0.09...-0.06 zmm2v2 2.2 2.08...2.33 5 85 600 1 75 160 1 -0.09...-0.06 zmm2v4 2.4 2.28...2.56 5 85 600 1 50 100 1 -0.09...-0.06 zmm2v7 2.7 2.5...2.9 5 85 600 1 10 50 1 -0.09...-0.06 zmm3v0 3 2.8...3.2 5 85 600 1 4 40 1 -0.08...-0.05 zmm3v3 3.3 3.1...3.5 5 85 600 1 2 40 1 -0.08...-0.05 zmm3v6 3.6 3.4...3.8 5 85 600 1 2 40 1 -0.08...-0.05 zmm3v9 3.9 3.7...4.1 5 85 600 1 2 40 1 -0.08...-0.05 zmm4v3 4.3 4...4.6 5 75 600 1 1 20 1 -0.06...-0.03 zmm4v7 4.7 4.4...5 5 60 600 1 0.5 10 1 -0.05...+0.02 zmm5v1 5.1 4.8...5.4 5 35 550 1 0.1 2 1 -0.02...+0.02 zmm5v6 5.6 5.2...6 5 25 450 1 0.1 2 1 -0.05...+0.05 zmm6v2 6.2 5.8...6.6 5 10 200 1 0.1 2 2 0.03...0.06 zmm6v8 6.8 6.4...7.2 5 8 150 1 0.1 2 3 0.03...0.07 zmm7v5 7.5 7...7.9 5 7 50 1 0.1 2 5 0.03...0.07 zmm8v2 8.2 7.7...8.7 5 7 50 1 0.1 2 6.2 0.03...0.08 zmm9v1 9.1 8.5...9.6 5 10 50 1 0.1 2 6.8 0.03...0.09 zmm10 10 9.4...10.6 5 15 70 1 0.1 2 7.5 0.03...0.1 zmm11 11 10.4...11.6 5 20 70 1 0.1 2 8.2 0.03...0.11 zmm12 12 11.4...12.7 5 20 90 1 0.1 2 9.1 0.03...0.11 zmm13 13 12.4...14.1 5 26 110 1 0.1 2 10 0.03...0.11 zmm15 15 13.8...15.6 5 30 110 1 0.1 2 11 0.03...0.11 zmm16 16 15.3...17.1 5 40 170 1 0.1 2 12 0.03...0.11 zmm18 18 16.8...19.1 5 50 170 1 0.1 2 13 0.03...0.11 zmm20 20 18.8...21.2 5 55 220 1 0.1 2 15 0.03...0.11 zmm22 22 20.8...23.3 5 55 220 1 0.1 2 16 0.04...0.12 zmm24 24 22.8...25.6 5 80 220 1 0.1 2 18 0.04...0.12 zmm27 27 25.1...28.9 5 80 220 1 0.1 2 20 0.04...0.12 zmm30 30 28...32 5 80 220 1 0.1 2 22 0.04...0.12 zmm33 33 31...35 5 80 220 1 0.1 2 24 0.04...0.12 zmm36 36 34...38 5 80 220 1 0.1 2 27 0.04...0.12 zmm39 39 37...41 2.5 90 500 0.5 0.1 5 30 0.04...0.12 zmm43 43 40...46 2.5 90 500 0.5 0.1 5 33 0.04...0.12 zmm47 47 44...50 2.5 110 600 0.5 0.1 5 36 0.04...0.12 ZMM51 51 48...54 2.5 125 700 0.5 0.1 10 39 0.04...0.12 zmm56 56 52...60 2.5 135 700 0.5 0.1 10 43 0.04...0.12 zmm62 62 58...66 2.5 150 1000 0.5 0.1 10 47 0.04...0.12 zmm68 68 64...72 2.5 200 1000 0.5 0.1 10 51 0.04...0.12 zmm75 75 70...79 2.5 250 1000 0.5 0.1 10 56 0.04...0.12 1) tested with pulses t p = 20 ms. 2) the zmm1 is a silicon diode with operation in forward direction. hence, the index of all param eters should be "f" instead of "z ". connect the cathode electrode to the negative pole. zmm1...zmm75 silicon epitaxial planar zener diodes ? product specification 2 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com semtech
0 0 10 20 vz 40 30 zmm 36 zmm 15 test current iz 5ma 10 20 iz zmm 12 breakdown characteristics t j = constant (pulsed) ma 30 0 01 zmm 10 24 3 zmm 27 zmm 18 zmm 22 zmm 33 57 6 vz tj=25 c zmm... o 81 0 9 zmm 3.3 zmm 3.9 test current iz 5ma 20 10 30 breakdown characteristics t j = constant (pulsed) iz 40 50 ma zmm 1 o tj=25 c zmm 2.7 zmm 8.2 zmm 5.6 zmm 4.7 zmm... v v zmm 6.8 zmm1...zmm75 silicon epitaxial planar zener diodes ? product specification 3 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com semtech
forward characteristics ma i f v f 10 10 10 1 10 10 10 10 10 0 0.2 0.4 0.6 0.8 1 v 3 2 -1 -2 -3 -4 -5 tj=100 c o tj=25 c o admissible power dissipation versus ambient temperature valid provided that electrodes are kept at ambient temperature. zmm... zmm... 500 400 300 200 100 0 01 0 0 200 c t amb p tot mw o zmm 51 test current iz 5ma 0 10 0 2 6 4 8 iz 20 30 40 50 60 vz 80 70 90 100 v zmm 43 breakdown characteristics t j = constant (pulsed) ma 10 tj=25 c o zmm 39 zmm 47 zmm... zmm1...zmm75 silicon epitaxial planar zener diodes ? product specification 4 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com semtech


▲Up To Search▲   

 
Price & Availability of ZMM51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X