Part Number Hot Search : 
CPC1967 2SA1411 CTS02M SPX29 S2744 CPC1967 2SA1411 6448TDHH
Product Description
Full Text Search
 

To Download Z0109MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Z0109MA logic level four-quadrant triac rev. 03 ? 4 august 2009 product data sheet 1. product profile 1.1 general description passivated sensitive gate 4-q triac in a sot54 plastic package 1.2 features and benefits ? direct interfacing to logic level ics ? direct interfacing to low power gate drive circuits ? high blocking voltage of 600v ? sensitive gate in four quadrants 1.3 applications ? general purpose low power motor control ? home appliances ? industrial process control ? low power ac fan controllers 1.4 quick reference data table 1. quick reference symbol parameter conditions min typ max unit v drm repetitive peak off-state voltage - - 600 v i t(rms) rms on-state current full sine wave; t lead 38 c; see figure 4 and 1 --1a static characteristics i gt gate trigger current v d =12v; t j = 25 c; t2+ g-; see figure 6 --10ma v d =12v; t j = 25 c; t2- g- - - 10 ma v d =12v; t j =25c; t2+ g+--10ma v d =12v; t j = 25 c; t2- g+ - - 10 ma
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 2 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac 2. pinning information 3. ordering information 4. limiting values table 2. pinning information pin symbol description simplified outline graphic symbol 1 t2 main terminal 2 s o t 5 4 (to-92) 2g gate 3 t1 main terminal 1 1 2 3 s ym051 t1 g t2 table 3. ordering information type number package name description version Z0109MA to-92 plastic single-ended leaded (through hole) package; 3 leads sot54 table 4. limiting values in accordance with the absolute maxi mum rating system (iec 60134). symbol parameter conditions min max unit v drm repetitive peak off-state voltage -600v i t(rms) rms on-state current full sine wave; t lead 38 c; see figure 4 and 1 -1a di t /dt rate of rise of on-state current i t =1a; i g =20ma; di g /dt = 100 ma/s; t2+ g+ - 50 a/s i t =1a; i g =20ma; di g /dt = 100 ma/s; t2- g+ - 20 a/s i t =1a; i g =20ma; di g /dt = 100 ma/s; t2+ g- - 50 a/s i t =1a; i g =20ma; di g /dt = 100 ma/s; t2- g- - 50 a/s i gm peak gate current - 1 a p gm peak gate power - 2 w t stg storage temperature -40 150 c t j junction temperature - 125 c i tsm non-repetitive peak on-state current full sine wave; t p = 16.7 ms; t j(init) =25c - 8.5 a full sine wave; t p = 20 ms; t j(init) =25c; see figure 2 and 3 -8a i 2 ti 2 t for fusing t p = 10 ms; sine-wave pulse - 0.32 a 2 s p g(av) average gate power - 0.1 w
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 3 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac fig 1. total power dissipation as a function of rms on-state cu rrent; maximum values fig 2. non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values 003aac259 0.0 0.4 0.8 1.2 1.6 2.0 0 0.2 0.4 0.6 0.8 1 1.2 i t(rms) (a) p tot (w) = 180 120 90 60 30 conduction angle (degrees) form factor a 30 60 90 120 180 4 2.8 2.2 1.9 1.57 003aad318 0 2 4 6 8 10 1 10 10 2 10 3 number of cycles i tsm (a) i tsm t i t t j(init) = 25 c max 1/f
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 4 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac fig 3. non-repetitive peak on-state current as a function of pulse width; maximum values fig 4. rms on-state current as a function of lead temperature; maximum values 003aad319 1 10 10 2 10 3 10 ? 5 10 ? 4 10 ? 3 10 ? 2 10 ? 1 t p (s) i tsm (a) (1) (2) i tsm t i t t j(init) = 25 c max t p 003aac264 0 0.4 0.8 1.2 ? 50 0 50 100 150 t lead ( c) i t(rms) (a)
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 5 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac 5. thermal characteristics table 5. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient - 150 - k/w r th(j-lead) thermal resistance from junction to lead full cycle; see figure 5 --60k/w fig 5. transient thermal impedance from juncti on to lead as a function of pulse width 10 ? 1 10 ? 2 1 10 z th(j-lead) (k/w) t p (s) 10 ? 5 110 10 ? 1 10 ? 2 10 ? 4 10 ? 3 10 2 003aac206 t p p t
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 6 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac 6. characteristics table 6. characteristics symbol parameter conditions min typ max unit static characteristics i gt gate trigger current v d =12v; t j = 25 c; t2+ g-; see figure 6 --10ma v d =12v; t j = 25 c; t2- g- - - 10 ma v d =12v; t j = 25 c; t2+ g+ - - 10 ma v d =12v; t j = 25 c; t2- g+ - - 10 ma i l latching current v d =12v; t j =25c; i g = 0.1 a; t2+ g-; see figure 7 --25ma v d =12v; t j =25c; i g = 0.1 a; t2+ g+ - - 15 ma v d =12v; t j =25c; i g = 0.1 a; t2- g+ - - 15 ma v d =12v; t j =25c; i g = 0.1 a; t2- g- - - 15 ma i h holding current v d =12v; t j =25c; see figure 10 --10ma v t on-state voltage i t = 1 a; see figure 8 -1.31.6v v gt gate trigger voltage i t = 0.1 a; v d =12v; t j =25c; see figure 9 --1.3v i t = 0.1 a; v d = 600 v; t j = 125 c 0.2 - - v i d off-state current v d =600v; t j = 125 c - - 0.5 ma dynamic characteristics dv d /dt rate of rise of off-state voltage v dm =402v; t j = 110 c; gate open circuit; see figure 11 50 - - v/s dv com /dt rate of rise of commutating voltage v d =400v; t j = 110 c; di com /dt = 0.44 a/ms; gate open circuit 2- - v/s fig 6. normalized gate trigger current as a function of junction temperature fig 7. normalized latching current as a function of junction temperature t j ( c) ? 50 150 100 050 003aaa205 2 1 3 4 0 i gt(25 c) i gt (1) (2) (3) (4) t j ( c) ? 50 150 100 050 003aaa203 1 2 3 0 i l i l(25 c)
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 7 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac fig 8. on-state cu rrent as a functi on of on-state voltage fig 9. normalized gate trigger voltage as a function of junction temperature fig 10. normalized holding current as a function of junction temperature 003aac258 0 0.4 0.8 1.2 1.6 2 0 0.4 0.8 1.2 1.6 2 v t (v) i t (a) (1) (2) (3) t j ( c) ?5 0 150 100 050 003aaa209 0.8 0.4 1.2 1.6 0 v gt(25 c) v gt t j ( c) ? 50 150 100 050 003aaa204 1 2 3 0 i h(25 c) i h
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 8 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac fig 11. normalized critical rate of rise of off-state vo ltage as a function of junction temperature;typical values 1.6 1.2 0.8 0.4 0 a 0 50 100 150 t j ( c) 003aaa208
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 9 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac 7. package outline fig 12. package outline sot54 (to-92) unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) max. 2.5 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 to-92 sc-43a 04-06-28 04-11-16 a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads sot5 4 e 1 e 1 2 3
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 10 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac 8. revision history table 7. revision history document id release date data sheet status change notice supersedes Z0109MA_3 20090804 product data sheet - z0103_07_09_series-02 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? type number Z0109MA separated fr om data sheet z0103_07_09_series-02. z0103_07_09_series-02 (9397 750 10102) 20020912 product data - z0103_07_09_series-01 z0103_07_09_series-01 (9397 750 09419) 20020411 product data - -
Z0109MA_3 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 03 ? 4 august 2009 11 of 12 nxp semiconductors Z0109MA logic level four-quadrant triac 9. legal information 9.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest product status information is available on the internet at url http://www.nxp.com . 9.2 definitions draft ? the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. 9.3 disclaimers general ? information in this document is believed to be accurate and reliable. however, nxp semiconductors d oes not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in su ch equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale ? nxp semiconductors products are sold subject to the general terms and condit ions of commercial sale, as published at http://www.nxp.com/profile/terms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writ ing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as th e item(s) described herein may be subject to export control regulati ons. export might require a prior authorization from national authorities. 9.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 10. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the object ive specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this doc ument contains the pr oduct specification.
nxp semiconductors Z0109MA logic level four-quadrant triac ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 4 august 2009 document identifier: Z0109MA_3 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 11. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.1 general description . . . . . . . . . . . . . . . . . . . . . .1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . .1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . .1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . .2 3 ordering information . . . . . . . . . . . . . . . . . . . . . .2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .2 5 thermal characteristics . . . . . . . . . . . . . . . . . . .5 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .6 7 package outline . . . . . . . . . . . . . . . . . . . . . . . . . .9 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . .10 9 legal information. . . . . . . . . . . . . . . . . . . . . . . . 11 9.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 9.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 10 contact information. . . . . . . . . . . . . . . . . . . . . . 11


▲Up To Search▲   

 
Price & Availability of Z0109MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X