Part Number Hot Search : 
2SA1309 00158 93C64 CY7C1325 SBX2020 UF308G ALVCB G8084032
Product Description
Full Text Search
 

To Download WP710A10YD5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsal0566 rev no: v.3b date: mar/30/2013 page: 1 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029092 t-1 (3mm) solid state lamp part number: WP710A10YD5V yellow features z low power consumption. z popular t-1 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z 5v internal resistor. z rohs compliant. description the yellow source color devices are made with gallium arsenide phosphide on galliu m phosphide yellow light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsal0566 rev no: v.3b date: mar/30/2013 page: 2 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029092 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1.wavelength: +/-1nm. 2. wavelength value is traceable to the cie127-2007 compliant national standards. notes: 1. 2mm below package base. 2. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 WP710A10YD5V yellow (gaasp/gap) yellow diffused 7 15 40 iv (mcd) [2] v= 5v symbol parameter device typ. max. units test conditions peak peak wavelength yellow 590 nm v f =5v d [1] dominant wavelength yellow 588 nm v f =5v ? 1/2 spectral line half-width yellow 35 nm v f =5v i f forward current yellow 13 17.5 ma v f =5v i r reverse current yellow 10 ua v r = 5v parameter yellow units power dissipation 85 mw forward voltage 6 v reverse voltage 5 v operating temperature -40c to +70c storage temperature -40c to +85c lead solder temperature [1] 260c for 3 seconds lead solder temperature [2] 260c for 5 seconds
spec no: dsal0566 rev no: v.3b date: mar/30/2013 page: 3 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029092 yellow WP710A10YD5V
spec no: dsal0566 rev no: v.3b date: mar/30/2013 page: 4 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029092 packing & label specifications WP710A10YD5V
spec no: dsal0566 rev no: v.3b date: mar/30/2013 page: 5 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029092
spec no: dsal0566 rev no: v.3b date: mar/30/2013 page: 6 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029092 all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: kingbright: ? WP710A10YD5V


▲Up To Search▲   

 
Price & Availability of WP710A10YD5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X