VN3515L/vn4012l vishay siliconix document number: 70207 s-04379?rev. e, 16?jul-01 www.vishay.com 11-1 n-channel 350- and 400-v (d-s) mosfets part number v (br)dss min (v) r ds(on) max ( ) v gs(th) (v) i d (a) VN3515L 350 15 @ v gs = 4.5 v 0.6 to 1.8 0.15 vn4012l 400 12 @ v gs = 4.5 v 0.6 to 1.8 0.16
low on-resistance: 8.7 secondary breakdown free: 420 v low power/voltage driven low input and output leakage excellent thermal stability low offset voltage full-voltage operation easily driven without buffer low error voltage no high-temperature ?run-away? high-voltage drivers: relays, solenoids, lamps, hammers, displays, transistors, etc. telephone mute switches, ringer circuits power supply, converters motor control to-226aa (to-92) top view s d g 1 2 3 device marking front view ?s? vn 3515l xxyy ?s? = siliconix logo xxyy = date code VN3515L ?s? vn 4012l xxyy VN3515L
parameter symbol VN3515L vn4012l unit drain-source voltage v ds 350 400 gate-source voltage v gs 20 20 v t a = 25 c 0.15 0.16 continuous drain current (t j = 150 c) t a = 100 c i d 0.09 0.1 a pulsed drain current a i dm 0.6 0.65 t a = 25 c 0.8 0.8 power dissipation t a = 100 c p d 0.32 0.32 w thermal resistance, junction-to-ambient r thja 156 c/w operating junction and storage temperature range t j , t stg ?55 to 150 c notes a. pulse width limited by maximum junction temperature.
VN3515L/vn4012l vishay siliconix www.vishay.com 11-2 document number: 70207 s- ? rev. d, 20 ? nov-00
limits VN3515L vn4012l parameter symbol test conditions typ a min max min max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 100 a 420 350 400 gate-threshold voltage v gs(th) v ds = v gs , i d = 1 ma 1.3 0.6 1.8 0.6 1.8 v gate-body leakage i gss v ds = 0 v, v gs = 20 v 1 10 10 na v ds = 0.8 x v (br)dss , v gs = 0 v 1 1 zero gate voltage drain current i dss t j = 125 c 100 100 a on-state drain current b i d(on) v ds = 10 v, v gs = 4.5 v 800 150 150 ma v gs = 3.5 v, i d = 0.05 a 8.7 v gs = 4.5 v, i d = 0.1 a 8.7 15 12 drain-source on-resistance b r ds(on) t j = 125 c 15.5 35 30 v gs = 4.5 v, i d = 0.15 a 8.7 t j = 125 c 15.5 forward transconductance b g fs v ds = 15 v, i d = 0.1 a 350 125 125 ms diode forward voltage v sd i s = 0.1 a, v gs = 0 v 0.8 v dynamic input capacitance c iss 85 110 110 output capacitance c oss v ds = 25 v, v gs = 0 v, f = 1 mhz 20 30 30 pf reverse transfer capacitance c rss 5 10 10 switching c t d(on) 2.5 20 20 turn-on time t r v dd = 25 v, r l = 250 2 20 20 t d(off) i d 0.1 a, v gen = 10 v r g = 25 27 65 65 ns turn-off time t f 9 65 65 notes a. for design aid only, not subject to production testing. vndv40 b. pulse test: pw 300 s duty cycle 2%. c. switching time is essentially independent of operating temperature.
VN3515L/vn4012l vishay siliconix document number: 70207 s- ? rev. d, 20 ? nov-00 www.vishay.com 11-3 ohmic region characteristics output characteristics for low gate drive on-resistance vs. drain current transfer characteristics on-resistance vs. gate-to-source voltage v gs ? gate-source voltage (v) v gs ? gate-source voltage (v) v ds ? drain-to-source voltage (v) v ds ? drain-to-source voltage (v) i d ? drain current (a) t j ? junction temperature ( c) 500 0123 45 400 300 200 100 0 4.0 v 3.0 v 2.5 v 2.0 v v gs = 10 v 100 0 0.4 0.8 1.2 1.6 2.0 80 60 40 20 0 1.8 v 1.6 v 1.4 v 200 160 120 0 01 5 80 40 234 ? 55 c t j = 125 c 25 c 12 0 4 8 12 16 20 11 10 9 5 8 7 6 20 ma on-resistance vs. junction temperature v ds = 15 v i d = 100 ma 2.25 2.00 1.75 0.50 ? 50 ? 10 150 1.50 1.25 30 70 110 1.00 0.75 13 12 11 8 0 0.2 10 9 0.6 0.4 v gs = 4.5 v v gs = 4.5 v i d = 0.02 a i d = 0.1 a v gs = 2.0 v i d ? drain current (ma) i d ? drain current (ma) i d ? drain current (ma) r ds(on) ? on-resistance ( ? ) r ds(on) ? drain-source on-resistance ( ? ) r ds(on) ? drain-source on-resistance ( ? ) ( normalized)
VN3515L/vn4012l vishay siliconix www.vishay.com 11-4 document number: 70207 s- ? rev. d, 20 ? nov-00 threshold region capacitance normalized effective transient thermal impedance, junction-to-ambient gate charge load condition effects on switching normalized effective transient thermal impedance t 1 ? square wave pulse duration (sec) i d ? drain current (a) v ds ? drain-to-source voltage (v) v gs ? gate-to-source voltage (v) q g ? total gate charge (pc) 10 1.0 0.01 0 0.1 0.5 1.0 1.5 ? 55 c 125 c 25 c 300 250 200 0 010 50 150 100 20 30 40 50 c rss c iss c oss 320 v 3 2 0 0 200 1000 1 400 600 800 v ds = 200 v 10 100 1000 100 10 1 v dd = 25 v r g = 25 v gs = 0 to 10 v t d(on) t d(off) t r i d = 0.1 a v ds = 10 v t j = 150 c 10 k duty cycle = 0.5 0.2 0.1 0.05 0.02 single pulse 1 0.5 0.01 0.2 0.1 0.05 0.02 0.01 0.1 5 k 1.0 100 500 10 0.5 5 50 1 k 1. duty cycle, d = 2. per unit base = r thja = 156 c/w 3. t jm ? t a = p dm z thja (t) t 1 t 2 t 1 notes: p dm t 2 v gs = 0 v f = 1 mhz t f i d ? drain current (ma) c ? capacitance (pf) v gs ? gate-to-source voltage (v) t ? switching time (ns)
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.
|