Part Number Hot Search : 
B105M 2SK131 S2600D ADT7421 H11AA4M BZV55C10 6765T ATAB5756
Product Description
Full Text Search
 

To Download UN2488 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd UN2488 preliminary npn epitaxial silicon transistor www.unisonic.com.tw 1 of 3 copyright ? 2014 unisonic technologies co., ltd qw-r214-024.a npn slicon power transistor ? description the utc UN2488 is an npn epitaxial transistor, it uses utc?s advanced technology to provide the customers with high collector-emitter breakdown voltag e and ultra-high dc current gain, etc. ? features * high collector-emitter breakdown voltage * ultra-high dc current gain ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 UN2488l-x-t3p-t UN2488g-x-t3p-t to-3p b c e tube note: pin assignment: a: anode, k: cathode ? marking information package marking to-3p
UN2488 preliminary npn epitaxial silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r214-024.a ? absolute maximum ratings (t a =25 c, unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo 160 v collector-emitter voltage v ceo 150 v emitter-base voltage v ebo 5 v collector current i c 10 a base current i b 1 a collector power dissipation (t c =25c) p c 150 w junction temperature t j 150 c storage temperature t stg -55 ~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 c, unless otherwise specified) parameter symbol test conditions min typ max unit collector cut-off current i cbo v cb =160v, i e =0a 100 a emitter cut-off current i ebo v eb =5v, i c =0a 100 a collector-emitter voltage v ceo i c =30ma 150 v dc current gain h fe v ce =4v, i c =7a 5000 30000 collector-emitter satu ration voltage v ce ( sat ) i c =7a, i b =7ma 2.5 v base-emitter satura tion voltage v be ( sat ) i c =7a, i b =7ma 3.0 v current gain bandwidth product f t v ce =12v, i e =2a 55 mhz output capacitance c ob v cb =10v, f=1mhz, i e =0a 95 pf ? classification of h fe rank o p y range 5000 ~ 12000 6500 ~ 20000 15000 ~ 30000
UN2488 preliminary npn epitaxial silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r214-024.a utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UN2488

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X