Part Number Hot Search : 
AN78M00 CNB1001R APL5525K 00112 1N6106E3 39VF80 74F674 UMIL70
Product Description
Full Text Search
 

To Download UN1210-150BSMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount 2-electrode gas discharge tube (gdt) revision october 18, 2013 1 / 4 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. un1210 series un semiconductor co., ltd. www.unsemi.com.tw gas discharge tubes (gdt) are classical components for protecting the installations of the telecommunications. it is essential that it and telecommunications systems -with their high-grade but sensitive electronic circuits - be protected by arresters. the 1210 series gdt offers high surge ratings in a miniature package. it s designed for surface mounting on pcb with small size 3.2x2.5x2.5mm. low insertion loss is perfectly suited to broadband equipment applications. the capacitance does not vary with voltage, and will not cause operational problems with adsl2+, where capacitance variation across tip and ring is undesirable. these devices are extremely robust and are able to divert a 500a pulse in a miniature package 1210 without destruction. materials dull tin-plated product marking without storage and operational temperature -40 to +90 c weight ~80mg u non-radioactive u rohs compliant u ultra low capacitance (<1.0pf) u ul recognized u excellent response to fast rising transients u 1ka surge capability tested with 8/20 s pulse as de ? ned by iec 61000-4-5 u square outline u communication equipment u catv equipment u test equipment u data lines u power supplies u telecom slic protection u broadband equipment u adsl equipment, including adsl2+ u xdsl equipment u satellite and catv equipment u general telecom equipment u esd protection agency approvals features schematic symbol product characte ristics description applications
surface mount 2-electrode gas discharge tube (gdt) revision october 18, 2013 2 / 4 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. un1210 series un semiconductor co., ltd. www.unsemi.com.tw dc spark-over voltage maximum impulse spark-over voltage maximum capacitance arc voltage nominal impulse discharge current impulse discharge voltage part number @100v/s @100v/ s @1kv/ s minimum insulation resistance @1mhz @1a @8/20 s 5 times @10/700 s UN1210-150BSMD 150v 20% 500v 600v 1 g (at 50v dc) 1.0pf ~15v 1 ka 8kv un1210-200bsmd 200v 20% 500v 700v 1 g (at 100v dc) 1.0pf ~15v 1 ka 8kv un1210-230bsmd 230v 20% 600v 700v 1 g (at 100v dc) 1.0pf ~15v 1 ka 8kv un1210-300bsmd 300v 20% 700v 800v 1 g (at 100v dc) 1.0pf ~15v 1 ka 8kv un1210-350bsmd 350v 20% 800v 900v 1 g (at 100v dc) 1.0pf ~15v 1 ka 8kv un1210-400bsmd 400v 20% 800v 950v 1 g (at 100v dc) 1.0pf ~15v 1 ka 8kv un1210-420bsmd 420v 20% 800v 950v 1 g (at 100v dc) 1.0pf ~15v 1 ka 8kv un1210-470bsmd 470v 20% 900v 1000v 1 g (at 100v dc) 1.0pf ~15v 1 ka 8kv notes: 1). terms in accordance with itu-t k.12 and gb/t 9043-2008 2). at delivery aql 0.65 level , din iso 2859 device dimensions ( unit: mm ) electrical characteristics recommended pad outline
surface mount 2-electrode gas discharge tube (gdt) revision october 18, 2013 3 / 4 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. un1210 series un semiconductor co., ltd. www.unsemi.com.tw item test condition / description requirement dc spark-over voltage the voltage is measured with a slowly rate of rise dv / dt=100v/s impulse spark-over voltage the maximum impulse spark-over voltage is measured with a rise time of dv / dt=100v// s or 1kv/ s insulation resistance the resistance of gas tube shall be measured each terminal each other terminal , please see above spec. capacitance the capacitance of gas tube shall be measured each terminal to each other terminal. test frequency :1mhz nominal impulse discharge current the maximum current applying a waveform of 8/20 s that can be applied across the terminals of the gas tube. one hour after the test is completed, re-testing of the dc spark-over voltage does not exceed 30% of the nominal dc spark-over voltage. dwell time between pulses is 3 minutes. to meet the specified value reflow condition pb - free assembly -temperature min (t s(min) ) 150 c -temperature max (t s(max) ) 200 c pre heat - time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to tl - ramp-up rate 5 c/second max - temperature (t l ) (liquidus) 217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 10 - 30 seconds ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed 260 c electrical rating recommended soldering profile ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time
surface mount 2-electrode gas discharge tube (gdt) revision october 18, 2013 4 / 4 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. un1210 series un semiconductor co., ltd. www.unsemi.com.tw part number description quantity un1210-xxxbsmd 12mm tape & 7 reel 1000 u gas discharge tubes (gdt) must not be operated directly in power supply networks. u gas discharge tubes (gdt) may become hot in case of longer periods of current stress (danger of burning). u gas discharge tubes (gdt) may be used only within their specified values. in the event of overload, the head contacts may fail or the component may be destroyed. u damaged gas discharge tubes (gdt) must not be re-used. part numbering un1210 C xxx b smd smd, surface mount 8/20 s level b, 1ka nominal dc spark-over voltage 150 = 150v 200 = 200v 350 = 350v 400 = 400v series tape and reel dimensions unit: mm packaging cautions and warnings


▲Up To Search▲   

 
Price & Availability of UN1210-150BSMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X