Part Number Hot Search : 
5KP120 MPC7410 50500 HSM126S BAT14 5KP120 HSM126S 74LVC126
Product Description
Full Text Search
 

To Download ULCD-24PTU-AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uncontrolled copy when printed or downloaded. please refer to the 4d systems website for the latest revision of this document arduino display module pack featuring a 2.4 display module ulcd - 24 - ptu - ar document date: 2 4 th january 2014 document revision: 1. 4 d atasheet 4d systems turning technology into art
ulcd - 24 - ptu - ar C arduino display module pack contents 1. description ................................ ................................ ................................ ............................. 3 2. advanced hardware options ................................ ................................ ................................ .. 4 3. specifications and rat ings ................................ ................................ ................................ ....... 5 4. legal notice ................................ ................................ ................................ ............................ 6 5. contact information ................................ ................................ ................................ ............... 6
4d systems ulcd - 24 - ptu - ar ? 201 4 4d systems page 3 of 6 www.4dsystems.com.au ulcd - 24 - ptu - ar C arduino display module pack 1. d escription the 4d systems arduino * display module pack (ulcd - 24 - ptu - ar) is made up of a ulcd - 24 - ptu display module and an adaptor to easily connect an arduino to the 4d systems display. the pack comprises of: ? ulcd - 24 - ptu display module ? 4d arduino adaptor shield ? 5 way female - female cable the arduino display module pack enables an arduino user to quickly connect the 4d arduino adaptor shield to their arduino, connect the 5 way cable between the adaptor and the display module, and be connected in seconds to start programming their new 4d systems display. the ulcd - 24 - ptu can be configured in a number of ways using the 4d systems workshop4 ide, which enable a comprehensive range of serial commands ready to be received from the arduino, to draw primitives such as lines, rectangles, circles and text, to displaying images, playing sound and logging data to usd card. communication to the display module is performed via the arduinos hardware serial port. a single digital on the arduino is utilised for an external reset for the display. power for the display is supplied from the arduinos 5v bus. in most cases, no external power is required for the display module as all power is supplied from the arduino, via the adaptor shield. the arduino dc jack may be required to supply the arduino with power if the usb supply of the pc i s insufficient. in some cases, the display may be required to be powered separately to the arduino, which the arduino adaptor shield allows. please refer to the datasheet for the 4d arduino adaptor shield for more information. for a detailed listing of t he capabilities of the display module in this arduino pack, please refer to the datasheet for the display itself, available from the 4d systems website , www.4dsystems.com.au . 4d arduino adaptor shield the ulcd - 24 - ptu display module arduino display module pack connected together (note: arduino not included in pack) note (*): arduino remains the property of the arduino team. all references to the word arduino and arduino hardware are licensed under the creative commons attribution share - alike license.
4d systems ulcd - 24 - ptu - ar ? 201 4 4d systems page 4 of 6 www.4dsystems.com.au ulcd - 24 - ptu - ar C arduino display module pack 2. advanced hardware options the display module (ulcd - 24 - ptu) is a very capable and powerful piece of hardware, which can be reconfigured beyond the boundaries of the arduino. with the use of the 4d systems workshop4 ide software, the display module can be configured and programmed independently of the arduino environment . if a user wishes to investigate the capabilities of the ulcd - 24 - ptu and reconfigure the display module, p lease refer to the datasheet for the ulcd - 24 - ptu, available from the 4d systems website, www.4dsystems.com.au . the user can freely change back to the configuration the module was shipped in if desired, all via th e workshop4 ide software. to take advantage of the 4d systems workshop4 software, a 4d programming cable is required, which can be purchased from the 4d systems website, or from a 4d systems distributor. the workshop4 ide enables the ulcd - 24 - ptu display module to be configured using 4 different environments. ? the designer environment enables the user to write 4dgl code in its natural form to program the display module . ? a visual programming experience , suitably called visi , enables click - and - place type placement of objects to assist with 4dgl code generation and allows the user to visualise how the display will look while being developed . ? an advanced environment called visi - genie doesnt require any 4dgl coding at all , it is all done automatically for you. simply lay the display out with the objects you want, set the events to drive them and the code is written for you automatically. visi - genie provides the latest rapid development experience from 4d systems. ? a serial environment is also provided to transform the display module into a slave serial module, allowing the user to control the display from any host microcontroller or device with a serial port. designer and visi allow the user to program and write their own protocol to communicate between the arduino and the display module. visi - genie has a set protocol as outlined in the documentation associated with it (available from the workshop4 product page of the website), and 4d systems has developed an arduino library specifically for the visi - genie environment, to enable a rapid development p latform for users. the library is available for download from the ulcd - 2 4 - pt u - ar product page on the 4d systems website, www.4dsystems .com.au . the serial environment loads an application (spe) onto the display module which enables commands from the arduino to communicate directly with the display modu le and get it to perform specific actions. 4d systems has developed a library specifically for this env iron ment also, which is available for download from the ulcd - 2 4 - pt u - ar product page on the 4d systems website, www.4dsystems .com.au .
4d systems ulcd - 24 - ptu - ar ? 201 4 4d systems page 5 of 6 www.4dsystems.com.au ulcd - 24 - ptu - ar C arduino display module pack 3. specifications and ratings recommended operating conditions parameter conditions min typ max units supply voltage (vcc) 4.5 -- 5.5 v operating temperature - 10 -- +70 c ordering information order code: ulcd - 24 - ptu - ar p ackaging: module sealed in antistatic foam padded 4d systems box
4d systems ulcd - 24 - ptu - ar ? 201 4 4d systems page 6 of 6 www.4dsystems.com.au ulcd - 24 - ptu - ar C arduino display module pack 4. legal notice proprietary information the information contained in this document is the property of 4d systems pty. ltd. and may be the subject of patents pending or granted, and must not be copied or disclosed without prior written permission. 4d systems endeavours to ensure that the information in this document is correct and fairly stated but does not accept liability for any error or omission. the development of 4d systems products and services is continuous and publishe d information may not be up to date. it is important to check the current position with 4d systems. 4d systems reserves the right to modify, update or makes changes to specifications or written material without prior notice at any time. all trademarks belo ng to their respective owners and are recognised and acknowledged. disclaimer of warranties & limitation of liability 4d systems makes no warranty, either expressed or implied with respect to any product, and specifically disclaims all other warranties, including, without limitation, warranties for merchantability, non - infringement and fitness for any particular purpose. information contained in this publication regarding device applications and the like is provided only for your convenience and may be su perseded by updates. it is your responsibility to ensure that your application meets with your specifications. in no event shall 4d systems be liable to the buyer or to any third party for any indirect, incidental, special, consequential, punitive or exemp lary damages (including without limitation lost profits, lost savings, or loss of business opportunity) arising out of or relating to any product or service provided or to be provided by 4d systems, or the use or inability to use the same, even if 4d syste ms has been advised of the possibility of such damages. 4d systems products are not fault tolerant nor designed, manufactured or intended for use or resale as on line control equipment in hazardous environments requiring fail C safe performance, such as in the operation of nuclear facilities, aircraft navigation or communication systems, air traffic control, direct life support machines or weapons systems in which the failure of the product could lead directly to death, personal injury or severe physical or environmental damage (high risk activities). 4d systems and its suppliers specifically disclaim any expressed or implied warranty of fitness for high risk activities. use of 4d systems products and devices in 'high risk activities' and in any other application is entirely at the buyers risk, and the buyer agrees to defend, indemnify and hold harmless 4d systems from any and all damages, claims, suits, or expenses resulting from such use. no licenses are conveyed, implicitly or otherwise, under any 4d systems intellectual property rights. 5. contact information for technical support: support@4dsystems.com.au for sales support: sales@4dsystems.com.au website : www.4dsystems.com.au copyright 4d systems pty. ltd. 2000 - 201 4 .


▲Up To Search▲   

 
Price & Availability of ULCD-24PTU-AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X