Part Number Hot Search : 
ASM3P DC4R44 MC140 1E106 4213F 5250A 06C300JZ 2N4393
Product Description
Full Text Search
 

To Download UCM1C101MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors cm chip type, low impedance series u 1 c 2 m 3 1 4 c 5 1 6 0 7 1 8 m 91011 capacitance tolerance ( 20%) rated capacitance (100 f) rated voltage (16v) c l 12 1 13 14 gs size code taping code series name type configuration d 4 to 6.3 code cl 8 10 nl series capacitance voltage( c : 16v ) lot no. lot no. plastic platform 0.3max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e h h positive negative plastic platform 0.3max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e positive negative l 0.3 l 0.5 series capacitance trade mark voltage( e : 25v ) a2 470e cm a2 100c cm " # $ & - )        up        up        up        up        up        up (mm) pressure relief vent dl dimension table in next page. cm cl smaller higher capacitance chip type, low impedance temperature range up to +105 c . applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2011/65/eu). chip type specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 55 to +105c 6.3 to 50v 10 to 2200f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv black print on the case top. the specifications listed at right shall be met when the capacitors are restored to 20c after the rated voltage is applied for 2000 hours at 105 c. after storing the capacitors under no load at 105c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. measurement frequency : 120hz at 20 c measurement frequency : 120hz z 25 c / z+20c z 40 c / z+20c z 55 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 16 2 3 4 10 2 3 4 6.3 2 3 4 25 2 3 3 35 2 3 3 50 2 3 3 rated voltage (v) tan (max.) 50 0.10 35 0.12 25 0.14 16 0.16 10 0.19 6.3 0.26 within 30% of the initial capacitance value less than or equal to the initial specified value 200% or less than the initial specified value capacitance change tan leakage current capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20c. ( 4 to 6.3) ( 8 10l, 10 ) voltage v 6.3 10 16 25 35 50 code j acevh type numbering system (example : 16v 100 f) cat.8100c
aluminum electrolytic capacitors code v  +  "  $  &  7  )                                                                                                                                                                                                                                ?      y             rated ripple impedance ."9*nqfebodf 

bu?l)[ 3bufesjqqmfdvssfou n"snt
bu?l)[ ?*ouijtdbtf xjmmcfqvubuuiejhjupguzqfovncfsjoht ztufn taping specifications are given in page 23. recommended land size, soldering by refrow are given in page 18, 19. please refer to page 3 for the minimum order quantity. cm series dimensions frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.35 0.50 0.64 0.83 1.00 cat.8100c


▲Up To Search▲   

 
Price & Availability of UCM1C101MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X