Part Number Hot Search : 
1D445 TM128 CDRH74 XMEGA 2SD1980 1N540 BR5010 MA2Z357
Product Description
Full Text Search
 

To Download TSM35N10CPROG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tsm 35n10 100v n-channel power mosfet 1/6 version: b13 to - 25 2 (dpak) product summary v ds (v) r ds(on) (m ? ) i d (a) 100 37 @ v gs =10v 32 features advanced trench technology low r ds(on) 37m ? (max.) low gate charge typical @ 34nc (typ.) low crss typical @ 45pf (typ.) block diagram n-channel mosfet ordering information part no. package packing tsm35n10cp rog to-252 2.5kpcs / 13 reel note: g denote for halogen free product absolute maximum rating (ta = 25 o c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 100 v gate-source voltage v gs 20 v continuous drain current t c =25c i d 32 a t c =70c 26 t a =25c 5 t a =70c 4 drain current-pulsed note 1 i dm 70 a avalanche current, l=0.1mh i as , i ar 35 a avalanche energy, l=0.1mh e as , e ar 61 mj maximum power dissipation t c =25c p d 83.3 w t c =70c 53.3 t a =25c 2 t a =70c 1.3 storage temperature range t stg -55 to +150 c operating junction temperature range t j -55 to +150 c * limited by maximum junction temperature thermal performance parameter symbol limit unit thermal resistance - junction to case r ? jc 1.5 o c/w thermal resistance - junction to ambient r ? ja 62 o c/w pin definition : 1. gate 2. drain 3. source
tsm 35n10 100v n-channel power mosfet 2/6 version: b13 electrical specifications (ta = 25 o c unless otherwise noted) parameter conditions symbol min typ max unit static drain-source breakdown voltage v gs = 0v, i d = 250ua bv dss 100 -- -- v drain-source on-state resistance v gs = 10v, i d = 10a r ds(on) -- 30 37 m ? v gs = 4.5v, i d = 10a r ds(on) -- 32 42 m ? gate threshold voltage v ds = v gs , i d = 250ua v gs(th) 1 2 3 v zero gate voltage drain current v ds = 100v, v gs = 0v i dss -- -- 1 ua gate body leakage v gs = 20v, v ds = 0v i gss -- -- 100 na dynamic total gate charge v ds = 50v, i d = 10a, v gs = 10v q g -- 34 -- nc gate-source charge q gs -- 6 -- gate-drain charge q gd -- 9 -- input capacitance v ds = 30v, v gs = 0v, f = 1.0mhz c iss -- 1598 -- pf output capacitance c oss -- 132 -- reverse transfer capacitance c rss -- 45 -- switching turn-on delay time v gs = 10v, v ds = 50v, r g = 3 ? t d(on) -- 7 -- ns turn-on rise time t r -- 7 -- turn-off delay time t d(off) -- 29 -- turn-off fall time t f -- 7 -- drain-source diode characteristics and maximum rati ng drain-source diode forward voltage v gs =0v, i s =10a v sd -- 0.7 -- v reverse recovery time i s = 10a, t j =25 o c di/dt = 500a/us t fr -- 32 -- ns reverse recovery charge q fr -- 200 -- nc notes: 1. pulse test: pulse width 300 s, duty cycle 2%. 2. r ja is the sum of the junction-to-case and case-to-amb ient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. r ja shown below for single device operation on fr-4 in still air
tsm 35n10 100v n-channel power mosfet 3/6 version: b13 electrical characteristics curve (tc = 25 o c, unless otherwise noted) output characteristics transfer characteristics on-resistance vs. gate-source voltage gate charge on-resistance vs. junction temperature capacitance
tsm 35n10 100v n-channel power mosfet 4/6 version: b13 electrical characteristics curve (ta = 25 o c, unless otherwise noted) maximum safe operating area threshold voltage vs. temperature normalized thermal transient impedance, junction-to -ambient
tsm 35n10 100v n-channel power mosfet 5/6 version: b13 to-252 mechanical drawing unit: millimeters marking diagram y = year code m = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code
tsm 35n10 100v n-channel power mosfet 6/6 version: b13 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TSM35N10CPROG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X