Part Number Hot Search : 
AJW130 TDA7088T ST13001 LL4001G FR204G MC1430 APE6312 471ME
Product Description
Full Text Search
 

To Download TSF20U60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - patented trench mos barrier schottky technology - excellent high temperature stability - low forward voltage - lower power loss/ high efficiency - high forward surge capability symbol unit v rrm v i rrm a dv/dt v/ s v br v if = 10a if = 20a if = 10a if = 20a t j = 25c a t j = 125c ma r jc o c/w t j o c t stg o c note 1: 2.0 s pulse width, f=1.0 khz document number: ds_d1401024 version: c14 molding compound meets ul 94 v-0 flammability rating base p/n with suffix "g" on packi ng code - halogen-free, rohs compliant terminal: matte tin plated leads, so lderable per jesd22-b102 meet jesd 201 class 1a whisker test tsf20u45c thru TSF20U60C 34 0.5 100 60 45 tsf20u45c TSF20U60C 45 60 180 0.60 0.47 weight: 1.7g (approximately) - halogen-free according to iec 61249-2-21 definition features v a polarity: as marked maximum ratings and electrical characteristics (ta=25 o c unless otherwise noted) peak repetitive reverse surge current (note 1) 200 i f(av) voltage rate of change (rated vr) peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load per diode 10000 20 i fsm 3 isolation voltage from terminal to heatsink t = 1 min v ac - 55 to +150 typical thermal resistance per diode - i r v f 1500 2000 500 taiwan semiconductor a maximum instantaneous reverse current per diode at rated reverse voltage - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec per device case: ito-220ab per diode mechanical data mounting torque: 5 in-lbs. max. maximum repetitive peak reverse voltage 10 trench mos barrier schottky rectifie r maximum average forward rectified current v f 0.65 0.47 parameter t j = 25c v 0.60 t j = 125c note 2: pulse test with pulse width=300 s, 1% duty cycle operating junction temperature range storage temperature range maximum instantaneous forward voltage per diode ( note2 ) 0.50 0.51 breakdown voltage ( ir =1.0ma, ta =25c ) - 55 to +150 free datasheet http://
part no. . document number: ds_d1401024 version: c14 packing code green compound code package packing tsf20uxxc (note 1) c0 suffix "g" TSF20U60C c0 TSF20U60C c0 TSF20U60C c0g TSF20U60C c0 g green compound ito-220ab 50 / tube note 1: "xx" defines voltage from 45v (tsf20u45c) to 60v (TSF20U60C) preferred p/n part no. packing code green compound code description example ratings and characteristics curves tsf20u45c thru TSF20U60C taiwan semiconductor (ta=25 o c unless otherwise noted) ordering information 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 t j =25 o c t j =100 o c t j =125 o c tsf20u45c 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 t j =25 o c t j =125 o c t j =150 o c t j =100 o c fig. 2 typical forward characteristics tsf20u45c 0 5 10 15 20 25 30 0 25 50 75 100 125 150 with heatsink 4in x 6in x 0.25in al-plate fig.1 forward current derating curve tsf20u45c TSF20U60C average forward current (a) instantaneous forward current (a) instantaneous reverse current (ma) fig. 4 typical reverse characteristics case temperature ( o c) forward voltage (v) percent of rated peak reverse voltage.(%) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 tj=25 o c tj=125 o c tj=150 o c tj=100 o c fig. 3 typical forward characteristics tj=85 o c TSF20U60C instantaneous forward current (a) forward voltage (v) free datasheet http://
package outline dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1401024 version: c14 marking diagram dim. unit (mm) unit (inch) tsf20u45c thru TSF20U60C taiwan semiconductor 10 100 1000 10000 0.1 1 10 100 f=1.0mhz vslg=50mvp-p tsf20u45c TSF20U60C ___ ----- capacitance (pf) fig. 6 typical junction capacitance reverse voltage (v) 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 t j =25 o c tl=125 o c tj=100 o c tj=150 o c tj=85 o c TSF20U60C instantaneous reverse current (ma) fig. 5 typical reverse characteristics percent of rated peak reverse voltage.(%) free datasheet http://


▲Up To Search▲   

 
Price & Availability of TSF20U60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X