Part Number Hot Search : 
LM351 SKM40 30N60A HFFXXX 30N60A LB184709 LM351 2SK801
Product Description
Full Text Search
 

To Download TPSA475K010R1400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  144 may 2013 180mm (7") reel 330mm (13") reel 180mm (7") reel & case size tape width p tin termination tin termination gold termination mm mm suffix automotive qty. suffix automotive qty. suffix qty. suffix suffix a 8 4 r t 2,000 s u 8,000 a 2,000 b 8 4 r t 2,000 s u 8,000 a 2,000 c 12 8 r t 500 s u 3,000 a 500 d 12 8 r t 500 s u 2,500 a 500 e 12 8 r t 400 s u 1,500 a 400 f 12 8 r C 1,000 s C 4,000 a 1,000 g 8 4 r C 2,500 s C 10,000 a 2,500 h 8 4 r C 2,500 s C 10,000 a 2,500 k 8 4 r C 3,000 s C 13,000 a 3,000 l 8 4 r C 2,500 s C 10,000 a 2,500 m 8 4 r C 3,000 s C 13,000 a 3,000 n 8 4 r C 3,000 s C 13,000 a 3,000 p 8 4 r C 2,500 s C 10,000 a 2,500 r 8 4 r C 2,500 s C 10,000 a 2,500 s 8 4 r C 2,500 s C 10,000 a 2,500 t 8 4 r C 2,500 s C 10,000 a 2,500 v 12 8 r C 400 s C 1,500 a 400 w 12 8 r C 1,000 s C 5,000 a 1,000 x 12 8 r C 1,000 s C 5,000 a 1,000 y 12 8 r C 1,000 s C 4,000 a 1,000 z 16 8 r C 400 s C 1,500 C C 4 16 8 r C 800 s C tbd C C 6 24 12 r C 500 s C tbd C C tape specification tape and reel packaging for automatic component placement. please enter required suffix on order. bulk packaging is not available. tape dimensions comply to eia 481-1 dimensions a 0 and b 0 of the pocket and the tape thickness, k, are dependent on the component size. tape materials do not affect component solderability during storage. carrier tape thickness <0.4mm. taping suffix table taj, tps, tpm, trj, trm, thj, taw, tlj, tln tcj, tcm, tcn, nlj, noj, nos, nom 100mm (4") reel 180mm (7") reel 100mm (4") reel & 180mm (7") reel & 100% case size tape width p tin termination tin termination gold termination gold termination mm mm suffix qty. suffix qty. suffix qty. suffix qty. a 8 4 xta 500 rta 2,000 fta 500 ata 2,000 b 8 4 xta 500 rta 2,500 fta 500 ata 2,500 c 8 4 xta 500 rta 3,500 - - - - h 8 4 xta 500 rta 3,500 fta 500 ata 3,500 j 8 4 xta 500 rta 3,500 fta 500 ata 3,500 k 8 2 qta 1,000 pta 10,000 nta 1,000 mta 10,000 l 8 4 xta 500 rta 3,500 fta 500 ata 3,500 m 8 4 xta 500 rta 2,500 fta 500 ata 2,500 n 8 2 qta 1,000 pta 10,000 - - - - q 8 4 xta 500 rta 2,500 - - - - r 8 4 xta 500 rta 2,500 fta 500 ata 2,500 s 8 4 xta 500 rta 2,500 - - - - t 8 4 xta 500 rta 2,500 fta 500 ata 2,500 u 8 4 xta 500 rta 3,500 fta 500 ata 3,500 v 8 4 xta 500 rta 2,500 fta 500 ata 2,500 z 8 2 qta 1,000 pta 10,000 - - - - taping suffix table tac and tlc tantalum & niobium oxide capacitors (excluding f-series) tape & reel packaging under development under development
may 2013 145 taping suffix table tlc 100mm (4") reel 180mm (7") reel 100mm (4") reel & 180mm (7") reel & 100% case size tape width p tin termination tin termination gold termination gold termination mm mm suffix qty. suffix qty. suffix qty. suffix qty. h 8 4 xxxxx 500 rxxxx 3,500 fxxxx 500 axxxx 3,500 k 8 2 qxxxx 1,000 pxxxx 10,000 nxxxx 1,000 mxxxx 10,000 l 8 4 xxxxx 500 rxxxx 3,500 fxxxx 500 axxxx 3,500 r 8 4 xxxxx 500 rxxxx 2,500 fxxxx 500 axxxx 2,500 taping suffix table tpc 100mm (4") reel 180mm (7") reel 100mm (4") reel & 180mm (7") reel & 100% case size tape width p tin termination tin termination gold termination gold termination mm mm suffix qty. suffix qty. suffix qty. suffix qty. l 8 4 xxxxx 500 rxxxx 3,500 fxxxx 500 axxxx 3,500 note: xxxx = esr value in milliohms note: xxxx = esr value in milliohms tantalum & niobium oxide capacitors (excluding f-series) tape & reel packaging
146 may 2013 tantalum & niobium oxide capacitors (excluding f-series) tape & reel packaging plastic tape dimensions tac, tlc and tpc case a00.10 b00.10 k0.10 w0.30 e0.10 f0.05 g min. p0.10 p20.05 p00.10 d0 +0.20 d1 +0.25 -0.00 -0.00 a 1.83 3.57 1.87 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 b 3.15 3.77 2.22 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 c 3.45 6.40 2.92 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 d 4.48 7.62 3.22 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 e 4.50 7.50 4.50 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 f 3.35 6.40 2.20 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 g 1.83 3.57 1.65 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 h 3.15 3.77 1.66 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 k 1.95 3.55 1.15 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 l 3.10 3.80 1.30 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 m 1.60 2.35 1.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 n 1.60 2.30 1.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 p 1.65 2.45 1.60 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 r 1.65 2.45 1.30 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 s 1.95 3.55 1.30 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 t 3.20 3.80 1.30 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 v 6.43 7.44 3.84 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 w 3.57 6.40 1.65 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 x 4.67 7.62 1.65 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 y 4.67 7.62 2.15 12.00 1.75 5.50 0.75 8.00 2.00 4.00 1.50 1.50 4 6.25 7.88 2.25 16.00 1.75 7.500.1 0.75 8.00 2.000.1 4.00 1.50 1.50 6 8.55 15.60 2.25 24.00 1.75 11.50 0.75 12.00 2.00 4.00 1.50 1.50 case a00.10 b00.10 k0.10 w0.30 e0.10 f0.05 g min. p0.10 p20.05 p00.10 d0 +0.20 d1 +0.20 -0.00 -0.00 a 1.830.10 3.570.10 1.870.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 b 3.150.10 3.770.10 1.660.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 c 1.950.10 3.550.10 1.150.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 h 1.650.10 2.450.10 1.100.05 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 j 1.05 1.90 0.80 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 0.80 k 0.75 1.26 0.67 8.00 1.75 3.50 0.75 2.00 2.00 2.00 1.50 0.50 l 1.05 1.90 1.05 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 0.80 m 1.05 2.450.10 1.05 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 0.80 q 1.650.10 2.450.10 1.300.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 r 1.650.10 2.450.10 1.600.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 s 1.950.10 3.550.10 1.300.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 t 3.200.10 3.800.10 1.300.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 u 1.650.10 2.450.10 0.800.05 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 v 1.950.10 3.600.10 0.900.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 x 1.830.10 3.570.10 1.870.10 8.00 1.75 3.50 0.75 4.00 2.00 4.00 1.50 1.00 z 0.75 1.90 0.67 8.00 1.75 3.50 0.75 2.00 2.00 2.00 1.50 0.50 plastic tape dimensions taj, tps, tpm, trj, trm, thj, taw, tlj, tln, tcj, tcm, tcn, nlj, noj, nos and nom under development +0.10 -0.00 +0.10 -0.00 +0.10 -0.00 +0.05 -0.00 +0.10 -0.00 +0.10 -0.00 +0.10 -0.00 +0.10 -0.00 +0.10 -0.00 +0.05 -0.00 +0.10 -0.00 +0.10 -0.00 +0.10 -0.00 +0.10 -0.00
may 2013 147 reel size tape a b c w t 180mm (7") 12mm 1782.00 50 min 13.00.50 12.4+1.5/-0 1.500.50 180mm (7") 8mm 1782.00 50 min 13.00.50 8.4+1.5/-0 1.500.50 330mm (13") 12mm 3282.00 50 min 13.00.50 12.4+1.5/-0 1.500.50 330mm (13") 8mm 3282.00 50 min 13.00.50 8.4+1.5/-0 1.500.50 108mm (4.25") 8mm 1082.00 13.00.50 8.4+1.5/-0 1.500.50 tantalum & niobium oxide capacitors (excluding f-series) tape & reel packaging anode a0 k w p0 p2 p g f b 0 d e d1 c t b w a reel dimensions cover tape nominal dimensions thickness: 75m width of tape: 5.5mm (8mm tape) 9.5mm (12mm tape)
tantalum & niobium oxide capacitors marking for taj, tps & thj, the positive end of body has videcon readable polarity marking as shown in the diagram. bodies are marked by indelible laser marking on top surface with capacitance value, voltage and id code. n, p and r case is an exception due to small size in which only the voltage and capacitance values are printed. voltage rated voltage voltage rated voltage code at 85c code at 85c x1 . 8 d 2 0 e2 . 5 e 2 5 g4 v 3 5 j6 . 3 t 5 0 p8 j 63 a10 p 75 b12 a 100 c16 b 125 taj, trj, trm, tps, tpm C a, b, c, d, e, f, h, k, s, t, v, w, x and y case: xxxxx 227 a avx logo capacitance value in pf 227 = 220f rated voltage code a = 10v id code polarity band (anode+) taj, tps C p and r case: j 1 0 6 capacitance value in pf 106 = 10f rated voltage code j = 6.3v polarity band (anode+) thj C a, b, c, d, e case: tac, tlc, tpc C all case sizes: xxxxx 227 a avx logo capacitance value in pf 227 = 220f rated voltage code a = 10v polarity band (anode+) id code polarity band (anode+) tcj, tcm, tcn C a, b, c, d, e, g, h, k, l, s, t, v, w, y case: xxxxx 156 j avx logo polymer capacitance value in pf 156 = 15f rated voltage j = 6.3v id code polarity band (anode+) tln pulsecap tm 4 and 6 case: xxxxx 228 j avx logo capacitance value in mf 228 = 2.2mf rated voltage j = 6.3v polarity band (anode+) id code tcj C n, p, r case: avx logo polymer j 1 0 6 capacitance value in pf 106 = 10f rated voltage code j = 6.3v polarity band (anode+) tlj, tln C a, b, f, g, h, k, l, s, t, v, w, y case: xxxxx 10 7 j avx logo capacitance value in pf 107 = 100f rated voltage j = 6.3v polarity band (anode+) id code tlj, tln C m, n, p, r case: rated voltage code j = 6.3v j 1 0 6 capacitance value in pf 106 = 10f polarity band (anode+) avx logo noj C p case: rated voltage code j = 6.3v j 475 capacitance value in pf 475 = 4.7f polarity band (anode+) oxicap ? logo taw C d case: xxxxx 476 a avx logo fused capacitance value in pf 476 = 47f rated voltage a = 10v id code polarity band (anode+) f noj, nos, nom C a, b, c, d, e, f, s, t, v, w, x, y case: xxxxx 227 g oxicap ? logo capacitance value in pf 227 = 220f rated voltage g = 4v id code polarity band (anode+) nlj C a, b, g, p, s, t, case: xxxxx 226 a rated voltage a = 10v capacitance value in pf 226 = 22f id code polarity band (anode+) oxicap ? logo f-series capacitors please refer to the catalogue sheet may 2013 149 all series exclucing f-series capacitors


▲Up To Search▲   

 
Price & Availability of TPSA475K010R1400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X