Part Number Hot Search : 
WP63IT SPI35N10 18D220K ER801A AAT863 20F1T IRF5852 00C10
Product Description
Full Text Search
 

To Download STT3402N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STT3402N 6.3 a, 30 v, r ds(on) 27 m ? n-channel enhancement mode mos.fet elektronische bauelemente 19-nov-2010 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen and lead-free description these miniature surface mount mosfets utilize high cell density process. low r ds(on) assures minimal power loss and conserves energy, making this device ideal for use in power management circuitry. typical applications are power switch, power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. typical applications ? low r ds(on) provides higher efficiency and extends battery life. ? low gate charge. ? fast switch. ? miniature tsop-6 surface mount package saves board space. product summary STT3402N v ds (v) r ds (on) (m ? ? i d (a) 30 0.027@v gs = 10v 6.3 0.035@v gs = 4.5v 5.5 package information package mpq leadersize tsop-6 3k 7? inch absolute maximum ratings(t a =25 c unless otherwise noted) parameter symbol ratings unit maximum drain-source voltage v ds 30 v gate-source voltage v gs 20 v continuous drain current 1 t a = 25 c i d 6.3 a t a = 70 c 5.2 pulsed drain current 2 i dm 20 a continuous source current (diode conduction) 1 i s 1.3 a power dissipation 1 t a = 25 c p d 1.6 w t a = 70 c 1.0 operating junction and st orage temperature range tj, tstg -55 ~ 150 c thermal resistance ratings parameter symbol maximum unit maximum junction to ambient 1 t Q 5 sec r ? c / w notes 1 surface mounted on 1? x 1? fr4 board. 2 pulse width limited by maximum junction temperature. ref. millimete r ref. millimete r min. max. min. max. a 2.70 3.10 g 0 0.10 b 2.60 3.00 h 0.60 ref. c 1.40 1.80 j 0.12 ref. d 1.10 max. k 0 10 e 1.90 ref. l 0.95 ref. f 0.30 0.50 tsop-6 b l f h c j d g k a e 1 23 4 5 6 d g d d d s
STT3402N 6.3 a, 30 v, r ds(on) 27 m ? n-channel enhancement mode mos.fet elektronische bauelemente 19-nov-2010 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions switch off characteristics drain-source breakdown voltage v (br)dss 30 - - v v gs =0v, i d = 250ua gate-body leakage i gss - - 100 na v ds = 0v, v gs = 20v zero gate voltage drain current i dss - - 1 ua v ds = 24v, v gs = 0v - - 10 v ds = 24v, v gs = 0v, t j = 55 c switch on characteristics gate-threshold voltage v gs(th) 1.0 1.6 3.0 v v ds =v gs , i d = 250ua on-state drain current 1 i d(on) 20 - - a v ds = 5v, v gs = 10v drain-source on-resistance 1 r ds(on) - 23 27 m ? v gs = 10v, i d = 6.3a - 32 39 v gs = 10v, i d = 6.3a, t j = 55 c - 29 35 v gs = 4.5v, i d = 5.5a forward transconductance 1 g fs - 45 - s v ds = 10v, i d = 6.3a diode forward voltage 1 v sd - 0.75 1.2 v i s = 1.3a, v gs = 0v dynamic b total gate charge q g - 9 13 nc v ds = 15v, v gs = 5v, i d = 6.3a, r l = 6 ? gate-source charge q gs - 2.9 - gate-drain charge q gd - 3.2 - switching characteristics turn-on delay time t d(on) - 6 13 ns v ds = 15v, v gen = 10v, r l = 6 ? , i d = 1a, r gen = 6 ? rise time t r - 10 19 turn-off delay time t d(off) - 18 30 fall time t f - 5 13 notes 1 pulse test pw Q 300 us duty cycle Q 2%. 2 guaranteed by design, not su bject to production testing.
STT3402N 6.3 a, 30 v, r ds(on) 27 m ? n-channel enhancement mode mos.fet elektronische bauelemente 19-nov-2010 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
STT3402N 6.3 a, 30 v, r ds(on) 27 m ? n-channel enhancement mode mos.fet elektronische bauelemente 19-nov-2010 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of STT3402N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X