Part Number Hot Search : 
0QC10 MC145106 5508052 LB1291 CS9TUH RB400D RB400D FM103
Product Description
Full Text Search
 

To Download STR1060005GD03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3527 /3528 led strip lights without sleeves 1 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. ? ? ? ? series 3527 /2528 strip lights str1060005xx03 version 1.0 date 2011/ 10 / 17 specification led strip light s
3527 /3528 led strip lights without sleeves 2 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 3527 /2528 led strip lights the led soft strip lights are designed by using the surface mounted leds on a flexible pcb board with a viewing angle greater than 120 degree. the led lights are uniformly distributed with three leds in each perforated portio n, and each group can be cut for length requirement. the led soft strip lights are available in all kinds of colors for different decoration usage. its voltage is dc12v for safety usage. introduction features: ? adopt fpc as substrate ? high brightness smd led as li ght source with a 120 degree viewing angle. ? different colors available: pure white, cool white, red , green , blue , yellow , r g b color, etc. ? any length of 5 meters or below. ? input power: dc12v . ? can be cut or connect to the longest length of 10 me ters ? unique waterproof connector for outdoor usage. ? environment protection, saves 80% more energy than the traditional light. life span of 50000 hours. application: ? architectur e, corridor , aisle ? sign, backlighting ? hote l, ktv , decoration ? ex hibition decoration, household
3527 /3528 led strip lights without sleeves 3 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. ?? ??? ? ? ? parameters: part number color angle cct (k)/(nm) led brightness (mcd) @ 20ma average str1060005ce 03 cold white 120 5450 6600k 2200 str1060005nd 03 natural white 120 3920 4600k 2200 str1060005wd 03 warm white 120 2760 3160k 1500 str1060005 ra03 red 120 620 630nm 170 str1060005gd 03 green 120 520 535nm 900 str1060005ba 03 blue 120 460 470nm 210 str1060005 ya03 yellow 120 585 597nm 150 dimension 1 m ^?? 1 ?
3527 /3528 led strip lights without sleeves 4 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. main items ? voltage dc 12v current 400ma/m power 4.8w/m led type smd3527 (white) / smd 3528 (r /i g /i b /y ) led qty 60pcs/m life 50,000hr temperature - 20 90%
3527 /3528 led strip lights without sleeves 5 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. 1. 1m i nside package : outer box package ?? shielding bag 1pcs/ bag 1 m 1pcs/ 1 m ? size 150 * 110 mm net weight 19 g gross weight 21 g size 390 * 339 * 284 mm qty 10 0 pcs net weight: 1.9 kg (1m) gross weight : 4.3 kg (1m) 3m468 tape at the back of the strip
3527 /3528 led strip lights without sleeves 6 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. 2. >1m inside package: reel: 1pcs/reel (>1m) size 24 0 * 216 mm net weight 41 g gross weight 46 g (3m) place re el into the shilding bag: 1pcs/bag size 48 0 * 41 9 * 424 mm qty 10 0 pcs net weight: 4.1 kg (1m) gross weight : 6.7 kg ( 3 m)
3527 /3528 led strip lights without sleeves 7 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. 1. please check the correct input and output of the switching power before the installation. 2. under the cold temperature, the led strip can be powered up for a few minut es first as this can soften the strip . the user will then be able to bend the strip, then power it off . 3 . the strip should be bended in less than a 90 degree angle; otherwise the led may not be lit due to the broken led solder pad. 4. please do not power up during the installati on. the led strip should be lit up until the installation is completely finished. 5. please do not hit or force the strip when installing or using the strip. 6. please do not install the strip inside the water directly or a ny situation that can easily cause fire or explosion. 7. do not tie the strip with me tal material when installing. please avoid any external me tal material inside the strip which may cause short circuit of the strip. 8. non - waterproof strip or pvc tu be strip are more proper to use for indoor. silicone cover can be used for indoor or outdoor. 9. when the silicone cover strip s are used for outdoor, please make sure the power supply is install ed in an indoor or dry environment. note: specificati ons are subject to change without notice. any question, please contact us directly . cautions: b?
3527 /3528 led strip lights without sleeves 8 / 8 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - bri ghtek corporation. all rights reserved. the information in this document is subject to change without notice. revision history: description: revision # revision date new release of str1060005xx0 3 series v1.0 10 / 17 /2011 disclaimer qt - brightek reserves the right to make changes without further notice to any products herein to improve reliability, function or design. qt - brightek does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy qt - brighteks products are not authorized for use as critical components in life support devices or systems without the express written approval of qt - brig htek. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failu re of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of STR1060005GD03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X