Part Number Hot Search : 
PR150 XIT1700 PE3393 ZXCT1051 XS2206 AK4384 KBP158G BA6137
Product Description
Full Text Search
 

To Download SSM3055L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSM3055L 2.8a , 60v , r ds(on) 100 m ? n-channel enhancement mode mosfet 26-jul-2013 rev. a page 1 of 4 top view top view 1 2 3 4 a m b d l k f g h j e c rohs compliant product a suffix of -c specifies halogen and lead-free description the SSM3055L utilized advanced processing techniques to achieve the lowest possible on-resist ance, extremely efficient and cost-effectiveness device. the SSM3055L is universally used for all commercial-ind ustrial applications. features  simple drive requirement  small package outline marking package information absolute maximum ratings ( t a =25c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds 60 v gate-source voltage v gs 20 v t a =25c 2.8 continuous drain current 1 , v gs @10v t a =70c i d 2.3 a pulsed drain current 2 i dm 12 a power dissipation 3 t a =25c p d 1.5 w operating junction and storage temperature range t j , t stg -55~150 c thermal resistance rating maximum junction to ambient 1 r ja 85 c / w maximum junction to case 1 r jc 48 c / w package mpq leader size sot-223 2.5k 13 inch 1 g 3 s d 24 3055l           = date code sot-223 millimeter millimeter ref. min. max. ref. min. max. a 6.20 6.70 g - 0.10 b 6.70 7.30 h - - c 3.30 3.70 j 0.25 0.35 d 1.42 1.90 k - - e 4.50 4.70 l 2.30 ref. f 0.60 0.82 m 2.90 3.10
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSM3055L 2.8a , 60v , r ds(on) 100 m ? n-channel enhancement mode mosfet 26-jul-2013 rev. a page 2 of 4 electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static drain-source breakdown voltage bv dss 60 - - v v gs =0, i d =250 a gate-threshold voltage v gs(th) 1 - 2.5 v v ds =v gs , i d =250 a gate-body leakage current i gss - - 100 na v gs = 20v t j =25c - - 1 v ds =48v, v gs =0 drain-source leakage current t j =55c i dss - - 5 a v ds =48v, v gs =0 - - 100 v gs =10v, i d =2.5a drain-source on-resistance 2 r ds(on) - - 110 m  v gs =4.5v, i d =2a total gate charge q g - 5 - gate-source charge q gs - 1.68 - gate-drain (miller)charge q gd - 1.9 - nc v ds =48v, v gs =4.5v, i d =2a turn-on delay time 2 t d(on) - 1.6 - rise time t r - 7.2 - turn-off delay time t d(off) - 25 - fall time t f - 14.4 - ns v dd =30v, v gs =10v, r g =3.3  , i d =2a input capacitance ciss - 511 - output capacitance coss - 38 - reverse transfer capacitance crss - 25 - pf v gs =0, v ds =15v, f=1.0mhz source-drain diode diode forward voltage 2 v sd - - 1.2 v i s =1a, v gs =0 continuous source current 1.4 i s - - 2.8 pulsed source current 2.4 i sm - - 12 a v g =v d =0, force current reverse recovery time t rr - 9.7 - ns reverse recovery charge q rr - 5.8 - nc i s =2a, di/dt=100a/ s v gs =0 notes: 1. surface mounted on a 1 inch2 fr4 board with 2oz copper, t Q 10sec., 125c /w when mounted on min. copper pad. 2. the data tested by pulsed , pulse width Q 300 s, duty cycle Q 2% 3. the power dissipation is limited by 150 c junc tion temperature 4. the data is theoretically the same as i d and i dm , in real applications , should be limited by tota l power dissipation
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSM3055L 2.8a , 60v , r ds(on) 100 m ? n-channel enhancement mode mosfet 26-jul-2013 rev. a page 3 of 4 characteristic curves
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSM3055L 2.8a , 60v , r ds(on) 100 m ? n-channel enhancement mode mosfet 26-jul-2013 rev. a page 4 of 4 characteristic curves


▲Up To Search▲   

 
Price & Availability of SSM3055L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X