Part Number Hot Search : 
D54N40 CZRB5932 2SC42 2SC42 2SC42 AR7646 SC162 B751S
Product Description
Full Text Search
 

To Download SSF6010A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? silikron semiconductor c orporation 20 10 . 12 .15 version: 1. 1 page 1 of 5 ssf 6010 a absolute maximum ratings parameter max. units i d @t c = 25 ? c continuous d rain c urrent,vgs@10v 75 a i d @t c = 1 0 0 ? c continuous d rain c urrent,vgs@10v 4 5 i dm pulsed d rain c urrent 30 0 p d @t c = 2 5 ? c power d issipation 1 44 w linear d erating f actor 0.74 w / ? c v gs gate - to - source v oltage 20 v e as single p ulse a valanche e nergy 2 2 0 mj e ar repetitive avalanche energy tbd t j t stg operating junction and storage temperature range C 5 5 to +1 7 5 ? c thermal resist ance parameter min. typ. max. units r jc junction - to - case 1. 04 ? c/w r ja junction - to - a mbient 62 electrical characteristics @tj=25 ? c ( unless otherwise specified) parameter min. typ. max. units test conditions bv dss drain - to - source b reakdow n v oltage 60 v v gs =0v,i d =250a r ds(on) static drain - to - source o n - resistance 8 10 m v gs =10v,i d = 3 0 a v gs(th) gate t hreshold v oltage 2.0 4.0 v v ds =v gs ,i d =250a g fs forward t ransconductance 58 s v ds = 5 v,i d = 30 a i dss drain - to - source l eakage current 2 a v ds = 60 v ,v gs =0v 1 0 v ds = 60 v , v gs =0v,t j =1 5 0 ? c i gss gate - to - source f orward leakage 100 na v gs =20v gate - to - source r everse leakage - 100 v gs = - 20v ssf 6010 a top view ( d2pak ) id = 75 a bv= 60 v rdson= 8 m ? advanced trench process technology ? a valanche e nergy , 100% test ? fully characterized a valanche voltage and current description: the ssf 6010 a is a new generation of middle voltage and high current n C chan nel enhancement mode trench power mosfet. this new technology increases the device reliability and electrical parameter repeatability . ssf6010 a is assembled in high reliability and qualified assembly house. application: ? p ower switching application
? silikron semiconductor c orporation 20 10 . 12 .15 version: 1. 1 page 2 of 5 ssf 6010 a q g total g ate c harge 4 5 nc i d =30a v dd =30v v gs =10v q gs gate - to - source charge 4.2 q gd gate - to - drain("miller") charge 1 5 t d(on) turn - on d elay t ime 1 4.6 ns v dd =30v i d =2a ,r l =15 r g =2.5 v gs =10v t r rise t ime 1 4.2 t d(off) turn - off d elay t ime 40 t f f all t ime 7.3 c iss input c apacitance 1480 pf v gs =0v v ds =25v f=1.0mhz c oss output c apacitance 190 c rss reverse t ransfer c apacitance 135 source - drain ratings and characteri stics parameter min. typ. max. units test conditions i s continuous source current (body diode) 75 a mosfet symbol showing the integral reverse p - n junction diode. i sm pulsed source current (body diode) 300 v sd diode forward voltage 1. 3 v t j = 2 5 ? c,i s = 40 a,v gs =0v t rr reverse recovery time 33 ns t j = 2 5 ? c,i f = 60 a di/dt=100a/s q rr reverse recovery charge 61 nc t on forward turn - on time intrinsic turn - on time is negligible (turn - on is dominated by ls + ld) g ate charge t est c ircuit: eas test c ircuit: notes: repetitive rating; pu lse width limited by m ax junction temperature. t est condition: l =0. 3 mh, vdd = 30 v ,id=37a pulse width300s , duty cycle1.5% ; rg = 25 ?? starting tj = 25c v d d r l r g 1 m a v g s v d d b v d s s l r g
? silikron semiconductor c orporation 20 10 . 12 .15 version: 1. 1 page 3 of 5 ssf 6010 a transfer characteristic cap ac i tance on resistance vs. junction temperature breakdown voltage vs. junction temperature switch waveforms: switch time test circuit
? silikron semiconductor c orporation 20 10 . 12 .15 version: 1. 1 page 4 of 5 ssf 6010 a gate charge source - drain diode forward voltage safe operation area max drain c urrent vs. junction temperature transient thermal impedance curve
? silikron semiconductor c orporation 20 10 . 12 .15 version: 1. 1 page 5 of 5 ssf 6010 a to2 63


▲Up To Search▲   

 
Price & Availability of SSF6010A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X