Part Number Hot Search : 
MRF187R3 T311015 FZT696B BZM55C43 AD14060L NJM2110 MAX5496 1N4757
Product Description
Full Text Search
 

To Download SPN1026S56RGB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010/05/25 ver.2 page 1 spn1026 dual n-channel enhancement mode mosfet description applications the spn1026 is the dual n-channel enhancement mode field effect transistors are produced using high cell density dmos technolog y. these products have been designed to minimize on-state resistance while provide rugged, reliable, and fast switching performance. they can be u sed in most applications requiring up to 320ma dc and can deliver pulsed currents up to 1.0a. these products are particularly suited for low voltage, low current applications such as small servo motor control, power mosfet gate drivers, and other switching applications. z drivers: relays, solenoids, lamps, hammers, display, memories, transistors, etc. z high saturation current capability. direct logic-level interface: ttl/cmos z battery operated systems z solid-state relays features pin configuration( sot-563 / sc-89-6l ) part marking ? 60v/0.50a , r ds(on) = 5.0 ? @v gs =10v ? 60v/0.30a , r ds(on) = 5.5 ? @v gs =5v ? super high density cell design for extremely low r ds (on) ? exceptional on-resistance and maximum dc current capability ? sot-563 / sc-89-6l package design
2010/05/25 ver.2 page 2 spn1026 dual n-channel enhancement mode mosfet pin description pin symbol description 1 s1 source 1 2 g1 gate 1 3 d2 drain 2 4 s2 source 2 5 g2 gate 2 6 d1 drain1 ordering information part number package part marking spn1026s56rg sot-563 d SPN1026S56RGB sot-563 d spn1026s56rg : tape reel ; pb ? free SPN1026S56RGB : tape reel ; pb ? free, halogen ? free absoulte maximum ratings (t a =25 unless otherwise noted) parameter symbol typical unit drain-source voltage v dss 60 v gate ?source voltage - continuous v gss 20 v gate ?source voltage - non repetitive ( t p < 50 s) v gss 40 v continuous drain current(t j =150 ) t a =25 i d 0.32 a pulsed drain current ( ? ) i dm 1.0 a continuous source current(diode conduction) i s 0.25 a power dissipation t a =25 p d 0.30 w operating junction temperature t j -55 ~ 150 storage temperature range t stg -55 ~ 150 thermal resistance-junction to ambient r ja 375 /w
2010/05/25 ver.2 page 3 spn1026 dual n-channel enhancement mode mosfet ( ? ) pulse width limited by safe operating area electrical characteristics (t a =25 unless otherwise noted) parameter symbol conditions min. typ max. unit static drain-source breakdown voltage v (br)dss v gs =0v,i d =250ua 60 gate threshold voltage v gs(th) v ds =v gs ,i d =250ua 1.0 1.7 2.5 v gate leakage current i gss v ds =0v,v gs =20v 100 na v ds =60v,v gs =0v 1 zero gate voltage drain current i dss v ds =60v,v gs =0v t j = 85 10 ua v gs =10v,i d =0.50a 2.8 5.0 drain-source on-resistance r ds(on) v gs = 5v,i d =0.30a 3.5 5.5 ? source-drain current i sd 0.32 a source-drain current (pulsed) i sdm (2) 1.4 a forward transconductance gfs(1) v ds = 10 v, i d = 0.5 a 0.6 s diode forward voltage v sd (1) v gs = 0 v, i s = 0.2a 0.85 1.5 v dynamic total gate charge q g 1.4 2.0 gate-source charge q gs 0.8 gate-drain charge q gd v dd = 30 v, i d = 1 a, v gs = 5 v 0.5 nc input capacitance c iss 43 output capacitance c oss 20 reverse transfer capacitance c rss v ds = 25 v, f = 1 mhz, v gs = 0 6 pf t d(on) 5 turn-on time t r 15 t d(off) 7 turn-off time t f v dd = 30 v, i d = 0.5 a r g = 4.7 ? v gs = 4.5 v 8 ns (1) pulsed: pulse duration = 300 s, duty cycle 1.5 %. (2) pulse width limited by safe operating area.
2010/05/25 ver.2 page 4 spn1026 dual n-channel enhancement mode mosfet typical characteristics
2010/05/25 ver.2 page 5 spn1026 dual n-channel enhancement mode mosfet typical characteristics
2010/05/25 ver.2 page 6 spn1026 dual n-channel enhancement mode mosfet typical characteristics
2010/05/25 ver.2 page 7 spn1026 dual n-channel enhancement mode mosfet typical testing circuit
2010/05/25 ver.2 page 8 spn1026 dual n-channel enhancement mode mosfet sot-563 package outline
2010/05/25 ver.2 page 9 spn1026 dual n-channel enhancement mode mosfet
2010/05/25 ver.2 page 10 spn1026 dual n-channel enhancement mode mosfet information provided is alleged to be exact and consistent. sync power corporation presumes no responsibility for the penalties of use of such information or for any violation of pa tents or other rights of third parties which may result from its use. no license is granted by allegation or otherwise under any pate nt or patent rights of sync power corporation. conditions mentioned in this publication ar e subject to change without notice. this p ublication surpasses and replaces all information previously supplied. sync power corporation products are not authorized for use as critical components in life support devices or systems without express written approval of sync power corporation. ?the sync power logo is a registered trademark of sync power corporation ?2004 sync power corporation ? printed in taiwan ? all rights reserved sync power corporation 9f-5, no.3-2, park street nankang district (nksp), taipei, taiwan, 115, r.o.c phone: 886-2-2655-8178 fax: 886-2-2655-8468 ?http://www.syncpower.com


▲Up To Search▲   

 
Price & Availability of SPN1026S56RGB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X