Part Number Hot Search : 
40020 74HC244A RCA34B LS820 C3164 LNBP21D2 PE33673 BTA06GP
Product Description
Full Text Search
 

To Download SMART750RMXL2U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro .75kva 600w line interactive sine wave ups, extended-run & snmpwebcard options, 2u rack/tower, lcd, usb, rs232, epo, 120v model number: SMART750RMXL2U description tripp lite smartpro line interactive ups with enhanced lcd interface offers network-grade power protection for critical server, network and telecommunications equipment. line interactive uninterruptible power supply (ups) with built-in auto-voltage regulation (avr) actively corrects brownouts and overvoltages back to usable levels while maintaining a full battery charge in case of power failure. interactive lcd interface reports ups operating mode, detailed ups and site-power data, plus enables a variety of ups setup and configuration options. super-fast switchover from line to battery power occurs within milliseconds to maintain operation of connected equipment without interruption or reboot. 95% line-mode efficiency offers reduced heat emissions and operating costs. network management interfaces support communications via usb, rs-232 and optional snmpwebcard network interface. hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x. network communications ports enable detailed monitoring of equipment load levels, self-test data and utility power conditions. includes poweralert monitoring software and complete cabling. switched output load banks enable scheduled and real-time remote reboot and load shedding of select outlets. emergency power off (epo) interface. lcd display panel easily rotates for viewing in rackmount or tower configurations. audible alarm with push-button momentary alarm-cancel and silent-mode configuration options. programmable self-test. field-replaceable, hot-swappable battery modules. features tripp lite SMART750RMXL2U line interactive 2u rack/tower ups with 750va / .75kva / 600w capacity and extended runtime options line interactive ups with automatic voltage regulation (avr) corrects brownouts and overvoltages from 83 to 147v nema 5-15p input plug; 6 nema 5-15r output receptacles, two independently switched output load banks maintains uninterrupted operation of connected networking equipment during blackouts, surges, brownouts and overvoltages high 95% efficiency rating in line-power mode offers reduced power consumption and btu emisssions internal batteries offer 20.7minutes at 50% load (300w) and 8.5 minutes at 100% load (600w) extended runtime is available with optional bp24v15rt2u (limit 1), bp24v28-2u (limit 1), bp24v70-3u (multi-pack compatible) and bp24v36-2us (multi-pack compatible); output is reduced to 450 watts maximum with external battery packs external battery configurations require the use of tripp lite's external battery configuration software (see manual) highlights .75kva / 750va / 600w line interactive 2u rack/tower ups, sine wave output 120v output, corrects brownouts and overvoltages from 83v to 147v 0.8 power factor, interactive lcd interface extended runtime options up to 450w 4 post compatible mounting accessories 95% line-mode efficiency, 2 switched load banks usb, rs232, epo and slot for snmpwebcard option 120v nema 5-15p input, 6 nema 5-15r outlets package includes SMART750RMXL2U ups system poweralert software with usb, serial & epo cabling 4 post installation kit owner's manual 1 / 6
hot-swappable, user-replaceable internal batteries and external battery packs can be replaced with no disruption to connected equipment front panel lcd monitoring screen with mode and enter buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens of detailed ups and site power information lcd interface also supports a number of advanced user setup and operating preferences ships with 4 post rackmount installation hardware; optional 2postrmkitwm enables 2 post rackmount/wallmount installation; optional 2-9ustand enables tower placement built-in usb, rs-232 and optional snmpwebcard accessory monitoring options hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x included poweralert ups monitoring software; built-in emergency power off (epo) interface with cable specifications output output volt amp capacity (va) 750 output kva capacity (kva) .75 output watt capacity (watts) 600 output kw capacity .6 output power factor 0.8 output capacity details output derates to 450 watts in all external battery pack configurations nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -21%, +8% output voltage regulation (battery mode) +/- 5% built-in ups output receptacles 6 5-15r outlet(s) built-in controllable switched load banks two switchable two-outlet 5-15r load banks output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (at maximum load) 7.5a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 10a ups input cord length (ft.) 10 ups input cord length (m) 3.05 2 / 6
recommended electrical service 15a 120v phase single-phase battery full load runtime (minutes) 8.5 min. (600w) half load runtime (minutes) 20.7 min. (300w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp24v15rt2u (limit 1); bp24v28-2u (limit 1); bp24v70-3u (multi-pack compatible); bp24v36-2us (multi-pack compatible) dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) see tripp lite ups replacement battery selector battery access front panel battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 83 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 83 and 107 are boosted by 14% leds alarms & switches led indicators front panel lcd information and configuration screen offers detailed ups and site power status and operating data, plus configuration of voltage, operating mode, alarm function and a variety of additional options (see manual for detailed lcd configuration and monitoring options) alarms audible alarm indicates ups startup, power-failure, low-battery, overload, ups fault and remote shutdown conditions alarm cancel operation power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option available switches 3 pushbutton switches control off / on power status, mode selection and mute / enter control functions surge / noise suppression ups ac suppression joule rating 570 joules emi / rfi ac noise suppression yes physical installation form factors supported with optional accessories 2 post rackmount (2postrmkitwm); wallmount (2postrmkitwm); tower (2-9ustand) primary form factor rackmount 3 / 6
ups / power module dimensions in primary form factor (height x width x depth / inches) 3.45 x 17.35 x 13.15 ups / power module dimensions in primary form factor (height x width x depth / cm) 8.8 x 44.1 x 33.4 rack height 2u secondary form factor tower (requires 2-9ustand ) ups / power module weight (lbs) 35.4 ups / power module weight (kg) 16.1 ups shipping dimensions (height x width x depth / inches) 7.9 x 22.85 x 19.3 ups shipping dimensions (height x width x depth / cm) 20.1 x 58 x 49 shipping weight (lbs) 46.4 shipping weight (kg) 21.1 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 109 ac mode efficiency rating (100% load) 95% communications communications interface usb; db9 serial; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 4 milliseconds (ac to battery mode), 2 milliseconds (battery to ac mode) low voltage transfer to battery power (setpoint) 83 high voltage transfer to battery power (setpoint) 147 4 / 6
special features grounding lug back panel grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green & high efficiency features individually controllable load banks certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. wext5-500-1500 5-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 snmpwebcard for remote monitoring and control via snmp, web, or telnet. 1 envirosense monitors temperature, humidity and contact-closure inputs. (requires snmpwebcard or switched pdu.) 1 srswitch magnetic door switch kit for front and rear doors; requires envirosense 1 bp24v36-2us bp24v36-2us - 2u external 24v rackmount battery pack for select tripp lite ups systems 1 bp24v15rt2u bp24v15rt2u - external battery pack for ups system 1 bp24v28-2u bp24v28-2u - external battery pack for ups system 1 bp24v70-3u bp24v70-3u - external battery pack for ups system 1 2postrmkitwm enables 2-post rackmount or wallmount installation of select rackmount ups systems 1 rbc24v-lcd 2u ups replacement battery cartridge for select tripp lite ups 1 2-9ustand enables tower placement of rackmount ups systems 1 pdub15 single-phase hot-swap pdu, 15a 120v, 2u horizontal rackmount, 8 nema 5-15r outlets, set of 2 nema 5-15p input plugs 1 pdu1215 basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 pduv15 single-phase basic pdu, 15a 120v, 0u vertical rackmount, 14 nema 5-15r outlets, nema 5-15p input plug 1 5 / 6
pdumh15 single-phase metered pdu, 15a 120v, 1u horizontal rackmount, 13 nema 5-15r outlets, nema 5-15p input plug 1 pdumv15 single-phase metered pdu, 15a 120v, 0u vertical rackmount, 16 nema 5-15r outlets, nema 5-15p input plug 1 pdumnh15 single-phase monitored pdu, 15a 120v, 1u horizontal rackmount, 8 nema 5-15r outlets, nema 5-15p input plug 1 pdumnv15 single-phase monitored pdu, 15a 120v, 0u vertical rackmount, 16 nema 5-15r outlets, nema 5-15p input plug 1 pdumh15net single-phase switched pdu, 15a 120v, 1u horizontal rackmount, 16 nema 5-15r outlets, nema 5-15p input plug 1 pdumv15net single-phase switched pdu, 15a 120v, 0u vertical rackmount, 16 nema 5-15r outlets, nema 5-15p input plug 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART750RMXL2U . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 6 / 6
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? SMART750RMXL2U


▲Up To Search▲   

 
Price & Availability of SMART750RMXL2U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X