Part Number Hot Search : 
TLP25 00TTS 071973 MANF460C LC8390M KJ12ETT 2SC109A FDA125
Product Description
Full Text Search
 

To Download SI2307CDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SI2307CDS features ? halogen-free opti on available ? trenchfet ? power mosfet applications ? load switch for portable devices product summary v ds (v) r ds(on) ( ) i d (a) a, b q g (typ.) - 30 0.088 at v gs = - 10 v - 2.7 4.1 nc 0.138 at v gs = - 4.5 v - 2.2 ordering information: SI2307CDS-t1-e3 (lead (pb)-free) SI2307CDS-t1-ge3 (lead (pb)-free and halogen-free) g to-236 (sot-23) s d top view 2 3 1 * marking code SI2307CDS (n7)* s g d p-channel mosfet notes: a. surface mounted on 1" x 1" fr4 board. b. t = 5 s. c. maximum under steady stat e conditions is 166 c/w. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds - 30 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) a, b t c = 25 c i d - 3.5 a t c = 70 c - 2.8 t a = 25 c - 2.7 a, b t a = 70 c - 2.2 a, b pulsed drain current (10 s pulse width) i dm - 12 continuous source-drain diode current a, b t c = 25 c i s - 1.5 t a = 25 c - 0.91 a, b maximum power dissipation a, b t c = 25 c p d 1.8 w t c = 70 c 1.14 t a = 25 c 1.1 a, b t a = 70 c 0.7 a, b operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) c 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient a, c t 5 s r thja 90 115 c/w maximum junction-to-foot (drain) steady state r thjf 55 70 rohs compliant product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not s ubject to production testing. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = - 250 a - 30 v v ds temperature coefficient v ds /t j i d = - 250 a - 32 mv/c v gs(th) temperature coefficient v gs(th) /t j 4.5 gate-source threshold voltage v gs(th) v ds = v gs , i d = - 250 a - 1 - 3 v gate-source leakage i gss v ds = 0 v, v gs = 20 v - 100 na zero gate voltage drain current i dss v ds = - 30 v, v gs = 0 v - 1 a v ds = - 30 v, v gs = 0 v, t j = 55 c - 10 on-state drain current a i d(on) v ds 5 v, v gs = - 10 v - 6 a drain-source on-state resistance a r ds(on) v gs = - 10 v, i d = - 3.5 a 0.073 0.088 v gs = - 4.5 v, i d = - 2.5 a 0.110 0.138 forward transconductance a g fs v ds = - 10 v, i d = - 3.5 a 7s dynamic b input capacitance c iss v ds = - 15 v, v gs = 0 v, f = 1 mhz 340 pf output capacitance c oss 67 reverse transfer capacitance c rss 51 total gate charge q g v ds = - 15 v, v gs = - 4.5 v, i d = - 2.5 a 4.1 6.2 nc gate-source charge q gs 1.3 gate-drain charge q gd 1.8 gate resistance r g f = 1 mhz 10 tu r n - o n d e l ay t i m e t d(on) v dd = - 15 v, r l = 15 i d ? - 1 a, v gen = - 4.5 v, r g = 1 40 60 ns rise time t r 40 60 turn-off delay time t d(off) 20 40 fall time t f 17 30 tu r n - o n d e l ay t i m e t d(on) v dd = - 15 v, r l = 15 i d ? - 1 a, v gen = - 10 v, r g = 1 5.5 10 rise time t r 13 25 turn-off delay time t d(off) 17 30 fall time t f 7.7 15 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c - 1.5 a pulse diode forward current i sm - 12 body diode voltage v sd i s = - 0.75 a, v gs = 0 v - 0.8 - 1.2 v body diode reverse recovery time t rr i f = - 2.5 a, di/dt = 100 a/s, t j = 25 c 17 30 ns body diode reverse recovery charge q rr 11 20 nc reverse recovery fall time t a 12 ns reverse recovery rise time t b 5 SI2307CDS product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SI2307CDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X