Part Number Hot Search : 
63SKUKB LC66E408 74AUC1G BCP56 P1800Z LTC3210 CPH3104 ANALOG
Product Description
Full Text Search
 

To Download SF2040B-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 1 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2040B-3-011207 notes: 1. unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demo nstration board with impedance matching to 50 w and measured with 50 w network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is depende nt on pcb layout and external impedance matching design. see application note no. 42 for details. 4. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototypes." 5. the design, manufacturing process, and specifications of this filter are subject to change. 6. tape and reel standard ansi / eia 481. 7. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may va ry between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 8. us and international patents may apply. 9. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. 10. ?copyright 1999, rf monolithics inc. 11. electrostatic sensitive device. observe precautions for handling. electrical characteristics characteristic sym notes min typ max units nominal center frequency f c 1 80.460 mhz passband insertion loss il 9.5 12.0 db 1db passband bw 1 1 3.7 4.1 mhz 15db bandwidth bw 15 6.6 6.7 mhz 30db bandwidth bw 30 7.6 7.7 mhz amplitude ripple over fc 1.85 mhz 0.5 1.1 db p-p group delay variation over fc 1.85 mhz gdv 60 150 ns p-p rejection 50 to 74.39 mhz 1, 3 40 44 db 74.39 to 75.99 mhz 34 40 85.21 to 86.65 mhz 37 44 86.65 to 91.50 mhz 40 48 91.50 to 95.21 mhz 44 53 95.21 to 100 mhz 45 53 operating temperature range t a 1 -40 +85 c frequency temperature coefficient ftc -18 ppm/c differential input 175 ohms differential output 1000 ohms case style 6 smp-03-s 5 x 7 mm nominal footprint lid symbolization (yy=year, ww=week, s=shift) see note 4 rfm SF2040B-3 yywws smp-03-s ? designed for sdars if receiver ? low insertion loss ? 5.0 x 7.0 mm surface-mount case ? differential or single ended input and output ? complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units maximum incident power in passband +10 dbm max. dc voltage between any 2 terminals 30 vdc storage temperature range -40 to +85 c max soldering profile 265c for 10 s 80.460 mhz saw filter SF2040B-3 pb connection port 1 hot port 1 ground return or hot port 2 hot port 2 ground return or hot case ground terminals 10 1 5 6 all others electrical connections
80.460 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 2 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2040B-3-011207 smp-03-s case 12-terminal ceramic surface-mount case 5 x 7 mm nominal footprint case dimensions dimension mm inches min nom max min nom max a 6.80 7.00 7.20 0.268 0.276 0.283 b 4.80 5.00 5.20 0.189 0.197 0.205 c 1.65 2.00 0.065 0.079 d 0.80 e 2.41 2.54 2.67 0.095 0.100 0.105 h 0.87 1.1 1.13 0.034 0.039 0.044 j 2.54 k 2.87 3.00 3.13 0.113 0.118 0.123 p 1.14 1.27 1.40 0.045 0.050 0.055 materials solder pad termination au plating 30 - 60 inches (76.2-152 m) over 80- 200 inches (203-508 m) ni. lid fe-ni-co alloy electroless nickel plate (8-11% phosphorus) 100-200 inches thick body al 2 o 3 ceramic pb free pb
80.460 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 3 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2040B-3-011207 cover tape size k o cover tape 0.32 mm 0.3 2.15 mm 0.2 w (carrier tape size) a o b o p (pitch) 1.5 mm +0.1 -0.0 4.0 mm 0.1 2.0 mm 0.1 1.75 mm 0.1 7.5 mm 0.1 1.5 mm +0.3 -0.0 pin #1 user direction of feed componentorientationanddimensions carrier tape dimensions ao 5.5 mm 0.1 bo 7.5 mm 0.1 ko 2.0 mm 0.1 pitch 8.0 mm 0.1 w 16.0 mm 0.3


▲Up To Search▲   

 
Price & Availability of SF2040B-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X