elektronische bauelemente SBL20U45 voltage 45v, 20.0 amp low vf planar mos barrier schottky rectifier 18-feb-2014 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 11 1 2 22 2 3 33 3 a m p j k l l g f b n d e o c h rohs compliant product a suffix of -c specifies halogen free features planar mos schottky technology low forward voltage drop high current capability high reliability high surge current capability epitaxial construction mechanical data case: molded plastic epoxy: ul94v-0 rate flame retardant lead: lead solderable per mil-std-202 method 208 guaranteed polarity: as marked mounting position: any weight: 1.98 g (approximate) maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 45 v working peak reverse voltage v rsm 45 v maximum dc blocking voltage v dc 45 v (per leg) 10 maximum average forward rectified current (per device) i f 20 a peak forward surge current, 8.3 ms single half sine-w ave i fsm 150 a voltage rate of chance (rated v r ) dv/dt 10000 v / s typical thermal resistance r jc 2 c /w operating and storage temperature range t j ,t stg -40~150 c electrical characteristics parameter symbol typ. max. unit test condition 0.34 0.37 i f = 3a, t j = 25c 0.38 0.42 i f = 5a, t j = 25c 0.43 0.45 i f = 8a, t j = 25c 0.46 0.48 i f = 10a, t j = 25c maximum instantaneous forward voltage v f 0.45 - v i f = 10a, t j = 125c - 0.5 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r - 15 ma t j =100c typical junction capacitance 1 c j 420 - pf notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. to - 220 millimeter millimeter ref. min. max. ref. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h 3.5 4.5
elektronische bauelemente SBL20U45 voltage 45v, 20.0 amp low vf planar mos barrier schottky rectifier 18-feb-2014 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves
|