elektronische bauelemente SBL20U120F voltage 120v 20.0 amp low vf trench mos barrier schottky rectifier 05-jun-2013 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 11 1 2 22 2 3 33 3 rohs compliant product a suffix of -c specifies halogen free features trench mos schottky technology low forward voltage drop low reverse current high current capability high reliability high surge current capability epitaxial construction mechanical data case: molded plastic epoxy: ul94v-0 rate flame retardant lead: lead solderable per mil-std-202 method 208 guaranteed polarity: as marked mounting position: any weight: 1.98 g (approximate) maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 120 v working peak reverse voltage v rsm 120 v maximum dc blocking voltage v dc 120 v (per leg) 10 maximum average forward rectified current (per device) i f 20 a peak forward surge current, 8.3 ms single half sine-w ave i fsm 150 a voltage rate of chance (rated v r ) dv/dt 10000 v / s typical thermal resistance r jc 4 c /w operating and storage temperature range t j ,t stg -40~150 c electrical characteristics parameter symbol typ. max. unit test condition 0.66 0.7 i f = 3a, t j = 25c 0.71 0.75 i f = 5a, t j = 25c 0.8 0.85 i f = 10 a, t j = 25c maximum instantaneous forward voltage v f 0.65 - v i f = 10 a, t j = 125c - 0.1 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r - 10 ma t j =100c typical junction capacitance 1 c j 210 - pf notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. i to - 220 millimeter millimeter ref. min. max. ref. min. max. a 14.60 15.7 0 h 2.70 4.00 b 9.50 10.50 j 0.90 1.50 c 12.60 14.0 0 k 0.50 0.90 d 4.30 4.70 l 2.34 2.74 e 2.3 0 3.2 m 2.4 0 3.0 0 f 2.3 0 2.9 0 n 3. 0 3.4 g 0.30 0.75 a m j k l l g f b n d e c h
elektronische bauelemente SBL20U120F voltage 120v 20.0 amp low vf trench mos barrier schottky rectifier 05-jun-2013 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves
|