Part Number Hot Search : 
ZK102 IRFP264 CO66505 CXP85632 1N4774 10TQI 75M035 ECCM9
Product Description
Full Text Search
 

To Download RP-SDF02G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rp - sdf specification number psd11 3adg00 page 1 of 2 fx series sd memory c ard, industrial slc model product outline fx series ar e sd/sdhc memory cards adopting built - in industrial slc type nand flash memor y and is suitable for industrial applications where frequent writes are required. they are ade quate for the applications, where large data load are written, such as security camera, factory auto mation , broadcast equipment and drive recorders. they are formatted complying with sd card specification. specifi cations and appearances may be changed without notice. absolute m aximum r atings are the values of limitation, wh ich do not damage the card. t hose values do not define the operational range. products comply with eu rohs directives. 2gb 4gb 8gb RP-SDF02G rp-sdf04g rp-sdf08g capacity available user data area capacity*1) 2,014,445,568 byte 3,955,195,904 byte 8,048,836,608 byte sd physical specification sd speed class uhs speed grade - speed mode high speed, default speed backside mark control code read 22mb/s (high speed) 90mb/s (sdr104) 95mb/s (sdr104) write 20mb/s (high speed) 40mb/s (sdr104) 80mb/s (sdr104) supply voltage input voltage output voltage output current operating temperature storage temperature humidity vibration shock mating cycles *1) free area capacity after formatted 1000 g 15 gp-p 10,000 cycles environmental specification -40 degree c to 85 degree c -40 degree c to 85 degree c 5 % to 95 %  ver. 3.01 compliant specifiction part number appearance high speed, default speed sdr104, sdr50, ddr50, sdr25, sdr12 absolute maximum ratings read/write performance up to r2b9 min: -0.3v max: 4.6v min: -0.3v max: vdd+0.3v min: -0.3v max: vdd+0.3v min: -24ma max: 24ma
rp - sdf specification number psd11 3adg00 page 2 of 2 laser mark on th e back - side (ex ample ; 2gb) 0000 control code (defined as product parts combination) 00 ym 0000000 serial number y last digit of manufacture year m manufacture month (january - >a, february - >b, ) 2gb card capacity f series name made in japan country of origin warranty if the product cannot be used because of failure which is determined as defect in design or production of the prod uct , it is replaced by same product or equivalent one within 12 months from the d elivery date of product .


▲Up To Search▲   

 
Price & Availability of RP-SDF02G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X