Part Number Hot Search : 
GH40N60 HMC476 KTHC5513 MAX87 KDS160 K2010 E7580 IT610HX
Product Description
Full Text Search
 

To Download RLT415-50PMG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  roithner lasertechnik schoenbrunner strasse 7, vienna, austria tel: +43 -1- 586 52 43-0 fax: +43 -1- 586 52 43-44 office@roithner-laser.com www.roithner-laser.com RLT415-50PMG technical data violet pulsed laser diode structure: gan, multimode lasing wavelength: typ. 415 nm pulse output power: typ. 50 mw (max. 200 mw) package: 5.6 mm absolute maximum ratings (tc = 25c) characteristic symbol rating unit optical output power p o 200 mw ld reverse voltage v r(ld) 3 v operation case temperature t c -20 .. +40 c storage temperature t stg -30 .. +70 c optical-electrical characteristics (tc = 25c) characteristic symbol test condition min typ max unit threshold current i th pulse mode 500 ma pulse operation current i pulse p o = 50 mw 650 ma operating voltage v op p o = 50 mw 10 v lasing wavelength p p o = 50 mw 410 415 420 nm lasing bandwidth ? fwhm 1.5 nm emitting aperture a l p o = 50 mw 15 x 0.3 m2 beam divergence // p o = 50 mw 8 beam divergence p o = 50 mw 30 slope efficiency p o = 50 mw 0.3 mw/ma maximum duty cycle d max p o = 50 mw 0.3 % pulse length i p p o = 50 mw 50 200 ns maximum pulse frequency f p i p = 50 ns 100 khz rise time t r p o = 50 mw <6.5 ns fall time t f p o = 50 mw <5.0 ns estimated life time t l p o = 50 mw 1000 h estimated overall pulses n p p o = 50 mw 3.6 x 10 11 pulse
typ. pulse shape typ. lasing spectrum -20-10 0 10203040506070 0 0.1 0.9 1 5 ns 6.5 ns normalized optical power time ( ns ) 350 375 400 425 450 475 500 0 500 1000 1500 2000 2500 3000 module 00107 intensity (arb. units) wavelength (nm)


▲Up To Search▲   

 
Price & Availability of RLT415-50PMG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X