Part Number Hot Search : 
2SC2634R MAX5496 KBP00 CXXXX AP3971 P31430 K16A60W AD842
Product Description
Full Text Search
 

To Download RJK6025DPH-E0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r07ds1012ej0100rev.1.00 page 1 of 6 feb 12, 2013 preliminary datasheet RJK6025DPH-E0 600v - 1a - mos fet high speed power switching features ? low on-resistance r ds(on) = 13 ? typ. (at i d = 0.5 a, v gs = 10 v, ta = 25 ? c) ? low drive current ? high density mounting outline 1 1. gate 2. drain 3. source 4. drain 3 2 4 d g s renesas package code: prss0004zj-b (package name: to-251) absolute maximum ratings (ta = 25c) item symbol ratings unit drain to source voltage v dss 600 v gate to source voltage v gss ? 30 v drain current i d 1 a drain peak current i d (pulse) note1 2 a body-drain diode reverse drain current i dr 1 a body-drain diode reverse drain peak current i dr (pulse) note1 2 a channel dissipation pch note2 29.7 w channel to case thermal impedance ? ch-c 4.2 ?c/w channel temperature tch 150 ?c storage temperature tstg ?55 to +150 ?c notes: 1. pw ? 10 ? s, duty cycle ? 1% 2. value at tc = 25 ?c r07ds1012ej0100 rev.1.00 feb 12, 2013
RJK6025DPH-E0 preliminary r07ds1012ej0100rev.1.00 page 2 of 6 feb 12, 2013 electrical characteristics (ta = 25c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 600 ? ? v i d = 10 ma, v gs = 0 zero gate voltage drain current i dss ? ? 1 ? av ds = 600 v, v gs = 0 gate to source leak current i gss ? ? 0.1 ? av gs = ? 30 v, v ds = 0 gate to source cutoff voltage v gs(off) 3 ? 5 v v ds = 10 v, i d = 1 ma static drain to source on state resistance r ds(on) ? 13.5 17.5 ? i d = 0.5 a, v gs = 10 v note3 input capacitance ciss ? 37.5 ? pf output capacitance coss ? 7.5 ? pf reverse transfer capacitance crss ? 0.9 ? pf v ds = 25 v v gs = 0 f = 1 mhz turn-on delay time t d(on) ? 30 ? ns rise time t r ? 14.5 ? ns turn-off delay time t d(off) ? 48 ? ns fall time t f ? 77 ? ns i d = 0.2 a v gs = 10 v r l = 1500 ? rg = 10 ? total gate charge qg ? 5.0 ? nc gate to source charge qgs ? 0.7 ? nc gate to drain charge qgd ? 3.3 ? nc v dd = 480 v v gs = 10 v i d = 1.0 a body-drain diode forward voltage v df ? 0.85 1.45 v i f = 1.0 a, v gs = 0 note3 body-drain diode reverse recovery time t rr ? 230 ? ns i f = 0.4 a, v gs = 0 di f /dt = 100 a/ ? s notes: 3. pulse test 4. since this device is equipped with high voltage fet chip (v dss ?? 600 v), high voltage may be supplied. therefore, please be sure to confirm about electr ic discharge between drain terminal and other terminal. 5. this device is sensitive to electrostatic discharge. it is recommended to adopt appropriate cautions when handling this product.
RJK6025DPH-E0 preliminary r07ds1012ej0100rev.1.00 page 3 of 6 feb 12, 2013 main characteristics 1 0.1 0.01 0.001 50 40 30 20 10 0 0 1.2 1.0 0.8 0.6 0.4 0.2 0 4 8 12 16 20 drain to source voltage v ds (v) drain current i d (a) typical output characteristics gate to source voltage v gs (v) drain current i d (a) typical transfer characteristics 0.01 1 0.1 10 100 1 drain current i d (a) drain to source on state resistance r ds(on) () static drain to source on state resistance vs. drain current (typical) drain to source voltage v ds (v) drain current i d (a) maximum safe operation area case temperature tc (c) static drain to source on state resistance r ds(on) () static drain to source on state resistance vs. temperature (typical) 0246 10 8 ta = 25c pulse test 5.4 v v g s = 4.8 v 5.2 v 5.6 v 5.8 v 5 v 6 v 8, 10 v v gs = 10 v ta = 25c pulse test tc = 75c 25c -25 0 50 25 75 100 125 150 i d = 0.8 a 0.2 a 0.4 a 0.1 1 10 1000 100 10 reverse drain current i dr (a) reverse recovery time t rr (ns) body-drain diode reverse recovery time (typical) di / dt = 100 a / s v gs = 0, ta = 25c 0.01 0.1 1 10 1 10 100 1000 tc = 25c 1 shot operation in this area is limited by r ds(on) 10 s pw = 100 s v gs = 10 v pulse test v ds = 10 v pulse test ?25c
RJK6025DPH-E0 preliminary r07ds1012ej0100rev.1.00 page 4 of 6 feb 12, 2013 050 150 100 300 250 200 1000 100 800 16 600 12 400 8 200 0 4 0 10 1 0.1 capacitance c (pf) drain to source voltage v ds (v) typical capacitance vs. drain to source voltage gate charge qg (nc) drain to source voltage v ds (v) gate to source voltage v gs (v) dynamic input characteristics (typical) 0 0.4 0.8 1.2 1.6 2.0 source to drain voltage v sd (v) reverse drain current vs. source to drain voltage (typical) reverse drain current i dr (a) case temperature tc (c) gate to source cutoff voltage vs. case temperature (typical) gate to source cutoff voltage v gs(off) (v) 0 020406080 100 0 2 1 3 5 4 -25 0 25 50 75 100 125 150 v ds = 10 v 1 ma 0.1 ma ciss coss crss v gs v ds = 480 v 300 v 100 v v ds i d = 0.8 a ta = 25c v ds = 480 v 300 v 100 v v gs = 0 f = 1 mhz ta = 25c 1.2 1.0 0.8 0.6 0.4 0.2 v gs = 0 v ta = 25c pulse test i d = 10 ma
RJK6025DPH-E0 preliminary r07ds1012ej0100rev.1.00 page 5 of 6 feb 12, 2013 vin monitor d.u.t. vin 10 v r l v dd = 2 v t r t d(on) vin 90% 90% 10% 10% vout t d(off) vout monitor 10 90% 10% t f switching time test circuit waveform 2 1 0.5 0.1 0.2 100 1 m 10 m 100 m 1 10 100 p dm pw t d = pw t ch ? c(t) = s (t) ? ch ? c ch ? c = 4.2c/w, tc = 25c tc = 25c d = 1 0.5 0.2 0.1 pulse width pw (s) normalized transient thermal impedance s (t) normalized transient thermal impedance vs. pulse width 0.02 0.05 0.01 1 shot pulse
RJK6025DPH-E0 preliminary r07ds1012ej0100rev.1.00 page 6 of 6 feb 12, 2013 package dimensions unit: mm 5.3 4 0 . 5 0.76 0 . 10 1.02 0 . 2 0.96 max. 2.3 2.3 6.6 0 . 5 0.5 0 . 5 2.3 0 . 5 6.1 0 . 5 9.3 0 . 5 0.7 0 . 5 1.8 0 . 5 0.50 + 0.10 ? 0.05 previous code prss0004zj-b to-251s mass[typ.] 0.38g  renesas code jeita package code package name to-251 ordering information orderable part no. quantity shipping container RJK6025DPH-E0#t2 70 pcs tube
notice 1. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 2. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 3. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 4. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from such alteration, modification, copy or otherwise misappropriation of renesas electronics product. 5. renesas electronics products are classified according to the following two quality grades: "standard" and "high quality". t he recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots etc. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; an ti-crime systems; and safety equipment etc. renesas electronics products are neither intended nor authorized for use in products or systems that may pose a direct threat t o human life or bodily injury (artificial life support devices or systems, surgical implantations etc.), or may cause serious property damages (nuclear reactor control systems, military equipment etc.). you mus t check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application for which it is not intended. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for which the product is not intended by renesas electronics. 6. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas e lectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 7. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance desig n. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or systems manufactured by you. 8. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatib ility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 9. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufactu re, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. you should not use renesas electronics products or technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. when exporting the renesas electronics products or technology described in this do cument, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. 10. it is the responsibility of the buyer or distributor of renesas electronics products, who distributes, disposes of, or othe rwise places the product with a third party, to notify such third party in advance of the contents and conditions set forth in this document, renesas electronics assumes no responsibility for any losses incurred by yo u or third parties as a result of unauthorized use of renesas electronics products. 11. this document may not be reproduced or duplicated in any form, in whole or in part, without prior written consent of renesa s electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. htt p ://www.renesas.co m refer to "htt p ://www.renesas.com/" for the latest and detailed information . r e n esas el ec tr o ni cs am e ri ca in c . 2880 scott boulevard santa clara , ca 95050-2554 , u.s.a . tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-651-700, fax: +44-1628-651-804 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 80 bendemeer road, unit #06-02 hyflux innovation centre singapore 339949 tel: +65-6213-0200, fax: +65-6213-0300 renesas electronics mala y sia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petalin g jaya, selan g or darul ehsan, malaysi a tel: +60-3-7955-9390 , fax: +60-3-7955-951 0 renesas electronics korea co. , ltd . 11f., samik lavied' or bld g ., 720-2 yeoksam-don g , kan g nam-ku, seoul 135-080, korea tel: +82-2-558-3737 , fax: +82-2-558-514 1 s ale s o ffi c e s ? 2013 renesas electronics corporation. all ri g hts reserved . colo p hon 2.2


▲Up To Search▲   

 
Price & Availability of RJK6025DPH-E0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X