Part Number Hot Search : 
0S223K MAX2314 MM1Z8B2 SPN3009 33001 R2M35 MSC7166 EE08042
Product Description
Full Text Search
 

To Download R3116Q351C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r3116x series 0.8% low voltage detector with output delay no.ea-161-140819 1 outline the r3116x series are cmos-based voltage detector ic s with high detector threshold accuracy and ultra-low supply current, which can be operated at an extremely lo w voltage and is used for system reset as an example. each of these ics consists of a voltage reference unit, a comparator, resistors for detector threshold setting, an output driver, a hysteresis circuit and an output delay circuit. the detector threshold is internally fixed with high accuracy and does not require any adjustment. two output types, nch open drain type and cmos type are available. the r3116x series are operable at a lower voltage t han that of the r3112x se ries, and can be driven by a single battery. three types of packages, sot-23-5, sc- 82ab, and dfn(plp)1010-4 are available. features ? supply current ...................................................................... typ. 0.35 a (-v det = 1.5v, v dd = -v det + 1v) ? operating voltage range ...................................................... 0.5v to 6.0v (t opt = 25 c) ? detector threshol d range .................................................... 0.7v to 5.0v (0.1v step) ? detector threshold accuracy ................................................ 0.8% (-v det 1.5v) ? temperature-drift coefficient of detector threshold ............ typ. 30ppm/ c ? built-in output delay ci rcuit .................................................. typ. 100ms with an external capacitor: 0.022 f ? output delay time accuracy ................................................. 15% (-v det 1.5v) ? output types ......................................................................... nch open drain "l" and cmos ? packages .............................................................................. dfn( plp)1010-4, sc-82ab, sot-23-5 applications ? cpu and logic circuit reset ? battery checker ? window comparator ? wave shaping circuit ? battery back-up circuit ? power failure detector
r3116x no.ea-161-140819 2 block diagrams nch open drain output (r3116xxx1a) cmos output (r3116xxx1c) out v dd vref gnd delay circuit c d v dd vref gnd delay circuit c d out selection guide the package type, the detector threshol d, the output type and the taping type fo r the ics can be selected at the users? request. product name package quantity per reel pb free halogen free r3116kxx1 ? -tr dfn(plp)1010-4 10,000 pcs yes yes r3116qxx1 ? -tr-fe sc-82ab 3,000 pcs yes yes r3116nxx1 ? -tr-fe sot-23-5 3,000 pcs yes yes xx : the detector threshold can be designated in the range from 0.7v(07) to 5.0v(50) in 0.1v step. ? : designation of output type (a) nch open drain (c) cmos
r3116x no.ea-161-140819 3 pin descriptions ? dfn(plp)1010-4 top view 2 1 3 4 bottom view 1 2 4 3 ? ? sot-23-5 ? sc-82ab 1 4 5 23 (mark side) 12 3 4 (mark side) ? dfn(plp)1010-4 ? 1 out output pin ("l" at detection) 1 out output pin ("l" at detection) 2 c d pin for external capacitor (for setting output delay) 2 v dd input pin 3 gnd ground pin 3 gnd ground pin 4 v dd input pin 4 nc no connection 5 c d pin for external capacitor (for setting output delay) ? sc-82ab pin no. symbol description 1 v dd input pin 2 gnd ground pin 3 c d pin for external capacitor (for setting output delay) 4 out output pin ("l" at detection) ? ) tab is gnd level. (they are connected to the reverse side of this ic.) the tab is better to be connected to the gnd, but leaving it open is also acceptable.
r3116x no.ea-161-140819 4 absolute maximum ratings symbol item rating unit v dd supply voltage 7.0 v v out output voltage (nch open drain output) v ss ? 0.3 to 7.0 v output voltage (cmos output) v ss ? 0.3 to v dd + 0.3 i out output current 20 ma p d power dissipation (sot-23-5) ? 420 mw power dissipation (sc-82ab) ? 380 power dissipation (dfn(plp)1010-4) ? 400 topt operating temperature range ? 40 to 85 c tstg storage temperature range ? 55 to 125 c ? please refer to package information for detailed information. absolute maximum ratings electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent damages and may degrade the life time and safe ty for both device and sy stem using the device in the field. the functional operation at or over these absolute maximum ratings is not assured. recommended operating conditions (electrical characteristics) all of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. the semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. and the semiconductor de vices may receive serious damage when they continue to operate over the recommended operating conditions.
r3116x no.ea-161-140819 5 electrical characteristics ? r3116xxx1a/c values indicate ? 40c t opt 85c, unless otherwise noted. (topt = 25 c) symbol item conditions min. typ. max. unit -v det detector threshold t opt = 25 c 1.5v < -v det 5.0v -v det 0.992 -v det 1.008 v 0.7v ? 40 c t opt 85 c 1.5v < -v det 5.0v -v det 0.985 -v det 1.015 v 0.7v -v det 1.5v -22.5 +22.5 mv v hys detector threshold hysteresis -v det 0.04 -v det 0.07 v i ss supply current v dd = -v det ? 0.1v 0.7v -v det < 1.6v 1.400 a 1.6v -v det < 3.1v 1.500 3.1v -v det < 4.1v 1.600 4.1v -v det 5.0v 1.700 v dd = -v det +1.0v 0.7v -v det < 1.6v 1.200 1.6v -v det < 3.1v 1.200 3.1v -v det < 4.1v 1.300 4.1v -v det 5.0v 1.400 v ddh maximum operating voltage 6 v v ddl minimum operating voltage ? 1 t opt = 25 c 0.50 v ? 40 c t opt 85 c 0.55 i out output current (driver output pin) nch v dd = 0.55v, v ds = 0.05v 7 a 0.7v -v det < 1.1v v dd = 0.6v, v ds = 0.5v 0.020 ma 1.1v -v det < 1.6v v dd = 1.0v, v ds = 0.5v 0.400 1.6v -v det < 3.1v v dd = 1.5v, v ds = 0.5v 1.000 3.1v -v det 5.0v v dd = 3.0v, v ds = 0.5v 2.400 pch ? 2 0.7v -v det < 4.0v v dd = 4.5v, v ds =? 2.1v 0.650 ma 4.0v -v det 5.0v v dd = 6.0v, v ds =? 2.1v 0.900 i leak nch driver leakage current ? 3 v dd = 6.0v, v ds = 7.0v 80 na -v det / t opt detector threshold temperature coefficient 30 ppm / c t d output delay time c d = 0.022 f v dd = -v det ? 0.1v to -v det 1.1v t opt = 25 c 0.7v ? 40 c t opt 85 c 0.7v -v det < 1.5v 70 100 150 1.5v -v det 5.0v 75 135 all of unit are tested and specified under load conditions such that t opt = 25c except for detector threshold temperature coefficient. *1: minimum operating voltage means the value of input voltage when output voltage maintains 0.1v or less. (in case of nch open drain output type, the output pin is pulled up with a resistance of 470k ? to 5.0v) *2: in case of cmos type *3: in case of nch open drain type
r3116x no.ea-161-140819 6 timing chart gnd gnd detect delay time (t phl ) output delay time (t d ) supply v oltage (v dd ) output v oltage (v out ) c d pin v oltage ( - v det ) (+v det ) detector threshold released voltage c d pin threshold voltage (v tcd ) ? output delay time output delay time (t d ) can be calculated with the next formula using the external capacitor: t d (s) = 4.5 10 6 c d (f) definition of output delay time output delay time (t d ) is defined as follows: 1. in the case of nch open drain output: under the condition of the output pin (out ) is pulled up through a resistor of 470k to 5v, the time interval between the rising edge of v dd pulse from (-v det ) ? 0.1v to (-v det ) 1.1v pulse voltage is supplied, the becoming of the output voltage to 2.5v. 2. in the case of cmos output: the time interval between the rising edge of v dd pulse from (-v det ) ? 0.1v to (-v det ) 1.1v pulse voltage is supplied, the becoming of the output voltage to ((-v det ) 1.1v)/2. supply voltage (v dd ) output voltage (v out ) ? v det 1.1v ? v det ? 0.1v gnd 5.0v 2.5v gnd t d t phl ? ? ? ? ? nch open drain output cmos output (r3116xxx1a) (r3116xxx1c) when the supply voltage, which is higher than released voltage, is forced to v dd pin, charge to an external capacitor starts, then c d pin voltage increases. until the c d pin voltage reaches to c d pin threshold voltage, output voltage maintains "l". when the c d pin voltage becomes higher than c d pin threshold voltage, output voltage is reversed from "l" to "h". where the time interval between the rising edge of supply voltage and output voltage reverse point means output delay time. when the output voltage reverses from "l" to "h", the external capacit or starts to discharge. therefore, when lower voltage than the detector threshold voltage is forced to v dd pin, the output voltage reverses from "h" to "l" thus the detect delay time is constant not being affected by the external capacitor.
r3116x no.ea-161-140819 7 electrical characteristics by detector threshold ? r3116x071a/c to r3116x501a/c bold values are checked and guaranteed by design engineering at ? 40 c t opt 85 c, unless otherwise noted. (topt=25 c) part number detector threshold1 detector threshold2 detector threshold hysteresis supply current1 supply current2 max. op. voltage min. op. voltage -v det1 [v] -v det2 [v] v hys [v] i ss1 [a] i ss2 [a] v ddh [v] v ddl [v] min. max. min. max. min. max. cond. max. cond. max. max. max. r3116x071a/c 0.688 0.712 0.678 0.723 0.028 0.049 v dd = -v det -0.1v 1.400 v dd = -v det +1.0v 1.200 6 0.50 0.55 ? note1 r3116x081a/c 0.788 0.812 0.778 0.823 0.032 0.056 r3116x091a/c 0.888 0.912 0.878 0.923 0.036 0.063 r3116x101a/c 0.988 1.012 0.978 1.023 0.040 0.070 r3116x111a/c 1.088 1.112 1.078 1.123 0.044 0.077 r3116x121a/c 1.188 1.212 1.178 1.223 0.048 0.084 r3116x131a/c 1.288 1.312 1.278 1.323 0.052 0.091 r3116x141a/c 1.388 1.412 1.378 1.423 0.056 0.098 r3116x151a/c 1.488 1.512 1.478 1.523 0.060 0.105 r3116x161a/c 1.587 1.613 1.576 1.624 0.064 0.112 1.500 r3116x171a/c 1.686 1.714 1.675 1.726 0.068 0.119 r3116x181a/c 1.786 1.814 1.773 1.827 0.072 0.126 r3116x191a/c 1.885 1.915 1.872 1.929 0.076 0.133 r3116x201a/c 1.984 2.016 1.970 2.030 0.080 0.140 r3116x211a/c 2.083 2.117 2.069 2.132 0.084 0.147 r3116x221a/c 2.182 2.218 2.167 2.233 0.088 0.154 r3116x231a/c 2.282 2.318 2.266 2.335 0.092 0.161 r3116x241a/c 2.381 2.419 2.364 2.436 0.096 0.168 r3116x251a/c 2.480 2.520 2.463 2.538 0.100 0.175 r3116x261a/c 2.579 2.621 2.561 2.639 0.104 0.182 r3116x271a/c 2.678 2.722 2.660 2.741 0.108 0.189 r3116x281a/c 2.778 2.822 2.758 2.842 0.112 0.196 r3116x291a/c 2.877 2.923 2.857 2.944 0.116 0.203 r3116x301a/c 2.976 3.024 2.955 3.045 0.120 0.210 r3116x311a/c 3.075 3.125 3.054 3.147 0.124 0.217 1.600 1.300 r3116x321a/c 3.174 3.226 3.152 3.248 0.128 0.224 r3116x331a/c 3.274 3.326 3.251 3.350 0.132 0.231 r3116x341a/c 3.373 3.427 3.349 3.451 0.136 0.238 r3116x351a/c 3.472 3.528 3.448 3.553 0.140 0.245 r3116x361a/c 3.571 3.629 3.546 3.654 0.144 0.252 r3116x371a/c 3.670 3.730 3.645 3.756 0.148 0.259 r3116x381a/c 3.770 3.830 3.743 3.857 0.152 0.266 r3116x391a/c 3.869 3.931 3.842 3.959 0.156 0.273 r3116x401a/c 3.968 4.032 3.940 4.060 0.160 0.280 r3116x411a/c 4.067 4.133 4.039 4.162 0.164 0.287 1.700 1.400 r3116x421a/c 4.166 4.234 4.137 4.263 0.168 0.294 r3116x431a/c 4.266 4.334 4.236 4.365 0.172 0.301 r3116x441a/c 4.365 4.435 4.334 4.466 0.176 0.308 r3116x451a/c 4.464 4.536 4.433 4.568 0.180 0.315 r3116x461a/c 4.563 4.637 4.531 4.669 0.184 0.322 r3116x471a/c 4.662 4.738 4.630 4.771 0.188 0.329 r3116x481a/c 4.762 4.838 4.728 4.872 0.192 0.336 r3116x491a/c 4.861 4.939 4.827 4.974 0.196 0.343 r3116x501a/c 4.960 5.040 4.925 5.075 0.200 0.350 ? note1) v dd value when output voltage is equal or less than 0.1v. in the case of nch open drai n output type, the output pin is pulled up to 5.0v through 470k ? resistor.
r3116x no.ea-161-140819 8 ? note2) 1. in the case of cmos output type: when the voltage is forced from (-v det ) ? 0.1v to (-v det ) 1.1v pulse voltage is added to v dd , time interval that the output vo ltage reaches ((-v det ) 1.1v)/2. 2. in the case of nch open drain output type: the output pin is pulled up to 5.0v through 470k ? , and when the voltage is forced from (-v det ) ? 0.1v to (-v det ) 1.1v pulse voltage is added to v dd , time interval that the output voltage reaches 2.5v. nch driver output current1 nch driver output current2 pch driver output current nch driver leakage current detector threshold temperature coefficient output delay time i out1 [a] i out2 [ma] i out3 [ma] i leak [na] ? -v det / ? t opt [ppm/c] t d [ms] cond. min. cond. min. cond. min. cond. max. typ. cond. min. max. v dd = 0.55v v ds = 0.05v 7 v dd = 0.6v v ds = 0.5v 0.020 v dd = 4.5v v ds = -2.1v 0.650 v dd = 6.0v v ds = 7.0v 80 30 c d = 0.022 f v dd = -v det -0.1v -v det 1.1v ? note2 80 70 130 150 v dd = 1.0v v ds = 0.5v 0.400 85 75 115 135 v dd = 1.5v v ds = 0.5v 1.000 v dd = 3.0v v ds = 0.5v 2.400 v dd = 6.0v v ds = -2.1v 0.900
r3116x no.ea-161-140819 9 typical application ? r3116xxx1a cpu reset circuit 1 (nch open drain output) case1. input voltage to r3116xxx1a is equal to input voltage to cpu case2. input voltage to r3116xxx1a is unequal to input voltage to cpu r3116xxx1a series v dd gnd out r v dd reset cpu gnd v dd 470k c d r3116xxx1a series v dd gnd out r v dd reset cpu gnd v dd2 v dd1 470 k c d ? r3116xxx1c cpu reset circuit 2 (cmos output) r3116xxx1c v dd gnd out v dd reset cpu gnd v dd series c d ? memory back-up circuit r3116xxx1c series gnd v dd d1 d2 v dd gnd out a b c y1 y2 y3 y4 v cc v cc ram1 gnd cs v cc ram2 gnd cs v cc ram3 gnd cs v cc ram4 gnd cs c d
r3116x no.ea-161-140819 10 ? voltage level indicator circuit (lighted when the power runs out) (nch open drain output) r3116xxx1a series v dd gnd out v dd c d ? detector threshold adjustable circuit 1 (nch open drain output) r3116xxx1a series gnd v dd v up r up out rb v dd ra c d adjustable detector threshold = (-v det ) (ra + rb)/rb hysteresis voltage = (v hys ) (ra + rb)/rb ? 1) to prevent oscillation, set ra < = 1k ? , rb < = 100 ? . ? 2) if the value of ra is set excessively large, voltage drop may occur caused by the supply current of ic itself, and detector threshold and hysteresis voltage may vary. ? 3) if v up and v dd are connected, the voltage dropdown caused by r up , may cause difference in the hysteresis voltage. ? detector threshold adjustable circuit 2 (nch open drain output) r3116xxx1a series gnd v dd v up r up out rb v dd ra c c d adjustable detector threshold = (-v det ) (ra + rb)/rb hysteresis voltage = (v hys ) (ra + rb)/rb ? 1) to prevent oscillation, set ra < = 10k ? , rb < = 1k ? , c > = 1 f. ? 2) if the value of ra is set excessively large, voltage drop may occur caused by the supply current of ic itself, and detector threshold and hysteresis voltage may vary. ? 3) if v up and v dd are connected, the voltage dropdown caused by r up , may cause difference in the hysteresis voltage. ? 4) if the value of ra, rb and c are set excessively large, the delay of the star t-up may become too long.
r3116x no.ea-161-140819 11 ? window comparator circuit (nch open drain output) r3116xxx1a v dd gnd out v dd r3116xxx1a series v dd gnd out ? v det1 wc_out series r up1 r up2 ? v dd ? v det1 gnd wc_out ? v det2 gnd ? over-charge preventing circuit r3116xxx1c series v dd gnd out r4 r2 r1 r3 light solar battery d1 load
r3116x no.ea-161-140819 12 technical notes when connecting resistors to the device?s input pin when connecting a resistor (r1) to an input of th is device, the input volt age decreases by [device?s consumption current] x [resistance value] only. and, the cross conduction current* 1 , which occurs when changing from the detecting state to the release state, is decreased the input voltage by [cross conduction current] x [resistance value] only. and then, this devic e will enter the re-detecting state if the input voltage reduction is larger than the difference between the detector voltage and the released voltage. when the input resistance value is large and the vdd is gon e up at mildly in the vicinity of the released voltage, repeating the above operation may resu lt in the occurrence of output. as shown in figure a/b, set r1 to become 100k ? or less as a guide, and connect c in of 0.1 f and more to between the input pin and gnd. besides, make evaluations including temperature properties under the actual usage condition, with using the evaluation board like this way. as result, make sure that the cross conduction current has no problem. v dd r1 gnd out pin c in *2 figure a voltage detector v dd r1 gnd out pin c in *2 figure b voltage detector r2 * 1 in the cmos output type, a charging current for out pin is included. * 2 note the bias dependence of capacitors.
r3116x no.ea-161-140819 13 operation ? operation of r3116xxx1a out pin should be pulled-up to v dd or an external voltage level. vref ra rb rc v dd out gnd tr.1 nch com p arator delay circuit c d block diagram (r3116xxx1a) 1 3 5 a b t d 2 4 gnd gnd v ddl - v det +v det detector threshold released voltage minimum operating voltage pull-up voltage detector threshold hysteresis supply voltage (v dd ) output voltage (v out ) t phl detect delay time step 1 2 3 4 5 comparator ( ? ) pin input voltage i ii ii ii i comparator output l h indefinite h l tr.1 off on indefinite on off output tr. nch off on indefinite on off i v dd rb + rc ra + rb + rc ii v dd rb ra + rb operation diagram ? explanation of operation step 1. the output voltage is equal to the pull-up voltage. step 2. at point "a", vref > = v dd (rb + rc)/(ra + rb + rc) is true, as a result, the output of comparator is reversed from "l" to "h", therefore the output voltage becomes the gnd level. the voltage level of point a means a detector threshold voltage (-v det ). step 3. when the supply voltage is lower than the minimum operating voltage, t he operation of the output transistor becomes indefinite. the output voltage is equal to the pull-up voltage. step 4. the output voltage is equal to the gnd level. step 5. at point "b", vref < = v dd rb/(ra + rb) is true, as a result, the output of comparator is reversed from "h" to "l", then the output voltage is equal to the pull-up vo ltage. the voltage level of point b means a released voltage (+v det ). ? ) the difference between a released voltage and a detector threshold voltage is a detector threshold hysteresis. output delay time
r3116x no.ea-161-140819 14 ? operation of r3116xxx1c vref ra rb rc v dd out gnd tr.1 nch com p arato r pch delay circuit c d block diagram (r3116xxx1c) t d gnd gnd v ddl - v det +v det detector threshold released voltage minimum operating voltage 12 3 4 5 a b detector threshold hysteresis supply voltage (v dd ) output voltage (v out ) t phl detect delay time step 1 2 3 4 5 comparator ( ? ) pin input voltage i ii ii ii i comparator output l h indefinite h l tr.1 off on indefinite on off pch on off indefinite off on output tr. nch off on indefinite on off i v dd rb + rc ra + rb + rc ii v dd rb ra + rb operation diagram ? explanation of operation step 1. the output voltage is equal to the supply voltage (v dd ). step 2. at point "a", vref > = v dd (rb + rc)/(ra + rb + rc) is true, as a result, the output of comparator is reversed from "l" to "h", therefore the output voltage become s the gnd level. the voltage level of point a means a detector threshold voltage (-v det ). step 3. when the supply voltage is lower than the minimum operating voltage, t he operation of the output transistor becomes indefinite. step 4. the output voltage is equal to the gnd level. step 5. at point "b", vref < = v dd rb/(ra + rb) is true, as a result, the output of comparator is reversed from "h" to "l", then the output voltage is equal to the supply voltage (v dd ). the voltage level of point b means a released voltage ( + v det ). ? ) the difference between a released voltage and a detector threshold voltage is a detector threshold hysteresis. output delay time
r3116x no.ea-161-140819 15 detector operation vs. glitch input voltage to the v dd pin when the r3116x is at released, if the pulse voltage which the detector threshold or lower voltage, the graph below means that the relation between pulse width and t he amplitude of the swing to keep the released state for the r3116x. detector threshold (-v det ) over drive pulse width supply voltage (v dd ) v dd input waveform this graph shows the maximum pulse conditions to keep t he released voltage. if the pulse with larger amplitude or wider width than the gr aph above, is input to v dd pin, the reset signal may be output. 100 40 80 20 60 50 90 70 30 10 0 10 100 1000 over drive voltage (mv) pulse width ( s) r3116x071a/c r3116x501a/c 100 40 80 20 60 50 90 70 30 10 0 10 100 1000 over drive voltage (mv) pulse width ( s) r3116x071a/c r3116x501a/c c d = 0.022 f, v dd = -v det + 2v -v det ? v od (r3116x071a/c) v dd = -v det + 1v -v det ? v od (r3116x501a/c) ? v od : over drive voltage c d = = -v det 1.1 -v det ? v od (r3116x071a/c, r3116x501a/c)
r3116x no.ea-161-140819 16 power dissipation p d (mw) 600 500 400 300 200 100 0 0 25 50 75 100 125 150 ambient temperature ( c) power dissipation 85 on board package information power dissipation (dfn(plp)1010-4) power dissipation (p d ) depends on conditions of mounting on boar d. this specification is based on the measurement at the condition below: measurement conditions standard test land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (double sided) board dimensions 40mm*40mm*1.6mm copper ratio top side: approx. 50%, back side: approx. 50% through-holes 0.54mm * 24pcs measurement result: (ta=25 c, tjmax=125 c) standard test land pattern power dissipation 400mw thermal resistance ja = (125-25 c)/0.4w = 250 c/w jc = 67 c/w measurement board pattern ic mount area (unit : mm) 40 40
r3116x no.ea-161-140819 17 package dimensions (dfn(plp)1010-4) 1.00 1.00 a b 0.05 x4 index s 0.05 s 0.6max. 0.05min. 3 4 1 2 0.25 0.05 0.32 0.05 0.48 0.05 0.65 3-c0.18 0.07 0.05 0.25 0.05 0.05 m s ab 0.48 0.05 45 0.25 0.05 (unit: mm) bottom view * the tab on the bottom of the package enhances thermal performance and is electrically connected to gnd (substrate level). it is recommended that the tab be connected to the ground plane on the board, or otherwise be left floating. mark specification (dfn(plp)1010-4) cd : product code ? refer to mark specification table ef : lot number ? alphanumeric serial number ? ?
r3116x no.ea-161-140819 18 mark specification table (dfn(plp)1010-4) r3116kxx1a r3116kxx1c product name cd v set product name cd v set r3116k071 a h a 0.7v r3116k071c k a 0.7v r3116k081 a h b 0.8v r3116k081c k b 0.8v r3116k091 a h c 0.9v r3116k091c k c 0.9v r3116k101 a h d 1.0v r3116k101c k d 1.0v r3116k111 a h e 1.1v r3116k111c k e 1.1v r3116k121 a h f 1.2v r3116k121c k f 1.2v r3116k131 a h g 1.3v r3116k131c k g 1.3v r3116k141 a h h 1.4v r3116k141c k h 1.4v r3116k151 a h j 1.5v r3116k151c k j 1.5v r3116k161 a h k 1.6v r3116k161c k k 1.6v r3116k171 a h l 1.7v r3116k171c k l 1.7v r3116k181 a h m 1.8v r3116k181c k m 1.8v r3116k191 a h n 1.9v r3116k191c k n 1.9v r3116k201 a h p 2.0v r3116k201c k p 2.0v r3116k211 a h q 2.1v r3116k211c k q 2.1v r3116k221 a h r 2.2v r3116k221c k r 2.2v r3116k231 a h s 2.3v r3116k231c k s 2.3v r3116k241 a h t 2.4v r3116k241c k t 2.4v r3116k251 a h u 2.5v r3116k251c k u 2.5v r3116k261 a h v 2.6v r3116k261c k v 2.6v r3116k271 a h w 2.7v r3116k271c k w 2.7v r3116k281 a h x 2.8v r3116k281c k x 2.8v r3116k291 a h y 2.9v r3116k291c k y 2.9v r3116k301 a h z 3.0v r3116k301c k z 3.0v r3116k311 a j a 3.1v r3116k311c l a 3.1v r3116k321 a j b 3.2v r3116k321c l b 3.2v r3116k331 a j c 3.3v r3116k331c l c 3.3v r3116k341 a j d 3.4v r3116k341c l d 3.4v r3116k351 a j e 3.5v r3116k351c l e 3.5v r3116k361 a j f 3.6v r3116k361c l f 3.6v r3116k371 a j g 3.7v r3116k371c l g 3.7v r3116k381 a j h 3.8v r3116k381c l h 3.8v r3116k391 a j j 3.9v r3116k391c l j 3.9v r3116k401 a j k 4.0v r3116k401c l k 4.0v r3116k411 a j l 4.1v r3116k411c l l 4.1v r3116k421 a j m 4.2v r3116k421c l m 4.2v r3116k431 a j n 4.3v r3116k431c l n 4.3v r3116k441 a j p 4.4v r3116k441c l p 4.4v r3116k451 a j q 4.5v r3116k451c l q 4.5v r3116k461 a j r 4.6v r3116k461c l r 4.6v r3116k471 a j s 4.7v r3116k471c l s 4.7v r3116k481 a j t 4.8v r3116k481c l t 4.8v r3116k491 a j u 4.9v r3116k491c l u 4.9v r3116k501 a j v 5.0v r3116k501c l v 5.0v
r3116x no.ea-161-140819 19 power dissipation p d (mw) 600 500 400 300 200 100 0 0 25 50 75 100 125 150 ambient temperature ( c) power dissipation 85 on board 380 150 free air power dissipation (sc-82ab) power dissipation (p d ) depends on conditions of mounting on boar d. this specification is based on the measurement at the condition below; * measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (double layers) board dimensions 40mm 40mm 1.6mm copper ratio top side: approx. 50%, back side: approx. 50% through-hole 0.5mm 44pcs * measurement result (ta=25 c, tjmax=125 c) standard land pattern free air power dissipation 380mw 150mw thermal resistance ja = (125-25 c)/0.38w = 263 c/w 667 c/w measurement board pattern ic mount area (unit : mm) 40 40
r3116x no.ea-161-140819 20 package dimensions (sc-82ab) 20.2 1.30.2 4 1 2 3 + 0.2 1.25 - 0.1 2.10.3 0.30.1 unit : mm 0.40.1 0.30.1 0.05 (0.7) 0.90.1 0 to 0.1 0.16 - 0.06 +0.1 0.30.2 0.30.1 1.0 - 0.2 +0.05 mark specification (sc-82ab) cd : product code ? refer to mark specification table ef : lot number ? alphanumeric serial number 4 1 2 3 cd ef
r3116x no.ea-161-140819 21 mark specification table (sc-82ab) r3116qxx1a r3116qxx1c product name c d v set product name c d v set r3116q071 a l 0 0.7v r3116q071c r 0 0.7v r3116q081 a l 1 0.8v r3116q081c r 1 0.8v r3116q091 a l 2 0.9v r3116q091c r 2 0.9v r3116q101 a l 3 1.0v r3116q101c r 3 1.0v r3116q111 a l 4 1.1v r3116q111c r 4 1.1v r3116q121 a l 5 1.2v r3116q121c r 5 1.2v r3116q131 a l 6 1.3v r3116q131c r 6 1.3v r3116q141 a l 7 1.4v r3116q141c r 7 1.4v r3116q151 a l 8 1.5v r3116q151c r 8 1.5v r3116q161 a l 9 1.6v r3116q161c r 9 1.6v r3116q171 a m 0 1.7v r3116q171c s 0 1.7v r3116q181 a m 1 1.8v r3116q181c s 1 1.8v r3116q191 a m 2 1.9v r3116q191c s 2 1.9v r3116q201 a m 3 2.0v r3116q201c s 3 2.0v r3116q211 a m 4 2.1v r3116q211c s 4 2.1v r3116q221 a m 5 2.2v r3116q221c s 5 2.2v r3116q231 a m 6 2.3v r3116q231c s 6 2.3v r3116q241 a m 7 2.4v r3116q241c s 7 2.4v r3116q251 a m 8 2.5v r3116q251c s 8 2.5v r3116q261 a m 9 2.6v r3116q261c s 9 2.6v r3116q271 a n 0 2.7v r3116q271c t 0 2.7v r3116q281 a n 1 2.8v r3116q281c t 1 2.8v r3116q291 a n 2 2.9v r3116q291c t 2 2.9v r3116q301 a n 3 3.0v r3116q301c t 3 3.0v r3116q311 a n 4 3.1v r3116q311c t 4 3.1v r3116q321 a n 5 3.2v r3116q321c t 5 3.2v r3116q331 a n 6 3.3v r3116q331c t 6 3.3v r3116q341 a n 7 3.4v r3116q341c t 7 3.4v r3116q351 a n 8 3.5v R3116Q351C t 8 3.5v r3116q361 a n 9 3.6v r3116q361c t 9 3.6v r3116q371 a p 0 3.7v r3116q371c u 0 3.7v r3116q381 a p 1 3.8v r3116q381c u 1 3.8v r3116q391 a p 2 3.9v r3116q391c u 2 3.9v r3116q401 a p 3 4.0v r3116q401c u 3 4.0v r3116q411 a p 4 4.1v r3116q411c u 4 4.1v r3116q421 a p 5 4.2v r3116q421c u 5 4.2v r3116q431 a p 6 4.3v r3116q431c u 6 4.3v r3116q441 a p 7 4.4v r3116q441c u 7 4.4v r3116q451 a p 8 4.5v r3116q451c u 8 4.5v r3116q461 a p 9 4.6v r3116q461c u 9 4.6v r3116q471 a q 0 4.7v r3116q471c v 0 4.7v r3116q481 a q 1 4.8v r3116q481c v 1 4.8v r3116q491 a q 2 4.9v r3116q491c v 2 4.9v r3116q501 a q 3 5.0v r3116q501c v 3 5.0v
r3116x no.ea-161-140819 22 power dissipation p d (mw) 600 500 400 300 200 100 0 0 25 50 75 100 125 150 ambient temperature ( c) power dissipation 85 free air on board 250 420 power dissipation (sot-23-5) power dissipation (p d ) depends on conditions of mounting on boar d. this specification is based on the measurement at the condition below: (power dissipation (sot-23-5) is substitution of sot-23-6.) * measurement conditions standard test land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (double sided) board dimensions 40mm*40mm*1.6mm copper ratio top side: approx. 50%, back side: approx. 50% through-holes 0.5mm * 44pcs * measurement result: .................................. (ta=25 c, tjmax=125 c) standard land pattern free air power dissipation 420mw 250mw thermal resistance ja = (125-25 c)/0.42w= 238 c/w 400 c/w measurement board pattern ic mount area (unit: mm) 40 40
r3116x no.ea-161-140819 23 package dimensions (sot-23-5) 2.90.2 1.90.2 (0.95) (0.95) 5 4 1 2 3 1.6 - 0.1 +0.2 2.80.3 0.40.1 0.80.1 1.10.1 0 0.1 0.15 - 0.05 +0.1 unit : mm 0.2min. mark specification (sot-23-5) cde : product code ? refer to mark specification table fg : lot number ? alphanumeric serial number 5 4 cdefg 1 2 3
r3116x no.ea-161-140819 24 mark specification table (sot-23-5) r3116nxx1a r3116nxx1c product name cde v set product name cde v set r3116n071 a d 0 a 0.7v r3116n071c d 1 a 0.7v r3116n081 a d 0 b 0.8v r3116n081c d 1 b 0.8v r3116n091 a d 0 c 0.9v r3116n091c d 1 c 0.9v r3116n101 a d 0 d 1.0v r3116n101c d 1 d 1.0v r3116n111 a d 0 e 1.1v r3116n111c d 1 e 1.1v r3116n121 a d 0 f 1.2v r3116n121c d 1 f 1.2v r3116n131 a d 0 g 1.3v r3116n131c d 1 g 1.3v r3116n141 a d 0 h 1.4v r3116n141c d 1 h 1.4v r3116n151 a d 0 j 1.5v r3116n151c d 1 j 1.5v r3116n161 a d 0 k 1.6v r3116n161c d 1 k 1.6v r3116n171 a d 0 l 1.7v r3116n171c d 1 l 1.7v r3116n181 a d 0 m 1.8v r3116n181c d 1 m 1.8v r3116n191 a d 0 n 1.9v r3116n191c d 1 n 1.9v r3116n201 a d 0 p 2.0v r3116n201c d 1 p 2.0v r3116n211 a d 0 q 2.1v r3116n211c d 1 q 2.1v r3116n221 a d 0 r 2.2v r3116n221c d 1 r 2.2v r3116n231 a d 0 s 2.3v r3116n231c d 1 s 2.3v r3116n241 a d 0 t 2.4v r3116n241c d 1 t 2.4v r3116n251 a d 0 u 2.5v r3116n251c d 1 u 2.5v r3116n261 a d 0 v 2.6v r3116n261c d 1 v 2.6v r3116n271 a d 0 w 2.7v r3116n271c d 1 w 2.7v r3116n281 a d 0 x 2.8v r3116n281c d 1 x 2.8v r3116n291 a d 0 y 2.9v r3116n291c d 1 y 2.9v r3116n301 a d 0 z 3.0v r3116n301c d 1 z 3.0v r3116n311 a e 0 a 3.1v r3116n311c e 1 a 3.1v r3116n321 a e 0 b 3.2v r3116n321c e 1 b 3.2v r3116n331 a e 0 c 3.3v r3116n331c e 1 c 3.3v r3116n341 a e 0 d 3.4v r3116n341c e 1 d 3.4v r3116n351 a e 0 e 3.5v r3116n351c e 1 e 3.5v r3116n361 a e 0 f 3.6v r3116n361c e 1 f 3.6v r3116n371 a e 0 g 3.7v r3116n371c e 1 g 3.7v r3116n381 a e 0 h 3.8v r3116n381c e 1 h 3.8v r3116n391 a e 0 j 3.9v r3116n391c e 1 j 3.9v r3116n401 a e 0 k 4.0v r3116n401c e 1 k 4.0v r3116n411 a e 0 l 4.1v r3116n411c e 1 l 4.1v r3116n421 a e 0 m 4.2v r3116n421c e 1 m 4.2v r3116n431 a e 0 n 4.3v r3116n431c e 1 n 4.3v r3116n441 a e 0 p 4.4v r3116n441c e 1 p 4.4v r3116n451 a e 0 q 4.5v r3116n451c e 1 q 4.5v r3116n461 a e 0 r 4.6v r3116n461c e 1 r 4.6v r3116n471 a e 0 s 4.7v r3116n471c e 1 s 4.7v r3116n481 a e 0 t 4.8v r3116n481c e 1 t 4.8v r3116n491 a e 0 u 4.9v r3116n491c e 1 u 4.9v r3116n501 a e 0 v 5.0v r3116n501c e 1 v 5.0v
r3116x no.ea-161-140819 25 typical characteristics note: typical characteristics are intended to be us ed as reference data; they are not guaranteed. 1) supply current vs. input voltage r3116x071a/c r3116x151a/c r3116x271a/c r3116x451a/c 2) detector threshold vs. temperature r3116x071a/c r3116x151a/c 04 256 3 17 input voltage v dd (v) supply current i ss ( a) 0 1.0 0.6 0.4 0.2 0.8 topt=85 c topt=25 c topt=- 40 c 04 256 3 17 input voltage v dd (v) supply current i ss ( a) 0 1.0 0.6 0.4 0.2 0.8 topt=85 c topt=25 c topt=- 40 c 04 256 3 17 input voltage v dd (v) supply current i ss ( a) 0 1.0 0.6 0.4 0.2 0.8 topt=85 c topt=25 c topt=- 40 c 04 256 3 17 input voltage v dd (v) supply current i ss ( a) 0 1.0 0.6 0.4 0.2 0.8 topt=85 c topt=25 c topt=- 40 c temperature topt ( c) detector threshold/released voltage v det (v) 0.69 0.75 0.74 0.73 0.72 0.71 0.70 -40 75 50 025 -25 85 -v det +v det temperature topt ( c) 1.48 1.60 1.58 1.56 1.54 1.52 1.50 -v det +v det -40 75 50 025 -25 85 detector threshold/released voltage v det (v)
r3116x no.ea-161-140819 26 r3116x271a/c r3116x451a/c 3) output voltage vs. input voltage r3116x071c r3116x151c r3116x271c r3116x451c temperature topt ( c) 2.65 2.90 2.85 2.80 2.75 2.70 -v det +v det -40 75 50 025 -25 85 detector threshold/released voltage v det (v) temperature topt ( c) 4.4 4.9 4.8 4.7 4.6 4.5 -v det +v det -40 75 50 025 -25 85 detector threshold/released voltage v det (v) 0 0.8 0.4 0.6 0.2 1.0 input voltage v dd (v) output voltage v out (v) 0 1.2 0.6 0.4 0.2 0.8 1.0 topt=- 40 c topt=25 c topt=85 c 0 1.6 0.8 1.2 0.4 2.0 input voltage v dd (v) output voltage v out (v) 0 2.5 1.5 1.0 0.5 2.0 topt=- 40 c topt=25 c topt=85 c 0 2.0 2.5 1.0 1.5 0.5 3.0 input voltage v dd (v) output voltage v out (v) 0 3.5 1.5 1.0 0.5 2.5 2.0 3.0 topt=- 40 c topt=25 c topt=85 c 0 3.0 4.0 1.0 2.0 3.5 4.5 1.5 2.5 0.5 5.0 input voltage v dd (v) output voltage v out (v) 0 6 2 1 4 3 5 topt=- 40 c topt=25 c topt=85 c
r3116x no.ea-161-140819 27 r3116x071a r3116x151a r3116x271a r3116x451a 4) nch driver output current vs. input voltage (v ds =0.5v) r3116x071a/c r3116x151a/c 0 0.8 0.4 0.6 0.2 1.0 input voltage v dd (v) output voltage v out (v) 0 6 3 2 1 4 5 470k 5v pull-up topt=- 40 c topt=25 c topt=85 c 0 1.6 0.8 1.2 0.4 2.0 input voltage v dd (v) output voltage v out (v) 0 6 4 2 3 1 5 470k 5v pull-up topt=- 40 c topt=25 c topt=85 c 0 2.0 2.5 1.0 1.5 0.5 3.0 input voltage v dd (v) output voltage v out (v) 0 6 4 2 3 1 5 470k 5v pull-up topt=- 40 c topt=25 c topt=85 c 0 3.0 4.0 1.0 2.0 3.5 4.5 1.5 2.5 0.5 5.0 input voltage v dd (v) output voltage v out (v) 0 6 4 2 3 1 5 470k 5v pull-up topt=- 40 c topt=25 c topt=85 c 0 0.6 0.8 0.4 0.2 1.0 input voltage v dd (v) nch driver output current i out (ma) 0 0.25 0.20 0.15 0.10 0.05 topt=- 40 c topt=25 c topt=85 c 0 1.5 1.0 0.5 2.0 input voltage v dd (v) nch driver output current i out (ma) 0 3.0 2.0 2.5 1.5 1.0 0.5 topt=- 40 c topt=25 c topt=85 c
r3116x no.ea-161-140819 28 r3116x271a/c r3116x451a/c 5) nch driver output current vs. v ds r3116x071a/c r3116x151a/c r3116x271a/c r3116x451a/c 0 2.0 1.0 2.5 1.5 0.5 3.0 input voltage v dd (v) nch driver output current i out (ma) 0 7.5 4.5 6.0 3.0 1.5 topt=- 40 c topt=25 c topt=85 c 04 23 15 input voltage v dd (v) nch driver output current i out (ma) 0 12 6 8 10 4 2 topt=- 40 c topt=25 c topt=85 c 0 0.4 0.2 0.6 v ds (v) nch driver output current i out (ma) 0 0.20 0.10 0.05 0.15 v dd =0.6v 0 0.6 0.8 0.4 0.2 1.0 v ds (v) nch driver output current i out (ma) 0 0.8 0.4 0.2 0.6 v dd =1.0v v dd =0.6v 0 1.5 1.0 0.5 2.0 v ds (v) nch driver output current i out (ma) 0 8 4 2 6 v dd =2.0v v dd =1.0v v dd =0.6v 0 3.0 2.0 1.0 4.0 v ds (v) nch driver output current i out (ma) 0 20 10 5 15 v dd =4.0v v dd =3.0v v dd =2.0v v dd =1.0v v dd =0.6v
r3116x no.ea-161-140819 29 6) pch driver output current vs. input voltage (v ds = ? 2.1v) r3116x071c r3116x151c r3116x271c r3116x451c 7) pch driver output current vs. v ds r3116x071c r3116x151c 06 35 24 17 input voltage v dd (v) pch driver output current i out (ma) 0 2.0 1.0 0.5 1.5 topt=- 40 c topt=25 c topt=85 c 06 35 24 17 input voltage v dd (v) pch driver output current i out (ma) 0 2.0 1.0 0.5 1.5 topt=- 40 c topt=25 c topt=85 c 06 35 24 17 input voltage v dd (v) pch driver output current i out (ma) 0 2.0 1.0 0.5 1.5 topt=- 40 c topt=25 c topt=85 c 06 35 24 17 input voltage v dd (v) pch driver output current i out (ma) 0 2.0 1.0 0.5 1.5 topt=- 40 c topt=25 c topt=85 c 04 25 3 16 v ds (v) pch driver output current i out (ma) 0 2.5 1.0 0.5 1.5 2.0 v dd =5.0v v dd =4.0v v dd =6.0v v dd =3.0v v dd =2.0v v dd =1.0v 04 25 3 16 v ds (v) pch driver output current i out (ma) 0 2.5 1.0 0.5 1.5 2.0 v dd =5.0v v dd =4.0v v dd =6.0v v dd =3.0v v dd =2.0v
r3116x no.ea-161-140819 30 r3116x271c r3116x451c 8) output delay time vs. external capacitance r3116x071a/c r3116x151a/c r3116x271a/c r3116x451a/c 04 25 3 16 v ds (v) pch driver output current i out (ma) 0 2.5 1.0 0.5 1.5 2.0 v dd =5.0v v dd =4.0v v dd =6.0v v dd =3.0v 04 25 3 16 v ds (v) pch driver output current i out (ma) 0 2.5 1.0 0.5 1.5 2.0 v dd =5.0v v dd =6.0v 1000 10 100 1 0.1 0.01 0.0001 0.001 0.01 0.1 external capacitance c d ( f) delay time t d /t phl (ms) t phl t d 1000 10 100 1 0.1 0.01 0.0001 0.001 0.01 0.1 external capacitance c d ( f) delay time t d /t phl (ms) t phl t d 1000 10 100 1 0.1 0.01 0.0001 0.001 0.01 0.1 external capacitance c d ( f) delay time t d /t phl (ms) t phl t d 1000 10 100 1 0.1 0.01 0.0001 0.001 0.01 0.1 external capacitance c d ( f) delay time t d /t phl (ms) t phl t d
r3116x no.ea-161-140819 31 9) output delay time vs. temperature (c d = 22nf) r3116x071a/c r3116x151a/c r3116x271a/c r3116x451a/c temperature topt ( c) output delay time t d (ms) 70 130 120 110 100 90 80 -40 75 50 025 -25 85 temperature topt ( c) output delay time t d (ms) 70 130 120 110 100 90 80 -40 75 50 025 -25 85 temperature topt ( c) output delay time t d (ms) 70 130 120 110 100 90 80 -40 75 50 025 -25 85 temperature topt ( c) output delay time t d (ms) 70 130 120 110 100 90 80 -40 75 50 025 -25 85
3*$0) $ 0 . 1 "/ :  - 5% & m f d u s p o j d % f w j d f t $ p n q b o z http://www.ricoh.com/lsi/ for the conservation of the global environment, ricoh is advancing the decrease of the negative environmental impact material. after apr. 1, 2006, we will ship out the lead free products only. thus, all products that will be shipped from now on comply with rohs directive. basically after apr. 1, 2012, we will ship out the power management ics of the halogen free products only. (ricoh halogen free products are also antimony free.) halogen free 3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz ?)jhbtij4ijobhbxb0$?df *oufsobujpobm4bmft
 )jhbtij4ijobhbxb 4ijobhbxblv 5plzp +bqbo 1ipof 'by  3*$0)&6301& /&5)&3-"/%4
#7 ?4fnjdpoevdups4vqqpsu$fousf ?/jfvx,spofocvsh?1spg8),fftpnmbbo %+ "ntufmwffo 5if/fuifsmboet 10#py "$"ntufmwffo 1ipof 'by  3*$0)&-&$530/*$%&7*$&4,03&"$p -ue qpps )bftvohcvjmejoh  %bfdijepoh (bohobnhv 4fpvm ,psfb 1ipof 'by  3*$0)&-&$530/*$%&7*$&44)"/()"*$p -ue 3ppn /p#vjmejoh #j#p3pbe 1v%poh/fxejtusjdu 4ibohibj  1fpqmft3fqvcmjdpg$ijob 1ipof 'by  3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz ?5bjqfjp$?df 3ppn ' /p )fohzboh3e 5bjqfj$juz 5bjxbo 30$
1ipof 'by  5ifqspevdutboeuifqspevdutqfdjpdbujpoteftdsjcfejouijtepdvnfoubsftvckfduupdibohfps ejtdpoujovbujpopgqspevdujpoxjuipvuopujdfgpssfbtpot tvdibtjnqspwfnfou5ifsfgpsf cfgpsf efdjejohupvtfuifqspevdut qmfbtfsfgfsup3jdpitbmftsfqsf tfoubujwftgpsuifmbuftu jogpsnbujpouifsfpo 5ifnbufsjbmtjouijtepdvnfounbzopucfdpqjfepspuifsxjtfsfqspevdfejoxipmfpsjoqbsu xjuipvuqsjpsxsjuufodpotfoupg3jdpi 1mfbtfcftvsfupublfbozofdfttbszgpsnbmjujftvoefssfmfwboumbxtpssfhvmbujpotcfgpsf fyqpsujohpspuifsxjtfubljohpvupgzpvsdpvouszuifqspevdut psuifufdiojdbmjogpsnbujpo eftdsjcfeifsfjo 5ifufdiojdbmjogpsnbujpoeftdsjcfejouijtepdvnfoutipxtuzqjdbmdibsbdufsjtujdtpgboe fybnqmfbqqmjdbujpodjsdvjutgpsuifqspevdut5ifsfmfbtfpgt vdijogpsnbujpojtopuupcf dpotusvfebtbxbssbouzpgpsbhsboupgmjdfotfvoefs3jdpit psbozuijseqbsuztjoufmmfduvbm qspqfsuzsjhiutpsbozpuifssjhiut  5ifqspevdutjouijtepdvnfoubsfeftjhofegpsbvupnpujwfbqqmj dbujpot)pxfwfs xifovtjoh uifqspevdutgpsbvupnpujwfbqqmjdbujpot qmfbtfnblftvsfupd poubdu3jdpitbmft sfqsftfoubujwfjobewbodfevfupdpopsnjohuifrvbmjuzmfwfm 8fbsfnbljohpvsdpoujovpvtf$?psuupjnqspwfuifrvbmjuzboesfmjbcjmjuzpgpvsqspevdut cvu tfnjdpoevdupsqspevdutbsfmjlfmzupgbjmxjuidfsubjoqspcbcjm juz*opsefsupqsfwfoubozjokvszup qfstpotpsebnbhftupqspqfsuzsftvmujohgspntvdigbjmvsf dvt upnfsttipvmecfdbsfgvmfopvhi upjodpsqpsbuftbgfuznfbtvsftjouifjseftjho tvdibtsfevoeb odzgfbuvsf psfdpoubjonfou gfbuvsfboegbjmtbgfgfbuvsf8fepopubttvnfbozmjbcjmjuz pssftqpotjcjmjuzgpsbozmpttps ebnbhfbsjtjohgspnnjtvtfpsjobqqspqsjbufvtfpguifqspevdut  "oujsbejbujpoeftjhojtopujnqmfnfoufejouifqspevduteftdsjcfejouijtepdvnfou  1mfbtfdpoubdu3jdpitbmftsfqsftfoubujwfttipvmezpvibwfboz rvftujpotpsdpnnfout dpodfsojohuifqspevdutpsuifufdiojdbmjogpsnbujpo


▲Up To Search▲   

 
Price & Availability of R3116Q351C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X