Part Number Hot Search : 
EIA1314 HC1G86 K3702 1N5409 278BZC TVR07220 IRFI634G ISX06
Product Description
Full Text Search
 

To Download PS9313L-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  photocoupler ps9313l,ps9313l2 1 mbps, open collector output type, high cmr, intelligent power module drive 8 mm creepage 6-pin sdip photocoupler ? nepoc series ? document no. pn10689ej05v0ds (5th edition) date published june 2009 ns 2007, 2009 the mark shows major revised points. the revised points can be easily searched by copying an "" in the pdf file and spec ifying it in the "find what:" field. description the ps9313l and ps9313l2 are optical coupl ed isolators containing a gaalas led on the input side and a photo diode and a signal processing circuit on the output side on one chip. the ps9313l and ps9313l2 are specified high cmr, high ctr and pulse wi dth distortion with operating temperature. it is suitable for ipm drive. the ps9313l is lead bending type (gull- wing) for surface mounting. the ps9313l2 is lead bending type for long creepage di stance (gull-wing) for surface mount. features ? high common mode transient immunity (cm h , cm l = 15 kv/ s min.) ? half size of 8-pin dip ? long creepage distance (8 mm min. : ps9313l2) ? high-speed response (t phl = 500 ns max., t plh = 750 ns max.) ? maximum propagation delays (t plh ? t phl = 220 ns typ.) ? pulse width distortion ( ? t phl ? t plh ? = 220 ns typ.) ? high isolation voltage (bv = 5 000 vr.m.s.) ? open collector output ? pb-free product ? safety standards ? ul approved: no. e72422 ? csa approved: no. ca 101391 (c a5a, can/csa-c22.2 60065, 60950) ? din en60747-5-2 (vde0884 part2) approved: no. 40024069 (option) applications ? ipm driver ? general purpose inverter led output on l off h truth table 64 13 2 5 1. anode 2. nc 3. cathode 4. gnd 5. v o 6. v cc pin connection (top view) shield
data sheet pn10689ej05v0ds 2 ps9313l,ps9313l2 package dimensions (unit: mm) lead bending type (gull-wing) for surface mount 0.250.15 9.70.3 3.70.25 0.80.25 0.20.15 7.62 3.50.2 6.80.25 4.580.3 (0.82) ps9313l 0.40.1 0.25 m 1.27 lead bending type for long creepage distance (gull-wing) for surface mount 0.20.15 ps9313l2 11.50.3 6.80.25 4.580.3 0.250.15 0.750.25 (0.82) 3.70.25 3.50.2 7.62 0.40.1 0.25 m 1.27
data sheet pn10689ej05v0ds 3 ps9313l,ps9313l2 marking example rank code year assembled (last 1 digit) week assembled n 9 31 9313 n931 no. 1 pin mark assembly lot type number photocoupler construction parameter ps9313l ps9313l2 air distance (min.) 7 mm 8 mm outer creepage distance (min.) 7 mm 8 mm isolation distance (min.) 0.4 mm 0.4 mm ordering information part number order number solder plating specification packing style safety standard approval application part number *1 ps9313l ps9313l-ax pb-free 20 pcs (tape 20 pcs cut) standard products ps9313l PS9313L-E3 PS9313L-E3-ax (ni/pd/au) embossed tape 2 000 pcs/reel (ul, csa approved) ps9313l2 ps9313l2-ax 20 pcs (tape 20 pcs cut) ps9313l2 ps9313l2-e3 ps9313l2-e3-ax embossed tape 2 000 pcs/reel ps9313l-v ps9313l-v-ax 20 pcs (tape 20 pcs cut) din en60747-5-2 ps9313l ps9313l-v-e3 ps9313l-v-e3-ax embossed t ape 2 000 pcs/reel (vde0884 part2) ps9313l2-v ps9313l2-v-ax 20 pcs (tape 20 p cs cut) approved (option) ps9313l2 ps9313l2-v-e3 ps9313l2-v-e3-ax embo ssed tape 2 000 pcs/reel *1 for the application of the safety st andard, following part number should be used.
data sheet pn10689ej05v0ds 4 ps9313l,ps9313l2 absolute maximum ratings (t a = 25 c, unless otherwise specified) parameter symbol ratings unit diode forward current *1 i f 25 ma reverse voltage v r 5 v detector supply voltage v cc ? 0.5 to +35 v output voltage v o ? 0.5 to +35 v output current i o 15 ma power dissipation *2 p c 100 mw isolation voltage *3 bv 5 000 vr.m.s. operating ambient temperature t a ? 40 to +110 c storage temperature t stg ? 55 to +125 c *1 reduced to 0.3 ma/ c at t a = 70 c or more. *2 reduced to 2.0 mw/ c at t a = 75 c or more. *3 ac voltage for 1 minute at t a = 25 c, rh = 60% between input and output. pins 1-3 shorted together , 4-6 shorted together. recommended operating conditions parameter symbol min. typ. max. unit supply voltage v cc 4.5 15 30 v output voltage v o 0 30 v forward current (on) i f (on) 8 12 ma forward voltage (off) v f (off) 0 0.8 v
data sheet pn10689ej05v0ds 5 ps9313l,ps9313l2 electrical characteristics (t a = ? 40 to +110 c, v cc = 15 v, unless otherwise specified) parameter symbol conditions min. typ. *1 max. unit diode forward voltage v f i f = 10 ma, t a = 25 c 1.2 1.56 1.9 v reverse current i r v r = 3 v, t a = 25 c 10 a terminal capacitance c t v = 0 v, f = 1 mhz 30 pf detector low level output voltage v ol i f = 10 ma, i ol = 2.4 ma 0.13 0.6 v high level output current i oh v cc = 30 v, v f = 0.8 v 1.0 50 a high level supply current i cch v cc = 30 v, v f = 0.8 v, v o = open 0.6 1.3 ma low level supply current i ccl v cc = 30 v, i f = 10 ma, v o = open 0.7 1.3 ma coupled threshold input current (h l) i fhl v o = 0.8 v, i o = 0.75 ma 0.75 5.0 ma current transfer ratio (i c /i f ) ctr i f = 10 ma, v o = 0.6 v 44 110 % isolation resistance r i-o v i-o = 1 kv dc 10 11 ? isolation capacitance c i-o v = 0 v, f = 1 mhz 0.7 pf propagation delay time (h l) *2 t phl i f = 10 ma, r l = 20 k ? , c l = 100 pf, v thhl = 1.5 v, v thlh = 2.0 v 240 500 ns propagation delay time (l h) *2 t plh 460 750 maximum propagation delays t plh ? t phl ? 200 220 650 pulse width distortion (pwd) ? ? t plh ? 220 650 common mode transient immunity at high level output *3 cm h t a = 25 c, i f = 0 ma, v o > 3.0 v, v cm = 1.5 kv, r l = 20 k ? , c l = 100 pf 15 kv/ s common mode transient immunity at low level output *3 cm l t a = 25 c, i f = 10 ma, v o < 1.0 v, v cm = 1.5 kv, r l = 20 k ? , c l = 100 pf 15 kv/ s
data sheet pn10689ej05v0ds 6 ps9313l,ps9313l2 *1 typical values at t a = 25 c. *2 test circuit for propagation delay time v thhl = 1.5 v 15 v v ol t phl t plh v thlh = 2.0 v i f (on) 50% i f (on) 51 ? pulse input (i f = 10 ma) r l = 20 k ? v o (monitor) v cc = 15 v 0.1 f c l = 100 pf 6 5 4 shield 1 2 3 output input input (monitor) (pw = 10 s, duty cycle = 1/10) remark c l includes probe and stray wiring capacitance. *3 test circuit for common mode transient immunity 90% 10% 0 v v cc 3.0 v 1.0 v v ol v cm v o (switch a: i f = 0 ma) (switch b: i f = 10 ma) v o t r t f v cm sw i f a b r l = 20 k ? v o (monitor) v cc = 15 v 0.1 f c l = 100 pf 6 5 4 shield 2 1 3 + ? v cm = 1.5 kv remark c l includes probe and stray wiring capacitance. usage cautions 1. this product is weak for static el ectricity by designed with high-speed integr ated circuit so protect against static electricity when handling. 2. by-pass capacitor of more than 0.1 f is used between v cc and gnd near device. al so, ensure that the distance between the leads of the photocoupler and capacitor is no more than 10 mm. 3. pin 2 (which is an nc *1 pin) can either be connected directly to the gnd pin on the led side or left open. unconnected pins should not be used as a bypass for signal s or for any other similar purpose because this may degrade the internal noise env ironment of the device. *1 nc: not connected (no connection) 4. avoid storage at a high te mperature and high humidity.
data sheet pn10689ej05v0ds 7 ps9313l,ps9313l2 typical characteristics (t a = 25 c, unless otherwise specified) ambient temperature t a ( c) maximum forward current i f (ma) maximum forward current vs. ambient temperature ambient temperature t a ( c) detector power dissipation p c (mw) detector power dissipation vs. ambient temperature ambient temperature t a ( c) high level supply current i cch (ma), low level supply current i ccl (ma) supply current vs. ambient temperature ambient temperature t a ( c) threshold input current i fhl (ma) threshold input current vs. ambient temperature ambient temperature t a ( c) low level output voltage v ol (v) low level output voltage vs. ambient temperature forward voltage v f (v) forward current i f (ma) forward current vs. forward voltage 100 120 0 30 25 20 15 10 5 20 40 60 80 110 110 25 50 75 100 125 0 120 100 80 60 40 20 75 1.0 0.01 0.1 1 10 100 1.2 1.4 1.6 1.8 2.0 2.2 2.4 t a = +110 c +100 c +85 c +50 c +25 c 0 c ?40 c ?50 ?25 0 25 50 75 100 125 0 0.4 0.2 0.6 1.0 0.8 1.2 v cc = 30 v, v o = open, i cch : v f = 0.8 v, i ccl : i f = 10 ma i ccl i cch 0 1 2 3 4 5 v cc = 15 v, v o = 0.8 v, i o = 0.75 ma ?50 ?25 0 25 50 75 100 125 ?50 ?25 0 0.1 0.3 0.4 25 0 50 75 125 100 0.2 0.5 v cc = 15 v, i f = 10 ma, i o = 2.4 ma remark the graphs indicate nominal characteristics.
data sheet pn10689ej05v0ds 8 ps9313l,ps9313l2 output current i o (ma) forward current i f (ma) output current vs. forward current forward current i f (ma) propagation delay time t phl , t plh (ns), maximum propagation delays t plh ? t phl (ns) propagation delay time, maximum propagation delays vs. forward current supply voltage v cc (v) propagation delay time t phl , t plh (ns), maximum propagation delays t plh ? t phl (ns) propagation delay time, maximum propagation delays vs. supply voltage propagation delay time, maximum propagation delays vs. load capacitance load capacitance c l (pf) ambient temperature t a ( c) normalized current transfer ratio ctr normalized current transfer ratio vs. ambient temperature ambient temperature t a ( c) propagation delay time, pulse width distortion vs. ambient temperature propagation delay time t phl , t plh (ns), pulse width distortion (pwd) t phl ? t plh (ns) 0 5 10 15 20 2 4 6 8 10 12 14 v o = 0.6 v +25 c t a = +110 c ?40 c ?50 ?25 0 25 50 75 100 125 0.7 0.8 1.1 0.9 1.0 1.2 normalized to 1.0 at t a = 25 c, i f = 10 ma, v o = 0.6 v 5101520 v cc = 15 v, c l = 100 pf, r l = 20 k ? 0 100 200 300 400 500 600 700 t phl t plh t plh ? t phl propagation delay time t phl , t plh (ns), maximum propagation delays t plh ? t phl (ns) i f = 10 ma, c l = 100 pf, r l = 20 k ? 010203040 1 800 1 600 1 400 1 200 1 000 800 600 400 200 t plh ? t phl t plh t phl 0 100 200 300 400 500 600 700 v cc = 15 v, i f = 10 ma, c l = 100 pf, r l = 20 k ? ?50 ?25 0 25 50 75 100 125 t phl t plh pwd v cc = 15 v, i f = 10 ma, r l = 20 k ? 0 100 200 300 400 500 1 800 1 600 1 400 1 200 1 000 800 600 400 200 t plh ? t phl t phl t plh remark the graphs indicate nominal characteristics.
data sheet pn10689ej05v0ds 9 ps9313l,ps9313l2 load resistance r l (k ? ) propagation delay time t phl , t plh (ns), maximum propagation delays t plh ? t phl (ns) propagation delay time, maximum propagation delays vs. load resistance load resistance r l (k ? ) propagation delay time t phl , t plh (ns), maximum propagation delays t plh ? t phl (ns) propagation delay time, maximum propagation delays vs. load resistance v cc = 15 v, i f = 10 ma, c l = 100 pf 010203040 50 1 200 1 000 800 600 400 200 0 ?200 t phl t plh t plh ? t phl v cc = 5 v, i f = 10 ma, c l = 15 pf 0 5 10 15 20 25 600 500 400 300 200 100 t phl t plh ? t phl t plh remark the graphs indicate nominal characteristics.
data sheet pn10689ej05v0ds 10 ps9313l,ps9313l2 taping specifications (unit: mm) PS9313L-E3 3302.0 1001.0 2.00.5 13.00.2 r 1.0 21.00.8 2.00.5 17.51.0 21.51.0 2.00.1 4.00.1 5.080.1 8.00.1 1.5 +0.1 ?0 1.750.1 4.5 max. 7.50.1 10.20.1 16.00.3 0.35 1.5 +0.1 ?0 4.050.1 outline and dimensions (tape) tape direction outline and dimensions (reel) packing: 2 000 pcs/reel 15.9 to 19.4 outer edge of flange
data sheet pn10689ej05v0ds 11 ps9313l,ps9313l2 ps9313l2-e3 3302.0 1001.0 2.00.5 13.00.2 r 1.0 21.00.8 2.00.5 25.51.0 29.51.0 2.00.1 4.00.1 5.080.1 8.00.1 2.0 +0.1 ?0 1.5 +0.1 ?0 4.050.1 1.750.1 4.5 max. 0.35 11.50.1 outline and dimensions (tape) outline and dimensions (reel) tape direction packing: 2 000 pcs/reel 23.9 to 27.4 outer edge of flange 24.00.3 12.00.1
data sheet pn10689ej05v0ds 12 ps9313l,ps9313l2 recommended mount pad dimensions (unit: mm) part number ps9313l ps9313l2 lead bending a lead bending type (gull-wing) for long creepage distance (surface mount) lead bending type (gull-wing) for surface mount 8.2 10.2 b 1.27 1.27 c 0.8 0.8 d 2.2 2.2 d c b a
data sheet pn10689ej05v0ds 13 ps9313l,ps9313l2 notes on handling 1. recommended soldering conditions (1) infrared reflow soldering ? peak reflow temperature 260 c or below (package surface temperature) ? time of peak reflow temperature 10 seconds or less ? time of temperature higher than 220 c 60 seconds or less ? time to preheat temperature from 120 to 180 c 120 30 s ? number of reflows three ? flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) 12030 s (preheating) 220 c 180 c package surface temperature t ( c) time (s) recommended temperature profile of infrared reflow (heating) to 10 s to 60 s 260 c max. 120 c (2) wave soldering ? temperature 260 c or below (molten solder temperature) ? time 10 seconds or less ? preheating conditions 120 c or below (package surface temperature) ? number of times one (allowed to be dipped in solder including plastic mold portion.) ? flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (3) soldering by soldering iron ? peak temperature (l ead part temperature) 350 c or below ? time (each pins) 3 seconds or less ? flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (a) soldering of leads should be made at the poi nt 1.5 to 2.0 mm from the root of the lead. (b) please be sure that the temperatur e of the package woul d not be heated over 100 c.
data sheet pn10689ej05v0ds 14 ps9313l,ps9313l2 (4) cautions ? fluxes avoid removing the residual flux with freon-based and chlorine-based cleaning solvent. 2. cautions regarding noise be aware that when voltage is applied suddenly bet ween the photocoupler?s i nput and output or between collector-emitters at startup, the out put side may enter the on st ate, even if the voltage is within the absolute maximum ratings.
data sheet pn10689ej05v0ds 15 ps9313l,ps9313l2 specification of vde marks license document parameter symbol spec. unit climatic test class (iec 60068-1/din en 60068-1) 40/110/21 dielectric strength maximum operating isolation voltage test voltage (partial discharge test, procedure a for type test and random test) u pr = 1.5 u iorm , p d < 5 pc u iorm u pr 1 130 1 695 v peak v peak test voltage (partial discharge te st, procedure b for all devices) u pr = 1.875 u iorm , p d < 5 pc u pr 2 119 v peak highest permissible overvoltage u tr 8 000 v peak degree of pollution (din en 60664-1 vde0110 part 1) 2 comparative tracking index (iec 60112/din en 60112 (vde 0303 part 11)) cti 175 material group (din en 60664-1 vde0110 part 1) iii a storage temperature range t stg ?55 to +125 c operating temperature range t a ?40 to +110 c isolation resistance, minimum value v io = 500 v dc at t a = 25c v io = 500 v dc at t a max. at least 100c ris min. ris min. 10 12 10 11 ? ? safety maximum ratings (maximum permi ssible in case of fault, see thermal derating curve) package temperature current (input current i f , psi = 0) power (output or total power dissipation) isolation resistance v io = 500 v dc at t a = tsi tsi isi psi ris min. 175 400 700 10 9 c ma mw ?
data sheet pn10689ej05v0ds 16 ps9313l,ps9313l2 the information in this document is current as of june, 2009. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec electronics data sheets, etc., for the most up-to-date specifications of nec electronics products. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec electronics. nec electronics assumes no responsibility for any errors that may appear in this document. nec electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec electronics products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec electronics or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. nec electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec electronics endeavors to enhance the quality and safety of nec electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. in addition, nec electronics products are not taken measures to prevent radioactive rays in the product design. when customers use nec electronics products with their products, customers shall, on their own responsibility, incorporate sufficient safety measures such as redundancy, fire-containment and anti-failure features to their products in order to avoid risks of the damages to property (including public or social property) or injury (including death) to persons, as the result of defects of nec electronics products. nec electronics products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to nec electronics products developed based on a customer- designated "quality assurance program" for a specific application. the recommended applications of an nec electronics product depend on its quality grade, as indicated below. customers must check the quality grade of each nec electronics product before using it in a particular application. the quality grade of nec electronics products is "standard" unless otherwise expressly specified in nec electronics data sheets or data books, etc. if customers wish to use nec electronics products in applications not intended by nec electronics, they must contact an nec electronics sales representative in advance to determine nec electronics' willingness to support a given application. (note) ? ? ? ? ? ? m8e0904e (1) (2) "nec electronics" as used in this statement means nec electronics corporation and also includes its majority-owned subsidiaries. "nec electronics products" means any product developed or manufactured by or for nec electronics (as defined above). computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. "standard": "special": "specific":
ps9313l,ps9313l2 caution gaas products this product uses gallium arsenide (gaas). gaas vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points. ? follow related laws and ordinances when disposi ng of the product. if there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. commission a disposal company able to (wit h a license to) collect, transport and dispose of materials that contain arsenic and other such industrial waste materials. 2. exclude the product from general industria l waste and household garbage, and ensure that the product is controlled (as industrial waste subjec t to special control) up until final disposal. ? do not burn, destroy, cut, crush, or chemically dissolve the product. ? do not lick the product or i any way allow it to enter the mouth.


▲Up To Search▲   

 
Price & Availability of PS9313L-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X