Part Number Hot Search : 
CPC1967 2SA1411 CTS02M SPX29 S2744 CPC1967 2SA1411 6448TDHH
Product Description
Full Text Search
 

To Download POS500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pos series 500va tower standby 120v ups with usb port model number: POS500 description tripp lite's POS500 standby ups system offers surge suppression and long-lasting battery support, ideal for kiosks, point-of-sale, network workstations and standalone pc applications. special housing with rear-facing outlets fits into limited height and width ups compartments in kiosks and other equipment housings. internal ups circuits maintain ac output during power failures and severe brownout conditions so that connected equipment can be properly shut down without data loss. includes 3 battery-supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support. usb port enables optional unattended system shutdown without data loss in case of extended power failure; cable included. hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x. poweralert software available via free download from www.tripplite.com. built-in single line phone suppression protects modem, fax machine or other peripheral with a standard dialup/dsl phone connection. built-in audible alarm and 5 leds indicate line power status, battery power status, battery low/replace, overload and site wiring fault status. 500va/300w power handling ability supports point-of-sale equipment, kiosks, network workstations, small business phone systems and desktop pc equipment. compatible with tripp lite's watchdog system service to restore operation to locked equipment through soft reboot of application/os or hard power off/on reboot of connected equipment - ideal for unattended kiosk applications. offers 4.9 minutes battery runtime with a full load of 500va and 15.8 minutes with a half load of 250va. supports user battery replacement via built-in access panel. $150,000 ultimate lifetime insurance (usa, canada and puerto rico only). features POS500 offer surge suppression and long-lasting battery support for kiosks, point-of-sale, network workstations and standalone pc applications special housing with short 6.54 inch height, thin 3.58 inch width and rear-facing outlets is compatible with ups compartments in many kiosks and other equipment housings supports a full load of 500va/300 watts for 4.9 minutes and a half load of 250va/150 watts for 15.8 minutes supplies battery-derived ac output from ups supported outlets during brownouts, overvoltages and blackout conditions includes 6 total outlets, 3 with ups and surge suppression for vital system components and 3 with surge suppression only for accessories not requiring battery support compatible with tripp lite's watchdog system service to restore operation to locked equipment through soft reboot of application/os or hard power off/on reboot of connected equipment - ideal for unattended kiosk applications usb port enables optional unattended system shutdown without data loss in case of extended power failure; cable included highlights 500va low-profile tower 120v standby ups maintains ac output during power failures 3 ups battery supported outlets, 3 surge-only outlets usb port, tel/dsl protection, 99% efficient nema 5-15p input and 6 nema 5-15r outlets this product is energy star qualified for its ability to save customers money while helping to protect the environment package includes POS500 ups, usb cable, user manual with warranty information 1 / 5
usb port enables optional unattended system shutdown without data loss in case of extended power failure; cable included hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x poweralert auto-shutdown and power management software available via free download from www.tripplite.com. built-in single line phone suppression protects modem, fax machine or other peripheral with a standard dialup/dsl phone connection built-in audible alarm and 5 leds indicate line power status, battery power status, battery low/replace, overload and site wiring fault status supports hot swappable, user battery replacement via built-in access panel specifications output output volt amp capacity (va) 500 output watt capacity (watts) 300 nominal output voltage(s) supported 115v; 120v frequency compatibility 50 / 60 hz output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 6 5-15r outlet(s) surge suppression only outlets 3 ups outlets, 3 surge-only outlets output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 10a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery full load runtime (minutes) 4.9 min. (300w) half load runtime (minutes) 15.8 min. (150w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 10 hours from 10% to 90% 2 / 5
replacement battery cartridge (internal ups battery replacement) rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries leds alarms & switches led indicators 4 leds (online, on battery, replace battery, overload) site wiring fault indication rear panel site wiring fault led alarms audible alarm indicates power-failure switches combination switch controls on/off power status and self-test operation surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower primary form factor tower ups / power module dimensions in primary form factor (height x width x depth / inches) 6.5 x 3.6 x 11.2 ups / power module dimensions in primary form factor (height x width x depth / cm) 16.6 x 9.1 x 28.4 ups / power module weight (lbs) 8.1 ups / power module weight (kg) 3.7 ups shipping dimensions (height x width x depth / inches) 9.4 x 7.1 x 14.2 ups shipping dimensions (height x width x depth / cm) 24 x 18 x 36 shipping weight (lbs) 10.5 shipping weight (kg) 4.8 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius 3 / 5
relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 10.3 battery mode btu / hr. (full load) 194.3 ac mode efficiency rating (100% load) 99% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 4 milliseconds from ac to battery mode; 4 milliseconds from battery to ac mode low voltage transfer to battery power (setpoint) 93 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green & high efficiency features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi); energy star qualified warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $150,000 ultimate lifetime insurance related items optional products model number description qty. watchdogsw watchdog service monitoring / reboot software 1 wext5-internet 5-year extended warranty - for internet office, avr and eco series ups systems 1 4 / 5
more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/POS500 . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? POS500


▲Up To Search▲   

 
Price & Availability of POS500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X