Part Number Hot Search : 
BC1602 SK34E MAX6965 TFS456Y D4448 P2801 33401 FMMT4126
Product Description
Full Text Search
 

To Download PMEG4005AEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features very low forward voltage high surge current very small plastic smd package. applications low voltage rectification high efficiency dc/dc conversion voltage clamping inverse polarity protection low power consumption applications. related products type number description feature pmegxx05aev 0.5 a; 20/30/40 v very low v f mega schottky recti?er sot666 package pmeg2005eb 0.5 a; 20 v very low v f mega schottky recti?er smaller sod523 (sc-79) package pmeg2010ea 1 a; 20 v very low v f mega schottky recti?er higher forward current limiting v alues in accordance with the absolute maxim um rating system (iec 60134). notes 1. refer to sod323 (sc-76) standard mounting conditions. 2. for schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses p r are a significant part of the total power losses. nomograms for determination of the reverse power losses p r and i f(av) rating will be available on request. symbol p arameter conditions min. max. unit v r contin uous re v erse v oltage pmeg2005aea - 20 v pmeg3005aea - 30 v PMEG4005AEA - 40 v i f contin uous f orw ard current note 1 - 0.5 a i frm repetitiv e peak f orw ard current t p 1 ms; d 0.5 - 3.5 a i fsm non-repetitiv e peak f orw ard current t p = 8 ms; square w a v e - 10 a t j junction temper ature note 2 - 150 c t amb oper ating ambient temper ature note 2 - 65 +150 c t stg stor age temper ature - 65 +150 c pmeg2005aea thru PMEG4005AEA schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn sod-323 dimensions in inches and (millimeters)        
thermal characteristics notes 1. refer to sod323 (sc-76) standard mounting conditions. 2. for schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses p r are a significant part of the total power losses. nomograms for determination of the reverse power losses p r and i f(av) rating will be available on request. 3. device mounted on an fr4 printed-circuit board with copper clad 10 10 mm. 4. solder point of cathode tab. symbol parameter conditions value unit r th j-a thermal resistance from junction to ambient in free air; notes 1 and 2 450 k/w in free air; notes 2 and 3 210 k/w r th j-s thermal resistance from junction to soldering point note 4 90 k/w electrical characteristics t amb =25 c unless otherwise speci?ed. note 1. pulse test: t p 300 ms; d 0.02. symbol parameter conditions pmeg2005aea pmeg3005aea PMEG4005AEA unit typ. max. typ. max. typ. max. v f forward voltage i f = 0.1 ma 90 130 90 130 95 130 mv i f = 1 ma 150 190 150 200 155 210 mv i f = 10 ma 210 240 215 250 220 270 mv i f = 100 ma 280 330 285 340 295 350 mv i f = 500 ma 355 390 380 430 420 470 mv i r continuous reverse current v r = 10 v; note 1 15 40 12 30 7 20 ma v r = 20 v; note 1 40 200 ----m a v r = 30 v; note 1 -- 40 150 --m a v r = 40 v; note 1 ---- 30 100 ma c d diode capacitance v r = 1 v; f = 1 mhz 66 80 55 70 43 50 pf pmeg2005aea thru PMEG4005AEA schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
graphical data handbook, halfpage 0.6 0.4 0.2 10 3 10 2 1 10 - 1 mdb675 v f (v) (1) (2) (3) 0 10 i f (ma) fig.2 forward current as a function of forward voltage; typical values. pmeg2005aea (1) t amb = 150 c. (2) t amb =85 c. (3) t amb =25 c. handbook, halfpage 010 51520 v r (v) mdb676 10 5 10 4 10 3 10 2 10 1 i r ( m a) (1) (2) (3) fig.3 reverse current as a function of reverse voltage; typical values. pmeg2005aea (1) t amb = 150 c. (2) t amb =85 c. (3) t amb =25 c. handbook, halfpage 010 51520 v r (v) c d (pf) 0 150 100 50 mdb677 fig.4 diode capacitance as a function of reverse voltage; typical values. pmeg2005aea f = 1 mhz; t amb =25 c. pmeg2005aea thru PMEG4005AEA schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
handbook, halfpage 0.6 0.4 0.2 10 3 10 2 1 10 - 1 mdb672 v f (v) (1) (2) (3) 0 10 i f (ma) fig.5 forward current as a function of forward voltage; typical values. pmeg3005aea (1) t amb = 150 c. (2) t amb =85 c. (3) t amb =25 c. handbook, halfpage 30 20 10 0 mdb673 10 5 10 4 10 3 10 2 10 1 i r ( m a) v r (v) (1) (2) (3) fig.6 reverse current as a function of reverse voltage; typical values. pmeg3005aea (1) t amb = 150 c. (2) t amb =85 c. (3) t amb =25 c. handbook, halfpage 0 5 10 20 120 0 40 80 15 mdb674 c d (pf) v r (v) fig.7 diode capacitance as a function of reverse voltage; typical values. pmeg3005aea f = 1 mhz; t amb =25 c. pmeg2005aea thru PMEG4005AEA schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
handbook, halfpage 0.6 0.4 0.2 0 10 3 10 2 10 1 10 - 1 mdb669 i f (ma) v f (v) (1) (2) (3) fig.8 forward current as a function of forward voltage; typical values. PMEG4005AEA (1) t amb = 150 c. (2) t amb =85 c. (3) t amb =25 c. handbook, halfpage 020 10 30 40 v r (v) mdb670 10 5 10 4 10 3 10 2 10 1 i r ( m a) (1) (2) (3) fig.9 reverse current as a function of reverse voltage; typical values. PMEG4005AEA (1) t amb = 150 c. (2) t amb =85 c. (3) t amb =25 c. handbook, halfpage 0 5 10 20 100 0 80 15 60 40 20 mdb671 v r (v) c d (pf) fig.10 diode capacitance as a function of reverse voltage; typical values. PMEG4005AEA f = 1 mhz; t amb =25 c. pmeg2005aea thru PMEG4005AEA schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of PMEG4005AEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X