Part Number Hot Search : 
S6416 MXO5026 100MR SR280 2SA1350 15N100 M053M32 232CB
Product Description
Full Text Search
 

To Download PE8210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet dc block on inner conductor 50 ohm sma male to sma female operating from 10 mhz to 18 ghz confguration design inner dc block body style straight impedance 50 ohms connector 1 sma male connector specifcation 1 mil-std-348 connector 2 sma female connector specifcation 2 mil-std-348 electrical specifcations frequency range, ghz 0.01 to 18 impedance, ohms 50 maximum vswr 1.35:1 maximum insertion loss, db 0.5 maximum operating voltage, vrms 200 mechanical specifcations temperature operating range,deg c -65 to +125 size length, in [mm] 1.2 [30.48] width/dia., in [mm] 0.36 [9.14] . weight, lbs [g] 0.019 [8.62] body material and plating passivated stainless steel connector 1 type sma male dielectric type ptfe inner conductor material and plating beryllium copper , gold coupling nut material and plating passivated stainless steel hex size, inch 5/16 torque, in-lbs [nm] 8 [0.9] body material and plating passivated stainless steel connector 2 type sma female dielectric type ptfe inner conductor material and plating beryllium copper , gold body material and plating passivated stainless steel dc block on inner conductor 50 ohm sma male to sma female operating from 10 mhz to 18 ghz click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: dc block on inner conductor 50 ohm sma male to sma female operating from 10 mhz to 18 ghz PE8210 PE8210 PE8210 rev
2 technical data sheet compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/50-ohm-sma-inner-dc-block-0.1-18-ghz-PE8210-p.aspx dc block on inner conductor 50 ohm sma male to sma female operating from 10 mhz to 18 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry . dc block on inner conductor 50 ohm sma male to sma female operating from 10 mhz to 18 ghz PE8210 PE8210 rev
3 ? 2012 pasternack enterprises all rights reserved PE8210 rev dc block on inner conductor 50 ohm sma male to sma female operating from 10 mhz to 18 ghz PE8210 cad drawing


▲Up To Search▲   

 
Price & Availability of PE8210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X