Part Number Hot Search : 
30WQ05F NCP1570D TBS016 PJQMS05 LZ39B 03800 74409 IL1815D
Product Description
Full Text Search
 

To Download NV4V31MF12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r08ds0045ej0100 rev.1.00 page 1 of 7 mar 05, 2012 the mark shows major revised points. the revised points can be easily searched by copying an "" in the pdf file and specifying it in the "find what:" field. preliminary data sheet nv4v31mf blue-violet laser diode 405 nm blue-violet laser light source description the nv4v31mf is a blue-violet laser diode with a wavelength of 405 nm. a newly developed ld chip structure achieves a high optical power output of 175 mw (cw) at up to 85 c. the nv4v31mf can provide excellent linearity from low to high output at high temperatures, and reduces the unevenness of beam divergence. features ? high optical output power p o = 175 mw @cw ? peak emission wavelength p = 405 nm typ. ? wide operating temperature range t c = ? 5 to +85 c ? 3.8 mm small can package applications ? blue-violet laser light source r08ds0045ej0100 rev.1.00 mar 05, 2012
nv4v31mf chapter title r08ds0045ej0100 rev.1.00 page 2 of 7 mar 05, 2012 package dimensions (unit: mm) 0.25 0.07 0.25 0.07 0.8 0.05 1.2 with glass 3 (stem gnd) 2 1 ld 90 2 y x effective diameter 0.65 min. pin connections stem reference plain 1.30.08 *1 0.2 min. ld chip z 6.50.5 0.3 max. 1.00.1 2.020.08 3? 0.30.05 3.8 +0.0 ?0.025 2.420.1 3.1 max. 0.10.05 remarks 1. cap glass thickness: 0.250.03 mm cap glass refractive index :1.53 ( = 405 nm) bottom view 1 2 3 0.2 0.1 1.43 0.15 p.c.d. x = 80 m y = 80 m z = 80 m ( *1 ) 2. position accuracy of the ld chip based on the center of stem
nv4v31mf chapter title r08ds0045ej0100 rev.1.00 page 3 of 7 mar 05, 2012 ordering information part number order number rank package gv tray packaging (250 p/tray) nv4v31mf nv4v31mf-a kv individual packaging (for small samples) absolute maximum ratings (t c = 25 c, unless otherwise specified) parameter symbol ratings unit optical output power (cw) p o 180 mw optical output power (pulse) *1 p p 360 mw reverse voltage of ld v r 2 v operating case temperature t c ? 5 to +85 c storage temperature t stg ? 40 to +85 c note: *1. pulse condition: pw 50 ns, duty 50% recommended operating conditions (t c = 25 c, unless otherwise specified) parameter symbol max. unit optical output power (cw) p o 175 mw electro-optical characteristics (t c = 25 c, unless otherwise specified) parameter symbol conditions min. typ. max. unit threshold current i th cw 35 55 ma operating current i op cw, p o = 175 mw 150 200 ma optical voltage v op cw, p o = 175 mw 5.0 6.5 v slope efficiency d cw, p o = 20 mw, 175 mw 1.1 1.55 w/a peak wavelength p cw, p o = 175 mw 400 405 415 nm beam divergence (lateral) // cw, p o = 175 mw 6 9 12 deg. beam divergence (vertical) 15 20 25 position accuracy angle (lateral) ? // cw, p o = 175 mw ? 3 0 3 deg. position accuracy angle (vertical) ? ? 3 0 3
nv4v31mf chapter title r08ds0045ej0100 rev.1.00 page 4 of 7 mar 05, 2012 typical characteristics (t c = 25 c, unless otherwise specified) optical output power p o (mw) peak wavelength p (nm) temperature ( c) peak wavelength p (nm) optical output power vs. forward current forward current i f (ma) optical output power p o (mw) forward voltage vs. forward current forward current i f (ma) forward voltage v f (v) 400 0 50 100 150 200 410 408 406 404 402 power dependence of differential efficiency n = 5 0.011 nm/mw 400 0 20 40 60 80 100 412 410 408 406 404 402 temperature dependence of differential efficiency 0.064 nm/ c 175 mw n = 5 ? 30 ? 20 ? 10 0 10 20 30 ffp (lateral) angle (degrees) relative intensity 175 mw 120 mw 80 mw 40 mw ffp (vertical) angle (degrees) relative intensity ? 30 ? 20 ? 10 0 10 20 30 175 mw 120 mw 80 mw 40 mw 0 50 100 150 200 0 2 4 6 8 10 20 c 25 c 30 c 40 c 50 c 60 c 70 c 80 c 90 c 0 50 100 150 200 20 c 25 c 30 c 40 c 50 c 60 c 70 c 80 c 90 c 0 20 40 60 80 100 120 140 160 180 200 remark the graphs indicate nominal characteristics.
nv4v31mf chapter title r08ds0045ej0100 rev.1.00 page 5 of 7 mar 05, 2012 400 402 404 406 408 410 wavelength spectrum (100 mw) wavelength (nm) relative intensity 0 1.2 1 0.8 0.6 0.4 0.2 400 402 404 406 408 410 wavelength spectrum (175 mw) wavelength (nm) relative intensity 0 1.2 1 0.8 0.6 0.4 0.2 remark the graphs indicate nominal characteristics.
nv4v31mf chapter title r08ds0045ej0100 rev.1.00 page 6 of 7 mar 05, 2012 notes on handling (unit: mm) 1. recommended soldering conditions ? peak temperature 350 c or below ? time 3 seconds or less ? soldering of leads should be made at the point 2.0 mm from the root of the lead ? this device cannot be mounted using reflow soldering. 2. usage cautions (1) take the following steps to ensure that the device is not damaged by static electricity. ? wear an antistatic wrist strap when soldering the device. we recommend a strap with a 1 m resistor. ? make sure that the work table and soldering iron are grounded. ? make sure that the soldering iron does not leak. (2) do not subject the package to undue stress. the package has a tensile strength of 1n. do not exceed this rating. also, avoid be nding the leads as much as possible. if the leads must be bent, bend them only once, making sure to anchor the base of the lead. (3) do not allow the glass window of the package to become scratched or dirty. also, do not subject the glass window to external force. (4) be sure to attach a heat si nk to sufficiently dissipate heat. (5) use the device as soon as possible after opening the aluminum moisture barrier bag.
nv4v31mf chapter title r08ds0045ej0100 rev.1.00 page 7 of 7 mar 05, 2012 safety information on this product danger visible laser radiation avoid direct exposure to beam output power 450 mw max wavelength 400 to 420 nm class lllb laser product avoid exposure-visible laser radiation is emitted from this aperture semiconductor laser warning laser beam a laser beam is emitted from this diode during operation. if the laser beam or its reflection enters your eye, it may cause injury to the eye or loss of eyesight. (note that, depending on the wavelength of the be am, the laser beam might not be visible.) ? do not look directly into the laser beam. ? avoid exposure to the laser beam, any reflected or collimated beam.
all trademarks and registered trademarks are t he property of their respective owners. c - 1 revision history nv4v31mf data sheet description rev. date page summary 0.01 sep 08, 2011 ? first edition issued 1.00 mar 05, 2012 throughout prelimi nary data sheet -> data sheet p.3 modification of ordering information p.4, 5 addition of typical characteristics
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is s ubject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also , please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control l aws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose rela ting to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporate d into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", an d "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics produ ct before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. fu rther, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended wh ere you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electroni cs data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment ; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or syst ems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct thr eat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas el ectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design . please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compati bility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renes as electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2012 renesas electronics corporation. all rights reserved. colophon 1.1


▲Up To Search▲   

 
Price & Availability of NV4V31MF12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X