Part Number Hot Search : 
UC3843A KBK10A CA3079 MAX38 2SK44 S29GL03 LMD57 15N12
Product Description
Full Text Search
 

To Download NIN-HCR10TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  14 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change component dimensions (mm): type case size a max. b max. c max. d typ. e typ. f typ. nin-hk 0402 1.19 0.64 0.66 0.20 0.523 0.215 nin-hj 0603 1.80 1.12 1.02 0.38 0.76 0.33 nin-hd 0805 2.29 1.68 1.55 0.51 1.27 0.50 nin-hc 1008 2.92 2.79 2.29 0.51 2.10 0.50 nin-he 1206 3.56 2.16 1.52 0.51 1.60 0.50 nin-ha 1210 3.65 2.95 2.70 0.51 2.10 .050 nin-hb 1812 4.95 3.81 3.43 1.78 2.90 .058 type h typ. i typ. j typ. nin-hk 0.65 0.35 0.50 nin-hj 1.02 0.36 0.46 nin-hd 1.78 1.02 0.76 nin-hc 2.54 1.02 1.27 nin-he 1.93 1.02 1.78 nin-ha 3.02 1.02 1.78 nin-hb 3.05 1.14 3.00 recommend land pattern dimensions (mm) wirewound chip inductors nin-h series ? sizes k(0402), j (0603), d (0805), c (1008), e (1206), a (1210) and b (1812) ? high q, high current and high srf characteristics ? reflow soldering applicable ? high inductance available in small size ? embossed plastic carrier packaging for automatic pick-place* *0402 punched cardboard carrier features environmental characteristics test speci cations test method & condition solderability 75% min. coverage after 3 sec. dip in +230c soldering pot (post ux) resistance to soldering heat (1) no evidence of damage (2) inductance change 5% of initial value (3) q factor within 10% of initial value (20% for 0402 & 0603 case sizes) after 5 seconds at +260c (with pre-conditioning) humidity (1) no evidence of damage (2) inductance change 5% of initial value (10% for 0402 case size) (3) q factor within 10% of initial value (20% for 0402 & 0603 case sizes) after 500 hours at 60c and 90 ~ 95% rh (0402 case size - after 96 hours 50c and 90 ~ 95% rh) low frequency vibration after 2 hrs per axis, 10 ~ 55hz, 1.5mm amplitude thermal shock after 100 cycles (10 cycles 0402) at -40c and +125c (30 minutes at each temperature) low temperature storage after 500 hrs at -40c high temperature load life (1) no evidence of damage (2) inductance change 10% of initial value (20% for 0402 case size) (3) q factor within 10% of initial value (20% for 0402 & 0603 case sizes) after 500 hrs at +125c with rated dc current (0402 case size - after 1,000 hrs at +85c) humidity load life no evidence of short or open circuit after 500 hrs at 60c with 90 ~ 95% rh with rated dc current (0402 case size- 1,000 hrs at +40c) j i h c d speci cations 1206 (e) 1210 (a) 1812 (b) inductance range 3.3nh ~ 1.2 h 3.9nh ~ 8.6 h 1.0 h ~ 33 h inductance tolerance see product standard values tables operating temperature range -40c ~ +125c f f e a b speci cations case size code 0402 (k) 0603 (j) 0805 (d) 1008 (c) inductance range 1.0nh ~ 68nh 1.8nh ~ 270nh 2.2nh ~ 910nh 10nh ~ 4.7 h inductance tolerance 0.3nh (s), 5% (j) 2% (g), 5% (j), 10% (k), 20% (m) operating temperature range -40c ~ +125c
15 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change wirewound chip inductors nin-h series nic p/n inductance tolerance inductance value (nh) frequency (mhz) q factor srf (mhz) minimum rated dc resistance (ohms) rated dc current (ma) nin-hk1n0strf s 1.0 250 16@250mhz 7000 0.054 1360 nin-hk2n0strf s 2.0 250 19@250mhz 7000 0.084 1040 nin-hk2n2strf s 2.2 250 19@250mhz 7000 0.084 960 nin-hk2n7strf s 2.7 250 19@250mhz 7000 0.095 840 nin-hk3n3strf s 3.3 250 19@250mhz 7000 0.079 840 nin-hk3n9strf s 3.9 250 19@250mhz 6000 0.079 840 nin-hk5n2jtrf j 5.2 250 20@250mhz 4800 0.120 640 nin-hk5n6jtrf j 5.6 250 20@250mhz 4700 0.099 760 nin-hk6n8jtrf j 6.8 250 20@250mhz 4800 0.099 680 nin-hk8n2jtrf j 8.2 250 21@250mhz 4400 0.136 680 nin-hk8n5jtrf j 8.5 250 24@250mhz 4400 0.150 680 nin-hk9n0jtrf j 9.0 250 24@250mhz 3900 0.170 680 nin-hk100jtrf j 10 250 21@250mhz 3900 0.240 480 nin-hk120jtrf j 12 250 24@250mhz 3600 0.168 640 nin-hk150jtrf j 15 250 24@250mhz 3300 0.204 560 nin-hk180jtrf j 18 250 24@250mhz 3100 0.276 420 nin-hk220jtrf j 22 250 24@250mhz 2800 0.360 400 nin-hk270jtrf j 27 250 24@250mhz 2500 0.360 400 nin-hk330jtrf j 33 250 24@250mhz 2400 0.450 400 nin-hk360jtrf j 36 250 24@250mhz 2320 0.440 320 nin-hk390jtrf j 39 250 25@250mhz 2100 0.660 200 nin-hk430jtrf j 43 200 25@250mhz 2000 0.744 175 nin-hk470jtrf j 47 200 20@250mhz 2100 0.792 175 nin-hk560jtrf j 56 200 22@250mhz 1800 0.780 175 nin-hk680jtrf j 68 200 22@250mhz 1600 0.912 150 nin-hk series k-size (0402) standard values
16 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change wirewound chip inductors nin-h series nin-hj series j-size (0603) standard values nic p/n inductance tolerance inductance value (nh) frequency (mhz) q factor srf (mhz) minimum rated dc resistance (ohms) rated dc current (ma) nin-hj1n8_trf j,k,m 1.8 250 16@250mhz 6000 0.10 700 nin-hj3n9_trf j,k,m 3.9 250 20@250mhz 6000 0.10 700 nin-hj4n7_trf j,k,m 4.7 250 10@250mhz 5800 0.25 700 nin-hj6n8_trf j,k,m 6.8 250 25@250mhz 5800 0.11 700 nin-hj8n2_trf j,k,m 8.2 250 30@250mhz 4200 0.13 700 nin-hj100_trf j,k,m 10 250 30@250mhz 4800 0.13 700 nin-hj120_trf g,j,k,m 12 250 30@250mhz 4000 0.13 700 nin-hj150_trf g,j,k,m 15 250 30@250mhz 4000 0.19 700 nin-hj180_trf g,j,k,m 18 250 30@250mhz 3100 0.20 700 nin-hj220_trf g,j,k,m 22 250 35@250mhz 3000 0.23 700 nin-hj270_trf g,j,k,m 27 250 35@250mhz 2800 0.20 600 nin-hj330_trf g,j,k,m 33 250 35@250mhz 2300 0.22 600 nin-hj390_trf g,j,k,m 39 250 35@250mhz 2200 0.25 600 nin-hj470_trf g,j,k,m 47 200 35@250mhz 2000 0.35 600 nin-hj560_trf g,j,k,m 56 200 35@250mhz 1900 0.38 600 nin-hj680_trf g,j,k,m 68 200 35@250mhz 1700 0.46 600 nin-hj720_trf g,j,k,m 72 150 34@250mhz 1700 0.46 400 nin-hj820_trf g,j,k,m 82 150 34@250mhz 1700 0.46 400 nin-hjr10_trf g,j,k,m 100 150 34@250mhz 1400 0.52 400 nin-hjr11_trf g,j,k,m 110 150 32@250mhz 1350 0.79 300 nin-hjr12_trf g,j,k,m 120 150 32@250mhz 1300 0.82 300 nin-hjr15_trf g,j,k,m 150 150 28@150mhz 990 1.00 280 nin-hjr18_trf g,j,k,m 180 100 25@100mhz 990 1.20 240 nin-hjr22_trf g,j,k,m 220 100 25@100mhz 990 2.00 200 nin-hjr27_trf g,j,k,m 270 100 24@100mhz 990 2.30 170
17 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change wirewound chip inductors nin-h series nin-hd series d-size (0805) standard values nic p/n inductance tolerance inductance value (nh) frequency (mhz) q factor srf (mhz) minimum rated dc resistance (ohms) rated dc current (ma) nin-hd2n2_trf j,k,m 2.2 250 40@1500mhz 6000 0.1 600 nin-hd3n3_trf j,k,m 3.3 250 25@1500mhz 6000 0.15 600 nin-hd4n7_trf j,k,m 4.7 250 50@1000mhz 5000 0.09 600 nin-hd6n8_trf j,k,m 6.8 250 50@1000mhz 5000 0.11 600 nin-hd8n2_trf j,k,m 8.2 250 50@1000mhz 4700 0.19 600 nin-hd100_trf j,k,m 10 250 50@500mhz 4200 0.14 600 nin-hd120_trf g,j,k,m 12 250 50@500mhz 4000 0.15 600 nin-hd150_trf g,j,k,m 15 250 50@500mhz 2900 0.17 600 nin-hd180_trf g,j,k,m 18 250 50@500mhz 3300 0.2 600 nin-hd220_trf g,j,k,m 22 250 55@500mhz 2600 0.22 500 nin-hd270_trf g,j,k,m 27 250 55@500mhz 2500 0.25 500 nin-hd330_trf g,j,k,m 33 250 60@500mhz 2050 0.27 500 nin-hd390_trf g,j,k,m 39 250 60@500mhz 2000 0.29 500 nin-hd470_trf g,j,k,m 47 200 60@500mhz 1650 0.31 500 nin-hd560_trf g,j,k,m 56 200 60@500mhz 1550 0.34 500 nin-hd680_trf g,j,k,m 68 200 60@500mhz 1450 0.38 500 nin-hd820_trf g,j,k,m 82 150 60@500mhz 1300 0.42 400 nin-hdr10_trf g,j,k,m 100 150 60@500mhz 1200 0.46 400 nin-hdr12_trf g,j,k,m 120 150 50@250mhz 1100 0.51 400 nin-hdr15_trf g,j,k,m 150 100 50@250mhz 920 0.56 400 nin-hdr18_trf g,j,k,m 180 100 50@250mhz 870 0.64 400 nin-hdr22_trf g,j,k,m 220 100 45@250mhz 850 0.7 400 nin-hdr27_trf g,j,k,m 270 100 40@250mhz 650 1 350 nin-hdr33_trf g,j,k,m 330 100 40@250mhz 600 1.5 310 nin-hdr39_trf g,j,k,m 390 100 35@250mhz 560 1.7 290 nin-hdr47_trf g,j,k,m 470 50 33@100mhz 375 1.76 250 nin-hdr56_trf g,j,k,m 560 25 23@50mhz 340 1.9 230 nin-hdr68_trf g,j,k,m 680 25 23@50mhz 188 2.2 190 nin-hdr82_trf g,j,k,m 820 25 23@50mhz 215 2.35 180 nin-hdr91_trf g,j,k,m 910 25 22@50mhz 180 3 160
18 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change wirewound chip inductors nin-h series nin-hc series c-size (1008) standard values nic p/n inductance tolerance inductance value (nh) frequency (mhz) q factor srf (mhz) minimum rated dc resistance (ohms) rated dc current (ma) nin-hc100_trf j,k,m 10 50 50@500mhz 4100 0.08 1000 nin-hc120_trf j,k,m 12 50 50@500mhz 3300 0.09 1000 nin-hc150_trf j,k,m 15 50 40@500mhz 2500 0.1 500 nin-hc180_trf j,k,m 18 50 50@350mhz 2500 0.11 1000 nin-hc220_trf j,k,m 22 50 55@350mhz 2400 0.12 1000 nin-hc270_trf j,k,m 27 50 55@350mhz 1600 0.13 1000 nin-hc330_trf g,j,k,m 33 50 60@350mhz 1600 0.14 1000 nin-hc390_trf g,j,k,m 39 50 60@350mhz 1500 0.15 1000 nin-hc470_trf g,j,k,m 47 50 65@350mhz 1500 0.16 1000 nin-hc560_trf g,j,k 56 50 65@350mhz 1300 0.18 1000 nin-hc680_trf g,j,k 68 50 65@350mhz 1300 0.2 1000 nin-hc820_trf g,j,k 82 50 60@350mhz 1000 0.22 1000 nin-hcr10_trf g,j,k 100 25 60@350mhz 1000 0.56 650 nin-hcr12_trf g,j,k 120 25 60@350mhz 950 0.63 650 nin-hcr15_trf g,j,k 150 25 45@100mhz 850 0.7 580 nin-hcr18_trf g,j,k 180 25 45@100mhz 750 0.77 620 nin-hcr22_trf g,j,k 220 25 45@100mhz 700 0.84 500 nin-hcr27_trf g,j,k 270 25 45@100mhz 600 0.91 500 nin-hcr33_trf g,j,k 330 25 45@100mhz 570 1.05 450 nin-hcr39_trf g,j,k 390 25 45@100mhz 500 1.12 470 nin-hcr47_trf g,j,k 470 25 45@100mhz 450 1.19 470 nin-hcr56_trf g,j,k 560 25 45@100mhz 415 1.33 400 nin-hcr62_trf g,j,k 620 25 45@100mhz 375 1.4 400 nin-hcr68_trf g,j,k 680 25 45@100mhz 375 1.47 400 nin-hcr75_trf g,j,k 750 25 45@100mhz 360 1.54 360 nin-hcr82_trf g,j,k 820 25 45@100mhz 350 1.61 360 nin-hcr91_trf g,j,k 910 25 35@50mhz 320 1.68 330 nin-hc1r0_trf g,j,k 1000 25 35@50mhz 290 1.75 330 nin-hc1r2_trf g,j,k 1200 7.9 35@50mhz 250 2 280 nin-hc1r5_trf g,j,k 1500 7.9 28@50mhz 200 2.3 280 nin-hc1r8_trf g,j,k 1800 7.9 28@50mhz 160 2.6 270 nin-hc2r2_trf g,j,k 2200 7.9 22@50mhz 160 2.8 250 nin-hc2r7_trf g,j,k 2700 7.9 22@25mhz 140 4.78 250 nin-hc3r3_trf g,j,k 3300 7.9 22@25mhz 110 5.26 250 nin-hc3r9_trf g,j,k 3900 7.9 20@25mhz 100 5.75 230 nin-hc4r7_trf g,j,k 4700 7.9 18@25mhz 90 6.3 230
19 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change nic p/n inductance value (nh) inductance tolerance frequency l/q(mhz) q factor srf (mhz) minimum rated dc resistance (ohms) rated dc current (ma) nin-he3n3_trf 3.3 g, j, k 100/300 20@300mhz 6200 0.07 1000 nin-he6n8_trf 6.8 g, j, k 100/300 30@300mhz 5500 0.07 1000 nin-he100_trf 10 g, j, k 100/300 40@300mhz 4000 0.09 1000 nin-he120_trf 12 g, j, k 100/300 40@300mhz 3200 0.09 1000 nin-he150_trf 15 g, j, k 100/300 40@300mhz 3200 0.12 1000 nin-he180_trf 18 g, j, k 100/300 45@300mhz 2800 0.12 1000 nin-he220_trf 22 g, j, k 100/300 50@300mhz 2200 0.12 1000 nin-he270_trf 27 g, j, k 100/300 50@300mhz 1800 0.12 1000 nin-he330_trf 33 g, j, k 100/300 50@300mhz 1800 0.12 1000 nin-he390_trf 39 g, j, k 100/300 50@300mhz 1800 0.12 1000 nin-he470_trf 47 g, j, k 100/300 50@300mhz 1500 0.13 1000 nin-he560_trf 56 g, j, k 100/300 55@300mhz 1450 0.14 1000 nin-he680_trf 68 g, j, k 100/300 55@300mhz 1200 0.26 900 nin-he820_trf 82 g, j, k 100/300 55@300mhz 1200 0.21 900 nin-her10_trf 100 g, j, k 100/300 55@300mhz 1100 0.3 850 nin-her12_trf 120 g, j, k 100/300 60@300mhz 1100 0.3 800 nin-her15_trf 150 g, j, k 100/300 55@300mhz 950 0.31 750 nin-her18_trf 180 g, j, k 50/300 60@300mhz 900 0.43 700 nin-her22_trf 220 g, j, k 50/300 60@300mhz 760 0.56 670 nin-her27_trf 270 g, j, k 50/300 50@300mhz 730 0.56 630 nin-her33_trf 330 g, j, k 50/150 45@150mhz 650 0.7 590 nin-her39_trf 390 g, j, k 50/150 45@150mhz 600 0.8 530 nin-her47_trf 470 g, j, k 50/150 45@150mhz 550 1.3 490 nin-her56_trf 560 g, j, k 35/150 45@150mhz 470 1.34 460 nin-her68_trf 680 g, j, k 35/150 45@150mhz 450 1.58 430 nin-her82_trf 820 g, j, k 35/150 45@150mhz 420 1.82 400 nin-he1r0_trf 1000 g, j, k 35/150 45@150mhz 400 2.8 320 nin-he1r2_trf 1200 g, j, k 35/150 45@150mhz 380 3.2 300 nin-he series d-size (1206) standard values wirewound chip inductors nin-h series note: extended values, tolerances, and enhanced versions are available please contact nic for more details.
20 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change nic p/n inductance value (nh) inductance tolerance frequency l/q(mhz) q factor srf (mhz) minimum rated dc resistance (ohms) rated dc current (ma) nin-ha3n9_trf 3.9 g, j, k 100/300 30@300mhz 6000 0.05 1000 nin-ha4n7_trf 4.7 g, j, k 100/300 30@300mhz 5800 0.065 1000 nin-ha8n2_trf 8.2 g, j, k 100/300 30@300mhz 5500 0.07 1000 nin-ha100_trf 10 g, j, k 100/300 40@300mhz 4000 0.08 1000 nin-ha120_trf 12 g, j, k 100/300 40@300mhz 3200 0.08 1000 nin-ha150_trf 15 g, j, k 100/300 40@300mhz 3200 0.1 1000 nin-ha180_trf 18 g, j, k 100/300 50@300mhz 2800 0.1 1000 nin-ha220_trf 22 g, j, k 100/300 50@300mhz 2200 0.1 1000 nin-ha270_trf 27 g, j, k 100/300 50@300mhz 1800 0.11 1000 nin-ha330_trf 33 g, j, k 100/300 55@300mhz 1800 0.11 1000 nin-ha390_trf 39 g, j, k 100/300 55@300mhz 1500 0.12 1000 nin-ha430_trf 43 g, j, k 100/300 55@300mhz 1500 0.12 1000 nin-ha470_trf 47 g, j, k 100/300 55@300mhz 1500 0.13 1000 nin-ha560_trf 56 g, j, k 100/300 55@300mhz 1450 0.14 1000 nin-ha680_trf 68 g, j, k 100/300 55@300mhz 1200 0.15 900 nin-ha820_trf 82 g, j, k 100/300 55@300mhz 1000 0.2 900 nin-har10_trf 100 g, j, k 100/300 55@300mhz 900 0.2 850 nin-har12_trf 120 g, j, k 100/300 60@300mhz 800 0.25 800 nin-har15_trf 150 g, j, k 100/300 60@300mhz 700 0.25 750 nin-har18_trf 180 g, j, k 50/300 60@300mhz 650 0.3 700 nin-har22_trf 220 g, j, k 50/300 60@300mhz 650 0.4 770 nin-har27_trf 270 g, j, k 50/300 40@300mhz 580 0.4 630 nin-har33_trf 330 g, j, k 50/150 45@150mhz 580 0.58 590 nin-har39_trf 390 g, j, k 50/150 45@150mhz 510 0.58 530 nin-har47_trf 470 g, j, k 50/150 45@150mhz 480 0.8 490 nin-har56_trf 560 g, j, k 35/150 45@150mhz 420 1.1 460 nin-har68_trf 680 g, j, k 35/150 45@150mhz 400 1.2 430 nin-har82_trf 820 g, j, k 35/150 45@150mhz 370 1.82 400 nin-ha1r0_trf 1000 g, j, k 35/150 45@150mhz 340 1.85 320 nin-ha1r2_trf 1200 g, j, k 35/150 35@150mhz 220 1.87 300 nin-ha1r5_trf 1500 g, j, k 7.9/50 20@50mhz 160 1.95 310 nin-ha1r8_trf 1800 g, j, k 7.9/50 30@50mhz 160 2.25 310 nin-ha2r2_trf 2200 g, j, k 7.9/50 25@50mhz 130 2.41 310 nin-ha2r7_trf 2700 g, j, k 7.9/50 25@50mhz 110 2.85 300 nin-ha3r0_trf 3000 g, j, k 7.9/25 20@25mhz 110 3.12 300 nin-ha3r9_trf 3900 g, j, k 7.9/25 20@25mhz 60 3.6 290 nin-ha4r7_trf 4700 g, j, k 7.9/25 20@25mhz 60 4 280 nin-ha5r6_trf 5600 g, j, k 7.9/25 15@25mhz 50 5 250 nin-ha6r8_trf 6800 g, j, k 7.9 15@7.9mhz 40 8 230 nin-ha8r6_trf 8600 g, j, k 7.9 15@7.9mhz 40 9 200 nin-ha series d-size (1210) standard values wirewound chip inductors nin-h series note: extended values, tolerances, and enhanced versions are available please contact nic for more details.
21 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? speci cations are subject to change nic p/n inductance value ( h) inductance tolerance frequency l/q(mhz) q factor srf (mhz) minimum rated dc resistance (ohms) rated dc current (ma) nin-hb1r0_trf 1 g, j, k 7.9/50 60@50mhz 250 1.2 480 nin-hb1r2_trf 1.2 g, j, k 7.9/50 60@50mhz 230 1.2 480 nin-hb1r5_trf 1.5 g, j, k 7.9/50 60@50mhz 210 1.6 430 nin-hb1r8_trf 1.8 g, j, k 7.9/50 55@50mhz 150 2 380 nin-hb2r2_trf 2.2 g, j, k 7.9/50 55@50mhz 150 2.2 340 nin-hb2r7_trf 2.7 g, j, k 7.9/50 55@50mhz 150 3.2 300 nin-hb3r3_trf 3.3 g, j, k 7.9/50 55@50mhz 130 3.8 270 nin-hb3r9_trf 3.9 g, j, k 7.9/50 55@50mhz 120 5 240 nin-hb4r7_trf 4.7 g, j, k 7.9/50 55@50mhz 90 5.4 230 nin-hb5r6_trf 5.6 g, j, k 7.9/50 45@50mhz 90 5.7 220 nin-hb6r8_trf 6.8 g, j, k 7.9/50 30@50mhz 80 6.6 210 nin-hb8r2_trf 8.2 g, j, k 7.9/50 20@50mhz 70 7 200 nin-hb100_trf 10 g, j, k 7.9/50 15@50mhz 60 7.7 190 nin-hb120_trf 12 g, j, k 2.5/10 30@10mhz 50 8.7 180 nin-hb150_trf 15 g, j, k 2.5/10 30@10mhz 30 9.6 170 nin-hb180_trf 18 g, j, k 2.5/10 25@10mhz 30 10.5 160 nin-hb220_trf 22 g, j, k 2.5/10 25@10mhz 20 11.5 155 nin-hb270_trf 27 g, j, k 2.5/10 25@10mhz 20 12.5 150 nin-hb330_trf 33 g, j, k 2.5/10 10@10mhz 10 13.5 145 nin-hb series d-size (1812) standard values wirewound chip inductors nin-h series nin-h j 6n8 j tr f pb- free/rohs compliant taped & reeled tolerance code (s 0.3nh, g 2%, j 5%, k 10%, m 20%) inductance value in nanohenries (see standard values table for correct value code) case code (k=0402, j = 0603, d = 0805, c = 1008) series part number system note: extended values, tolerances, and enhanced versions are available please contact nic for more details.
22 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com type a b c w carrier type qty/reel nin-hk 0.67 0.05 0.66 0.05 1.20 0.05 8.0 0.2 punched 3,000 nin-hj 1.25 0.1 1.05 0.1 1.80 0.1 8.0 0.2 embossed 3,000 nin-hd 1.60 0.1 1.25 0.1 2.50 0.1 8.0 0.2 embossed 2,000 nin-hc 2.35 0.1 2.10 0.1 2.85 0.1 8.0 0.2 embossed 2,000 nin-he 2.40 0.1 1.90 max. 3.80 0.1 8.0 0.2 embossed 2,000 nin-ha 2.96 0.1 2.80 max. 3.60 0.1 8.0 0.2 embossed 1,000 nin-hb 3.61 0.1 3.81 max. 4.90 0.1 12.0 0.2 embossed 500 ? speci cations are subject to change tape and reel dimensions (mm): wirewound chip inductors nin-h series 2.0 0.5 60.0 1.0 30.0 0.2 10.0 1.0 178 2.0 21.0 0.8 embossed plastic carrier dimensions (mm) w 1.5 4.0 0.1 0.2 +0.5 b c a 1.5 4.0 0.1 3.5 0.05 2.0 0.05


▲Up To Search▲   

 
Price & Availability of NIN-HCR10TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X