Part Number Hot Search : 
S6416 XXXGX TS5204CY R1007 E008063 10N12 STRS5708 M5244B
Product Description
Full Text Search
 

To Download MS3102A14S-7S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
70 mil-dtl-5015 and mil-5015 type (solder contacts) ms 3102 a 18 ? 3 p w (sr) 12345678 1. connector type ms designates military standard cs* designates service class a and c with proprietary special contact arrangements sg* designates service class e with proprietary special contact arrangements sm* designates service class f and r with proprietary special contact arrangements 2. connector style 3100 wall mounting receptacle 3101 cable connecting plug 3102 box mounting receptacle 3106 straight plug 3108 90 plug 3. service class a solid shell for general, non-environmental applications c solid shell for pressurized applications e environmental resisting f environmental resisting with strain relief (ms part num- ber only) r lightweight environmental resisting 4., 5. shell size and insert arrangement - see tables, pages 22?24. 6. contact types p designates pin contact s designates socket contact 7. insert rotation ?w?, ?x?, ?y?, or ?z? designate that insert is rotated in its shell from normal position. no letter required for normal (no rotation) position. 8. (sr) strain relief for non-military connectors (for ms use ?f? class) * for insert arrangements over 50 and shell size 40 and above. exceptions: 36-52, 40-1, 40-9 and 40-56 are ms approved. consult amphenol, sidney, ny for availability of alternate finishes, including black and olive drab zinc alloys. ms/standard how to order proprietary (crimp contacts) 75 ?68 0 12 ? 3 h 123456 1. connector type 75 ? connector utilizing silver plated contacts 80 ? less contacts 85 ? contacts utilizing 50 micro-inches gold over silver plating 2. service class 68 service class a, general duty 474 service class f, environmental resisting 190 service class r, lightweight environmental resisting 3. connector style 0 wall mounting receptacle 1 cable connecting plug 2 box mounting receptacle 6 straight plug 8 90 plug 4. shell size designator 5. insert arrangements see page 22-24. 6. contact type/alternate insert rotation p designates pin, s designates socket for normal position- ing of inserts. when an alternate position of the connector insert is required to prevent cross-mating, a different letter (other than p or s) is used. see page 25 for description of alternate positions, then convert to amphenol ? proprietary coding by the following charts: shell size 8s 10s 10sl 12s 12 14s 14 16s 16 18 shell designator 8 10 11 12131415161718 shell size 20 22 24 28 32 36 40 44 48 shell designator 20 22 24 28 32 36 40 44 48 pin contacts socket contacts ms letter amphenol letter ms letter amphenol letter pw g sw h px i sx j py k sy l pz m sz n
3 amphenol mil-dtl-5015 and mil-5015 type standard cylindrical connectors design characteristics ? medium to heavy weight cylindrical  durable, field-proven design  environmental resistant  resilient inserts  operating voltage to 3000 vac (rms) at sea level  threaded couplings  single key/keyway shell polarization  cost effective customer options  five shell styles  nineteen shell sizes  305 contact arrangements from 1 to 104 circuits  solder or crimp contacts, sizes 16-0 accepting 22-0 awg.  coaxial and thermocouple contact options  five class designations  alternate insert positioning  hermetic configurations available  zinc alloy plating (cadmium-free) available ms connectors meet the latest performance require- ments of mil-dtl-5015. these connectors represent well-proven electrical capability at an acceptable cost for most equipment where dur ability is important. mil-dtl-5015 features threaded couplings and single key/keyway polarization, representing maximum simplic- ity in design. applications include military ground support equipment, ordnance and shipboard installations. amphenol industrial operations manufactures five classes of connectors to meet different requirements. class designations and brief descriptions are listed below. a ? solid shell ? for general, non-environmental appli- cations. c ? pressurized ? for use on pressurized bulkheads or pressure barriers; limits air leakage regardless of type and class of plug mated with them. e/f ?environmental resisting with strain relief ? designed for applications where the connector will be exposed to moisture, vibration, and rapid changes in pressure and temperature. r ? lightweight environmental resisting ? shorter in length and lighter in weight than the e and f classes, the ms-r offers a high degree of reliability under adverse conditions: recommended for new design applications. ? ms-a, ms-c ms-e/f ms-r
4 ms/standard ms-a and ms-c ms-a and ms-c ms-a and ms-c class connectors perform many of the vital functions in powering, testing and ground support systems. class a applications include communications equipment, computers and shipboard installations where mechanical forces and physical parameters are not sub- ject to extreme or rapid environmental changes. class c connectors are most frequently used on pressur- ized bulkheads or pressure barriers at elevated altitudes or maritime applications. air leakage is limited to one cubic inch per hour at a pressure differential of 30 lbs. per square inch. shells: shell components are fabricated from high grade alumi- num alloy. electrically conductive cadmium plate finish with an olive drab chromate after-treat offers corrosion resistance. contacts: contacts are available in both solder and crimp versions. pins and sockets are machined from copper alloy with a silver plated finish. size 16 and 12 socket contacts incor- porate a closed entry design. refer to pages 49, 67 and 68 for additional contact information. inserts: inserts are resilient neoprene, offering high dielectric strength, high arc resistance and resistance to vibration. proprietary design permits pressurization of either pin or socket insert. wall mounting receptacle cable connecting plug box mounting receptacle straight plug 90 degree plug
5 shell size a thread class 2a b min full thread k +.020 ?.010 l .030 m +.010 ?.000 r .005 s .031 t dia. +.004 ?.002 v thread class 2a z +.050 ?.060 8s .5000-28unef .391 .672 1.391 .562 .594 .875 .120 .5000-28unef .422 10s .6250-24 unf .391 .672 1.468 .562 .719 1.000 .120 .5000-28unef .422 10sl .6250-24 unf .391 .672 1.468 .562 .719 1.000 .120 .6250-24nef .422 12s .7500-20unef .450 .672 1.468 .562 .812 1.094 .120 .6250-24nef .422 12 .7500-20unef .625 .860 1.843 .750 .812 1.094 .120 .6250-24nef .672 14s .8750-20unef .450 .672 1.468 .562 .906 1.188 .120 .7500-20unef .422 14 .8750-20unef .625 .860 1.843 .750 .906 1.188 .120 .7500-20unef .672 16s 1.0000-20unef .450 .672 1.468 .562 .969 1.281 .120 .8750-20unef .422 16 1.0000-20unef .625 .860 1.843 .750 .969 1.281 .120 .8750-20unef .672 18 1.1250-18nef .625 .891 1.938 .750 1.063 1.375 .120 1.0000-20unef .641* 20 1.2500-18nef .625 .891 1.844 .750 1.156 1.500 .120 1.1875-18nef .641* 22 1.3750-18nef .625 .891 1.938 .750 1.250 1.625 .120 1.1875-18nef .641* 24 1.5000-18nef .625 .953 1.969 .812 1.375 1.750 .147 1.4375-18nef .578* 28 1.7500-18ns .625 .953 2.188 .812 1.562 2.000 .147 1.4375-18nef .578* 32 2.0000-18ns .625 1.031 2.157 .875 1.750 2.250 .173 1.7500-18ns .500* 36 2.2500-16un .625 1.031 2.219 .875 1.938 2.500 .173 2.0000-18ns .500* 40 2.5000-16un .625 1.031 2.188 .875 2.188 2.750 .173 2.2500-16un .500* 44*** 2.7500-16un .625 1.031? 2.547 .875 2.375 3.000?? .173 2.5000-16un .751** 48*** 3.0000-16un .625 1.031? 2.547 .875 2.625 3.000?? .173 3.0000-16un .751** ms/standard ms3100a or c wall mounting receptacle to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. * increase z dimension by .312 for size ?0? contact only. ** increase z dimension by .062 for size ?0? contact only. *** available in proprietary version only. ? +.020 ?.030 ?? .020 sr t 4 holes s r b m k z v thread a thread l
6 n z a thread b l v thread shell size a thread class 2a b min. full thread l .030 n dia. max. v thread class 2a z .040 8s .5000-28unef .406 1.390 .532 .5000-28unef 1.094 10s .6250-24nef .406 1.468 .628 .5000-28unef 1.094 10sl .6250-24nef .406 1.468 .755 .6250-24nef 1.094 12s .7500-20unef .422 1.468 .755 .6250-24nef 1.094 12 .7500-20unef .656 1.843 .755 .6250-24nef 1.532 14s .8750-20unef .391 1.468 .882 .7500-20unef 1.094 14 .8750-20unef .625 1.843 .882 .7500-20unef 1.532 16s 1.0000-20unef .391 1.468 1.010 .8750-20unef 1.094 16 1.0000-20unef .625 1.843 1.010 .8750-20unef 1.532 18 1.1250-18nef .625 1.938 1.137 1.0000-20unef 1.532* 20 1.2500-18nef .625 1.844 1.264 1.1875-18nef 1.532* 22 1.3750-18nef .625 1.938 1.392 1.1875-18nef 1.532* 24 1.5000-18nef .625 1.969 1.519 1.4375-18nef 1.532* 28 1.7500-18ns .625 2.188 1.774 1.4375-18nef 1.532* 32 2.0000-18ns .625 2.157 1.996 1.7500-18ns 1.532* 36 2.2500-16un .625 2.219 2.251 2.0000-18ns 1.532* 40 2.5000-16un .625 2.188 2.506 2.2500-16un 1.532* 44*** 2.7500-16un .625 2.521 3.135 2.5000-16un 1.782** ms/standard ms3101a cable connecting plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. * increase z dimension by .312 for size ?0? contact only. ** increase z dimension by .062 for size ?0? contact only. *** available in proprietary version only.
7 sr t 4 holes s r b m k z a thread l n shell size a thread class 2a b min full thread k +.020 ?.010 l +.000 ?.010 m +.010 ?.000 n dia. +.010 ?.000 r .005 s .031 t dia. +.004 ?.002 z +.050 ?.060 8s .5000-28unef .391 .672 .297 .562 .375 .594 .875 .120 .422 10s .6250-24nef .391 .672 .297 .562 .500 .719 1.000 .120 .422 10sl .6250-24nef .391 .672 .297 .562 .625 .719 1.000 .120 .422 12s .7500-20unef .450 .672 .297 .562 .625 .812 1.094 .120 .422 12 .7500-20unef .625 .860 .484 .750 .625 .812 1.094 .120 .672 14s .8750-20unef .450 .672 .297 .562 .750 .906 1.188 .120 .422 14 .8750-20unef .625 .860 .484 .750 .750 .906 1.188 .120 .672 16s 1.0000-20unef .450 .672 .297 .562 .875 .969 1.281 .120 .422 16 1.0000-20unef .625 .860 .484 .750 .875 .969 1.281 .120 .672 18 1.1250-18nef .625 .891 .453 .750 1.000 1.062 1.375 .120 .641* 20 1.2500-18nef .625 .891 .453 .750 1.125 1.156 1.500 .120 .641* 22 1.3750-18nef .625 .891 .453 .750 1.250 1.250 1.625 .120 .641* 24 1.5000-18nef .625 .953 .453 .812 1.375 1.375 1.750 .147 .578 28 1.7500-18ns .625 .953 .453 .812 1.625 1.562 2.000 .147 .578* 32 2.0000-18ns .625 1.031 .438 .875 1.875 1.750 2.250 .173 .500* 36 2.2500-16un .625 1.031 .438 .875 2.062 1.938 2.500 .173 .500* 40 2.5000-16un .625 1.031 .438 .875 2.312 2.188 2.750 .173 .500* 44*** 2.7500-16un .625 1.063 .543? .875 2.594 2.375 3.000?? .173 .768** 48*** 3.0000-16un .625 1.063 .543? .875 2.812 2.625 3.250?? .209 .769** ms/standard ms3102a or c box mounting receptacle to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. * increase z dimension by .312 for size ?0? contact only. ** increase z dimension by .062 for size ?0? contact only. *** available in proprietary version only. ? +.020 ?.030 ?? .020
8 l z j v thread a thread q shell size a thread class 2b j .005 l .030 q dia. max. v thread class 2a z .045 8s .5000-28unef .531 .859 .741 .5000-28unef .562 10s .6250-24nef .531 .937 .869 .5000-28unef .562 10sl .6250-24nef .531 .937 .946 .6250-24nef .562 12s .7500-20unef .531 .937 .995 .6250-24nef .562 12 .7500-20unef .719 1.124 .995 .6250-24nef .812 14s .8750-20unef .531 .937 1.123 .7500-20unef .562 14 .8750-20unef .719 1.124 1.123 .7500-20unef .812 16s 1.0000-20unef .531 .937 1.250 .8750-20unef .562 16 1.0000-20unef .719 1.124 1.250 .8750-20unef .812 18 1.1250-18nef .719 1.219 1.333 1.0000-20unef .812* 20 1.2500-18nef .719 1.125 1.461 1.1875-18nef .812* 22 1.3750-18nef .719 1.219 1.588 1.1875-18nef .812* 24 1.5000-18nef .719 1.251 1.715 1.4375-18nef .812* 28 1.7500-18ns .719 1.470 1.968 1.4375-18nef .812* 32 2.0000-18ns .719 1.439 2.209 1.7500-18ns .812* 36 2.2500-16un .719 1.500 2.463 2.0000-18ns .812* 40 2.5000-16un .719 1.469 2.719 2.2500-16un .812* 44*** 2.7500-16un .719 1.818? 3.084 2.5000-16un 1.063** 48*** 3.3000-16un .719 1.818? 3.354 3.0000-16un 1.063** ms/standard ms3106a straight plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. all lockwire holes are .045 dia. min. * increase z dimension by .312 for size ?0? contact only. ** increase z dimension by .062 for size ?0? contact only. *** available in proprietary version only. ? +.020 ?.030
9 u w v thread l zj a thread q shell size a thread class 2b j .005 l max. q dia. max. u max. v thread class 2a w z .045 8s .5000-28unef .531 .896 .741 .750 .5000-28unef .375 .562 10s .6250-24nef .531 .927 .869 .750 .5000-28unef .375 .562 10sl .6250-24nef .531 .951 .946 .875 .6250-24nef .375 .562 12s .7500-20unef .531 .956 .995 .875 .6250-24nef .375 .562 12 .7500-20unef .719 1.143 .995 .875 .6250-24nef .375 .812 14s .8750-20unef .531 1.120 1.123 1.000 .7500-20unef .375 .562 14 .8750-20unef .719 1.207 1.123 1.000 .7500-20unef .375 .812 16s 1.0000-20unef .531 1.146 1.250 1.062 .8750-20unef .375 .562 16 1.0000-20unef .719 1.332 1.250 1.062 .8750-20unef .375 .812 18 1.1250-18nef .719 1.395 1.333 1.188 1.0000-20unef .375 .812* 20 1.2500-18nef .719 1.645 1.461 1.250 1.1875-18nef .375 .812* 22 1.3750-18nef .719 1.645 1.588 1.312 1.1875-18nef .375 .812* 24 1.5000-18nef .719 1.896 1.715 1.438 1.4375-18nef .375 .812* 28 1.7500-18ns .719 1.896 1.968 1.500 1.4375-18nef .375 .812* 32 2.0000-18ns .719 2.118 2.209 1.750 1.7500-18ns .438 .812* 36 2.2500-16un .719 2.176 2.463 1.875 2.0000-18ns .500 .812* 40 2.5000-16un .719 2.301 2.719 2.031 2.2500-16un .500 .812* ms/standard ms3108a 90 degree plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. all lockwire holes are .045 dia. min. * increase z dimension by .312 for size ?0? contact only.
10 ms/standard ms-e/f ms-e & f ms class f connectors satisfy all the performance requirements of mil-dtl-5015. class e, environmental is also produced, but is no longer listed on the qualified products listing (qpl). these connectors are recom- mended for conditions where vibration, moisture, pres- sure and/or temperature are extreme. strain relief is supplied on most shell sizes. shells: shell components are fabricated from high grade alumi- num alloy. the standard hardware plating is electrically conductive cadmium plated finish with an olive drab chro- mate after-treatment for corrosion resistance. consult amphenol, sidney, ny for other plating options. contacts: contacts are silver plated copper alloy for maximum cor- rosion resistance, maximum current carrying capacity and low millivolt drop. size 16 and 12 socket contacts incorporate a closed entry design. crimp and solder ver- sions are available. refer to pages 49, 67 and 68 for additional contact information. inserts: resilient neoprene inserts provide an outstanding mois- ture barrier, high dielectric strength, and resistance to vibration. either pin or socket insert can be pressurized. strain relief clamp: strain relief clamps minimize tension at the solder well connection and provide a positive mechanical moisture seal. complete field serviceability is possible with the strain relief clamp. wall mounting receptacle cable connecting plug box mounting receptacle straight plug 90 degree plug
11 sr t 4 holes s r a thread b m kz xx p l shell size a thread class 2a b min. full thread k +.020 ?.010 l max. m +.010 ?.000 p max. r .005 s .010 t dia. +.004 ?.002 z* max. xx min. cable clearance 10sl .6250-24unef .391 .672 2.129 .562 .896 .719 1.000 .120 .472 .281 12s .7500-20unef .450 .672 2.129 .562 .896 .812 1.094 .120 .472 .281 12 .7500-20unef .625 .860 2.129 .750 .896 .812 1.094 .120 .722 .281 14s .8750-20unef .450 .672 2.201 .562 1.021 .906 1.188 .120 .472 .406 14 .8750-20unef .625 .860 2.524 .750 1.021 .906 1.188 .120 .722 .406 16s 1.0000-20unef .450 .672 2.201 .562 1.151 .969 1.281 .120 .472 .500 16 1.0000-20unef .625 .860 2.524 .750 1.151 .969 1.281 .120 .722 .500 18 1.1250-18unef .625 .891 2.596 .750 1.242 1.063 1.375 .120 .691 .531 20 1.2500-18unef .625 .891 2.654 .750 1.499 1.156 1.500 .120 .691 .656 22 1.3750-18unef .625 .891 2.654 .750 1.499 1.250 1.625 .120 .691 .740 24 1.5000-18unef .625 .953 2.885 .812 1.781 1.375 1.750 .147 .628 .781 28 1.7500-18uns .625 .953 2.885 .812 1.781 1.562 2.000 .147 .628 .922 32 2.0000-18uns .625 1.031 2.943 .875 2.087 1.750 2.250 .173 .550 1.156 36 2.2500-16un .625 1.031 2.943 .875 2.281 1.938 2.500 .173 .550 1.250 40 2.5000-16un .625 1.031 3.068 .875 2.581 2.188 2.750 .173 .550 1.562 ms/standard ms3100e/f wall mounting receptacle to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. * increase z dimension by .312 for size ?0? contact only.
12 shell size a thread class 2a b min. full thread j max. l max. z* max. xx min. cable clearance 10sl .6250-24unef .406 .896 2.129 1.134 .281 12s .7500-20unef .422 .896 2.129 1.134 .281 12 .7500-20unef .656 .896 2.129 1.572 .281 14s .8750-20unef .391 1.021 2.201 1.134 .406 14 .8750-20unef .625 1.021 2.524 1.572 .406 16s 1.0000-20unef .391 1.151 2.201 1.134 .500 16 1.0000-20unef .625 1.151 2.524 1.572 .500 18 1.1250-18unef .625 1.242 2.596 1.572 .531 20 1.2500-18unef .625 1.499 2.654 1.572 .656 22 1.3750-18unef .625 1.499 2.654 1.572 .740 24 1.5000-18unef .625 1.781 2.885 1.572 .781 28 1.7500-18uns .625 1.781 2.885 1.572 .922 32 2.0000-18uns .625 2.087 2.943 1.572 1.156 36 2.2500-16un .625 2.281 2.943 1.572 1.250 40 2.5000-16un .625 2.581 3.068 1.572 1.562 ms/standard ms3101e/f cable connecting plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. * increase z dimension by .312 for size ?0? contact only. a thread b xx j l z
13 sr t 4 holes s r b m k z a thread l n shell size a thread class 2a b min. full thread k +.020 ?.010 l +.000 ?.010 m +.010 ?.000 n dia. +.010 ?.000 r .005 s .031 t dia. +.004 ?.002 z +.050 ?.060 8s .5000-28unef .391 .672 .297 .562 .375 .594 .875 .120 .422 10s .6250-24nef .391 .672 .297 .562 .500 .719 1.000 .120 .422 10sl .6250-24nef .391 .672 .297 .562 .625 .719 1.000 .120 .422 12s .7500-20unef .450 .672 .297 .562 .625 .812 1.094 .120 .422 12 .7500-20unef .625 .860 .484 .750 .625 .812 1.094 .120 .672 14s .8750-20unef .450 .672 .297 .562 .750 .906 1.188 .120 .422 14 .8750-20unef .625 .860 .484 .750 .750 .906 1.188 .120 .672 16s 1.0000-20unef .450 .672 .297 .562 .875 .969 1.281 .120 .422 16 1.0000-20unef .625 .860 .484 .750 .875 .969 1.281 .120 .672 18 1.1250-18nef .625 .891 .453 .750 1.000 1.062 1.375 .120 .641* 20 1.2500-18nef .625 .891 .453 .750 1.125 1.156 1.500 .120 .641* 22 1.3750-18nef .625 .891 .453 .750 1.250 1.250 1.625 .120 .641* 24 1.5000-18nef .625 .953 .453 .812 1.375 1.375 1.750 .147 .578* 28 1.7500-18ns .625 .953 .453 .812 1.625 1.562 2.000 .147 .578* 32 2.0000-18ns .625 1.031 .438 .875 1.875 1.750 2.250 .173 .500* 36 2.2500-16un .625 1.031 .438 .875 2.062 1.938 2.500 .173 .500* 40 2.5000-16un .625 1.031 .438 .875 2.312 2.188 2.750 .173 .500* ms/standard ms3102e box mounting receptacle to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. * increase z dimension by .312 for size ?0? contact only.
14 a thread b jxx z l q shell size a thread class 2a b .005 j max. l max. q max. z* .045 xx min. cable clearance 10sl .6250-24unef .531 .896 2.129 .946 .607 .281 12s .7500-20unef .531 .896 2.129 .995 .607 .281 12 .7500-20unef .719 .896 2.129 .995 .857 .281 14s .8750-20unef .531 1.021 2.201 1.123 .607 .406 14 .8750-20unef .719 1.021 2.524 1.123 .857 .406 16s 1.0000-20unef .531 1.151 2.201 1.250 .607 .500 16 1.0000-20unef .719 1.151 2.524 1.250 .857 .500 18 1.1250-18unef .719 1.242 2.596 1.333 .857 .531 20 1.2500-18unef .719 1.499 2.654 1.461 .857 .656 22 1.3750-18unef .719 1.499 2.654 1.588 .857 .740 24 1.5000-18unef .719 1.781 2.885 1.715 .857 .781 28 1.7500-18uns .719 1.781 2.885 1.968 .857 .922 32 2.0000-18uns .719 2.087 2.943 2.209 .857 1.156 36 2.2500-16un .719 2.281 2.943 2.463 .857 1.250 40 2.5000-16un .719 2.581 3.068 2.718 .857 1.562 ms/standard ms3106e/f straight plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. all lockwire holes are .045 dia. min. * increase z dimension by .312 for size ?0? contact only.
15 q n y u a thread lj z shell size a thread class 2b j .005 l max. n max. q dia. max. u max. y thread class 2b z .045 8s .5000-28unef .531 .927 .807 .741 1.445 6-32nc .562 10s .6250-24nef .531 .927 .807 .869 1.445 6-32nc .562 10sl .6250-24nef .531 .951 .901 .946 1.508 6-32nc .562 12s .7500-20unef .531 .956 .901 .995 1.508 6-32nc .562 12 .7500-20unef .719 1.143 .901 .995 1.508 6-32nc .812 14s .8750-20unef .531 1.020 1.026 1.123 1.570 6-32nc .562 14 .8750-20unef .719 1.207 1.026 1.123 1.570 6-32nc .812 16s 1.0000-20unef .531 1.146 1.119 1.250 1.633 6-32nc .562 16 1.1000-20unef .719 1.333 1.119 1.250 1.633 6-32nc .812 18 1.1250-18nef .719 1.395 1.229 1.333 1.759 6-32nc .812* 20 1.2500-18nef .719 1.598 1.479 1.461 1.931 8-32nc .812* 22 1.3750-18nef .719 1.598 1.479 1.588 1.993 8-32nc .812* 24 1.5000-18nef .719 1.786 1.666 1.729 2.119 8-32nc .812* 28 1.7500-18ns .719 1.786 1.666 1.968 2.181 8-32nc .812* 32 2.0000-18ns .719 2.020 2.135 2.209 2.570 10-32nf .812* 36 2.2500-16un .719 2.145 2.260 2.463 2.695 10-32nf .812* 40 2.5000-16un .719 2.270 2.510 2.719 2.851 10-32nf .812* ms/standard ms3108e 90 degree plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. all lockwire holes are .045 dia. min. * increase z dimension by .312 for size ?0? contact only.
16 wall mounting receptacle cable connecting plug box mounting receptacle straight plug ms/standard ms-r ms-r specification requirements for greater reliability in a shorter, lighter weight environmental resistant connector led to the design of the ms-r. ms class r connectors satisfy all the performance requirements of mil-dtl- 5015. this low profile assembly was attained by moving the axial compression nut and grommet assembly forward and flush with the rear of the insert. the neoprene grom- met, with its low coefficient of friction, assures easier threading of wire bundles and quicker assembly and ser- viceability of the unit. molded webs in each wire hole insure a moisture barrier around each wire. the addition of an ?o? ring at the main joint of all ms3106r plugs provide a main joint seal supplementary to the interfacial seal, thus insuring a higher degree of reliability when connector halv es from different sources are employed. ms-r types are recommended for new design applications. shells: shell components are fabricated from high grade alumi- num alloy. all components have the standard electrically conductive cadmium plated finish with an olive drab chro- mate after-treatment for corrosion resistance. consult amphenol, sidney, ny for other plating options. contacts: contacts are machined from copper alloy for maximum corrosion resistance, maximum current carrying capacity and low millivolt drop. both crimp and solder versions are available. refer to pages 49, 67 and 68 for additional contact information. inserts: resilient neoprene inserts provide an outstanding mois- ture barrier, maximum vibration resistance and high dielectric strength. either pin or socket insert can be pressurized.
17 l b a thread y h p k mz s r r s t 4 holes shell size a thread class 2a b min. full thread h dia. max. k +.020 ?.010 l max. m +.010 ?.000 p dia. max. r .005 s .031 y thread class 2 t dia. +.004 ?.002 z +.050 ?.060 8s .5000-28unef .391 .959 .672 1.588 .562 .557 .594 .875 6-32nc .120 .422 10s .6250-24nef .391 1.026 .672 1.588 .562 .682 .719 1.000 6-32nc .120 .422 10sl .6250-24nef .391 1.120 .672 1.588 .562 .807 .719 1.000 6-32nc .120 .422 12s .7500-20unef .450 1.120 .672 1.588 .562 .807 .812 1.094 6-32nc .120 .422 12 .7500-20unef .625 1.120 .860 1.931 .750 .807 .812 1.094 6-32nc .120 .672 14s .8750-20unef .450 1.307 .672 1.588 .562 .932 .906 1.188 6-32nc .120 .422 14 .8750-20unef .625 1.307 .860 1.931 .750 .932 .906 1.188 6-32nc .120 .672 16s 1.0000-20unef .450 1.432 .672 1.588 .562 1.057 .969 1.281 6-32nc .120 .422 16 1.0000-20unef .625 1.432 .860 1.931 .750 1.057 .969 1.281 6-32nc .120 .672 18 1.1250-18nef .625 1.557 .891 1.931 .750 1.182 1.063 1.375 6-32nc .120 .641* 20 1.2500-18nef .625 1.744 .891 1.931 .750 1.291 1.156 1.500 8-32nc .120 .641* 22 1.3750-18nef .625 1.869 .891 1.931 .750 1.432 1.250 1.625 8-32nc .120 .641* 24 1.5000-18nef .625 1.994 .953 2.009 .812 1.557 1.375 1.750 8-32nc .147 .578* 28 1.7500-18ns .625 2.166 .953 2.009 .812 1.807 1.562 2.000 8-32nc .147 .578* 32 2.0000-18ns .625 2.541 1.031 2.072 .875 2.057 1.750 2.250 10-32nf .173 .500* 36 2.2500-16un .625 2.729 1.031 2.072 .875 2.260 1.938 2.500 10-32nf .173 .500* 40 2.5000-16un .625 2.979 1.031 2.072 .875 2.260 2.510 2.750 10-32nf .173 .500* ms/standard ms3100r wall mounting receptacle to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. all lockwire holes are .045 dia. min. * increase z dimension by .312 for size ?0? contact only.
18 l z b a thread y thread f j shell size a thread class 2a b min. full thread f dia. max. j dia. max. l max. y thread class 2 z .040 8s .5000-28unef .406 .959 .557 1.588 6-32nc 1.094 10s .6250-24nef .406 1.026 .682 1.588 6-32nc 1.094 10sl .6250-24nef .406 1.120 .807 1.588 6-32nc 1.094 12s .7500-20unef .422 1.120 .807 1.588 6-32nc 1.094 12 .7500-20unef .656 1.120 .807 1.931 6-32nc 1.532 14s .8750-20unef .391 1.307 .932 1.588 6-32nc 1.094 14 .8750-20unef .625 1.307 .932 1.931 6-32nc 1.532 16s 1.0000-20unef .391 1.432 1.057 1.588 6-32nc 1.094 16 1.0000-20unef .625 1.432 1.057 1.931 6-32nc 1.532 18 1.1250-18nef .625 1.557 1.182 1.931 6-32nc 1.532* 20 1.2500-18nef .625 1.744 1.291 1.931 8-32nc 1.532* 22 1.3750-18nef .625 1.869 1.432 1.931 8-32nc 1.532* 24 1.5000-18nef .625 1.994 1.557 2.009 8-32nc 1.532* 28 1.7500-18ns .625 2.166 1.807 2.009 8-32nc 1.532* 32 2.0000-18ns .625 2.541 2.057 2.072 10-32nf 1.532* 36 2.2500-16un .625 2.729 2.260 2.072 10-32nf 1.532* 40 2.5000-16un .625 2.979 2.510 2.072 10-32nf 1.532* ms/standard ms3101r cable connecting plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. all lockwire holes are .045 dia. min. * increase z dimension by .312 for size ?0? contact only.
19 sr t 4 holes s r b m k z a thread l n shell size a thread class 2a b min. full thread k +.020 ?.010 l +.000 ?.010 m +.010 ?.000 n dia. +.010 ?.000 r .005 s .031 t dia. +.004 ?.002 z +.050 ?.060 8s .5000-28unef .391 .672 .297 .562 .375 .594 .875 .120 .422 10s .6250-24nef .391 .672 .297 .562 .500 .719 1.000 .120 .422 10sl .6250-24nef .391 .672 .297 .562 .625 .719 1.000 .120 .422 12s .7500-20unef .450 .672 .297 .562 .625 .812 1.094 .120 .422 12 .7500-20unef .625 .860 .484 .750 .625 .812 1.094 .120 .672 14s .8750-20unef .450 .672 .297 .562 .750 .906 1.188 .120 .422 14 .8750-20unef .625 .860 .484 .750 .750 .906 1.188 .120 .672 16s 1.0000-20unef .450 .672 .297 .562 .875 .969 1.281 .120 .422 16 1.0000-20unef .625 .860 .484 .750 .875 .969 1.281 .120 .672 18 1.1250-18nef .625 .891 .453 .750 1.000 1.062 1.375 .120 .641* 20 1.2500-18nef .625 .891 .453 .750 1.125 1.156 1.500 .120 .641* 22 1.3750-18nef .625 .891 .453 .750 1.250 1.250 1.625 .120 .641* 24 1.5000-18nef .625 .953 .453 .812 1.375 1.375 1.750 .147 .578* 28 1.7500-18ns .625 .953 .453 .812 1.625 1.562 2.000 .147 .578* 32 2.0000-18ns .625 1.031 .438 .875 1.875 1.750 2.250 .173 .500* 36 2.2500-16un .625 1.031 .438 .875 2.062 1.938 2.500 .173 .500* 40 2.5000-16un .625 1.031 .438 .875 2.312 2.188 2.750 .173 .500* ms/standard ms3102r box mounting receptacle to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. * increase z dimension by .312 for size ?0? contact only.
20 q f n l zj a thread y shell size a thread class 2b f dia. max. j .005 l max. n dia. max. q dia. max. y thread class 2 z .045 8s .5000-28unef .959 .531 1.057 .557 .741 6-32nc .562 10s .6250-24nef 1.026 .531 1.057 .682 .869 6-32nc .562 10sl .6250-24nef 1.120 .531 1.057 .807 .946 6-32nc .562 12s .7500-20unef 1.120 .531 1.057 .807 .995 6-32nc .562 12 .7500-20unef 1.120 .719 1.212 .807 .995 6-32nc .812 14s .8750-20unef 1.307 .531 1.057 .932 1.123 6-32nc .562 14 .8750-20unef 1.307 .719 1.212 .932 1.123 6-32nc .812 16s 1.0000-20unef 1.432 .531 1.057 1.057 1.250 6-32nc .562 16 1.0000-20unef 1.432 .719 1.212 1.057 1.250 6-32nc .812 18 1.1250-18nef 1.557 .719 1.212 1.182 1.333 6-32nc .812* 20 1.2500-18nef 1.744 .719 1.212 1.291 1.461 8-32nc .812* 22 1.3750-18nef 1.869 .719 1.212 1.432 1.588 8-32nc .812* 24 1.5000-18nef 1.994 .719 1.291 1.557 1.715 8-32nc .812* 28 1.7500-18ns 2.166 .719 1.291 1.807 1.968 8-32nc .812* 32 2.0000-18ns 2.541 .719 1.353 2.057 2.209 10-32nf .812* 36 2.2500-16un 2.729 .719 1.353 2.260 2.463 10-32nf .812* 40 2.5000-16un 2.979 .719 1.353 2.510 2.719 10-32nf .812* ms/standard ms3106r straight plug to complete order number, see ?how to order? pg. 70. for solder well data, see page 67. all lockwire holes are .045 dia. min. * increase z dimension by .312 for size ?0? contact only.
21 ms/standard contact and insert arrangements
22 ms/standard insert arrangements insert arrangement service rating total contacts contact size 0 4 8 12 16 8s-1 a 1 1 10s-2 a 1 1 10sl-3 a 3 3 10sl-4? a 2 2 12s-3 a 2 2 12s-4 d 1 1 12-5 d 1 1 14s-1 a 3 3 14s-2 inst. 4 4 14s-4 d 1 1 14s-5 inst. 5 5 14s-6 inst. 6 6 14s-7 a 3 3 14s-9 a 2 2 14s-10 inst. 4 4 14s-12 a 3 3 14-3 a 1 1 16s-1 a 7 7 16s-3 b 1 1 16s-4 d 2 2 16s-5 a 3 3 16s-6 a 3 3 16s-8 a 5 5 16-2 e 1 1 16-7 a 3 1 2 16-9 a 4 2 2 16-10 a 3 3 16-11 a 2 2 16-12 a 1 1 16-13 a 2 2 18-1 a/inst. 10 10 18-3 d 2 2 18-4 d 4 4 18-5 d 3 2 1 18-6 d 1 1 18-7 b 1 1 18-8 a 8 1 7 18-9 inst. 7 2 5 18-10 a 4 4 18-11 a 5 5 18-12 a 6 6 18-13 a 4 1 3 18-14 a 2 1 1 18-15 a 4 4 18-16 c 1 1 18-17 inst. 7 2 5 18-19 a 10 10 18-20 a 5 5 18-22 d 3 3 18-24 a/inst. 10 10 18-29 a 5 5 18-30 a 5 5 ? 10sl-4 arrangement available only with pin contacts in receptacle and socket contacts in plug 18-31 a 5 5 20-2 d 1 1 20-3 d 3 3 20-4 d 4 4 20-6 d 3 3 20-7 d/a 8 8 20-8 inst. 6 2 4 20-9 d/a 8 1 7 20-11 inst. 13 13 20-12 a 2 1 1 20-14 a 5 2 3 20-15 a 7 7 20-16 a 9 2 7 20-17 a 6 5 1 20-18 a 9 3 6 20-19 a 3 3 20-20 a 4 1 3 20-21 a 9 1 8 20-22 a 6 3 3 20-23 a 2 2 20-24 a 4 2 2 20-25 inst. 13 13 20-27 a 14 14 20-29 a 17 17 20-30 inst. 13 13 20-33 a 11 11 22-1 d 2 2 22-2 d 3 3 22-4 a 4 2 2 22-5 d 6 2 4 22-6 d 3 2 1 22-7 e 1 1 22-8 e 2 2 22-9 e 3 3 22-10 e 4 4 22-11 b 2 2 22-12 d 5 2 3 22-13 d/a 5 4 1 22-14 a 19 19 22-15 e/a 6 5 1 22-16 a 9 3 6 22-17 d/a 9 1 8 22-18 d/a 8 8 22-19 a 14 14 22-20 a 9 9 22-21 a 3 1 2 22-22 a 4 4 22-23 d/a 8 8 22-24 d/a 6 2 4 22-27 d/a 9 1 8 22-28 a 7 7 insert arrangement service rating total contacts contact size 0 4 8 12 16
23 ms/standard insert arrangements, cont. insert arrangement service rating total contacts contact size 0 4 8 12 16 22-33 d/a 7 7 22-34 d 5 3 2 22-36 d/a 8 8 24-2 d 7 7 24-3 d 7 2 5 24-5 a 16 16 24-6 d/a 8 8 24-7 a 16 2 14 24-9 a 2 2 24-10 a 7 7 24-11 a 9 3 6 24-12 a 5 2 3 24-16 d/a 7 1 3 3 24-17 d 5 2 3 24-20 d 11 2 9 24-21 d 10 1 9 24-22 d 4 4 24-27 e 7 7 24-28 inst. 24 24 28-1 d/a 9 3 6 28-2 d 14 2 12 28-3 e 3 3 28-4 e/d 9 2 7 28-5 d 5 2 1 2 28-6 d 3 3 28-7 d 2 2 28-8 e/d/a 12 2 10 28-9 d 12 6 6 28-10 d/a 7 2 2 3 28-11 a 22 4 18 28-12 a 26 26 28-13 a 26 26 28-15 a 35 35 28-16 a 20 20 28-17 b/d/a 15 15 28-18 c/d/a/inst. 12 12 28-19 b/d/a 10 4 6 28-20 a 14 10 4 28-21 a 37 37 28-22 d 6 3 3 32-1 e/d 5 2 3 32-2 e 5 3 2 32-3 d 9 1 2 2 4 32-4 a/d 14 2 12 32-5 d 2 2 32-6 a 23 2 3 2 16 32-7 inst./a 35 7 28 32-8 a 30 6 24 32-9 d 14 2 12 32-10 e/b/d/a 7 2 2 3 32-12 a/d 15 5 10 32-13 d 23 5 18 32-15 d 8 2 6 32-16 a 23 2 3 2 16 32-17 d 4 4 32-22 a 54 54 36-1 d 22 4 18 36-3 d 6 3 3 36-4 d/a 3 3 36-5 a 4 4 36-6 a 6 2 4 36-7 a 47 7 40 36-8 a 47 1 46 36-9 a 31 1 2 14 14 36-10 a 48 48 36-11 a 48 48 36-12 a 48 48 36-13 e/a 17 2 15 36-14 d 16 5 5 6 36-15 d/a 35 35 36-16 a 47 7 40 36-17 a 47 7 40 36-18 a 31 1 2 14 14 36-20 a 34 2 2 30 36-52 a 52 52 40-1 d 30 6 24 40-9 a 47 1 22 24 40-56 a 85 85 48-62 d 85 85 insert arrangement service rating total contacts contact size 0 4 8 12 16
24 insert arrange ment service rating to t al con- tacts contact size 4/0 2/0 0 4 8 12 16 coax** 04812 14s-a7 a 7 7 16-59 a 4 4 20-26 a 19 19 20-51 a 3 3 20-57 a 7 7* 20-58 a 10 5 5 20-59 a 3 3* 20-66 a 6 5* 1 20-79 a/d 8 1 7 22-63 a 12 4 8 22-65 a/d 8 8* 22-70 a 13 8 5 22-80 a 3 3* 24-19 a 12 12 24-51 a 5 5 24-52 hi volt. 1 1 24-53 a 5 5 24-58 a 13 3 3 7 24-59 a 14 7 7 24-60 a 7 7* 24-65 a 15 11 4 24-66 d 7 7 24-67 inst. 19 19 24-71 a 7 7* 24-75 a 7 7* 24-79 a 5 5 24-80 inst. 23 23 24-84 a 19 1 18 24-96 inst. 28 28 24-aj a 25 25 28-51 a 12 12 28-59 a 17 7 10 28-66 a 16 2 14 28-72 coax 3 3 28-74 a 16 7* 9 28-75 a 16 7* 9 28-79 a 16 7 9 28-82 d 6 2 4 28-84 a 9 9 28-ay a 9 4 5 32-14 d 13 13 32-25 a 25 25 32-31 a 31 31 32-48 inst. 48 48 32-52 d 8 2 6 32-53 inst./e 42 5 37 32-56 a 30 6* 24 32-57 coax 8 6 2 32-58 coax 4 4 32-59 a 42 40 2 32-60 a 23 15 8 32-62 coax 23 2 1 2 16 2 32-64 inst. 54 54 32-68 a 16 12 4 32-73 a 46 46 32-75 coax 9 2 7 32-76 a 19 19 32-79 d 5 4 1 32-82 a 16 4 12 ms/standard special insert arrangements 32-af a 55 55 36-22 d 22 22 36-51 d 4 2 2 36-54 a 39 8 31 36-55 a 39 8* 31 36-59 a 53 3* 50 36-60 a 47 7* 40 36-64 coax 4 4 36-65 coax 4 4 36-71 a 53 3 50 36-73 coax 7 7 36-74 a 44 43 1 36-75 a 48 48* 36-76 a 47 47 36-77 d 7 7 36-78 a 14 12 2 36-79 a 20 20 36-80 a 20 20* 36-83 coax 7 7 36-85 a/d 35 35* 36-97 c 1 1 36-99 d 12 3333 36-af a 48 48 40-5 a 5 5 40-10 a 29 4 9 16 40-30 a 30 1 29 40-35 d 35 35 40-53 a 60 60 40-57 e 4 4 40-61 a 59 1 3 55 40-62 a 60 60 40-63 a 61 61* 40-64 coax 36 3 20 13 40-66 coax 4 4 40-67 a 11 1 10 40-68 a 21 21 40-70 a 61 61 40-72 a 11 1 10 40-73 a 61 61 40-74 a 6 1 4 1 40-75 e 5 4 1 40-80 a 11 10 1 40-81 a 62 62* 40-82 a 62 62 40-85 a 60 60* 40-86 e 4 4 40-87 d 7 7 40-ad a 8 4 4 40-ag a 38 38 40-ap e 2 2 40-ar inst. 13 3 3 7 40-as a 40 25 15 40-at a 43 1 24 18 40-au a 14 3 10 1 40-av d 3 3 44-52 a 104 104 44-53 a 36 18 18 48-51 a 56 10 42 4 48-52 a 61 56 5 48-53 d 37 37 48-54 a 56 10 42 4 48-55 a 78 6 2 2 68 48-57 a 56 4 10 42 insert arrange ment service rating total con- tacts contact size 4/0 2/0 0 4 8 12 16 coax** 04812 * crimp contacts accommodate wire the same size as the contact as well as wire of the next smaller, even size. arrangements identified with an asterisk (*) are excep- tions. see insert arrangement drawings on pages 38-48 for application wire size. ** coaxial cable data can be found on insert arrangement drawings, pages 38-48. for further information on coaxial contacts and cable see catalog 12 130
25 to avoid cross-plugging problems in applications requiring the use of more than one connector of the same size and arrangement, alternate rotations are available as indicated in the accompanying charts. as shown in the diagram below, the front face of the pin insert is rotated within the shell in a clockwise direction from the normal shell key. the socket insert would be rotated counter-clockwise the same number of degrees in respect to the normal shell key. position w position x position y position z view looking into front face of pin insert or rear of socket insert. the following insert arrangements have the same alter- nate insert rotations for w, x, y and z, which are: degrees wx yz 80 110 250 280 16-7 20-22 22-29 24-17 28-16 32-13 18-5 22-6 22-33 24-20 28-17 32-22 18-9 22-12 22-34 24-21 28-19 32-af 18-13 22-14 24-1 24-28 28-20 36-1 18-14 22-15 24-3 28-1 28-21 36-7 20-7 22-16 24-4 28-4 32-1 36-8 20-8 22-17 24-5 28-8 32-3 36-13 20-9 22-18 24-6 28-9 32-4 40-ar 20-12 22-19 24-7 28-10 32-6 40-as 20-14 22-21 24-12 28-11 32-9 40-at 20-16 22-24 24-14 28-14 32-10 40-au 20-20 22-25 24-16 28-15 32-12 ms/standard insert alternate positioning insert arrangement degrees wx y z 10sl-4 63 ? ? ? 12s-3 70 145 215 290 14s-2 ? 120 240 ? 14s-5 ? 110 ? ? 14s-7 90 180 270 ? 14s-9 70 145 215 290 16-9 35 110 250 325 16-10 90 180 270 ? 16-11 35 110 250 325 16-13 35 110 250 325 16s-1 80 ? ? 280 16s-4 35 110 250 325 16s-5 70 145 215 290 16s-6 90 180 270 ? 16s-8 ? 170 265 ? 18-1 70 145 215 290 18-3 35 110 250 325 18-4 35 110 250 325 18-8 70 ? ? 290 18-10 ? 120 240 ? 18-11 ? 170 265 ? 18-12 80 ? ? 280 18-15 ? 120 240 ? 18-20 90 180 270 ? 18-22 70 145 215 290 18-29 90 180 270 ? 20-3 70 145 215 290 20-4 45 110 250 ? 20-5 35 110 250 325 20-6 70 145 215 290 20-15 80 ? ? 280 20-17 90 180 270 ? 20-18 35 110 250 325 20-19 90 180 270 ? 20-21 35 110 250 325 20-23 35 110 250 325 20-24 35 110 250 325 20-27 35 110 250 325 20-29 80 ? ? 280 22-1 35 110 250 325 22-2 70 145 215 290 22-4 35 110 250 325 22-5 35 110 250 325 22-8 35 110 250 325 22-9 70 145 215 290 22-10 35 110 250 325 22-11 35 110 250 325 22-13 35 110 250 325 22-20 35 110 250 325 22-22 ? 110 250 ? 22-23 35 ? 250 ? 22-27 80 ? 250 280 22-28 80 ? ? 280 22-63 20 ? ? ? 24-2 80 ? ? 280 24-9 35 110 250 325 24-10 80 ? ? 280 24-11 35 110 250 325 24-22 45 110 250 ? 24-27 80 ? ? 280 28-2 35 110 250 325 28-3 70 145 215 290 28-5 35 110 250 325 28-6 70 145 215 290 28-7 35 110 250 325 28-12 90 180 270 ? 28-18 70 145 215 290 28-22 70 145 215 290 28-ay 45 110 250 ? 32-2 70 145 215 290 insert arrangement degrees wx y z 32-5 35 110 250 325 32-7 80 125 235 280 32-8 80 125 235 280 32-14 65 130 230 295 32-15 35 110 250 280 32-17 45 110 250 ? 32-25 60 120 ? ? 32-48 80 ? ? ? 32-64 80 100 110 250 32-68 30 ? ? ? 32-82 30 ? ? ? 36-3 70 145 215 290 36-4 70 145 215 290 36-5 ? 120 240 ? 36-6 35 110 250 325 36-9 80 125 235 280 36-10 80 125 235 280 36-14 90 180 270 ? 36-15 60 125 245 305 36-af 65 ? ? ? 40-1 65 130 235 300 40-5 33 ? ? 270 40-9 65 125 225 310 40-10 65 125 225 310 40-35 70 130 230 290 40-ad 45 ? ? ? 40-ag 37 74 285 322 40-ap 35 110 250 325 40-av 90 180 270 ? insert arrangement degrees wx y z a b a b a b a b
26 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 8s-1 10s-2 10sl-3 10sl-4 12s-3 12s-4 12-5 service rating aaaaadd number of contacts 1132211 contact size 16 16 16 16 16 16 12 insert arrangement 14s-1 14s-2 14s-4 14s-5 14s-6 14s-7 14s-9 service rating a inst. d inst. inst. a a number of contacts 3415632 contact size 16 16 16 16 16 16 16 insert arrangement 14s-10 14s-12 14-3 16s-1 16s-3 16s-4 service rating inst.aaabd number of contacts 431712 contact size 16 16 8 16 16 16 insert arrangement 16s-5 16s-6 16s-8 16-2 16-7 16-9 service rating aa a e aa number of contacts 3 3 5 1 1 2 2 2 contact size 16 16 16 12 8 16 12 16 contact legend 16 12 8 4 0 front of socket insert front of socket insert 100 rotation of 14s-2 100 rotation of 14s-7 a b c a b ba a b c d a b c d e f a b c d e a b c a b 100? a b c d 100? a b c a b c d e f g a b a b c a b c a b c d e a b c a b c d a b c
27 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 16-10 16-11 16-12 16-13 18-1 18-3 service rating aaaab, c, f, g = a; bal. = inst.d number of contacts 3 2 1 2* 10 2 contact size 12 12 4 12 16 12 insert arrangement 18-4 18-5 18-6 18-7 18-8 18-9 service rating d d d b a inst. number of contacts 4 21 1 1 17 25 contact size 16 12 16 4 8 12 16 12 16 insert arrangement 18-10 18-11 18-12 18-13 18-14 18-15 service rating aaa a a a number of contacts 4 5 6 1 3 1 1 4** contact size 12 12 16 8 12 4 16 12 insert arrangement 18-16 18-17 18-19 18-20 18-22 18-24 service rating c inst. a a d b, c, f, g = a; bal. = inst. number of contacts 1 2 5 10 5 3 10 contact size 12 12 16 16 16 16 16 contact legend 16 12 8 4 0 * a = iron; b = constantan ** a, c = iron; b, d = constantan 100 rotation of 18-9 250 rotation of 18-1 a b c a b c d b c a a b a b a b c d e f g h i j a b a b c d a b c d e f g h a b c d e f g a b c d a b c d e a b c d e f a b a b c d a b c d ef g h k j ab c d e ab g 100? a b c d e f g 250? a b c d e f g h i j
28 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 18-29 18-30 18-31 20-2 20-3 20-4 service rating a a a d d d number of contacts 5 5 5 1 3 4 contact size 16 16 16 0 12 12 insert arrangement 20-6 20-7 20-8 20-9 20-11 20-12 service rating d a, b, h, g = d; c, d, e, f = a inst. h = d; bal. = a inst. a number of contacts 3 8 2 4 1 7 13 1 1 contact size 16 16 8 16 12 16 16 4 16 insert arrangement 20-14 20-15 20-16 20-17 20-18 20-19 service rating a a a a a a number of contacts 23 7 27 51 36 3 contact size 8 12 12 1216 1216 1216 8 contact legend 16 12 8 4 0 110 rotation of 18-20 260 rotation of 18-20 a b c d e a b c a b d c a b c a b c d e f g h a b c d e f a b c d e f g h a bc d e f gh j k l m n a b a b c d e a b c d eg f a b c d e f g h i a b c d e f a b c d e f g h i a b c 110? ab c d e 260? ab c d e
29 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 20-20 20-21 20-22 20-23 20-24 20-25 service rating a a a a a inst. number of contacts 1 3 1 8 3 3 2 2 2 13 contact size 4 12 12 16 8 16 8 8 16 16 insert arrangement 20-27 20-29 20-30 20-33 22-1 22-2 service rating a a inst. a d d number of contacts 14 17 13 11 2 3 contact size 16 16 16 16 8 8 insert arrangement 22-4 22-5 22-6 22-7 22-8 service rating a d d e e number of contacts 2 2 2 4 2 1 1 2 contact size 8 12 12 16 8 16 0 12 contact legend 16 12 8 4 0 250 rotation of 20-11 100 rotation of 20-11 a b c d a b c d e f g h i a b c d e f a b a b c d a b c d e f g h i j k l m n a b c d e f g h j k l m n p t sr a b c d e f k h j m l a b a b c a b c d a b c d e f a b c a b 250? a bc d e f gh j k l m n 100? a bc d e f gh j k l m n
30 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 22-9 22-10 22-11 22-12 22-13 service rating e e b d e = d; a, b, c, d = a number of contacts 3 4 2 2 3 4 1 contact size 12 16 16 8 16 12 16 insert arrangement 22-14 22-15 22-16 22-17 22-18 service rating a d = e; a, b, c, e, f = a a a = d; bal. = a a, b, f, g, h = d; c, d, e = a number of contacts 19 5 1 3 6 1 8 8 contact size 16 12 16 12 16 12 16 16 insert arrangement 22-19 22-20 22-21 22-22 22-23 service rating a a a a h = d; bal. = a number of contacts 14 9 1 2 4 8 contact size 16 16 0 16 8 12 contact legend 16 12 8 4 0 a b c a b c d a b a b c d e a b c d e a b c d e f g h j k l m n u v r s tp a b e f c d a b c d e f gh j a b c d e f g h j a b c d e f g h a b c d e f g h j k l m n p a b c d e f gh j a b c a b c d a b c d e f g h
31 a b c d e f g h f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 22-24 22-27 22-28 22-33 22-36 service rating c, d, e = d; a, b, f = a j = d; bal. = a a a, b, c, d = d; e, f, g = a h = d; bal. = a* number of contacts 2 4 1 8 7 7 8 contact size 12 16 8 16 12 16 12 insert arrangement 22-34 24-2 24-3 24-5 24-6 service rating d d d a a, g, h = d; bal. = a number of contacts 3 2 7 2 5 16 8 contact size 12 16 12 12 16 16 12 insert arrangement 24-7 24-9 24-10 24-11 24-12 service rating a a a a a number of contacts 2 14 2 7 3 6 2 3 contact size 12 16 4 8 8 12 4 12 contact legend 16 12 8 4 0 a b c d e f a b c d e f g h j a b c e f g d a b c e f g d a b c d e a b c d e f g a b c e f g d ab c de f g h jk l m n p s r a b c d e f g h a b c d e f g h j k l m n p i o a b a b c d e f g abc def g h i a b c d e * a, c, e, g = iron b, d, f, h = constantan
32 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 24-16 24-17 24-20 24-21 24-22 service rating a, b, f, g = d; c, d, e, = a d d d d number of contacts 133 23 29 19 4 contact size 81216 1216 1216 8 16 8 insert arrangement 24-27 24-28 28-1 28-2 28-3 service rating e inst. a, j, e = d; bal. = a d e number of contacts 7 24 3 6 2 12 3 contact size 16 16 8 12 12 16 8 insert arrangement 28-4 28-5 28-6 28-7 service rating g, p, s = e; bal. = d d d d number of contacts 2 7 2 1 2 3 2 contact size 12 16 4 12 16 4 4 contact legend 16 12 8 4 0 a b c d e a b c d e f g h j kl a b c d e f g h jk a b c d a b c d e f g abcd efgh j kl m np q rst u v wx yz a b c d e f g h j a b c d e f g h j k l m n p a b c ab cd p s ef g a b c d e a b c a b a b c d e f g
33 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 28-8 28-9 28-10 28-11 service rating l, m = e; b = d; bal. = a d g = d; bal. = a a number of contacts 2 10 6 6 2 2 3 4 18 contact size 12 16 12 16 4 8 12 12 16 insert arrangement 28-12 28-13 28-15 28-16 service rating a a a a number of contacts 26 26 35 20 contact size 16 16 16 16 insert arrangement 28-17 28-18 28-19 service rating r = b; m, n, p = d; a to l = a m = c; g, h, j, k, l = d; a, b = a; bal. = inst. h, m = b; a, b = d; bal. = a number of contacts 15 12 4 6 contact size 16 16 12 16 contact legend 16 12 8 4 0 100 rotation of 28-12 100? a b c d e f g h j k l m p r n s t u v w x y z a b d a b c d e f g h j k l m a b c d e f g h j k l m a b c d e f g a b c d e f g h j k l m i n p r s t u v w x a b c d e f g h j k l m p r n s t u v w x y z a b d ab c d e f g h j k l m prs t n w x y z u v a b c d e f g h j k m l a b c d e f g h j k l m p q r s t u v n a b c d e f g h j k l m n p r a b c d e f g h j k l m ab c e g h j k l m
34 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 28-20 28-21 28-22 32-1 service rating a a d a = e; b, c, d, e = d number of contacts 10 4 37 3 3 2 3 contact size 12 16 16 4 16 0 12 insert arrangement 32-2 32-3 32-4 32-5 service rating e d f, j, k, n = a; bal. = d d number of contacts 3 2 1 2 2 4 2 12 2 contact size 416 041216 1216 0 insert arrangement 32-6 32-7 32-8 32-9 service rating a a, b, h, j = inst.; bal. = a a d number of contacts 2 3 2 16 7 28 6 24 2 12 contact size 4 8 12 16 12 16 12 16 4 16 contact legend 16 12 8 4 0 a b c d e f g h j k l m n p a b c d e f g h j k l m n p r s tu v w x z a b c d e f g h j k m n p rs a b c d e f a b c d e a b c d e a b c def g h j a b c d e f g h j k l m n o a b ab cd ef gh j klmn o p r s t u v w i x a b c d e f g h i j k l m n o p r s t u v w x y z a b c d e f g h j k a b c d e f g h i j k l m n o p r s t u v w x y z a b c d e ab cd e f g hi j k lmn
35 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 32-10 32-12 32-13 32-15 service rating a, f = e; g = b; b, e = d; c, d = a c, d, e, f, g = a; bal. = d d d number of contacts 2 2 3 5 10 5 18 2 6 contact size 4 8 16 12 16 12 16 0 12 insert arrangement 32-16 32-17 32-22 36-1 service rating a d a d number of contacts 2 3 2 16 4 54 4 18 contact size 4 8 12 16 4 16 12 16 insert arrangement 36-3 36-4 36-5 36-6 service rating d a = d; b, c = a a a number of contacts 3 3 3 4 2 4 contact size 0 12 0 0 0 4 contact legend 16 12 8 4 0 100 rotation of 32-6 a b c d e f g ab cd e fg hjk lm op n a b c d e f g h j k l m n p r s t u v w x y z a bc de f g h a b c d ab c d e f g h j k l m no p r s t u v w x y z a b c d e f g h jk m n p r t q s u v x y z aa ab ac ad ae af ag w abc de f g h ijk lmn op r s t uvw a b c d e f a b c a b c d a b c d e f 100? ab cd ef gh i j k lm n o p r s t u v w x
36 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 36-7 36-8 36-9 service ratingaaa number of contacts 7 40 1 46 1 2 14 14 contact size 12 16 12 16 4 8 12 16 insert arrangement 36-10 36-11 36-12 service ratingaaa number of contacts 48 48 48 contact size 16 16 16 insert arrangement 36-13 36-14 36-15 service rating n, p, q = e; bal. = a d m = d; bal. = a number of contacts 2 15 5 5 6 35 contact size 12 16 8 12 16 16 contact legend 16 12 8 4 0 100 rotation of 36-10 110 rotation of 36-10 a b c d e f g h i j k l m n o p r s t u v w x y z ab c d e f g h j k m n p r t s u v x y z w a b c d e f g h i j k l m n o p r s t u v w x y z a b c d e fg h j k m n p r t u v w s x y z a b c d e f g h i j k l m n o p r s t u v w x y z a b c d e f ab cd e fg hjk lmn opqr stu v wx y z a b c de fg hj k mn p r t u v w s x yz q a b c d e f g h j k l m n p q rs a b c d e f g h j k l m n i p q a b c d e f g h j k l m n p q r s t u v w x y z a b c d e f g h j k m 100? ab cd e fg hjk lmn opq rstu vwx y z a b c d e f g hj k m n pr tuv w s x yz q 110? ab cd efg hj klmn opqr stu vwx y z a b c de f g hj k mnp r tu vw s x yz q
37 f ront face of pin insert or rear face of socket insert illustrated ms/standard contact arrangements insert arrangement 36-16 36-17 36-18 service ratingaaa number of contacts 7 40 7 40 1 2 14 14 contact size 12 16 12 16 4 8 12 16 insert arrangement 36-20 36-52 40-1 service ratingaad number of contacts 2 2 30 52 6 24 contact size 8 12 16 16 12 16 insert arrangement 40-9 40-56 48-62 service ratingaad number of contacts 1 22 24 85 85 contact size 8 12 16 16 16 contact legend 16 12 8 4 0 110 rotation of 36-7 100 rotation of 36-9 100 rotation of 36-7 ab cd e fg hjk lmn p r stuvw xyz a b c d e f g h j k m a bc d e f hj k lm n p r s tuv wxy z ab c d fghi jkmn p r t u v w s x y z q aa ab ac ad ae af ah abc de fg hi jkl mno prs tu v wx yz ab c de ab c de f g h ij k l mn o pq r st u v w x yza b c d e f g h i j k l m n p r tu s o q abcd ef h j k lm nprstuvw xyzab c dfg hijkmnp r t uvw s xyz q aa ab ac ad ae af ah aj ak al am an ap ar as at au av aw ax ay az ba bb bv bc bd be bf bh bj bk bl bm bn bs bt bu bp br 1234 567891011 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 100? a b cde fg h i j k l m n o p rs t u v w x y z ab c d e f g h j k m np r t uv w s x y z 110? ab c d e f g h i j k l m n o p r s t u vwx y z a b c d e f g h j k m np r t u v w s x y z 100? a b c d e f g h i j k l m n o p r s t u v w x y z a b c d e f
38 a b c d e f h j k l m n special contact arrangements requirements for more complex circuits prompted amphenol to provide inserts not covered by the ms draw- ings. illustrated here and on the following pages are insert layouts which have from one contact (high tension) to the 104 contact insert in shell size 44. many of these special inserts are also available in alter- nate keyway arrangements. please contact amphenol, sidney, ny for additional information on special circuit application requirements. f ront face of pin insert or rear face of socket insert illustrated insert arrangement 14s-a7 16-59 20-26 20-51 20-57 20-58 service rating a a a a a a number of contacts 7 4 19 3* 7* 5 5 contact size 16 12 16 8 12 for #14 or 16 wire 12 16 insert arrangement 20-59 20-66 20-79 22-63 22-65 22-70 service rating a a h = d; bal. = a a h = d; bal. = a a number of contacts 3* 1 5 7* 1* 4 8 8* 8 5 contact size 8 for #10 or 12 wire 16 12 for #10 wire 16 12 for #16 wire 12 16 12 for #14 or 16 wire 12 16 insert arrangement 22-80 24-19 24-51 24-52 24-53 24-58 service rating a a a hi-volt a a number of contacts 3* 12 5* 1 5* 3 3 7 contact size 8 for #10 or 12 wire 16 b, e for an #10 or 12 wire 12 8 8 12 16 a, c, d for an #8 wire * solderless contact legend 16 12 8 4 0 a f e d c b g a b c a b c d e f h j k l a b c d eg f a b c a b c d e f a b c d e f g h a b c e f h j k l m n d a b c d e f h j k l m n p a b c a b c d e a b c d e a b c d e f h j k l m n p a b c d e f g h ab cd a b c d e f g h s r j t v p k l m u n
39 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 24-59 24-60 24-65 24-66 24-67 service rating a a a d inst. number of contacts 7 7 7* 11 4 7 19 contact size 12 16 8 for #10 or 12 wire 12 16 12 12 insert arrangement 24-71 24-75 24-79 24-80 24-84 service rating a a a inst. a number of contacts 2* 5* 5 2 5 23 1 18 contact size 8 8 for #10 or 12 wire 8 8 for #16 wire 8 16 12 12 (coax) rg-188/u or rg-174/u insert arrangement 24-96 24-aj 28-51 28-59 service rating inst. a a a number of contacts 28 25 12 7 10 contact size 16 16 12 12 16 * solderless contact legend 16 12 8 4 0 a b c d e f h j k l m n p r a b c d e f g a b c d e f h j k l m n p r s a b c d e f g a b c d e f g a b c d e f g a b c d e abcd efghj klmnpq r st u v wx z 90? a b c d e f g h j k l m n p r s t u v 90? a b c d e f g h j k l m n p r s t u v 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 a b c d e f h j k l m n ab c d e f h jk l m n pr s tu a b c d e f g h j k l m n p q r s t u v w x z y a
40 1 10 9 8 7 6 5 4 2 11 13 12 3 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 28-66 28-72 28-74 28-75 28-79 service rating a ? a a a number of contacts 2 14 3 9* 4* 3* 9* 7* 7 9 contact size 8 12 4 (coax) rg-59a/u 16 8 8 for #10 wire 16 8 for #10 wire 8 16 or rg-62a/u (s, t, r) insert arrangement 28-82 28-84 28-ay 32-14 32-25 service rating daa d a number of contacts 2 4 9 4 5 13 25 contact size 8 12 8 4 16 12 12 insert arrangement 32-31 32-48 32-52 32-53 service rating a inst. d t, u = e; bal. = inst. number of contacts 31 48 6 2 5 37 contact size 16 16 12 0 12 16 * solderless contact legend 16 12 8 4 0 90 cw rotation of 32-15 a b c d e f h j k l m n p r s t a b c a b c d e f h j k l m n p r s t a b c d e f h j k l m n p r s t a b c d e f h j k l m n p r s t 12 3 45 6 a b c d e f g h i a bc de f g h j 13 12 11 10 9 8 7 6 5 4 3 2 1 23 19 22 21 20 15 18 17 16 14 24 25 90? a bc de f g h a b c d e f h j k l m n p r s t u v w x y z a b c d f g h i j k m n p r t u v w s q 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 a b c d e fh j k l m n p r st u v w x yz a bcd f g hi j k mn p q r s t uv w x y z aa bb cc
41 a b c d e f h j k l m n p r s t u v w x y t u z a b c d f g h i j k m n p q w v s t f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 32-56 32-57 32-58 32-59 service rating a ** ? a number of contacts 24 6 6 2 4 40 2 contact size 16 12 for #10 wire 12 0 (coax) rg-71/u 4 (coax) rg-161/u 16 8 (coax) rg-161/u or rg-179/u insert arrangement 32-60 32-62 32-64 32-68 service rating a ** inst. a number of contacts 15 8 2 1 2 16 2 54 12 4 contact size 16 8 (coax) rg-124/u 4 8 12 16 8 (coax) rg-124/u 16 16 4 (coax) rg-58c/u insert arrangement 32-73 32-75 32-76 32-79 32-82 service rating a 8, 9 = d a d a number of contacts 46 2 7 19 4 1 4 12 contact size 16 12 8 (coax) rg-180b/u 12 4 8 4 16 ** consult amphenol, sidney, ny for service rating of power contacts. contact legend 16 12 8 4 0 a b c d e f g h i j k l m n o p r s t u v w x y z a b c d e a bc de f g h a b c d a b c d e f h j k l m n p r s t u v w x y z a ab cd ef gh j klmn o p r s t u v w i x a b c d e f g h j k l m n o p r s t u v w x yz a b c d e f g h j k m n p r t u v w s x y z q aa ab ac ad ae af ag ab c d e fg h j klm n p q r 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 1 2 3 4 5 6 7 8 9 12 3 4 5 67 8 9 10 11 12 13 14 15 16 17 18 19 a b c d e ab c d e fg h j klm n p q r
42 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 20 21 22 19 18 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 32-af 36-22 36-51 36-54 service ratingadda number of contacts 55 22 2 2 8 31 contact size 16 12 0 4 8 16 insert arrangement 36-55 36-59 36-60 36-64 service rating a a ** ? number of contacts 31 8 50 3 40 7 4 contact size 16 8 for #6 wire 16 12 for #10 wire 16 12 for #10 wire 0 (coax) rg-11/u, rg-12/u or rg-13/u insert arrangement 36-65 36-71 36-73 36-74 service rating ? a ? a number of contacts 4 3 50 7 43 1 contact size 0 (coax) rg-59/u, rg-62/u 12 16 4 (coax) rg-62b/u 16 8 (coax) rg-187/u or rg-71/u ** consult amphenol, sidney, ny for service rating of power contacts. contact legend 16 12 8 4 0 ab cde fghj klm no pr st u vw xy za b c def g h j k n m pr t u v w s xy z q aa ab ac ad ae af ag ah a b c d a b c d e f h j k l m n p r s t u v w x y z a b c d f g h i j k m n p r t s q a b c d e f h j k l m n p r s t u v w x y z a b c d f g h i j k m n p r t s q a bc d ef h j k l mnprs t u vwx y zab c dfg hi jk mn p r t u vw s xy z q aa ab ac ad ae af ah aj a b c d e f g h i j k l m n o p r s t u v w x y z ab c d e f g h j k m n p r t s u v x y z w a b c d a b c d a bc d ef h j k l mnprs t u vwx y zab c dfg hi jk mn p r t u vw s xy z q aa ab ac ad ae af ah aj a b c d e f g 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91
43 1 2 3 4 5 6 7 8 9 10 11 12 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 36-75 36-76 36-77 36-78 service rating aada number of contacts 48 47 7 2 12 contact size 16 for #14 wire 16 4 16 8 insert arrangement 36-79 36-80 36-83 36-85 service rating a a ? m = d; bal. = a number of contacts 20 20 7 35 contact size 12 12 for #10 wire 4 (coax) rg-58/u 16 for #12 wire insert arrangement 36-97 36-99 36-af 40-5 service rating cda a number of contacts 1 3 3 3 3 48 5 contact size 4/0 4 8 12 16 16 0 contact legend 16 12 8 4 0 4/0 12 34 5 67 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 12 3 45 67 8 910 1112 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 a b c d e f g 1 2 3 4 5 6 7 8 9 10 11 12 13 14 1 23 45 678 910 11 12 13 14 15 16 17 18 19 20 1 23 45 678 910 11 12 13 14 15 16 17 18 19 20 a b c d e f g a b c d e f g h j k l m n p q r s t u v w x y z a b c d f g h j k m e a b c d e f g h j k l m n o p q r s t u v w x y z a b c d e f g h j k m n p r t s q u v w x y z a b g c n
44 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 40-10 40-30 40-35 40-53 service rating a a d a number of contacts 4 9 16 29 1 35 60 contact size 4 8 16 12 4 12 16 insert arrangement 40-57 40-61 40-62 service rating e a a number of contacts 4 1 3 55 60 contact size 0 8 12 16 16 insert arrangement 40-63 40-64 40-66 service rating a ? ? number of contacts 61 3 20 13 4 contact size 16 for #14 wire 12 16 8 (coax) rg-124/u 0 (coax) rg-63b/u contact legend 16 12 8 4 0 a b cd e h k g j f l q p n i m r s o v y z w u x b a c t 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 1 2 3 4 12 345 67 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 35 36 37 38 39 40 41 42 43 44 45 46 47 34 48 49 50 51 52 53 54 55 56 57 58 59 60 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 a b c d e f h j k l m n p r s t u v w x y z a b c d f g h i j k m n p q 1 2 3 4
45 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 40-67 40-68 40-70 service ratingaaa number of contacts 1 10 21 61 contact size 16 4 (coax) rg-59/u 8 16 insert arrangement 40-72 40-73 40-74 service rating a a a number of contacts 1 10 61 1 1 4 contact size 16 4 (coax) rg-9b/u 16 12 4 (coax) rg-62/u 0 (coax) rg-9b/u or rg-214/u insert arrangement 40-75 40-80 40-81 service rating e a a number of contacts 1 4 1 10 62 contact size 12 0 16 4 16 for #14 wire contact legend 16 12 8 4 0 1 2345 678910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 1 2 3 4 5 6 1 2 3 4 5 1234 567891011 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 a b c d e f g h j k l m n p r s t u v w x ab c d e fh j k l m ab c d e fh j k l m ab c d e fh j k l m
46 a b h gc d e f ab a b c d e f g h j k l m n 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 35 36 37 38 40 41 42 43 34 39 a b c d e f g h j k l m n p ab c f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 40-82 40-85 40-86 40-87 service rating a a ? d number of contacts 62 60 4 7 contact size 16 16 for #14 wire 0(coax) rg-115a/u 4 insert arrangement 40-ad 40-ag 40-ap 40-ar service rating a a e inst. number of contacts 4 4 38 2 7 3 3 contact size 8 0 12 4/0 12 4 0 insert arrangement 40-as 40-at 40-au 40-av service ratingaaad number of contacts 15 25 24 18 1 3 10 1 3 contact size 16 12 12 16 8 4 8 16 2/0 contact legend 16 12 8 4 0 2/0 4/0 1234 567891011 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 1 2 3 4 1 2 3 4 5 6 7 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
47 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 44-52 44-53 48-51 service ratingaaa number of contacts 104 18 18 42 10 4 contact size 16 16 8 (coax) rg-124/u 16 8 0 (coax) rg-41/u insert arrangement 48-52 48-53 service rating a d number of contacts 56 5 37 contact size 16 0 (coax) rg-41/u 12 contact legend 16 12 8 4 0 a b c d e f h j k l m n p r s t u v w x y z a b c d f g h i j k m n p q 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 a b c d 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 a b c d e abcd efgh j klmnpr st uvwx z a b c d ef gh j km npr s ab cdefh jk lmnp rstu vwxyz a b c d f g hi j kmn p rtuvw sx y z q ba bb bc bd be bf bh bj bk bl bm bn bp br bs bt bu bv bw bx by bz ca cb cc cd ce cf ch cj ck cl cm cn cp cr cs aa ab ac ad ae af ah aj ak al am an ap ar as at au av aw ax ay az
48 f ront face of pin insert or rear face of socket insert illustrated special contact arrangements insert arrangement 48-54 48-55 service rating a a number of contacts 42 10 4 68 2 2 6 contact size 16 8 0 (coax) rg-59/u 16 12 8 4 insert arrangement 48-57 48-60 service rating a a number of contacts 42 10 4 42 10 4 contact size 16 8 0 16 8 0 (coax) rg-214/u contact legend 16 12 8 4 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 a b c d 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 a b c d 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 a b c d
49 a complete line of cylindrical connectors containing ther- mocouple insert arrangements is available. the contact layout for a particular arrangement will be found in either the ms/standard contact arrangement section, pages 26-37, or the special contact arrangement section, pages 38-48. all thermocouple contact layouts may contain either iron, alumel, chromel, constantan, standard (cop- per) or brass (dummy) contacts. see the thermocouple tabulations on the following pages. the following abbreviations are used in the contact mate- rial column in the charts that follow. also, thermocouple contacts are color coded as shown. (this identification is made by means of small dots of stain on the solder well end of the contact). abbreviation material color code ir. iron black con. constantan yellow cu. copper alloy n/a ch. chromel white al. alumel green dummy brass n/a wire well data contact size well inside dia. +.004 ?.002 well depth +.031 ?.000 solder well barrel outside dia. 12 .125 .250 .166 .003 16 .094 .188 .125 recommended wire i chromel - alumel use wire in accordance with mil-w-5848 ii iron - constantan use wire in accordance with mil-w-5845 thermocouple contact availability +.002 ?.004
50 shell size and arrg. similar to ms arrg. total contacts contact size pin insert rotation c w contact material 12 16 10sl-51 10sl-4 2 2 45 a = ir.; b = con. 10sl-52 10sl-4 2 2 45 a = cu.; b = con. 10sl-53 10sl-4 2 2 45 a = al.; b = ch. 10sl-54 10sl-3 3 3 none a = ir.; b = con.; c = cu. 10sl-55 10sl-3 3 3 none a = al.; b = ch.; c = cu. 10sl-56 10sl-4 2 2 none a = al.; b = ch. 10sl-57 10sl-4 2 2 none a = ch.; b = con. 10sl-58 10sl-3 3 3 none a = ch.; b = al.; c = cu. 10sl-59 10sl-4 2 2 none a = ch.; b = al. 10sl-60 10sl-4 2 2 none a = ir.; b = con. 10sl-61 10sl-4 2 2 none a = cu.; b = con. 10sl-62 10sl-3 3 3 none a = cu.; b = al.; c = ir. 10sl-63 10sl-3 3 3 none a, c = con.; b = ch. 10sl-64 10sl-3 3 3 none a, c = ch.; b = al. 12s-51 12s-3 2 2 315 a = ch.; b = al. 12s-54 12s-3 2 2 315 a = ir.; b = con. 12s-55 12s-3 2 2 45 a = cu.; b = con. 12s-56 12s-3 2 2 none a = al.; b = ch. 12s-57 12s-3 2 2 60 a = ch.; b = al. 12s-58 12s-3 2 2 120 a = ir.; b = con. 12s-59 12s-3 2 2 none a = ir.; b = con. 12s-60 12s-3 2 2 none a = cu.; b = con. 12s-61 12s-3 2 2 none a = ch.; b = con. 12s-62 12s-3 2 2 none a = ch.; b = al. 14s-51 14s-9 2 2 90 a = al.; b = ch. 14s-52 14s-2 4 4 45 a, b = cu.; c = al.; d = ch. 14s-53 14s-9 2 2 90 a = ir.; b = con. 14s-54 14s-6 6 6 45 a, c, e = ir.; b, d, f = con. 14s-55 14s-2 4 4 45 a, c = ir.; b, d = con. 14s-56 14s-2 4 4 45 a = ir.; b = con.; c, d = cu. 14s-57 14s-2 4 4 45 a, c = al.; b, d = ch. 14s-58 14s-7 3 3 45 a = al.; b = ch.; c = cu. 14s-59 14s-9 2 2 90 a = cu.; b = con. 14s-60 14s-9 2 2 none a = al.; b = ch. 14s-61 14s-6 6 6 45 a = al.; b = ch.; c = ir.; d = con.; e, f = cu. 14s-63 14s-6 6 6 none a, c = al.; b, d = ch.; e = ir.; f = con. 14s-64 14s-2 4 4 none a, c = con.; b, d = cu. 14s-65 14s-6 6 6 none a, c., e = cu.; b, d, f = con. 14s-67 14s-6 6 6 none a = al.; b = ch.; balance = cu. 14s-68 14s-2 4 4 45 a = ch.; b = con.; c, d = cu. 14s-69 14s-7 3 3 none a = con.; b = ch.; c = cu. 14s-70 14s-2 4 4 none a, d = ch.; b, c = al. 14s-71 14s-2 4 4 none a, b, d = cu.; c = con. 14s-72 14s-9 2 2 none a = con.; b = cu. 14s-73 14s-2 4 4 none a, b = cu.; c = al.; d = ch. thermocouple contact arrangements
51 thermocouple contact arrangements shell size and arrg. similar to ms arrg. total contacts contact size pin insert rotation c w contact material 12 16 14s-74 14s-2 4 4 none a, b = ch.; c, d = al. 14s-75 14s-2 4 4 none a, b = cu.; c, d = con. 14s-76 14s-2 4 4 none a, c = al.; b, d = ch. 14s-77 14s-2 4 4 none a, d = al.; b, c = ch. 14s-78 14s-9 2 2 none a = ch.; b = al. 16s-52 16s-4 2 2 none a = ch.; b = al. 16s-54 16s-1 7 7 none a = al.; b = ch.; balance = cu. 16s-55 16s-1 7 7 none a = con.; balance = cu. 16-52 16-11 2 2 90 a = al.; b = ch. 16-53 16-9 4 2 2 70 a = al.; c = ch.; b, d = cu. 16-55 16-10 3 3 45 a = al.; b = ch.; c = cu. 16-56 16-13 2 2 90 a = con.; b = cu. 16-57 16-10 3 3 none a = al.; b = cu.; c = ch. 16-58 16-10 3 3 none a = con.; b, c = cu. 16-60 16-13 2 2 none a = al.; b = ch. 16-62 16-11 2 2 none a = con.; b = cu. 18-51 18-12 6 6 none a = ir.; b, e = con.; d = cu.; c, f = dummy 18-52 18-11 5 5 none a = ir.; b = con.; c = ch.; d = al.; e = dummy 18-53 18-12 6 6 none a, d = ir.; b, e = con.; c, f = dummy 18-54 18-15 4 4 none a, c = al.; b, d = ch. 18-56 18-1 10 10 45 a, c, e, g, i = ir.; b, d, f, h, j = con. 18-57 18-12 6 6 45 a, c, e = al.; b, d, f = ch. 18-59 18-12 6 6 45 a, c = ir.; b, e, f = con.; d = cu. 18-60 18-11 5 5 45 a, d = al.; b, c, = ch.; e = cu. 18-61 18-12 6 6 none a, c = ir.; b, d = con.; e = ch.; f = al. 18-62 18-12 6 6 none a, b, c = ir.; d, e, f = con. 18-63 18-15 4 4 none a, c = con.; b, d = cu. 18-65 18-12 6 6 none a = ir.; b = con.; balance = cu. 18-66 18-1 10 10 none a, c, e, g, i = cu.; b, d, f, h, j = con. 18-67 18-12 6 6 none a, c, e = cu.; b, d, f = con. 18-68 18-11 5 5 none a, d = al.; b, c = ch.; e = cu. 18-69 18-1 10 10 none a = al.; b = ch.; balance = cu. 18-70 18-11 5 5 none a = ir.; b = con.; c = ch.; d = al.; e = cu. 18-71 18-15 4 4 none a = con.; balance = cu. 18-72 18-15 4 4 none d = con.; balance = cu. 18-73 18-9 7 2 5 none a = al.; d = ch.; balance = cu. 18-74 18-12 6 6 none a = ch.; b = al.; d = ir.; e = cu.; c, f = con. 20-52 20-4 4 4 315 a = ir.; b = con.; c = ch.; d = al. 20-56 20-7 8 8 45 a, b, g, h = ir.; c, d, e, f = con. 20-60 20-7 8 8 45 d = ch.; e = al.; balance = cu. 20-61 20-29 17 17 45 a, b, m = cu.; balance = con. 20-62 20-15 7 7 80 a, c, e = al.; b, d, f = ch.; g = cu. 20-64 20-27 14 14 none a = al.; c = ch.; balance = cu.
52 thermocouple contact arrangements shell size and arrg. similar to ms arrg. total contacts contact size pin insert rotation c w contact material 12 16 20-65 20-27 14 14 none a, b, c, d, e, f, g = ir.; h, i, j, k, l, m, n = con. 20-67 20-16 9 2 7 none h = al.; i = ch.; balance = cu. 20-68 20-7 8 8 none a, b, g, h = con.; c, d, e, f = cu. 20-69 20-27 14 14 none a, b, c, d, e, f, g = cu.; h, i, j, k, l, m, n = con. 20-70 20-29 17 17 none a, c, e, g, j, l, n, r, t = ir.; b, d, f, h, k, m, p, s = con. 20-71 20-29 17 17 none s = al.; r = ch.; balance = cu. 20-74 20-29 17 17 none a, c, e, g, j, l, n, r = ir.; b, d, f, h, k, m, p, s = con.; t = cu. 20-75 20-15 7 7 none g = al.; balance = ch. 20-77 20-16 9 2 7 none a = con.; balance = std. 20-80 20-27 14 14 none a, c, e, g, i, k, m = cu.; b, d, f, h, j, l, n = con. 20-81 20-27 14 14 none a, c, e, g, i, k, m = ch.; b, d, f, h, j, l, n = al. 20-82 20-29 17 17 none a, c, e, g, j, l, n, r = al.; b, d, f, h, k, m, p, s = ch.; t = cu. 22-36 22-23 8 8 347 a, c, e, g = ir.; b, d, f, h = con. 22-57 22-14 19 19 45 a, c, e, g, j, l, n, r = ir.; b, d, f, h, k, m, p, s = con.; t, u, v = cu. 22-60 22-14 19 19 45 u = al.; n = ch.; balance = cu. 22-62 22-23 8 8 60 a, b, f, g = al.; c, d, e, h = ch. 22-68 22-19 14 14 45 a, c, e, g, j, l, m = ir.; b, d, f, h, k, p, n = con. 22-69 22-19 14 14 45 a, c, e, g, j, l, m = cu.; b, d, f, h, k, p, n = con. 22-71 22-14 19 19 none v = al.; u = ch.; balance = cu. 22-72 22-5 6 2 4 none b = al.; e = ch.; balance = cu. 22-73 22-5 6 2 4 none e = al.; b = ch.; balance = cu. 22-74 22-23 8 8 none a, c, e, g = ir.; b, d, f, h = con. 22-75 22-23 8 8 none a = al.; b, d, g, h = cu.; c = ch.; e = ir.; f = con. 22-76 21 21 none w = con.; balance = cu. 22-77 22-19 14 14 none b, d, f, h, j, k, m, p = cu.; a, e, l = ir.; c, g, n = con. 22-78 22-14 19 19 none a, c, e, g, h, k, m, p, r, t = con.; balance = cu. 22-79 22-10 4 4 none a, c, = con.; b, d = cu. 24-56 24-20 11 2 9 45 e = al.; f = ch.; balance = cu. 24-57 24-28 24 24 45 a, c, j, v, y, w, k, e, h, u, s, m = ch.; balance = al. 24-62 24-28 24 24 none a, c, e, g = ir.; b, d, f, h = con.; r, t = ch.; s, u = al.; balance = cu. 24-63 24-28 24 24 none a, c, e, g, j, l, k, n, s, u, w, y = cu.; b, d, f, h, q, r, m, p, t, v, x, z = con. 24-64 24-5 16 16 none a, b, c, d, e, f, g, h = ir.; j, k, l, m, n, p, r, s = con. 24-68 24-28 24 24 none d = con.; balance = cu. 24-81 24-7 16 2 14 none a, c, e, g, i, k, m, n, p = cu.; b, d, f, h, j, l, o = con. 28-53 28-11 22 4 18 45 j, l = al.; k, m = ch.; balance = cu. 28-58 28-20 14 10 4 45 a, c, e, g, k, m = al.; b, d, f, h, l, n = ch.; j, p = cu. 28-61 28-21 37 37 45 a, c, j, z, m, r, n, a, k, f, h, x, k, h, t, m, n, d = ir.; balance = con. 28-63 28-20 14 10 4 45 a, c, e, g, j = al.; b, d, f, h, p = ch.; balance = cu. 28-64 28-15 35 35 none a, d = al.; b, j = ch.; c, d, e, f, g, n, p, r, s, h, j, k, l, m, w, x, y, z = con.; balance = cu. 28-65 28-12 26 26 none a, c, e, g, j, l, n, r, t, v = ir.; x, z = al.; b, d, f, h, k, m, p, s, u, w = con.; y, a = ch.; b, d = cu. 28-67 28-16 20 20 none u = con.; balance = cu. 28-68 28-15 35 35 45 t = al.; u = ch.; balance = cu.
53 thermocouple contact arrangements * amphenol arrangement shell size and arrg. similar to ms arrg. total contacts contact size pin insert rotation c w contact material 12 16 28-69 28-11 22 4 18 none g = al.; r = ch.; balance = cu. 28-70 28-11 22 4 18 none a = al.; b = ch.; balance = cu. 28-77 28-11 22 4 18 none j = con.; balance = cu. 28-81 28-21 37 37 none a, d, s, z, n, s = ir.; b, j, k, f, g, r = con.; g, l, p, b, e, j = al.; f, h, t, x, h, k = ch.; balance = cu. 32-51 32-8 30 6 24 90 m = ch.; n = al.; balance = cu. 32-55 32-8 30 6 24 125 m, n = ch.; o, p = al.; balance = cu. 36-53 36-7 47 7 40 45 u, v, w = al.; x, y, z = ch.; balance = cu. 36-56 36-10 48 48 none a, c, e, g, l, j, h, p, r, t, v, x z, b, d, f, h, k, q, n, m, u, w, y = con.; balance = cu. 36-57 36-8 47 1 46 none w = al.; f = ch. balance = cu. 36-58 36-15 35 35 none h = al.; g = ch.; balance = cu. 36-61 36-15 35 35 none a, c, e, j, k, l, m, n, p, r, t, v, f, x, y, h, j, c = con.; balance = cu. 36-62 36-10 48 48 none a, c, e, = al.; b, d, f = ch.; balance = cu. 36-82 36-52* 52 52 none v, g = ir.; p, y, c = con. x = ch.; balance = cu. 40-58 40-56* 85 85 none a, c, e, h, k, m, p, s, u, w, y, a, c, f, h, j, m, p, r, t, v, x, z, ab, ad, af, aj, al, an, ap, as, au, aw, ay, ba, bc, be, bh, bk, bm, bp, bs, bu = ir.; balance = con. 40-59 40-56* 85 85 none b = ch.; c = con.; balance = cu. 40-77 40-53* 60 60 none 55, 60 = ir.; 57, 58, 59 = con.; 56 = ch.; balance = cu. 40-78 40-53* 60 60 none 50, 51 = ir.; 27, 28, 29, 31, 32, 34, 36, 37 = con.; 25, 39, 40, 41 = al.; 43, 44, 45, 46, 47, 48, 49, 52, 53, 54 = ch.; balance = cu. 44-57 44-52 104 104 none a, c, e, g, j, l, etc. = cu.; b, d, f, h, k, m, etc. = con.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: amphenol: ? ms3100a14s-5p? ms3100a14s-6s? ms3100a14s-7p? ms3100a16s-1s? ms3100a20-29s? ms3100a28-21p? ms3100e10sl-3p? ms3100e14s-2p? ms3100e14s-2s? ms3100e14s-7s? ms3100e18-1p? ms3100e22-22p? ms3100f14s-6p? ms3100f16-10s? ms3100f18-4p? ms3100f20-29s? ms3100f28-21p? ms3101a10sl-3p? ms3101a10sl-4p? ms3101a14s-2p? ms3101a14s-2s? ms3101a14s-6p? ms3101a14s-7p? ms3101a16-10s? ms3101a16-11s? ms3101a16s-1s? ms3101a18-11p? ms3101a18-11s? ms3101a18-1p? ms3101a20-27s? ms3101a20-29s? ms3101a20-4p? ms3101a22-22s? ms3101e10sl-3p? ms3101e10sl-3s? ms3101e10sl-4p? ms3101e14s-5s? ms3101e14s-6p? ms3101e14s-6s? ms3101e14s-7p? ms3101e16-10s? ms3101e16s-8p? ms3101e18-1s? ms3101e20-29s? ms3101e20-4p? ms3101e22-14s? ms3101e24-11p? ms3101e24-11s? ms3101e24-28p? ms3101f10sl-3p? ms3101f10sl-4p? ms3101f14s-2p? ms3101f14s-2s? ms3101f14s-7p? ms3101f16s-1p? ms3101f18-1p? ms3101f18-1s? ms3101f20-29p? ms3101f20-29s? ms3101f22-14p? ms3101r14s-7p? ms3101r22-14p? ms3102a10sl-3p? ms3102a10sl-3s? ms3102a10sl-4p? ms3102a14s-2p? ms3102a14s-2s? ms3102a14s-5p? ms3102a14s-5s? ms3102a14s-6p? ms3102a14s-6s? ms3102a14s-7p? MS3102A14S-7S? ms3102a16-10p? ms3102a16-10s? ms3102a16-11p? ms3102a16-11s? ms3102a16s-1p? ms3102a16s-1s? ms3102a16s-8s? ms3102a18-11p? ms3102a18-11s? ms3102a18-1p? ms3102a18-1s? ms3102a20-27p? ms3102a20-27s? ms3102a20-29p? ms3102a20-29s? ms3102a20-4p? ms3102a20-4s? ms3102a20-7p? ms3102a20-7s? ms3102a22-14p? ms3102a22-14s? ms3102a22-19s? ms3102a22-22p? ms3102a22-22s? ms3102a22-23p? ms3102a22-23s? ms3102a24-11p


▲Up To Search▲   

 
Price & Availability of MS3102A14S-7S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X