Part Number Hot Search : 
TDA74 SD214 IM4712 CONDUCTO A1204 CM1214 T110S 74C908N
Product Description
Full Text Search
 

To Download MPSU57 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (201) 376-2922 (212)227-6005 fax: (201) 376-8960 imps - u57 pnp silicon annular amplifier transistor . . . designed for general-purpose, high-voltage amplifier and driver applications. ? high collector-emitter breakdown voltage ? bvceo = 10 vdc @ 'c = '-0 madc ? high power dissipation - pd = 10 w@ tc ?* 25c ? complement to npn mps-u07 maximum ratings rating symbol value unit collector-emitter voltage vceo 100 vdc collector-base voltage vcb 100 vdc emitter-base voltage vgb 4.0 vdc collector current - continuous iq 2.0 adc total power dissipation ? ta = 25c pd 1.0 watt derate above 25c 8.0 mw/c total power dissipation <@ tc = 25c pq 10 watts derate above 25c 80 mw/c operating and storage junction tj.tstg -55 to +150 c temperature r ange thermal characteristics characteristic symbol max unit thermal resistance. junction to case r?jc 125 c/w thermal resistance, junction to ambient rfija 125 c/w amplifier transistor pnp silicon c - - ? ? a ? *=$" e b c i } j ? ? -lof- dim min b 6.60 c 5.41 d 038 f 3.18 6 2.s h 3.94 k 12.07 l 25.02 n 5.1 ik 2.39 r 1.14 j o ~f k c l h-(? ) "-"j~~ ' \ style 1: pin 1. emitter 2. base 3. collector max 7.24 5.66 0.53 3.33 49sc 4.19 12.70 25.53 jjsc 2.69 1.40 min max 0.260 0.285 0.213 0.223 joj is 0.021 0.125 0.131 0.100 bsc 0.155 0.165 0.475 0.500 0.9 15 1.005 0.201 bsc 0.094 0.106 0.04s 0.055 case 152-02 quality semi-conductors
tsemi-gontluctoi tpi.oclu.ct3l, one. 20 stern ave. springfield, new jersey 07081 u.s.a. mps-u57 telephone: (201) 376-2922 (212)227-6005 fax: (201) 376-8960 electrical characteristics (ta = 25c unless otherwise noted) characteristic min tvp max unit off characteristics collector-emitter breakdown voltage (0 dc" 1.0 madc, ib -0) emitter-bow breakdown voltage dc current gain (lc = 50 madc. vce * 1.0 vdc) (1c ? 250 madc, vce ? '- vd<=> (1c ? 500 madc, vce ? t.o vdc) collector-emitter saturation voltage (lc - 250 madc. ib - 10 madc) (1c - 250 madc. ib ? 25 madc) bate-emitter on voltage ' /" vr i _j ^\ ? 5.0 vdc j - 2sc ii s n kl si r? 'r \0 70 100 1? 1c, collector cuuhhtimai the data of figure 3 it based on tj(pi,) - 150c; tc i* ?"*? depending on conditions. at high case temperature!. tmr? limitation* will reduce the power that can be handled to ????? '?" than the limitationt imposed by second breakdown. quality semi-conductors


▲Up To Search▲   

 
Price & Availability of MPSU57

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X