Part Number Hot Search : 
EL5228 SBL4R01J 1N3880 M29LV 1N4150 N105B FDN302P AT91S
Product Description
Full Text Search
 

To Download MA4PK2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 1 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. features ? reverse voltage up to 3000 volts ? 25 ampere current rating ? designed for hf, multi-throw kilowatt switches ? low loss, low distortion ? rugged, hermetically sealed packaging ? convenient solder lug attachment ? non magnetic to 3 tesla for mri applications ? rohs compliant description m/a-com technology solutions kilovolt? pin diode series utilize modern semiconductor and packaging technology that assures low loss, low distortion, and reliable performance in multi-kilowatt switch applications at frequencies as low as 1 mhz. the pin chips employed have low resistance, high power dissipation and very high stand-off voltage capability. kilovolt? pin diodes employ ultra high resistively, long carrier lifetime, float zone material onto which p+ and n+ regions are deposited using an epitaxial process designed by m/a-com technology solutions for high voltage pin diodes. this process results in better preservati on of the carrier lifetime and superior layer to layer interface when compared to a conventional double diffused process. the processing of the i-region width is tightly controlled using modern lapping techniques. kilovolt? pin diode chips utilize m/a-com technology solutions proprietary cermachip? glass passivation. the hard glass covers all exposed junction and intrinsic surfaces. this results in a hermetically sealed, pa ssivated chip that has been used in many high reliability military and commercial programs. applications the kilovolt? pin diode series is designed for use as high power switching elements in multi-kilowatt hf and vhf applications. these pin diodes have been extensively characterized for their electrical and thermal properties to assure predictable, low loss, high power handling and low distortion performance. some typical applications are as follows: ? filter switches ? antenna couplers ? power amplifier by -pass switches ? mri switches packaging the metal-ceramic packages were developed specifically for the kilovolt? pin diode series. the packages are designed to withstand extremely high voltages and currents. the packages meet the environmental requirements of mil-std-202 and mil-std750. the pin diode chip is bonded to the package and the anode strap is bonded to the chip at temperatures exceeding 300c. the anode strap has a unique, large cross-sectional area allowing for high current carrying capability. the packages are sealed using a projection welding technique in an inert environment. kilovolt? pin diodes are available with a solder lug on the anode electrode to allow for a convenient and reliable wrap-around package outlines 2000 volts 3000 volts package style MA4PK2000 ma4pk3000 pill ma4pk2001 ma4pk3001 threaded stud & solder lug ma4pk2002 ma4pk3002 threaded stud only ma4pk2003 ma4pk3003 insulated threaded stud & solder lug ma4pk2004 ma4pk3004 insulated threaded stud only diode part numbers & package style
2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 2 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. absolute maximum ratings maximum power dissipation @ t case = 25c operating and storage temp. -65c to +175c ma4pk2001 ma4pk2002 50 watts installation temperature 250c/30 seconds ma4pk2003 ma4pk2004 37.5 watts instantaneous reverse voltage voltage rating ma4pk3001 ma4pk3002 75 watts forward current (rf and dc) 25 amperes ma4pk3003 ma4pk3004 50 watts esd class 1c, hbm electrical specifications 1 @ t a = 25c parameter condition MA4PK2000 series ma4pk3000 series reverse voltage (max) v r 10 a 2000 volts 3000 volts series resistance (max) r s f = 4 mhz, i = 0.5 a 0.20 ? 0.25 ? series resistance (typ.) r s f = 1.0 -100 mhz, i = 0.5 a 0.10 ? 0.15 ? total capacitance (max) c t f = 1 mhz, v = 100 v 3.2 pf 4.0 pf parallel resistance (typ.) r p f =100 mhz, v = 0 v 5k ? 10k ? carrier lifetime (min) t l if = 10 ma 30 s 65 s forward voltage (max) v f if = 1 a 1.2 v 1.2 v thermal resistance (max) ? 3c/w (stud) 4c/w (ins stud) 2c/w (stud) 3c/w (ins stud) i-region width (nom) 200 m 325 m 1. specifications subjec t to change without notice .
2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 3 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. typical performance curves @ +25c series resistance vs. current @ 100mhz (MA4PK2000 & ma4pk3000 series) forward voltage vs. forward current (MA4PK2000 & ma4pk3000 series) capacitance vs. frequency & reverse voltage (MA4PK2000 series) capacitance vs. frequency & reverse voltage (ma4pk3000 series)
2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 4 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. typical performance curves @ 25c conductance vs. frequency & reverse voltage (MA4PK2000 series) conductance vs. frequency & reverse voltage (ma4pk3000 series) carrier lifetime vs. forward current pulsed thermal resistance
2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 5 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. case styles z black dot denotes cathode MA4PK2000 case style 1027 ma4pk3000 case style 1073 inches millimeters inches millimeters min max min max min max min max a 0.304 0.316 7.72 8.02 0.468 0.485 11.90 12.30 b 0.286 0.292 7.26 7.42 0.387 0.411 9.83 10.40 c 0.245 0.255 6.22 6.48 0.390 0.400 9.90 10.10 d 0.023 0.031 0.58 0.79 0.028 0.042 0.71 1.06 c p = .45 pf l s = 2 nh c p = .75 pf l s = 3 nh dim ma4pk2001 case style 1082 ma4pk3001 case style 1084 inches millimeters inches millimeters min max min max min max min max a 0.304 0.316 7.72 8.02 0.468 0.485 11.90 12.30 b 0.286 0.292 7.26 7.42 0.387 0.411 9.83 10.40 c 0.245 0.255 6.22 6.48 0.390 0.400 9.90 10.10 d 0.023 0.031 0.58 0.79 0.028 0.042 0.71 1.06 e 0.060 0.065 1.52 1.65 0.060 0.065 1.52 1.65 f 0.281 0.305 7.14 7.75 0.425 0.445 10.80 11.30 g 0.190 0.205 4.83 5.21 0.190 0.205 4.83 5.21 h 6-40 unf-3a 10-32 unf-2a i .072 spline x .070 dp 0.50 slot x .060 dp c p = .45 pf l s = 2 nh c p = .75 pf l s = 3 nh dim
2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 6 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. case styles z black dot denotes cathode ma4pk2002 case style 1048 ma4pk3002 case style 1074 dim inches millimeters inches millimeters min max min max min max min max a 0.304 0.316 7.72 8.02 0.468 0.485 11.90 12.30 b 0.286 0.292 7.26 7.42 0.387 0.411 9.83 10.40 c 0.245 0.255 6.22 6.48 0.390 0.400 9.90 10.10 d 0.023 0.031 0.58 0.79 0.028 0.042 0.71 1.06 f 0.281 0.305 7.14 7.75 0.425 0.445 10.80 11.30 h 6-40 unf-3a 10-32 unf-2a i .072 spline x .070 dp 0.50 slot x .060 dp c p = .45 pf l s = 2 nh c p = .75 pf l s = 3 nh
2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 7 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. case styles z black dot denotes cathode ma4pk2003 case style 1080 dim inches millimeters min max min max a .304 .316 7.72 8.02 b .254 .270 6.45 6.86 c .245 .255 6.22 6.48 d .023 .031 0.58 0.79 e .221 .252 5.61 6.40 f .780 .790 19.8 20.1 g .245 .255 6.22 6.48 h .128 .137 3.25 3.48 j .120 .130 3.05 3.30 k .007 .009 0.18 0.23 l .190 .205 4.83 5.21 m .060 .065 1.52 1.65 n c gnd = 1.1pf c p = .45 pf l s = 2 nh 6-32 unf-3a ma4pk2004 case style 1038 dim inches millimeters min max min max a .304 .316 7.72 8.02 b .254 .270 6.45 6.86 c .245 .255 6.22 6.48 d .023 .031 0.58 0.79 e .221 .252 5.61 6.40 f .780 .790 19.8 20.1 g .245 .255 6.22 6.48 h .128 .137 3.25 3.48 j .120 .130 3.05 3.30 k .007 .009 0.18 0.23 n 6-32 unf-3a c gnd = 1.1pf c p = .45 pf l s = 2 nh
2000 volt & 3000 volt pin diodes ma4pk200x & ma4pk300x v10 kilovolt? series 8 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. case styles z black dot denotes cathode ma4pk3003 case style 1085 dim inches millimeters min max min max a .468 .485 11.9 12.3 b .385 .410 9.8 10.4 c .390 .400 9.90 10.1 d .030 .045 0.76 1.14 e .422 .452 10.72 11.48 f .805 .820 20.45 20.83 g .490 .500 12.45 12.70 h .155 .175 3.94 4.45 j .120 .130 3.05 3.30 k .022 .026 .559 .660 l .190 .205 4.83 5.21 m .060 .065 1.52 1.65 n c gnd = 1.1pf c p = .75 pf l s = 3 nh 10-32 unf-2a ma4pk3004 case style 1075 dim inches millimeters min max min max a .468 .485 11.9 12.3 b .385 .410 9.8 10.4 c .390 .400 9.90 10.1 d .030 .045 0.76 1.14 e .422 .452 10.72 11.48 f .805 .820 20.45 20.83 g .490 .500 12.45 12.70 h .155 .175 3.94 4.45 j .120 .130 3.05 3.30 k .022 .026 .559 .660 n 10-32 unf-2a c gnd = 1.1pf c p = .75 pf l s = 3 nh


▲Up To Search▲   

 
Price & Availability of MA4PK2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X