|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
au optronics corporation product specification document version 0.1 1/25 m170eg01 vd ( v ) preliminary specification ( ) final specification module 17.0 sxga color tft-lcd model name m170eg01 vd customer date approved by note: this specification is subject to change without notice. checked & approved by date cc chiu 2006/7/17 prepared by katy chang 2006/7/17 desktop display business group / au optronics corporation free datasheet http:///
au optronics corporation product specification document version 0.1 2/25 m170eg01 vd contents 1. handling precautions..............................................................................................................4 2. general description.................................................................................................................5 2.1 display characteristics...................................................................................................................5 3. functional block diagram....................................................................................................10 4. absolute maximum ratings..................................................................................................11 4.1 tft lcd module.........................................................................................................................11 4.2 backlight unit...............................................................................................................................11 4.3 absolute ratings of environment..................................................................................................11 5. electrical characteristics......................................................................................................12 5.1 tft lcd module.........................................................................................................................12 5.2 backlight unit...............................................................................................................................13 6. signal characteristic.............................................................................................................15 6.1 pixel format image.......................................................................................................................15 6.2 the input data format..................................................................................................................15 6.4 timing characteristics...................................................................................................................18 6.5 power on/off sequence.............................................................................................................20 7. connector & pin assignment...............................................................................................21 7.1 tft lcd module.........................................................................................................................21 7.2 backlight unit...............................................................................................................................22 8. reliability test.......................................................................................................................23 9. shipping label.......................................................................................................................24 10. mechanical characteristics................................................................................................25 free datasheet http:/// au optronics corporation product specification document version 0.1 3/25 m170eg01 vd record of revision version and date page old description new description remark 0.1 2006/07/10 all first edition for customer all free datasheet http:/// au optronics corporation product specification document version 0.1 4/25 m170eg01 vd 1. handling precautions 1) since front polarizer is easily damaged, pay attention not to scratch it. 2) be sure to turn off power supply when inserting or disconnecting from input connector. 3) wipe off water drop immediately. long contact with water may cause discoloration or spots. 4) when the panel surface is soiled, wipe it with absorbent cotton or other soft cloth. 5) since the panel is made of glass, it may break or crack if dropped or bumped on hard surface. 6) since cmos lsi is used in this module, take care of static electricity and insure human earth when handling. 7) do not open or modify the module assembly. 8) do not press the reflector sheet at the back of the module to any directions. 9) in case if a module has to be put back into the packing container slot after once it was taken out from the container, do not press the center of the ccfl reflector edge. instead, press at the far ends of the ccfl reflector edge softly. otherwise the tft module may be damaged. 10) at the insertion or removal of the signal interface connector, be sure not to rotate nor tilt the interface connector of the tft module. 11) after installation of the tft module into an enclosure, do not twist nor bend the tft module even momentary. at designing the enclosure, it should be taken into consideration that no bending/twisting forces are applied to the tft module from outside. otherwise the tft module may be damaged. 12) cold cathode fluorescent lamp in lcd contains a small amount of mercury. please follow local ordinances or regulations for disposal. 13) small amount of materials having no flammability grade is used in the lcd module. the lcd module should be supplied by power complied with requirements of limited power source (iec60950 or ul1950), or be applied exemption. 14) the lcd module is designed so that the ccfl in it is supplied by limited current circuit (iec60950 or ul1950). do not connect the ccfl in hazardous voltage circuit. free datasheet http:/// au optronics corporation product specification document version 0.1 5/25 m170eg01 vd 2. general description this specification applies to the 17 inch color tft-lcd module m170eg01 vd. the display supports the wsxga+ (1280(h) x 1024(v)) screen format and 16.7m colors (rgb 6-bits+hi-rfc data).all input signals are 2 channel lvds interface compatible. this module does not contain an inverter card for backlight. 2.1 display characteristics the following items are characteristics summary on the table under 25 condition: items unit specifications screen diagonal [mm] 432 (17.0 ) active area [mm] 337.920(h) 270.336(v) pixels h x v 1280 3(rgb) 1024 pixel pitch [mm] 0.264(per one triad) 0.264 pixel arrangement r.g.b. vertical stripe display mode normally white white luminance [cd/m 2 ] 300 (center,typ)@7.5 ma contrast ratio 800 : 1 (typ) optical responsetime [msec] 5 (typ) nominal input voltage vdd [volt] +5.0 (typ) power consumption [watt] 25.8 w (typ) (pdd=6w, pcfl=19.8w @lamp=7.5ma) weight [grams] 2100 max. physical size (h x v x d) [mm] 358.5(h) x 296.5(v) typ. x 15.8(d) max. electrical interface dual channel lvds surface treatment anti-glare type, hardness 3h support color 16.7m colors (rgb 6-bits + frc data) temperature range operating storage (non-operating) [ o c] [ o c] 0 to +50 -20 to +60 rohs compliance rohs compliance free datasheet http:/// au optronics corporation product specification document version 0.1 6/25 m170eg01 vd 2.2 optical characteristics the optical characteristics are measured under stable conditions at 25 (room temperature): item unit conditions min. typ. max. note horizontal (right) cr = 10 (left) 70 70 80 80 - viewing angle [degree] vertical (up) cr = 10 (down) 70 70 80 80 - 1 luminance uniformity [%] 9 points 75 80 - 2, 3 rising - 3.5 6 falling - 1.5 3 optical response time [msec] rising + falling - 5 9 4, 6 red x 0.618 0.648 0.678 red y 0.309 0.339 0.369 green x 0.262 0.292 0.322 green y 0.573 0.603 0.633 blue x 0.113 0.143 0.173 blue y 0.040 0.070 0.100 white x 0.283 0.313 0.343 color / chromaticity coordinates (cie 1931) white y 0.299 0.329 0.359 4 white luminance (at ccfl= 7.5ma) [cd/m 2 ] 250 300 - 4 contrast ratio 450 800 - 4 cross talk (at 75hz) [%] - - 1.5 5 flicker [db] - - -20 7 optical equipment: bm-5a, bm-7, pr880, or equivalent free datasheet http:/// au optronics corporation product specification document version 0.1 7/25 m170eg01 vd note 1: definition of viewing angle viewing angle is the measurement of contrast ratio R 10, at the screen center, over a 180 horizontal and 180 vertical range (off-normal viewing angles). the 180 viewing angle range is broken down as follows; 90 ( ) horizontal left and right and 90 ( ) vertical, high (up) and low (down). the measurement direction is typically perpendicular to the display surface with the screen rotated about its center to develop the desired measurement viewing angle. note 2: 9 points position note 3: the luminance uniformity of 9 points is defined by dividing the maximum luminance values by the minimum test point luminance minimum luminance of 9 points w9 = m ax imum luminance of 9 points 50 % 90 % 90 % 50 % 10 % 10 % free datasheet http:/// au optronics corporation product specification document version 0.1 8/25 m170eg01 vd note 4: measurement method the lcd module should be stabilized at given temperature for 30 minutes to avoid abrupt temperature change during measuring. in order to stabilize the luminance, the measurement should be executed after lighting backlight for 30 minutes in a stable, windless and dark room. note 5: definition of cross talk (ct) ct = | yb C ya | / ya 100 (%) where ya = luminance of measured location without gray level 0 pattern (cd/m2) yb = luminance of measured location with gray level 0 pattern (cd/m2) center of the screen tft - lcd 50 cm photo detector lcd panel field=2 free datasheet http:/// au optronics corporation product specification document version 0.1 9/25 m170eg01 vd note 6: definition of response time: the output signals of photo detector are measured when the input signals are changed from full black to full white (rising time), and from full white to full black (falling time), respectively. the response time is interval between the 10% and 90% of amplitudes. please refer to the figure as below. note 7: subchecker pattern r g b r g b r g b r g b r g b r g b method: record dbv & dc value with (westar)trd-100 level dc hz) 30 level(at ac log 20 (db) flicker = 100 90 10 0 % optical response white black white tr f tr r 100 90 10 0 % optical response white black white tr f tr r gray level = l127 gray level = l0 amplitude time dc ac free datasheet http:/// au optronics corporation product specification document version 0.1 10/25 m170eg01 vd 3. functional block diagram the following diagram shows the functional block of the 17.0 inches color tft-lcd module: jae fi-xb30ssl-hf15 yeonho 35001hs-02l 4 ccfl c o n n e c t o r dc/dc converter lvds receiver timing controller gamma correction tft-lcd 1280*(3)*1024 pixels x - driver ic y - d r i v e r i c g1 g1024 d1 d3840 inverter dc power au asic rsds transmitte r lvds + 5v i/f + x - pcb free datasheet http:/// au optronics corporation product specification document version 0.1 11/25 m170eg01 vd 4. absolute maximum ratings absolute maximum ratings of the module is as following: 4.1 tft lcd module item symbol min max unit conditions logic/lcd drive vin -0.3 6 [volt] note 1,2 4.2 backlight unit item symbol min max unit conditions ccfl current icfl - 8 [ma] rms note 1,2 4.3 absolute ratings of environment item symbol min max unit conditions operating humidity hop 5 90 [%rh] storage temperature tst -20 +60 [ o c] storage humidity hst 5 90 [%rh] note 3 note 1: with in ta (25 ) note 2: permanent damage to the device may occur if exceed maximum values note 3: for quality performance, please refer to auo iis (incoming inspection standard). operating range storage range free datasheet http:/// au optronics corporation product specification document version 0.1 12/25 m170eg01 vd 5. electrical characteristics 5.1 tft lcd module 5.1.1 power specification input power specifications are as follows: symble parameter min. typ. max. unit condition vcc logic/lcd drive voltage 4.5 5.0 5.5 [volt] 10% icc input current - 1.2 1.56 [a] vin=5v , all black pattern, at 75hz irush inrush current - - 3.0 [a] note pcc vccpower - 6 7.8 [watt] vin=5v , all black pattern, at 75hz note: measurement conditions: +5.0v +12.0v vcc r1 47k r2 1k vr1 47k sw1 sw mag-spst 1 2 f1 q3 ao6402 g d 2 s d 1 d 5 d 6 c1 1uf/16v q3 ao6402 g d2 s d1 d5 d6 c3 0.01uf/25v c2 1uf/25v (high to low) control signal (lcd module input) 90% 10% vdd rising time 0v 5.0v 0.5ms free datasheet http:/// au optronics corporation product specification document version 0.1 13/25 m170eg01 vd 5.1.2 signal electrical characteristics input signals shall be low or hi-z state when vin is off it is recommended to refer the specifications of sn75lvds82dgg (texas instruments) in detail. each signal characteristics are as follows; symbol parameter min typ max units condition vth differential input high threshold - - +100 [mv] vicm = 1.2v note vtl differential input low threshold -100 - - [mv] vicm = 1.2v note vid input differential voltage 100 400 600 [mv] note vicm differential input common mode voltage +1.0 +1.2 +1.5 [v] vth/vtl = 100mv note note: lvds signal waveform v t h vid vicm vss free datasheet http:/// au optronics corporation product specification document version 0.1 14/25 m170eg01 vd 5.2 backlight unit parameter guideline for ccfl inverter symbol parameter min. typ. max. unit condition iscfl ccfl standard current 7.0 7.5 8.0 [ma] rms (ta=25 o c) note 2 ircfl ccfl operation range 3.0 7.5 8.0 [ma] rms (ta=25 o c) note 2 fcfl ccfl frequency 40 60 80 [khz] (ta=25 o c) note 3,4 vicfl (0 o c) ccfl ignition voltage ( end of the lamp wire connector ) 1500 - [volt] rms (ta=0 o c) note 5 vicf (25 o c) ccfl ignition voltage ( end of the lamp wire connector ) 1150 - [volt] rms (ta=25 o c) note 5 vcfl ccfl operation voltage tbd 660 @ 7.5ma 700 @ 7.5ma [volt] rms (ta=25 o c) note 6 pcfl ccfl power consumption (for reference) - 19.8 21.8 [watt] (ta=25 o c) note 6 ltcfl ccfl life time 40,000 50,000 - [hour] (ta=25 o c) note 1: typ. are auo recommended design points. *1 all of characteristics listed are measured under the condition using the auo test inverter. *2 in case of using an inverter other than listed, it is recommended to check the inverter carefully. sometimes, interfering noise stripes appear on the screen, and substandard luminance or flicker at low power may happen. *3 in designing an inverter, it is suggested to check safety circuit very carefully. impedance of ccfl, for instance, becomes more than 1 [m ohm] when ccfl is damaged. *4 generally, ccfl has some amount of delay time after applying kick-off voltage. it is recommended to keep on applying kick-off voltage for 1 [sec] until discharge. *5 reducing ccfl current increases ccfl discharge voltage and generally increases ccfl discharge frequency. so all the parameters of an inverter should be carefully designed so as not to produce too much leakage current from high-voltage output of the inverter. note 2: it should be employed the inverter which has duty dimming , if ircfl is less than 4ma. note 3: ccfl discharge frequency should be carefully determined to avoid interference between inverter and tft lcd. note 4: the frequency range will not affect to lamp life and reliability characteristics. note 5: ccfl inverter should be able to give out a power that has a generating capacity of over 1,500 voltage. lamp units need 1,500 voltage minimum for ignition. note 6: the variance of ccfl power consumption is 10%. calculator value for reference (iscfl vcfl 4= pcfl) note 7:definition of life time: brightness becomes 50%. the typical life time ccfl in on the condition at 7.5 m a lamp current. free datasheet http:/// au optronics corporation product specification document version 0.1 15/25 m170eg01 vd 6. signal characteristic 6.1 pixel format image following figure shows the relationship of the input signals and lcd pixel format. r g b r g b r g b r g b r g b r g b r g b r g b 1 2 1279 1280 1st line 1024th line 6.2 the input data format note1: normally, de, vs, hs on even channel are not used. note2: please follow pswg. note3: 8-bit in free datasheet http:/// au optronics corporation product specification document version 0.1 16/25 m170eg01 vd 6.3 signal description the module using a pair of lvds receiver sn75lvds82(texas instruments) or compatible. lvds is a differential signal technology for lcd interface and high speed data transfer device. transmitter shall be sn75lvds83(negative edge sampling) or compatible . the first lvds port(rxoxxx) transmits odd pixels while the second lvds port(rxexxx) transmits even pixels. pin # signal name description 1 rxo0 - negative lvds differential data input (odd data) 2 rxo0+ positive lvds differential data input (odd data) 3 rxo1 - negative lvds differential data input (odd data) 4 rxo1+ positive lvds differential data input (odd data) 5 rxo2 - negative lvds di fferential data input (odd data, h - sync,v - sync,dsptmg) 6 rxo2+ positive lvds differential data input (odd data, h - sync,v - sync,dsptmg) 7 gnd power ground 8 rxoc - negative lvds differential clock input (odd clock) 9 rxoc+ positive lvds differential clock input (odd clock) 10 rxo3 - negative lvds differential data input (odd data) 11 rxo3+ positive lvds differential data input (odd data) 12 rxe0 - negative lvds differential data input (even clock) 13 rxe0+ positive lvds differential data input (even data ) 14 gnd power ground 15 rxe1 - positive lvds differential data input (even data) 16 rxe1+ negative lvds differential data input (even data) 17 gnd power ground 18 rxe2 - negative lvds differential data input (even data) 19 rxe2+ positive lvds differen tial data input (even data) 20 rxec - negative lvds differential clock input (even clock) 21 rxec+ positive lvds differential clock input (even clock) 22 rxe3 - negative lvds differential data input (even data) 23 rxe3+ positive lvds differential data in put (even data) 24 gnd power ground 25 gnd power ground 26 nc no contact (for auo test only) 27 gnd power ground 28 vcc +5.0v power supply 29 vcc +5.0v power supply 30 vcc +5.0v power supply free datasheet http:/// au optronics corporation product specification document version 0.1 17/25 m170eg01 vd note1: start from left side note2: input signals of odd and even clock shall be the same timing. note3: please follow pswg. connector 1 30 r x o i n 0 - v c c free datasheet http:/// au optronics corporation product specification document version 0.1 18/25 m170eg01 vd 6.4 timing characteristics 6.4.1 timing characteristics basically, interface timings described here is not actual input timing of lcd module but output timing of sn75lvds82dgg (texas instruments) or equivalent. signal item symbol min typ max unit period tv 1032 1066 2048 th active tdisp(v) 1024 1024 1024 th vertical section blanking tbp(v)+tfp(v)+pwvs 8 42 1024 th period th 680 844 2048 tclk active tdisp(h) 640 640 640 tclk horizontal section blanking tbp(h)+tfp(h)+pwhs 40 204 1408 tclk period tclk 14.81 18.52 - ns clock frequency freq 40 54 70 mhz frame rate frame rate f 49 60 76 hz note : de mode only free datasheet http:/// au optronics corporation product specification document version 0.1 19/25 m170eg01 vd 6.4.2 timing digram h s y n c p i x e l n 1 m i n v a l i d d a t a t d i s p ( v ) 1 0 d e d e i n v a l i d d a t a r g b d a t a t h 2 r g b d a t a ( e v e n ) 3 9 m - 1 i n v a l i d d a t a 1 n h s y n c m - 2 i n v a l i d d a t a 1 1 65 m - 3 v s y n c i n v a l i d d a t a c l k m - 5 i n v a l i d d a t a m - 4 7 2 t b p ( h ) p i x e l p i x e l p i x e l p i x e l p i x e l r g b d a t a ( o d d ) 1 2 t b p ( v ) t c l k p i x e l p i x e l p i x e l p i x e l p i x e l p i x e l p i x e l p i x e l p i x e l p i x e l p i x e l p i x e l 8 4 3 4 t v t d i s p ( h ) l i n e l i n e l i n e l i n e l i n e l i n e t f p ( v ) t f p ( h ) p w v s p w h s free datasheet http:/// au optronics corporation product specification document version 0.1 20/25 m170eg01 vd 6.5 power on/off sequence vdd power and lamp on/off sequence is as follows. interface signals are also shown in the chart. signals from any system shall be hi-z state or low level when vdd is off. power sequence timing value parameter min. typ. max. unit t1 0.5 - 10 [ms] t2 0 - 10 [ms] t3 200 - - [ms] t4 100 - - [ms] t5 0 16 50 [ms] t6 - - 10 [ms] t7 1000 - - [ms] note: the values of the table are follow pswg. t7 t 5 t2 t3 valid data t1 10% 90% 10% 90% t4 t 6 power supply vdd lvds signal backlight on free datasheet http:/// au optronics corporation product specification document version 0.1 21/25 m170eg01 vd 7. connector & pin assignment physical interface is described as for the connector on module.these connectors are capable of accommodating the following signals and will be following components . 7.1 tft lcd module 7.1.1 connector connector name / designation interface connector / interface card manufacturer jae / hirose or compatible type part number fi-xb30ssl-hf15 / mdf76tw-30s-1h(58) mating housing part number jae fi-x30hl 7.1.2 pin assignment pin# signal name pin# signal name 1 rxoin0- 2 rxoin0+ 3 rxoin1- 4 rxoin1+ 5 rxoin2- 6 rxoin2+ 7 gnd 8 rxoclkin- 9 rxoclkin+ 10 rxoin3- 11 rxoin3+ 12 rxein0- 13 rxein0+ 14 gnd 15 rxein1- 16 rxein1+ 17 gnd 18 rxein2- 19 rxein2+ 20 rxeclkin- 21 rxeclkin+ 22 rxein3- 23 rxein3+ 24 gnd 25 nc 26 nc 27 nc 28 vcc 29 vcc 30 vcc free datasheet http:/// au optronics corporation product specification document version 0.1 22/25 m170eg01 vd 7.2 backlight unit physical interface is described as for the connector on module. these connectors are capable of accommodating the following signals and will be following components. connector name / designation lamp connector / backlight lamp manufacturer yeonho type part number 35001hs-02l mating type part number 35001wr-00ls00 7.2.1 signal for lamp connector connector no. pin no. input color function 1 hot1 pink high voltage (lamp 1) cn1 2 cold1 white low voltage (lamp 1) 1 hot2 blue high voltage (lamp 2) upper cn2 2 cold2 black low voltage (lamp 2) connector no. pin no. input color function 1 hot1 pink high voltage (lamp 3) cn3 2 cold1 white low voltage (lamp 3) 1 hot2 blue high voltage (lamp 4) lower cn4 2 cold2 black low voltage (lamp 4) free datasheet http:/// au optronics corporation product specification document version 0.1 23/25 m170eg01 vd 8. reliability test environment test conditions are listed as following table. items required condition note temperature humidity bias (thb) ta= 50, 80%rh, 300hours high temperature operation (hto) ta= 50, 50%rh, 300hours low temperature operation (lto) ta= 0, 300hours high temperature storage (hts) ta= 60, 300hours low temperature storage (lts) ta= -20, 300hours vibration test (non-operation) acceleration: 1.5 g wave: random frequency: 10 - 200 - 10 hz sweep: 30 minutes each axis (x, y, z) shock test (non-operation) acceleration: 50 g wave: half-sine active time: 20 ms direction: x, y, z (one time for each axis) drop test height: 60 cm, package test thermal shock test (tst) -20 /30min, 60 /30min, 100 cycles 1 on/off test on/10sec, off/10sec, 30,000 cycles contact discharge: 8kv, 150pf(330 ) 1sec, 8 points, 25 times/ point. esd (electrostatic discharge) air discharge: 15kv, 150pf(330 ) 1sec 8 points, 25 times/ point. 2 altitude test operation:10,000 ft non-operation:30,000 ft note 1: the tft-lcd module will not sustain damage after being subjected to 100 cycles of rapid temperature change. a cycle of rapid temperature change consists of varying the temperature from -2 0 to 6 0 , and back again. power is not applied during the test. after temperature cycling, the unit is placed in normal room ambient for at least 4 hours before power on. note 2: according to en61000-4-2 , esd class b: some performance degradation allowed. no data lost. self-recoverable. no hardware failures. free datasheet http:/// au optronics corporation product specification document version 0.1 24/25 m170eg01 vd 9. shipping label the shipping label format is shown as below. free datasheet http:/// free datasheet http:/// au optronics corporation product specification document version 0.1 25/25 m170eg01 vd 10. mechanical characteristics free datasheet http:/// |
Price & Availability of M170EG01VD |