Part Number Hot Search : 
16A05C 90FEB 12ADC PMODSDRM SMLJ90A E3055 SJ7912 62081
Product Description
Full Text Search
 

To Download LPSM003QCID Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  littelfuse.com ? 2013 littelfuse powr-gard ? products powr-gard ? blocks and holders datasheet rev: 010413 1 of 1 lpsm quick connect p owr-safe f use holders specifcations voltage rating 600 vac/dc amperage rating 30 a approval ul recognized (file no. e14721), csa certifed (file no. lr7316), ccc approved terminal type 1/4 quick connect terminals fuse type midget (10 x 38 mm) series material thermoplastic flammability rating ul94 v-0 sccr rating same as fuse rating ordering information poles catalog number ordering number 1 lpsm001qcid lpsm0001zqcid 2 lpsm002qcid lpsm0002zqcid 3 LPSM003QCID lpsm0003zqcid 4 lpsm004qcid lpsm0004zqcid multi-pole assembly kit assembly kit is designed for use with lpsc/lpsm fuse holders. kit contains 20 connector pincers and 10 handle pins. part no: cyhp001 recommended fuses midget-style (10x38mm) web resources sample requests, downloadable cad drawings and other technical information: littelfuse.com/lpsmqc description the lpsm midget fuse holder series is a dead front design providing protection to personnel when installing and removing fuses. the compact fuse holder mounts quickly onto 35 mm din rail, decreasing panel layout and assembly time. this product has two quick connect terminals on both the top and bottom of the holder, offering an additional connection option. it is available in 1-, 2-, 3- and 4-pole confgurations. features/benefts ? dual 1 ? 4 quick connect terminals on top and bottom of holder ? meets dead front requirements ? mountable on 35 mm din rail ? local led indication dimensions mm (inches) 6.20 (.244) 9.90 (.390) 6.77 (.267) 80.00 (3.15) 59.70 (2.35) 11 .99 (4.72) 17.80 (.701)


▲Up To Search▲   

 
Price & Availability of LPSM003QCID

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X