Part Number Hot Search : 
AQZ264 PAM2400 T72103L3 CKFIAAAA W1900 PST523 ALD4213 NCP5663
Product Description
Full Text Search
 

To Download KS05VL4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente KS05VL4 12w, 5v low capacitance esd protection 29-oct-2013 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. b l f h c j d g k a e rohs compliant product a suffix of -c specifies halogen and lead-free description the KS05VL4 provides a typical line to line capacitance of 0.3pf and low insertion loss up to 3ghz providing greater signal integrity making it ideally suited for usb 2.0 applications, such as digital tvs, dvd players, computing, set-top boxes and mddi applications in mobile computing devices. applications  digital cameras  portable instrumentation  notebooks, desktops, and serves  personal digital assistants (pdas)  cell phone handsets and accessories features  low clamping voltage  low leakage current  small package package information package mpq leader size tsop-6 3k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) rating symbol value unit air contact 27 iec 61000-4-2 (esd) contact discharge v esd 16 kv peak pulse power (tp=8/20us) p pk 12 w peak pulse current (tp=8/20us) i pp 2 a storage temperature range t j , t stg -55~125, -55 ~ 150 c electrical characteristics (t a =25 c unless otherwise specified) parameter symbol condition min. typ. max. units reveres maximum working voltage v rwm i/o-gnd - - 5 v reveres leakage current i r v rwm =5v, i/o-gnd - - 1 a reveres breakdown voltage v br i t =1ma, i/o-gnd 6 - 10 v clamping voltage v c i pp =1a, tp=8/20us - - 12 v i/o-gnd - 0.6 0.8 pf junction capacitance c j i/o-i/o - 0.3 0.4 pf tsop-6 top view millimeter millimeter ref. min. max. ref. min. max. a 2.70 3.10 g 0 0.10 b 2.60 3.00 h 0.60 ref. c 1.40 1.80 j 0.12 ref. d 1.45 max. k 0 10 e 1.90 ref. l 0.95 ref. f 0.30 0.50
elektronische bauelemente KS05VL4 12w, 5v low capacitance esd protection 29-oct-2013 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristics curves


▲Up To Search▲   

 
Price & Availability of KS05VL4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X