Part Number Hot Search : 
PD5011C GL3EG62 EMH75 HZS24L3 UL1480 LM8596 CEE124 2B2405XD
Product Description
Full Text Search
 

To Download KK74ACT574DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data kk74act574 octal 3-state noninverting d flip-flop high-performance silicon-gate cmos ordering information kk 74act574n plastic kk 74act574dw soic t a = -40 to 8 5 c for all packages the kk 74act574 is identical in pinout to the ls/als574, hc / h c t 574. the kk 74act574 may be used as a level converter for interfacing ttl or nmos outputs to high speed cmos inputs. data m eetin g th e setu p tim e is clo c k e d to th e o u t p u t s with th e risin g edge of t h e c l ock. the out put enabl e i nput does not affect t h e st at es of t h e fl i p -fl ops, but when out put enabl e i s hi gh, al l devi ce out put s are forced to the high-im pedance state; t hus, dat a m a y be st ored even when t h e out put s are not enabl e d. ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? out put s source/ si nk 24 m a function table input s o u t put out put enable c l o c k d q l h h l l l l l , h , x n o change h x x z x = don?t care z = hi gh i m pedance pin assignment logic diagram pin 20=v cc pin 10 = gnd 1
kk74act574 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =4.5 v v cc =5.5 v 0 0 10 8.0 ns/ v * v in from 0.8 v t o 2.0 v thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
kk74act574 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 4.5 5.5 4.4 5.4 4.4 5.4 v * v in =v ih or v il i oh =-24 m a i oh =-24 m a 4.5 5.5 3.86 4.86 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 4.5 5.5 0.1 0.1 0.1 0.1 v * v in =v ih or v il i ol =24 m a i ol =24 m a 4.5 5.5 0.36 0.36 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a ? i cct addi t i onal m a x. i cc / i nput v in =v cc - 2.1 v 5.5 1.5 m a i oz m a x i mu m t h r e e - state leakage current v in (oe)= v ih or v il v in =v cc or gnd v out =v cc or gnd 5.5 0.5 5.0 a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 8 .0 80 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. 3
kk74act574 ac electrical characteristics (v cc =5.0 v 10%, c l =50pf, input t r =t f =3.0 ns) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c - 4 0 c to 8 5 c un it min m ax min max f ma x m a xi m u m c l ock frequency (50% dut y c y cl e) (fi gure 1) 100 8 5 m h z t plh propagat i on del a y , c l ock t o q (fi gure 1) 2.5 11 2.0 12 ns t phl propagat i on del a y , c l ock t o q (fi gure 1) 2.0 10 1.5 11 ns t pzh propagat i on del a y , out put enabl e t o q (fi gure 2) 2.0 9.5 1.5 10 ns t pzl propagat i on del a y , out put enabl e t o q (fi gure 2) 2.0 9.0 1.5 10 ns t phz propagat i on del a y , out put enabl e t o q (fi gure 2) 2.0 10.5 1 .5 11.5 ns t plz propagat i on del a y , out put enabl e t o q (fi gure 2) 2.0 8.5 1.5 9.0 ns c in m a xi m u m input c a paci t a nce 4.5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 40 pf timing requirements (v cc =5.0 v 10%, c l =50pf, input t r =t f =3.0 ns) g u a r a n t e e d lim i t sym b o l p a r a m e t e r 25 c - 4 0 c to 8 5 c unit t su m i ni m u m set up ti m e , dat a t o c l ock (fi gure 3) 2 . 5 2 . 5 n s t h m i n i mu m h o l d t i me , c l o c k t o d a t a (fi gure 3) 1 . 0 1 . 0 n s t w m i ni m u m pul s e w i dt h, c l ock (fi gure 1) 3.0 4.0 ns 4
kk74act574 fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms fi gure 3. sw i t chi n g waveforms expanded logic diagram 5
kk74act574 n s u f f i x p l as t i c d i p (m s - 0 0 1 a d) sy m b o l m i n m a x a 24. 8 9 26. 92 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 3 a c) sy m b o l m i n m a x a 12. 6 1 3 b 7. 4 7 . 6 c 2. 35 2. 65 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h no t e s : j 0 8 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r pr o t r u s i on . k 0. 1 0 . 3 2. m a x i m u m m o l d fl a s h o r p r o t ru s i o n 0 . 1 5 m m (0 . 0 0 6 ) p e r s i d e m 0. 23 0. 32 f o r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 10 10. 65 r 0. 25 0. 75 d i me n s i o n , mm 1. 27 9. 53 d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0.2 5 ( 0 . 0 1 0 ) m t -t - 1 20 10 11 l h m j a b f g d se a t i n g pl an e n k 0.2 5 ( 0 . 010) m t -t - c 1 20 10 11 6


▲Up To Search▲   

 
Price & Availability of KK74ACT574DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X