Part Number Hot Search : 
J100CA 100CL MN6627 OCH2548 PACUS HEF405 879XBH 74VCX1
Product Description
Full Text Search
 

To Download HC160204C-BT62L-VA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HC160204C-BT62L-VA ????? shenzhen htdisplay technology co.,ltd specification contents no. item page 1. cover 1 2. record of revision 2 3. general specification 3 4. mechanical data 3 5. absolute maximum ratings 4 6. electrical characteristics 5 7. optical characteristics 5 8. outline dimension 6~7 9. block diagram 7 10 interface timing chart 8~9 11 instruction code 10~11 12 character generator rom 12 accepted by: proposed by:
record of revision date page summary
3. general specifications 3.1 general specifications please refer to: ?customer acceptance standard specifications (ms-10-10000)?. 3.2 quality assurance and warranty please refer to: ?quality assurance manul (ms-10-10001)?. 3.3 this individual specification is prior to general specifications 4. mechanical data ? display format: 16 characters x 2 lines ? microprocessor interface: 8 bits par all ? lcd type: stn negative,blue , ?backlight color: white ? viewing angle: 6 o?clock ? lcd controller: ks0066+ks0065 ? module size: 80x 36 mm ? view area: 64x16 mm ? dot size: 0.55x 0.5 mm ? dot pitch: 0.6 x 0.55mm ?driving method: 1/16 duty, 1/5 bias ? rohs regulation: to our best knowle dge, this product satisfies material requirement of rohs regulation. our co mpany is doing the best efforts to obtain the equivalent certi ficate from our suppliers.
5. absolute maximum ratings 5.1 electrical absolute maximum ratings i t e m symbol min. max. unit comment power supply for logic v dd -v ss -0.3 6 v --------- input voltage v i v ss v dd v --------- static electricity --------- ------ ----- v v s ------ 4.2 v rms --------- power supply for backlight f fl ------ ------ khz --------- ------ ------ ------ v rms ta = 25 starting voltage for backlight ------ ------ ------ v rms ta = 25 power supply for lcd v dd -v 0 ------ 4.7 v --------- 5.2 environmental absolute maximum ratings operating storage i t e m min. max. min. max. comment ambient temperature -20 70 -30 80 ------ humidity note (2) note (2) no condensation vibration note (3) ------ 0.5g ------ 2g 10~300h z xyz directions 1 hr each shock note (3) ------ 3g ------ 5g 10 msec xyz directions 1 time each corrosive gas not acceptable not acceptable ------ note (2): ta Q 70: 75% rh max. ta 70: absolute humidity must be lower than the humidity of 75% rh at 70. note (3): 1g = 9.8 m/s 2
6. electrical characteristics ta = 25 v dd = 5.0v i t e m symbol condition min. typ. max. unit power supply voltage for circuit v dd -v ss ------ 4.5 5.0 5.5 v power supply voltage for lcd drive v dd -v 0 ------ ----- 4.7 ------ v lcd display duty ratio duty ------ ------ 1/16 ------ ------ ifp i mseo plus 10% dutg cyele ----- ma operating voltage ------ 4.1 ------ v led backlight forward current 80 ma led lifetime ------ v fl =4.1vrms f fl = khz ------ 100,000 ------ hr power supply lcd current i ee v dd -v 0 = 4.7 v ------ ---- ------ ma led backlight: due to the led backlight working current is xxx max, and led chips vop may be different, wincom will adjust the backlig ht resistor according to the led chips vop, to meet the brightness maximum. 7. optical characteristics ta = 25 v dd - v 0 = 4.7v i t e m symbol condition min. ty p. max. unit note viewing angle 2-1 k R 2.0 -35 ---- 20 deg. 1 contrast ratio k = 10 o = 0 o 4.0 ---- ------ ------ 1 tr (rise) = 10 o = 0 o ------ ----- 250 ms 1 response time (at 25) tf (fall) = 10 o = 0 o ------ ----- 250 ms 1 the brightness of backlighting source b vfl=4.1vrms ffl= khz ------ ------ ------ cd/m 2 2 note (1): see customer acceptance standard specification for definition of optical characteristics note (2): under normal temperature and humidity in a dark room
8. outline dimension
8.1 interface pin assignment pin no. symbol leve function 1 vss 0v ground 2 v dd 5.0v power supply voltage for lcm(+) 3 v0 ----- contrast adjust 4 rs h/l register select signal 5 r/w h/l data read / write 6 e h/l enable signal 7 db0 h/l data bus line 8 db1 h/l data bus line 9 db2 h/l data bus line 10 db3 h/l data bus line 11 db4 h/l data bus line 12 db5 h/l data bus line 13 db6 h/l data bus line 14 db7 h/l data bus line 15 a (+5.0v) power supply for led bl (+) 16 k (-) power supply for led bl (-) 9. block diagram lcd panel com16 ~ control lsi v dd k vss a r/w rs v o dbo e 4 led seg40 db7 seg40 ks0066up ks0065bp 10.interface timing chart

11.instruction code

12.character generator rom


▲Up To Search▲   

 
Price & Availability of HC160204C-BT62L-VA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X