Part Number Hot Search : 
YLT500VM MJD34003 ST72X734 TEA5762 MC34063 MBR10150 476M0 ON2794
Product Description
Full Text Search
 

To Download GV2ME16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the information provided in this documentation contains general descriptions and/or technical characteristics of the performance of the products contained herein. this documentation is not intended as a substitute for and is not to be used for determining suitability or reliability of these products for specific user applications. it is the duty of any such user or integrator to perform the appropriate and complete risk analysis, evaluation and testing of the products with respect to the relevant specific application or use thereof. neither schneider electric industries sas nor any of its affiliates or subsidiaries shall be responsible or liable for misuse of the information contained herein. *prices are indicative sep 9, 2013 1 product data sheet characteristics GV2ME16 tesys gv2-circuit breaker-thermal-magnetic - 9...14 a - screw clamp terminals product availability : stock - normally stocked in distribution facility price*: 224.00 usd main commercial status commercialised range of product tesys gv2 device short name gv2me product or component type circuit breaker circuit breaker application motor protection poles description 3p network type ac utilisation category category a conforming to iec 60947-2 ac-3 conforming to iec 60947-4-1 network frequency 50/60 hz conforming to iec 60947-4-1 breaking capacity icu = 100 ka at 230/240 v ac 50/60 hz conforming to iec 60947-2 icu = 6 ka at 500 v ac 50/60 hz conforming to iec 60947-2 icu = 8 ka at 440 v ac 50/60 hz conforming to iec 60947-2 icu = 15 ka at 400/415 v ac 50/60 hz conforming to iec 60947-2 icu = 3 ka at 690 v ac 50/60 hz conforming to iec 60947-2 [ics] rated service short-circuit breaking capacity 50 % at 440 v ac 50/60 hz conforming to iec 60947-2 75 % at 690 v ac 50/60 hz conforming to iec 60947-2 100 % at 230/240 v ac 50/60 hz conforming to iec 60947-2 50 % at 400/415 v ac 50/60 hz conforming to iec 60947-2 75 % at 500 v ac 50/60 hz conforming to iec 60947-2 thermal protection adjustment range 9...14 a trip unit technology thermal-magnetic magnetic tripping current 170 a complementary mounting mode by clips by screws mounting support rail mounting position horizontal vertical motor power kw 11 kw at 690 v ac 50/60 hz 9 kw at 690 v ac 50/60 hz 7.5 kw at 500 v ac 50/60 hz 5.5 kw at 400/415 v ac 50/60 hz control type pushbutton [ue] rated operational voltage 690 v ac 50/60 hz conforming to iec 60947-2
2 [ui] rated insulation voltage 690 v ac 50/60 hz conforming to iec 60947-2 [ith] conventional free air thermal current 14 a conforming to iec 60947-4-1 [uimp] rated impulse withstand voltage 6 kv conforming to iec 60947-2 power dissipation per pole 2.5 w mechanical durability 100000 cycles electrical durability 100000 cycles for ac-3 at 440 v operating rate 25 cyc/h rated duty continuous conforming to iec 60947-4-1 connections - terminals screw clamp terminals 2 cable(s) 0...0.01 in2 (1...4 mm2) - cable stiffness : flexible - with cable end screw clamp terminals 2 cable(s) 0...0.01 in2 (1.5...6 mm2) - cable stiffness : flexible - without cable end screw clamp terminals 2 cable(s) 0...0.01 in2 (1...6 mm2) - cable stiffness : solid tightening torque 15.04 lbf.in (1.7 n.m) - on screw clamp terminals mechanical robustness shocks 30 gn for 11 ms conforming to iec 60068-2-27 vibrations 5 gn, 5...150 hz conforming to iec 60068-2-6 suitability for isolation yes conforming to iec 60947-1 phase failure sensitivity yes conforming to iec 60947-4-1 height 3.5 in (89 mm) width 1.77 in (45 mm) depth 3.08 in (78.2 mm) product weight 0.57 lb(us) (0.26 kg) environment standards en 60204 iec 60947-1 iec 60947-2 iec 60947-4-1 nf c 63-120 nf c 63-650 nf c 79-130 ul 508 vde 0113 vde 0660 csa c22.2 product certifications atex bv ccc cebec csa dnv ezu gl gost rina seti tse ul lros protective treatment th ip degree of protection ip20 conforming to iec 60529 ik degree of protection ik04 ambient air temperature for operation -4...140 f (-20...60 c) ambient air temperature for storage -40...176 f (-40...80 c) fire resistance 1760 f (960 c) conforming to iec 60695-2-1 operating altitude 6561.68 ft (2000 m)
3 ordering and shipping details category 22367 - manual str protector - gv2 discount schedule i11 gtin 00785901211983 nbr. of units in pkg. 1 package weight(lbs) 0.63 product availability stock - normally stocked in distribution facility returnability y country of origin fr offer sustainability sustainable offer status green premium product rohs compliant - since 0631 - schneider electric declaration of conformity reach reference not containing svhc above the threshold product environmental profile available product end of life instructions need no specific recycling operations contractual warranty period 18 months


▲Up To Search▲   

 
Price & Availability of GV2ME16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X