Part Number Hot Search : 
2SK334 C6120 C702CB MIC94060 R26HS YAAMUA 2N2222A HER3005
Product Description
Full Text Search
 

To Download FFM201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * glass passivated device * ideal for surface mounted applications smb/do-214aa * low leakage current * metallurgically bonded construction * mounting position: any * weight: 0.095 gram s (approximate) * epoxy : device has ul flammability classification 94v-0 maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ra tings (at t a = 25 o c unless otherwise noted) electrical characteristics (at t a = 25 o c unless otherwise noted) notes : 1. measured at 1.0 mhz and applied average voltage of 4.0vdc 2. thermal resistance junction to terminal 6.0mm 2 copper pads to each terminal. 3. thermal resistance junction to ambient, 6.0mm 2 copper pads to each terminal. 4. test conditions: i f = 0.5a, i r = -1.0a, i rr = -0.25a dimensions in inches and (millimeters) ratings maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical junction capacitance (note 1) operating and storage temperature range symbol v rrm v dc i o i fsm c j t j , t stg v rms amps 2.0 50 80 -65 to + 150 0 c/w pf 0 c units volts volts maximum thermal resistance (note 2) r q jl FFM201 ffm203 ffm202 ffm204 ffm206 ffm205 ffm207 50 100 200 400 600 800 1000 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 30 volts amps 20 0 c/w (note 3) r q ja characteristics maximum reverse recovery time (note 4) v f symbol i r trr 1.3 50 100 uamps uamps nsec maximum full load reverse current,full cycle average at t a = 50 o c maximum forward voltage at 2.0a dc volts units maximum dc reverse current at rated dc blocking voltage @t a = 25 o c @t a = 100 o c FFM201 ffm203 ffm202 ffm204 ffm206 ffm205 ffm207 5.0 150 250 500 uamps mechanical data .191(4.85) .160(4.06) .115(3.94) .130(3.30) .086(2.20) .075(1.91) .220(5.59) .199(5.05) .096(2.44) .083(2.13) .012(0.30) .006(0.15) .060(1.52) .029(0.75) .008(2.03) .001(0.02) 2.0a sufrace mount fast recovery rectifiers-50-1000v sm% package FFM201 thru ffm207 * case: do-214aa/smb molded plastic 2012.12 willas electronic corp. * * *
2.0a sufrace mount fast recovery rectifiers-50-1000v sm% package FFM201 thru ffm207 ),*7<3,&$/)25:$5'&855(17'(5$7,1*&859( ),*7<3,&$/)25:$5'&+$5$&7(5,67,&6 ),*0$;,0801215(3(7,7,9()25:$5'685*(&855(17 ),*7<3,&$/5(9(56(&+$5$&7(5,67,&6 ),*7<3,&$/-81&7,21&$3$&,7$1&(                  $9(5$*()25:$5'&855(17 $ $0%,(177(03(5$785(               )25:$5'92/7$*( 9 ,167$17$1(286)25:$5'&855(17 $ 0 10 20 30 40 50 1 10 100 180%(52)&<&/(6$7+] 3($.)25:$5'685*(&855(17 $             25 100 0 10 20 30 40 50     5(9(56(92/7$*( 9 -81&7,21&$3$&,7$1&( s) 3(5&(17$*(5$7('3($.5(9(56(92/7$*(  5(9(56(/($.$*(&855(17 8$ 7-  38/6( :,'7+xv '87< &<&/( 7-  pv6lqjoh +doi6lqh :dyh-('(& 2012.12 willas electronic corp.


▲Up To Search▲   

 
Price & Availability of FFM201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X