Part Number Hot Search : 
HX2785 SUF620EF 050UCT 40220 GJ1118 LF198 TLN11707 PD16312
Product Description
Full Text Search
 

To Download FDC608PZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDC608PZ features ? ?5.8 a, ?20 v. r ds(on) = 30 m ? @ v gs = ?4.5 v r ds(on) = 43 m ? @ v gs = ?2.5 v ? low gate charge ? high performance trench technology for extremely low r ds(on) ? supersot tm ?6 package: small footprint (72% smaller than standard so ?8 ) low profile (1mm thick). d d d s d g supersot -6 tm absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage ?20 v v gss gate-source voltage 12 v drain current ? continuous (note 1a) ?5.8 i d ? pulsed ?20 a maximum power dissipation (note 1a) 1.6 p d (note 1b) 0.8 w t j , t stg operating and storage junction temperature range ?55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1a) 78 c/w r jc thermal resistance, junction-to-case (note 1) 30 c/w package marking and ordering information device marking device reel size tape width quantity .608z FDC608PZ 7?? 8mm 3000 units 6 5 4 1 2 3 smd type smd type smd type product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = ?250 a ?20 v ? bv dss ? t j breakdown voltage temperature coefficient i d = ?250 a,referenced to 25 c ?10 mv/ c i dss zero gate voltage drain current v ds = ?16 v, v gs = 0 v ?1 a i gss gate?body leakage v gs = 12 v, v ds = 0 v 10 a on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ?250 a ?0.4 ?1.0 ?1.5 v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d = ?250 a,referenced to 25 c 3 mv/ c r ds(on) static drain?source on?resistance v gs = ?4.5v, i d = ?5.8 a v gs = ?2.5v, i d = ?5.0 a v gs = ?4.5v,i d = ?5.8a,t j =125 c 26 38 35 30 43 m ? i d(on) on?state drain current v gs = ?4.5 v, v ds = ?5 v ?20 a g fs forward transconductance v ds = ?10 v, i d = ?5.8 a 22 s dynamic characteristics c iss input capacitance 1330 pf c oss output capacitance 270 pf c rss reverse transfer capacitance v ds = ?10 v, v gs = 0 v, f = 1.0 mhz 230 pf r g gate resistance v gs = 15 mv, f = 1.0 mhz 12 ? switching characteristics (note 2) t d(on) turn?on delay time 13 24 ns t r turn?on rise time 8 16 ns t d(off) turn?off delay time 91 145 ns t f turn?off fall time v dd = ?10 v, i d = ?1 a, v gs = ?4.5 v, r gen = 6 ? 60 96 ns q g total gate charge 17 23 nc q gs gate?source charge 3 nc q gd gate?drain charge v ds = ?10 v, i d = ?5.8 a, v gs = ?4.5 v 6 nc drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current ?1.3 a v sd drain?source diode forward voltage v gs = 0 v, i s = ?1.3 a (note 2) ?0.7 ?1.2 v t rr diode reverse recovery time i f = ?5.8 a, d if /d t = 100a/s 40 60 ns q rr diode reverse recovery charge i f = ?5.8 a, d if /d t = 100a/s 15 23 nc notes: 1. r ja is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mou nting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a. 78c/w when mounted on a 1in 2 pad of 2oz copper on fr-4 board. b. 156c/w when mounted on a minimum pad. 2. pulse test: pulse width 300 s, duty cycle 2.0% FDC608PZ smd type smd type smd type product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of FDC608PZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X