design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. rotary potentiometers/evue/evuf 1 e 2 v 3 u e f 4 5 6 7 8 9 10 11 12 product code specifications shaft trims & dimensions taper & resistance 9 mm square rotary potentiometers with insulated shaft type: evue/evuf japan malaysia explanation of part numbers product chart recommended ap pli ca tions audio equipment video eq uipment electronic musical instruments audio mixers features multi-gang block can be provided upon request dc voltage available rigid rectangu lar shape suited for automatic in ser tion cons truction style height (h=mm) detent type horizontal without bushing 6.5 without detent evue20 midpoint evue30 10.0 without detent evue2a midpoint evue3a 12.5 without detent evue21 midpoint evue31 with bushing 6.5 without detent evue25 midpoint evue35 10.0 without detent evue2j midpoint evue3j with sleeve 6.5 without detent evue27 midpoint EVUE37 10.0 without detent evue2k midpoint evue3k vertical without bushing ? without detent evuf2a midpoint evuf3a with bushing 7. 5 without detent evuf2j midpoint evuf3j 8.5 without detent evuf2m midpoint evuf3m with sleeve 7. 5 without detent evuf2k midpoint evuf3k 8.5 without detent evuf2l midpoint evuf3l nov. 2005
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. rotary potentiometers/evue/evuf 100 80 60 40 33 20 020406070 power derating curve rated load(%) ambient temperature(?c) speci? cations classi cation item type without bushing type with bushing type with sleeve me chan i cal spec i ? ca tions rotation an gle 300 rotation torque 1 mnm to 8 mnm (aft er rotation started) 1 mnm to 20 mnm (after rotation started) 1 mnm to 20 mnm (after rotation started) shaft stop per strength 300 mnm shaft wobble shaft bend and shaft wobble shall be 0.8 l (mm) max. (for one side) when mo ment of 25 mn m is ap plied. l= d istance be tween mounting surface and measuring point shaft bend and shaft wobble shall be 0.5 l (mm) max. (for one side) when mo ment of 50 mn m is ap plied. l= d istance be tween mounting surface and measuring point shaft bend and shaft wobble shall be 0.7 l (mm) max. (for one side) when mo ment of 50 mn m is ap plied. l= d istance be tween mounting surface and measuring point shaft pull/p ush strength push strength 100 n min. pull strength 100 n min. push strength 100 n min. pull strength 100 n min. push strength 100 n min. pull strength 100 n min. nut tightening to rque ? 1 nm max. ? electrical speci? cations nomi nal total resistance 1 k to 1 m , 300 k to 2 m for taper b (tolerance 20 %) t aper a, b, c, d, g power rating 0.05 w (0 c to 50 c) for potentiometers op erating in ambient temperatures above 50 c, rating should be derated in accordance with the ? gure on th e right. residual resistance insulation resistance 50 m min. at 250 vdc dielectric with stand voltage 250 vac fo r 1 minute noise level 100 mv max. apply 20 v (when voltage rating < 20 v, use the rated volt age.) rotate sh aft at 30 r/min. en du ra nc eo pe ra ti ng li fe 1 0000 cycles min. minimum quantity/packing unit evue/evu f : 200 pcs. polyethylene bag (bulk) quantity/carton evue/ evuf : 2 000 pcs. ( )( )( ) semi-standard a, b, d, g t1 & t2 b, c, g t2 & t3 a, d t2 & t3 c t1 & t2 r < 2 k 2 max. 20 max. 2 k < r < 50 k 2 max. 25 max. 50 k < r < 250 k 25 max. 50 max. r >250 k 100 max. 100 max. standard r < 50 k 50 max. 50 k design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. rotary potentiometers/evue/evuf 5.00 0.05 1.6 2.1 8.20 0.05 +0.1 0 3.30 0.05 9.5 0.2 4.6 4.3 5.0 5.5 6.0 2.0 0 - 0.1 6.85 2.4 l 0.5 6.8 4.8 1.1 6.5 h 2- f 1.4 0 - 0.1 3-0.8 0.1 9.8 0.4 7.4 +0.2 - 0.4 10.0 3.8 3.5 recommended pwb piercing plan (pitch tolerance : 0.1) view from mounting side 2- f 1.4 4.0 3.5 3- f 1.1 +0.1 0 3.3 #2 2- f 1.4 hole xx? 5.0 #3 #1 3.25 2.0 0 - 0.1 3.7 6.9 1.1 l 9.5 0.2 4.6 4.3 5.0 5.5 6.0 2- f 1.4 hole recommended pwb piercing plan (pitch tolerance: 0.1) 7.00 0.05 5.00 0.05 +0.1 0 0.5 4.8 view from mounting side 2- f 1.4 3.5 5.0 3-0.8 0.1 4.0 10.60 0.05 3- f 1.1 #2 #3 2.1 +0.1 0 1.6 #1 #2 #3 #1 2- f 1.4 0 - 0.1 7.0 6.3 xx? 8.7 +0.6 - 0.4 11.2 +0.4 - 0.2 8.5 l 5.0 mounting surface 6.5 9.7 8.0 5.0 0 ? 0.2 6.0 6.5 4.6 4.3 m9,p=0.75 8.0 0 ? 0.2 5.00 0.05 h 3.8 2.0 0.1 2.4 7.5 2.2 3.5 7.4 +0.2 9.8 0.4 3-0.8 0 ? 0.1 recommended pwb piercing plan (pitch tolerance: 0.1) view from mounting side 7.5 2.2 +0.1 1.6 8.20 0.05 2.2 3- f 1.1 +0.1 0 mounting surface 5.0 #3 #2 #1 ? 0.4 0 3.7 1.6 max. h=7.5 l 5.0 2.0 0.1 6.3 7.0 3.7 mounting surface 9.7 8.0 5.0 0 ? 0.2 6.0 6.5 4.64.3 m9,p=0.75 8.0 0 ? 0.2 #1 #2 #3 2.2 +0.1 0 1.6 10.60 0.05 2- f 1.6 +0.1 0 5.00 0.05 3- f 1.1 +0.1 0 7.00 0.05 3.5 4.0 #1 #2 #3 recommended pwb piercing plan (pitch tolerance: 0.1) view from mounting side dimensions in mm (not to scale) single type wi thout bushing without midpoint detent: evue20, evue2a, evue21 horizontal, snap-in ............................................................................... with midpoint detent: evue30, evue3a, evue31 japan no. 4 japan no. 3 japan malaysia no. 2 japan malaysia no. 1 single type wi th bushing without midpoint dete nt: evue25, evue2j horizontal, snap-in ............................................................................................... with midpoint detent: evue35, evue3j without midpoint detent: evuf2j vertical, snap-in .................................................................................................................. with midpoint detent: evuf3j without midpoint detent: evuf2a vertical, snap-in ................................................................................................................... with midpoint detent: evuf3a mar. 2005
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. rotary potentiometers/evue/evuf 3.7 h=8.5 l 5.0 2.0 0.1 6.3 7.0 3.7 mounting surface 9.7 8.0 5.0 0 ? 0.2 6.0 6.5 4.64.3 m9,p=0.75 8.0 0 ? 0.2 #1 #2 #3 2.2 +0.1 0 1.6 10.60 0.05 5.00 0.05 3- f 1.1 +0.1 0 7.00 0.05 #1 #2 #3 recommended pwb piercing plan (pitch tolerance: 0.1) view from mounting side side a side a h=8.5 l 5.0 6.5 9.7 5.0 6.0 6.5 4.6 4.3 f 9.0 5.00 0.05 h 3.8 2.0 0.1 2.4 7.5 2.2 3.5 9.8 0.4 recommended pwb piercing plan (pitch tolerance: 0.1) view from mounting side 7.5 1.6 8.20 0.05 2.2 6.8 5.0 #3 #2 #1 8.0 0 ?0.2 8.0 0 ?0.2 7.4 +0.2 ?0.4 3-0.8 0 ?0.1 2.2 +0.1 0 3- f 1.1 0.1 0 + 3.7 1.6 max. h=7.5 l 5.0 6.3 7.0 3.7 9.7 5.0 8.0 0 ? 0.2 6.0 6.5 4.64.3 f 9.0 8.0 0 ? 0.2 #1 #2 #3 1.6 10.60 0.05 5.00 0.05 7.00 0.05 3.5 4.0 #1 #2 #3 recommended pwb piercing plan (pitch tolerance: 0.1) view from mounting side 2.0 0.1 side a 2.2 +0.1 0 2- f 1.6 0.1 0 + 3- f 1.1 0.1 0 + 3.7 h=8.5 l 5.0 6.3 7.0 3.7 9.7 5.0 8.0 0 ? 0.2 6.0 6.5 4.6 4.3 f 9.0 8.0 0 ? 0.2 #1 #2 #3 1.6 10.60 0.05 5.00 0.05 7.00 0.05 #1 #2 #3 recommended pwb piercing plan (pitch tolerance: 0.1) view from mounting side 2.0 0.1 side a 2.2 +0.1 0 3- f 1.1 0.1 0 + without midpoint detent: evuf2k vertical, snap-in ................................................................................................................... with midpoint detent: evuf3k without midpoint detent: evuf2l vertical, snap-in .................................................................................................................. with midpoint detent: evuf3l without midpoint detent: evuf2m vertical, snap-in .................................................................................................................. with midpoint detent: evuf3m single type wi th sleeve without midpoint det ent: evue27, evue2k horizontal, snap-in, mounting height h=10.0 mm .............................................. with midpoint detent: EVUE37, evue3k japan no. 8 japan no. 7 japan no. 6 japan no. 5 mar. 2005
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. rotary potentiometers/evue/evuf 0.2 c l 0.5 f 6.00 0 - 0.10 4.5 0 - 0.1 (30 ?) c l 0.5 0.2 (30 ?) f 6.00 +0.05 - 0.15 0.7 0 .1 l 0.5 f 4.00 +0.05 - 0.10 0.2 c 0.7 0 .1 (30?) l=9.5 0.5 f 6.00 +0.05 - 0.15 c 3 0 5 1 xx' c 6.00 +0.05 - 0.15 l 0.5 0.2 0.5 +0. 1 0 (30?) 4.0 0 .5 1 .0 m9 p=0.75 or f 9 mounting surface l 5.0 k c1 f 6.0 ? 0 0.1 4.5 ? 0 0.1 3 0 5 product no. 789 th fk1 fk3 fk4 fk5 fl3 fk6 l12.515.017.52 0.0 21.5 22.5 k 7. 0 7. 0 12 .0 12.0 12.0 12.0 product no. 789 th h15 h20 h25 l15.02 0.0 25.0 k 6.0 7.0 7.0 product no. 789 th s01 l9.5 k _ product no. 789 th m20 m25 m30 m35 l2 0.0 25.0 30.0 35.0 k 7. 0 7. 0 7. 0 7. 0 product no. 789 th e15 e17 e20 e25 e30 e35 l15.0(17.0 )2 0.0 25.0 30.0 35.0 k 6.0 7.0 7.0 7 .0 7.0 7.0 product no. 789 th f15 f20 f25 f30 l15.02 0.0 25.0 30.0 k 6.0 7.0 12 .0 12.0 shaft trims and dimensions in mm for type without bushing (drawings are at full ccw position.) type f (flat) type e (40 teeth serrations) type m (24 teeth serrations) type s (with screw slot) type h (40 teeth serrations, with screw slot) shaft trims and dimensions in mm for types with bushing or sleeve (drawings are at full ccw position.) type f (flat) note: when yo u have special requirements other than the above, consult our salesmen. nov. 2005
|