Part Number Hot Search : 
22112 DAC10FX SD161 HFD1N70 74LS193 PS104RS F4NNTTD 1N1343B
Product Description
Full Text Search
 

To Download EEDP-016-4000-RS1-RS1-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb this product manufactured with lead-free processing do not scale from this print unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] tolerances do not apply to reference dimensions. eedp-xxx-xx.xx-xxx-xxx-x no of pairs -008, -016, -024 (see sheet 5), -032 (see table 8, sheet 7) length -xx.xx (inches) (06.00[152.4] min - 40.00[1016.0] max) (see note 2) first end -dv1: double vertical -dv2: double vertical (flipped) -ds1: dv1 with captive panel screws -ds2: dv2 with captive panel screws -ra1: right angle (shroud up) -ra2: right angle (shroud down) -rs1: ra1 with captive panel screws -rs2: ra2 with captive panel screws -lv1: dv1 with latches (see sheet 6) -lv2: dv2 with latches (see sheet 6) -rl1: right angle w/ lacthes (shroud up) -rl2: right angle w/ lacthes (shroud down) (see sheet 2)(see table 9, sheet 7) second end wiring option -1: pin 1 to pin 1 -2: pin 1 to pin 2 -3: pin 1 to pin n-1 -4: pin 1 to pin n (see table 3, sheet 4 for -008, -016, -032; see table 5, sheet 5 for -024) -dv1: double vertical -dv2: double vertical (flipped) -ds1: dv1 with captive panel screws -ds2: dv2 with captive panel screws -ra1: right angle (shroud up) -ra2: right angle (shroud down) -rs1: ra1 with captive panel screws -rs2: ra2 with captive panel screws -lv1: dv1 with latches (see sheet 6) -lv2: dv2 with latches (see sheet 6) -rl1: right angle w/ lacthes (shroud up) -rl2: right angle w/ lacthes (shroud down) (see sheet 3)(see table 9, sheet 7) length: xx.xx + .734[18.64] ref "c" ref "b" ref "a" ref .647 ref 16.43 length: xx.xx .050[1.27] (cable length) 'a' eedp-016-xx.xx-3-dv1-ra1 shown fig. 1 c1 second end first end 02 n (see table 2) 02 n (see table 2) sub-pcb-0453-eedp-xxx-ec-s (see note 7) c l .252 ref (typ) 6.40 .345 ref 8.76 .540 13.72 ref (typ) .062 1.57 ref edp-xx-01-srd (typ) sub-tts-xx-01-080-xx.xx (typ) edp-xx-01 .157 ref 4.00 (see note 8) 'b' sts-01 (tighten to 1.4 - 1.7 in-lbs) (typ) n-1 (see table 2) 01 n-1 (see table 2) 01 (see sheet 6) hdrl-11 (see note 5) length ref detail 'a' scale 2.5 : 1 c2 c3 c sheet of material: twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 1 sheet scale: 1.25:1 f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw notes: 1. represents a critical dimension. 2. sub-tts length is equal to eedp length. 3. all assemblies to be 100% electrically tested for shorts and opens. 4. all assemblies to be 100% hi-pot tested at 300v. 5. top sub-tts not shown in this view for clarity; hdrl-11 to be centered on lower sub-tts as shown; hdrl-11 is to contain part number, shop number, line number & date code. 6. package assemblies in static dissipation bags. 7. for pre-tinning processing information on the sub-pcb's, see traveler sub-pcb-0453-eedp-"xxx". 8. key consumes four pitches. 9. lvx option: tighten to 1.4-1.5 in-lbs. revision h
-dv1 -ds1 -dv2 -ds2 -ra1 -ra2 01 n-1 02 n 02 n 01 n-1 n 02 n-1 01 n-1 01 n 02 n 02 n-1 01 n-1 01 n 02 -rs1 -rs2 n 02 n-1 01 n-1 01 n 02 -lv1 01 n-1 02 n -lv2 n 02 n-1 01 01 02 n n-1 -rl1 -rl2 02 01 n n-1 first end - (see table 3, sheet 4 for -008, -016 & -032; see table 5, sheet 5 for -024) sheet of twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 2 sheet scale: 1:2 revision h f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw
01 n-1 02 n 02 n 01 n-1 n 02 n-1 01 n-1 01 n 02 n 02 n-1 01 n-1 01 n 02 -dv1 -dv2 -ra1 -ra2 -ds1 -ds2 n 02 n-1 01 n-1 01 n 02 -rs1 -rs2 01 n-1 02 n -lv1 n 02 n-1 01 -lv2 -rl1 -rl2 01 02 n n-1 02 01 n n-1 second end - (see table 3, sheet 4 for -008, -016 & -032; see table 5, sheet 5 for -024) sheet of twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 3 sheet scale: 1:2 revision h f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw
"e" ref "d" ref .500 ref (typ) 12.70 (fully tightened) "f" ref fig. 2 -dsx: double vertical with captive panel screws (eedp-016-xx.xx-x-ds1-xxx shown) (same as fig. 1, unless otherwise stated) cps-4-40-01-x (typ) l c edp-xx-01-cps (typ) l c fig. 3 -rsx: right angle with captive panel screws (eedp-016-xx.xx-x-rs1-xxx shown) (same as fig. 2, unless otherwise stated) l c edp-xx-01-ras l c edp-xx-01-cps sheet of twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 4 sheet scale: 1:1 revision h f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw
"b" ref (see table 1, sheet 1) "a" ref (see table 1, sheet 1) "c" ref (see table 1, sheet 1) -024 pairs eedp-024-xx.xx-2-dv1-ra2 shown (same as fig. 1, unless otherwise stated) fig. 4 02 01 73 74 sub-tts-08-01-080-xx.xx (2 plcs) sub-tts-04-01-080-xx.xx (2 plcs) hdrl-11 (see note 5) sheet of twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 5 sheet scale: 1.25:1 revision h f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw
ledp-xx-01-t ledp-xx-01-b in-process 2 "j" .006 ref "g" ref "h" 1.340 34.04 fig. 5 -lvx: double vertical with latches (eedp-016-xx.xx-x-lv1-xxx shown) (same as fig. 1, unless otherwise stated) c4 sts-01 tighten to 1.4-1.5 in-lbs. (typ) (see note 9) .354 9.00 in-process 1 add ltcb-xx to ltc-03-x ltcb-xx ltc-03-r ltcb-xx ltc-03-l sheet of twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 6 sheet scale: 1.25:1 revision h f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw
.017 ref 0.43 detail 'b' scale 5 : 1 (see table 6) ground signal h sheet of twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 7 sheet scale: 1.25:1 revision h f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw
"j" 1.340 34.04 ref ref "g" ref "h" fig. 6 -rlx: double vertical with latches (eedp-016-xx.xx-x-rl1-xxx shown) (same as fig. 1, unless otherwise stated) c4 .295 7.50 ledp-xx-01-r ledp-xx-01-m in-process 2 in-process 1 add ltcb-01 to ltc-03-x ltcb-01 ltc-03-r ltcb-01 ltc-03-l sheet of twin-ax edge card cable assembly by: eedp-xxx-xx.xx-xxx-xxx-x dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 09/25/2003 8 8 sheet scale: 1.25:1 revision h f:\dwg\misc\mktg\eedp-xxx-xx.xx-xxx-xxx-x-mkt.slddrw


▲Up To Search▲   

 
Price & Availability of EEDP-016-4000-RS1-RS1-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X