Part Number Hot Search : 
05116 BCR8PM T40HF40 IT121 2SC4578 MPSA27D 2SC4097 AK6420B
Product Description
Full Text Search
 

To Download EE-SPW321-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  83 pre-wired photomicrosensor with amplifier and cable ee-spw321/421 compact, thin-profile photomicrosensor with special amplifier. ? slim amplifier (50 7.5 12 mm) can be handled like a cable. ? provided with two operation indicators, enabling monitoring from the amplifier housing and sensor head. ? simple wiring with a 3-conductor cable. ? wide operating voltage range: 12 to 24 vdc be sure to read safety precautions on page 86. ordering information sensing method sensing distance output type output configuration cable length cable length from emitter to amplifier model through-beam type npn output dark-on 2 m 0.5 m ee-spw321 1 m EE-SPW321-A light-on 0.5 m ee-spw421 1 m ee-spw421-a 300 mm
ee-spw321/421 84 ratings and specifications *1. refer to receiver output vs. sensing distance characteristics on the next page. *2. detection of objects up to 0.5 mm wide is possible by using slit installation. item models ee-spw321, ee-spw421 EE-SPW321-A, ee-spw421-a sensing distance 300 mm * 1 sensing object opaque: 2 mm dia. min. * 2 directional angle 10 to 40 light source gaas infrared led (pulse lighti ng) with a peak wavelength of 940 nm indicator light indicator (red leds, one each on sensor and amplifier) supply voltage 12 to 24 vdc 10%, ripple (p-p): 5% max. current consumption average: 30 ma max. control output npn open collector, load power supply voltage: 12 to 24 vdc, load current: 100 ma max., off current: 0.5 ma max. residual voltage: 1 v max (at a 100-ma load current) response time 1 ms max. for both detection and reset ambient illumination 3,000 lx max. (incandescent light); 10,000 lx max. (sunlight) on the receiver ambient temperature range ?20 to +55 c ambient humidity range 5% to 85% vibration resistance destruction: 10 to 55 hz, 1.5-mm double amplitude for 2 h each in x, y, and z directions shock resistance 500 m/s 2 degree of protection iec ip64 connecting method pre-wired (standard cable length: 2 m) cable length from emitter (receiver) to amplifier 0.5 m 1 m weight (packaged) 76 g material case abs resin lens acrylate resin accessories slits: 0.5 3 mm, 1 3 mm, 3 0.5 mm, 3 1 mm (one each) sems screws with spring was hers and flat washers: six m2.6 12 instruction manual
ee-spw321/421 85 engineering data (typical) i/o circuit diagrams npn output sensing distance with slit installed receiver output vs. distance characteristics mutual interference parallel movement characteristics ee-spw321/421 ee-spw321/421 ee-spw321/421 sensing angle characteristics sens ing distance vs. input voltage ee-spw321/421 ee-spw321/421 model output configuration timing charts output circuit ee-spw421(-a) light-on ee-spw321(-a) dark-on slit type sensing distance sensing object none opaque: 2 mm dia. min. 1 3 mm or 3 1 mm opaque: greater than the slit 0.5 3 mm or 3 0.5 mm opaque: greater than the slit 1,000 500 300 100 50 30 10 5 3 1 optical output (mv) 0 100 200 300 400 500 600 distance ( mm ) slit (3 0.5 mm) ope- rating level vcc = 12 v 60 50 40 30 20 10 distance x (mm) 0 50 100 150 200 250 300 distance y ( mm ) operating range interference range slit (3 0.5 mm) vcc = 24 v ee rr direction of slit y 3 0.5 x 60 50 40 30 20 10 distance y (mm) 0 100 200 300 400 500 distance x ( mm ) slit (3 0.5 mm) slit (3 1 mm) no slit x y vcc = 24 v 300 250 200 150 100 50 0 sensing distance (mm) ?30 ?20 ? 10 0 10 20 30 angle () sensing distance vcc =12 v 800 700 600 500 400 300 200 100 0 sensing distance (mm) 10 12 1614 18 20 22 24 volta g e ( v ) incident interrupted on off on off light indicator (red) output transistor light indicator (red) main circuit blue brown black out load 12 to 24 vdc incident interrupted on off on off light indicator (red) output transistor infrared li g ht 300 mm 200 mm 100 mm
ee-spw321/421 86 safety precautions refer to warranty and limitations of liability . this product is not designed or rated for ensuring safety of persons either directly or indirectly. do not use it for such purposes. make sure that this product is used within the rated ambient environment conditions. wiring connections the length of the standard cable is 10 m max. (including the cable attachment, awg24 min.). when extending the sensor wires, use a wire greater than awg 22 in diameter and a cable shorter than 100 m. if the cable length exceeds 10 m, the supply voltage applied at the sensor terminal will decrease as the impedance of the extended cable increases and the low level output voltage at the cable end will increase. therefore, take voltage fluctuation into account when extending the sensor cable. mounting tighten the mounting screws to a torque of 0.54 nm max. adjustment aperture stickers two kinds of reticles are attached, the 0.5-mm and the 1.0-mm width types (total of 4 stickers with sl it widths a to d as shown in the following diagram). use these when the sensing object is 2 mm or smaller or when mutual interference must be reduced. for each slit of the same type, attach a sticker to the sensing surface of the emitter and receiver. optical axis adjustment (1)set the sensor so that the center of the lens in the emitter and receiver form one line. (2)having checked that the sensor is correctly wired, turn on the power. the operation indicator on t he amplifier of the emitter will light. check to make sure the light goes on and off when an opaque object is moved in and out between the emitter and receiver. (3)move the emitter (or receiver) up and down, left and right and secure the emitter (or receiver) in the center of the range of the operation indicator. secure the receiver (or emitter) in the same way after adjustment is complete. (unit: mm) dimensions tolerance class it16 applies to dimensions in this datasheet unless otherwise specified. warning precautions for correct use 8.8 mm 4.6 mm l square hole h note: these are pressure sensitive adhesive-type stickers. peel off the seal and stick it on the lens. size l (mm) size h (mm) slit a 0.5 3 slit b 13 slit c 30.5 slit d 31 12 5.8 6 receiver optical axis emitter indicator window (emitter only) 7.5 10.7 (5.5) 2.7 two, 3.1 dia. hole 2.5 (3.75) 3 3.2 dia. hole two, r1.6 (50) 39 40 (14.5) 2,000 indicator window 31.5 2 7.5 vinyl-insulated round cable of 3.5 dia., 3 cores, (0.14 mm 2 with 1.0-dia. insulator); standard length: 2 m vinyl-insulated round cable of 2.4. dia. 2.4 dia. oil-resistant type 33 2 3.2 (7.5) 12 (2.25) 2 l * optical axis * l = 500 mm (ee-spw321, ee-spw421) l = 1,000 mm (EE-SPW321-A, ee-spw421-a) ee-spw321 EE-SPW321-A ee-spw421 ee-spw421-a


▲Up To Search▲   

 
Price & Availability of EE-SPW321-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X