Part Number Hot Search : 
SBG1030 P11NB40F M6010G IR21531D 0805L MM5Z10 UDZ27B 3222E
Product Description
Full Text Search
 

To Download DMBTA44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMBTA44 discrete semiconductors r dc components co., ltd. technical specifications of npn epitaxial planar transistor description designed for applications requiring high breakdown voltage. pinning 1 = base 2 = emitter 3 = collector .091(2.30).067(1.70) sot-23 dimensions in inches and (millimeters) .063(1.60).055(1.40) .108(0.65).089(0.25) .045(1.15).034(0.85) .118(3.00) .110(2.80) .020(0.50).012(0.30) .0043(0.11) .0035(0.09) .004 (0.10) .051(1.30).035(0.90) .026(0.65).010(0.25) max .027(0.67).013(0.32) 2 1 3 characteristic symbol rating unit collector-base voltage vcbo 450 v collector-emitter voltage vceo 400 v emitter-base voltage vebo 6 v collector current ic 300 ma total power dissipation pd 350 mw junction temperature tj +150 oc storage temperature tstg -55 to +150 oc absolute maximum ratings(ta=25oc) characteristic symbol min typ max unit test conditions collector-base breakdown volatge bvcbo 450 - - v ic=100ma collector-emitter breakdown voltage bvceo 400 - - v ic=1ma emitter-base breakdown volatge bvebo 6 - - v ie=10ma collector cutoff current icbo - - 100 na vcb =400v ices - - 500 na vce =400v emitter cutoff current iebo - - 100 na veb =4v vce(sat)1 - - 0.4 v ic=1ma, ib=0.1ma collector-emitter saturation voltage (1) vce(sat)2 - - 0.5 v ic=10ma, ib=1ma vce(sat)3 - - 0.75 v ic=50ma, ib=5ma base-emitter saturation voltage (1) vbe(sat) - - 0.75 v ic=10ma, ib=1ma hfe1 40 - - - ic=1ma, vce=10v dc current gain(1) hfe2 50 - 300 - ic=10ma, vce=10v hfe3 45 - - - ic=50ma, vce=10v hfe4 40 - - - ic=100ma, vce=10v output capacitance cob - 4 6 pf vcb =20v, f=1mhz electrical characteristics(ratings at 25 oc ambient temperature unless otherwise specified) (1)pulse test: pulse width 380ms, duty cycle 2%


▲Up To Search▲   

 
Price & Availability of DMBTA44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X