Part Number Hot Search : 
NJM082BL D4702BCT 4078B SPN7002D FB2022 SZ5234B FC6251 N4754
Product Description
Full Text Search
 

To Download CSL2050ATA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  anasem 20~50ma current detection cmos+mr monolithic current sensor switch csl2050dt a rev. e09-08 analog semiconductor ic .......... fu ture of the analo g world anasem inc.
anasem inc. 1 rev. e09-08 products data sheet anasem analog semiconductor ic .......... futu re of the analog world 20~50ma current detection, cmos+mr monolithic current sensor switch csl2050dta general descriptions csl series are ac or dc current sensor switch with cmos+mr monolithic structure. the current fr om 10 to 200ma can be measured in high accuracy by the resistance of 10m ? . it is molded in a micro sot- 26 package because of a monolithic structure. because the bridge structure of mr is adopted for the current detection, high sensitivity and high accuracy te mperature characteristic have been achieved. the measurement and the di rection of the current value can be measured at the same time. the detection current value of the sw itch is fixed by laser trim. the measurement up to 800ma is possible in csm and csh series. features z detection current (csl series) z operating voltage range z maximum detection current z low detection line resistance z low current consumption z stand-by current z operating temperature range z small package z reverse-voltage connection protection z ac or dc current detection z output over drive protection applications z over current detection z battery current detection z switching power supply z motor control feedback detection halogen rohs compliance 10ma ~ 200ma 1.6v ~ 6.0v 500ma 0.8 ? typ. 4.7 a (v in =3.3v, ta=25c) max. 0.1 a -40 ~ +85c sot-26 (400mw) z lamp disconnection detection z power failure detection z reverse-voltage connection protection z usb over current detection
anasem inc. 2 rev. e09-08 csl2050dt a 20~50ma current detection, cmos+mr monolithic current sensor switch .......... futu re of the analog world products numbering guide pin configuration (sot-26) typical application circuits csl2050 detection current 2050 : 20ma ~ 50ma a : detection pulse cycle 12.5msec max. detection current 500ma design version t : sot-26 (2.92.81.1mm) package form a : ac current detection d : dc current detection functional specification no. symbol descriptions 1 nc non connection 2 v out cmos output 3 cs+ current + 4 v ss power ground 5 v in power source 6 cs- current - (top view) cs- v out v in v ss cs+ 1 2 3 4 6 5 nc d0505a cs- v ss cs+ v in c l = 1 f v out nc a 3.3v
anasem inc. 3 rev. e09-08 csl2050dt a 20~50ma current detection, cmos+mr monolithic current sensor switch .......... futu re of the analog world block diagram absolute maximum ratings note : 1) power dissipation depends on conditions of mounting on boards. pcb dimension is 50mm50mm1.6mm. detection pulse driving cycle (sampling cycle) items symbol ratings unit input voltage range v in ?0.3 to +7.0 v output current i out 500 ma output voltage range v out v ss ?0.3 to v in +0.3 v power dissipation 1) sot-26 p d 400 (on pcb) mw operating temperature range t opr ?40 to +85 c storage temperature range t stg ?55 to +125 c latch circuit sampling circuit cmos drive circuit switch t1 r4 r2 r3 r1 v in v ss cs- cs+ v out awake ( 12.5
anasem inc. 4 rev. e09-08 csl2050dt a 20~50ma current detection, cmos+mr monolithic current sensor switch .......... futu re of the analog world electrical characteristics (unless otherwise specified, v in =3.3v, ta=25c) items symbol min. typ. max. conditions unit detection current i det 20 - 50 csl2050dta ma detection current hysteresis i hys - i det 0.9 - ma detection current limit i max - - 500 ma coil current resistance c r - 800 - i cs + cs -=100ma m ? insulation resistance i r - 500 - between coil and each terminal m ? operating voltage v in 3.135 3.3 3.465 v current consumption i dd - 4.7 7.3 a detection pulse driving cycle ts - 12.5 - pulse width : 1/1000 msec ?h?-level output voltage v oh 0.9v in - - i out =+1.0ma v ?l?-level output voltage v ol - - 0.1v in i out =-1.0ma v output switching timing chart sampling pulse i op i rp on off i det v out h-level l-level i hys latch latch latch (typ. 30ma) (typ. 27ma)
anasem inc. 5 rev. e09-08 csl2050dt a 20~50ma current detection, cmos+mr monolithic current sensor switch .......... futu re of the analog world package dimensions (sot-26) recommended land pattern 2.4 1.0 0.7 1.9 0.95 0.95 1.0 0.7 2.90.2 1.90.2 0.95 0.95 a 0.65 +0.10 ?0.15 0.65 +0.10 ?0.15 (marked side) a = 0.4 +0.10 ?0.20 a a a a flat length = 0.2 min. a 0.5 +0.10 ?0.20 1.6 +0.20 ?0.30 2.8 +0.40 ?0.60 (unit : mm) 0~10 0.15 +0.11 ?0.06 min 0.1 0~0.1 1.10.15 0~30 min 0.1 1.10.2 0.80.1
anasem inc. 6 rev. e09-08 csl2050dt a 20~50ma current detection, cmos+mr monolithic current sensor switch .......... futu re of the analog world taping and loading specifications (sot-26) reel dimensions (sot-26) (unit : mm) ?130.5 ?601 ?1782 90 120 2.00.5 9.00.5 (3,000 pcs / reel) (unit : mm) 4.00.1 2.00.05 4.00.1 ?1.5 +0.1 ?0 ?1.10.1 3.30.1 3.20.1 3.50.05 1.750.1 8.00.2 1.50.1 0.250.05 taping direction mark mark
an a sem in c . anasem inc. may change the products described in this data sheet, or may discontinue production or services without any notice in order to supply the best produc ts through improve the design and performance. customers are recommended to obtain the latest data or information bef ore placing orders in order to make sure the data or information required is the newest. it is necessary for customers to fully understand the products described in this data sheet and to use it in accordance with its specific ations. the products described in this data sheet are not intended to use for the apparatus which have influence on human lives due to the failure or malfunction of the products. anasem inc. is not responsible for any suppo rt to customer?s application, product design, software performance, patent infringement or service. anasem in c. does not disclose or impl y a guarantee or description about being licensed based on patents, copy-rights, circui t location license, or other intellectual properties associated with the devices or combinat ions in which the products or servic e of anasem inc. are used or can be used, or which cover the methods. customers should not export, directly or indirectly, any products without obtaining required licenses and approvals in advance from appropriate government agencies. anasem


▲Up To Search▲   

 
Price & Availability of CSL2050ATA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X