Part Number Hot Search : 
SMCJ40 UT6140 MS360 LM51031D IR3N06 MPX906 05SH3 3113U
Product Description
Full Text Search
 

To Download CEV65M-PB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  electronic gmbh 11/05 revision 00 CEV65M-PB-1-gb-1-00.doc 1 subject to change ? tr-electronic gmbh CEV65M-PB-1-gb-1 eglishalde 6 d-78647 trossingen tel. +49 - (0) 74 25 / 228 - 0 fax +49 - (0) 74 25 / 228 - 33 http://www.tr-electronic.de germany absolute-encoder cev65m - pb pno characteristics i ? profibus - dp fieldbus interface compliant en 50170 and en 50254 ? modular product line ? different flange and shaft versions available ? short lead time ? extensive parametrize possible ? customisations upon request total resolution 1) .................................................................... 25 bit steps per revolution 1) ...................................................... 8.192 number of revolutions standard 1) ................................... 4.096 number of revolutions software solution 1) ...................... 256.000 supply voltage........................................................................11 ? 27 vdc power consumption without load ...........................................< 4 watt data interface profibus-dp data protocol 1) .......................................................................en 50170, en 50254 pno class 1, pno class 2, tr-mode position tr-mode position and speed output code 1) .........................................................................binary, gray, shifted gray address range with dip-switch adjustable.............................3 ? 99 baud rate with dip-switch adjus table ....................................9,6 kbit/s ? 12 mbit/s input logic level ?0? < 2 vdc, ?1? ? supply voltage count direction v/r 1) preset adjustment preset 1 and 2 1) mechanically permitted speed................................................ 6.000 min -1 shaft loading ......................................................................... 40 n axial, 60 n radial bearing life time at 3.000 min -1 and 60 c ...................... 3,9 ? 10 10 revolutions and shaft loading 20 n axial, 30 n radial angular acceleration .............................................................. 10 4 rad/s2 moment of inertia ...................................................................typical 2,5 ? 10 -6 kg ? m 2 startup torque at 20c or 68f ..............................................typical 2 ncm weight ....................................................................................typical 0,7 kg connection .............................................................................screw terminal , 3x cable gland radial 1) programmable via bus
electronic gmbh 2 CEV65M-PB-1-gb-1-00.doc 11/05 revision 00 CEV65M-PB-1-gb-1 ? tr-electronic gmbh subject to change eglishalde 6 d-78647 trossingen tel. +49 - (0) 74 25 / 228 - 0 fax +49 - (0) 74 25 / 228 - 33 http://www.tr-electronic.de germany vibration to din en 60068-2-6:1996..................................... 100 m/s 2 sine 50-2000 hz shock to din en 60068-2-27:1995....................................... 1000 m/s 2 11ms emc unloading of static electricity to din en 61000-4-2:2001 burst to din en 61000-4-4:2004 interference immunity to din en 61000-6-2:2001 operating temperature .......................................................... 0 c ? 70 c optional -40 c ?+85 c storage temperature range ................................................... -40 c ? +85 c dry relative humidity to din en 60068-3-4:2002 ....................... 98 % non condensing protection class 1) .................................................................. ip 65 compliant en 60529:1991 1) this is valid, if the plug connectors are connected correctly and/or the cable gland is screwed together correctly absolute-encoder cev65m - pb pno environmental conditions dimension drawing 1 torque 0,2 nm 5 1x cable gland sw 20 data input 2 windows for led 6 1x cable gland sw 20 data output 3 screw thread see product drawing 7 different flanges and sha ft versions available 4 1x cable gland sw 14 power supply 8 shielded


▲Up To Search▲   

 
Price & Availability of CEV65M-PB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X