Part Number Hot Search : 
ZTTMX 1078M 200BZ WSD751B 40D951K 5ETTTS MURS160 HT46R0
Product Description
Full Text Search
 

To Download CEV65M-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  06/0 7 r e v i si on 02 c ev65m - a - 1 - g b- 1- 0 2 .doc 5.a - 1 eglis hal de 6 d-78 647 t r ossing en t e l. + 49 - (0) 74 25 / 228 - 0 f a x + 49 - (0) 7 4 25 / 228 - 33 http:// w w w . tr-electronic.de germany 5.a absolute-encoder cev 65 m - a i ? analog / ssi - inter f ace ? t y pe w i th solid shaft ? altern ativ e w i th curr ent- or v o ltage outpu t, deliv e r y setting ? analog v a lu e can be adj u ste d as spe e d- or position v a lue ? modular pro duct line ? extensiv e parameter setti ng possibilities ? special para meters up on reques t ? modular con s truc tion fo r mechanical customiza t ions characteristics suppl y voltage ........................................................................ 22?27 vdc curre nt consump t ion w i thout loa d ......................................... < 180 ma t o tal r e solution 1) .................................................................... 28 bit number of steps/ r evolution 1) ................................................. 8.192 number of revolu tions 1) ......................................................... 32.768 ssi ......................................................................................... s y nchrono us-se r ial-interface clock input ............................................................................. optocoupler data output ............................................................................. rs-422, 2 - w i re clock frequenc y ..................................................................... 80 khz ? 1 mhz mono time t m .......................................................................... 16 s t m 25 s , typically 20 s output code 1) ......................................................................... binary , gra y number of data bits 1) ............................................................. 8?32 output fo rmat ......................................................................... tree fo rmat a ............................................................................................. analog interface analog voltage / analog current ............................................. defined b y f a ctory setting resolution .............................................................................. 14 bit d/a converter voltage output 1) ..................................................................... -10 vdc ? +10 v dc - load resistance ............................................................. 500 ? curre nt output 1) ..................................................................... 0?20 ma - load resistance ............................................................. 500 ? preset 1 and 2 ........................................................................ electronic adjust m ent latch ...................................................................................... intermediate storage of the an alog d ata logic level .............................................................................. "0? < + 2 vdc, "1 ? = suppl y voltag e mechanically per missib l e speed ............................................ 6.000 min -1 shaft load, at the shaft end .................................................... 40 n ax ial, 6 0 n radial bearing life time ..................................................................... 3.9 * 10 10 revol u tions at - speed ............................................................................ 3.000 min -1 - ope r ating temp erature .................................................. 60 c - shaft load, at th e shaft end ............................................ 20 n ax ial, 3 0 n radial permissible angular acceleration ........................................... 10 4 ra d/s 2 moment of inerti a ................................................................... t y pically 2. 5 * 10 -6 kg m 2 start-up t o rque a t 20c .......................................................... t y pically 2 ncm mass ....................................................................................... t y pically 0. 7 kg 1) progr ammable paramete r subject to change ? tr-el e c t ro ni c gmbh cev65m -a -1 -g b-1
5.a - 2 ce v 6 5 m-a -1 -g b - 1 - 02. d o c 06/0 7 r e v i si on 02 eglis hal de 6 d-78 647 t r ossing en t e l. + 49 - (0) 74 25 / 228 - 0 f a x + 49 - (0) 7 4 25 / 228 - 33 http:// w w w . tr-electronic.de germany absolute-encoder cev 65 m - a environmental conditions vibration, din e n 60068-2-6: 1 9 9 6 ....................................... 100 m/s 2 , sine 50-2000 hz shock, din en 6 0068-2 - 27: 199 5 ......................................... 1000 m/s 2 , half - sine 11ms emc - discharge of st atic electricity , di n en 61000 -4-2: 2001 - burst, din e n 61000-4 - 4: 200 4 - immunit y to disturbance, di n en 61000-6 - 2: 200 1 working tempera t ure ............................................................. 0 c?+60 c, o p tional -20 c ?+70 c storage temp era t ure .............................................................. -30 c ?+80 c , dry relative humidity, din en 600 68-3-4: 2002 ......................... 98 %, non con d e n sing protection class, din en 605 29: 1 991 2) ............................... ip 65 2) valid w i th screw e d on mating c onnector and / or screw e d togethe r cable gland dimension dra w ing cev65m -a -1 -g b-1 ? tr-electro nic gmbh subject to change


▲Up To Search▲   

 
Price & Availability of CEV65M-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X